Part Number Hot Search : 
LMA419 HC5503 MBRB1 45170D XFTEL5 58LT00F LM7912J DL472
Product Description
Full Text Search
 

To Download OT-CC-16F-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ots-1l wideband optical link features 50 mhz to 3000 mhz wideband optical link system design ? 50 to 3000 mhz optimized for if, l and s band satellite signals ? supports 20 km links ? 30db tx adjustable gain range ? 30 db rx adjustable gain range ? peak optimizer for quick and easy setup ? smartgain? for enhanced agc performance ? 50 & 75 ohm bnc or 50 ohm sma ? tx & rx rf power monitors via led, sma & snmp ? lnb power ? snmp monitoring and control ? optically-isolated dfb lasers enable high dynamic range links ? fits in optiva enclosures, which support daisy chain? video, audio, and data links ? 16, 6, 2, & 1 slot enclosures available ? ce & csa certifed, rohs optiva wideband fber-optic links are optimized to perform in the 50 to 3000 mhz frequency range providing transparent signal transportation for satellite antenna applications. the unique features of the ots-1lt series include simple push button peaking for optimum performance and our patent-pending smartgain? control, which ensures consistent performance over varied signal conditions. as with all emcore optical prod - ucts, the highest quality components and modern production techniques in - sure that intra-facility links provide the highest performance as a cost-effective alternative to coaxial cable. they provide much longer transmission distances than copper cables, simplify network design, ease installation and even en - hance immunity from emi, rfi and lightning. these transmitters and receivers take the high rf performance and diverse features of emcores ortel technol - ogy and combine them into a compact package compatible with the optiva family of ot-cc and ot-dtcr enclosures. optiva is a completely modular hot-swappable platform. both 19 rack mount and compact tabletop or wall-mountable enclosures are available. the 19 rack-mount enclosure (model OT-CC-16F-XXX) can support up to 16 insert cards and provides a single power supply (model ps-200), or a dual-redun - dant, hot-swappable power supply option. compact enclosures are avail - able with 1, 2 or 6 slots. the one slot (ot-dtcr-1) and two slot (ot-dtcr-2) enclosures both use an external power supply (ps-9012) and optionally have a standard 2-pin dc power connector for more custom applications. like the ot-cc-16f the six-slot 1 ru enclosure (ot-cc-6) has hot swap redundant pow - er supply. the optiva familys existing wide range of video, audio and data transport products include a unique daisy-chain? feature that multiplexes multiple electrical inputs onto a single fber, thus resulting in an extremely capable, yet conveniently fexible, signal transport system. satcom datasheet | december 2012 ? 2012 emcore corporation | rev 2012.12 626-293-3400 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice.
performance highlights typical s21 2 db per division 3.0 ghz .05 ghz 3.5 ghz ots-1l (tx & rx) 5.06 in. 128 mm 3 ru tx rx enclosure options ots-1l wideband optical link 1. wider rf inputs are acceptable, but will set the rf amp gain to its limit. 2. link rf gain db = tg + rg C 2*fiberloss dbo (assumes rin = rout) 3. dbmo & dbo indicate optical power & loss to minimize confusion with rf dbm & db parameter min typical max units link frequency range 50 ohm 75 ohm 50 50 - - 3000 2500 mhz mhz optical loss (c/n>10 db, bw 36 mhz carrier level - 35 dbm) - -23 - dbo noise figure (tg at max, 2150 mhz, 1 dbo loss) - 13 - db input ip3 (tg max, 2150 mhz, 1 dbo loss) - 2 - dbm spur free dynamic range (1 dbo loss) - 108 - db/hz 2/3 air temperature -10 - 50 o c tx rf input within sgc range 1 - 0 to -35 - dbm tx gain (tg) at max, 1 ghz 2 0 8 - db (w/a) tg adjustment range (reduction from max) 30 - - db wavelength 1280 - 1340 nm input return loss 50-200 mhz 950-2150 mhz 50-3000 mhz - - - 10 15 19 - - - db lnb voltage current 16 - 17 - 19 350 v ma optical power 3 5 6 dbmo dc power lnb off - - 12 - - 350 v ma rx rf output (tx at peak, 1 dbmo into rx) - -8 to -25 - dbm rx gain (rg), at max, 1 ghz 2 20 22 - db (a/w) rg adjustment range (reduction from max) 30 - - db output ip3 (2150 mhz) 20 25 - dbm output 1db compression (2150 mhz) - 15 - dbm receiver sensitivity - -20 - dbmo output return loss 50-200 mhz 950-2150 mhz 50-3000 mhz - - - 10 15 10 - - - db dc power - - 12 - - 250 v ma satcom datasheet | december 2012 ? 2012 emcore corporation | rev 2012.12 626-293-3400 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice.
ots-1l wideband optical link ordering information product code specifcations tstssc transmitter m sm om nm dm min scpc tstsc transmitter m c om nm dm min scpc tstsc transmitter m c om nm dm min scpc tsssc eceier m sm om scpc tssc eceier m c om scpc tssc eceier m c om scpc pctc ms smp controller card m or ptia amily tpt ptical tcr c ternet sm ual c tcc cassis ac mount slot u see tcc data seet or exact models ps poer supply dc to ac see ps data seet or exact models tcc cassis ac mount slot u see tcc data seet or exact models ttc ttc cassis anemount poer supply slot slot laser safety this product meets the appropriate standard in title 21 of the code of federal regulations (cfr). fda/cdrh class 1m laser product. this device has been classifed with the fda/cdrh under accession number 0220191. all versions of this laser are class 1m laser product, tested according to iec 60825-1:2007 / en 60825-1:2007 an additional warning for class 1m laser products. for diverging beams, this warning shall state that viewing the laser output with certain optical instruments (for example: eye loupes, magnifers, and microscopes) within a distance of 100 mm may pose an eye hazard. for collimated beams, this warning shall state that viewing the laser output with certain instruments designed for use at a distance (for example: telescopes and binoculars) may pose an eye hazard. wavelength = 1.3/1.5 m. maximum power = 30 mw. caution - use of controls or adustments or performance of procedures other than those specifed herein may result in hazardous radiation exposure. iec is a registered trademark of the international electrotechnical commision. satcom datasheet | december 2012 ? 2012 emcore corporation | rev 2012.12 626-293-3400 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice.


▲Up To Search▲   

 
Price & Availability of OT-CC-16F-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X