Part Number Hot Search : 
SI591 F2001 MR24PA1 HWD2111 AC08M BCR108L3 016K2 BAS40W
Product Description
Full Text Search
 

To Download MUR1660CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 http:// www.sirectsemi.com ultrafast rectifier - 16amp 600vol t features -epoxy meets ul 94v-0 -higjt voltage capability -low leakage current -high temperature glass passivated junction -pb-free packages is available mechanical characteristics -case: epoxy, molded -weight: 1.9 grames(approximately) -finish: all external surfaces corrosion resi stant and terminal leads are readily solderable -lead temperature for soldering purposes: 260 o c max for 10 seconds maximum ratings rating symbol value unit peak repetitive reverse voltage v rrm 600 v average rectified forward current total device(rated v r ), t c = 150 o c i f(av) 8 16 a peak repetitive forward current (rated v r , square wave, 20kh z ), t c = 150 o c i fm 16 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60h z ) i fsm 100 a operating junction temperatur e and storage temperature range t j , t stg -65 to +175 o c electrical characteristics rating symbol value unit maximum instantaneous forward voltage (note 1) if = 8.0a, tc = 150 o c if = 8.0a, tc = 25 o c v f 1.2 1.5 v maximum instantaneous reverse current (note 1) rated dc voltage, t j = 150 o c rated dc voltage, t j = 25 o c i r 500 10 a maximum reverse recovery time i f = 1.0a, di/dt = 50a/ s i f = 0.5a, i r = 1.0a, i rec = 0.25a t rr 60 50 ns maximum thermal resistance, junction-to-case r jc 2.0 o c/w note: 1.pulse test : pulse width = 300 s, duty cycl e Q 2.0% august 2007 / rev.5 e l e c t r o n i c MUR1660CT
2 http:// www.sirectsemi.com i r , reverse current ( a) v r , reverse voltage (volts) figure 2. typical reverse current 0.01 100 200 300 400 500 600 0.1 1.0 10 100 1000 tj = 150 oc 100 oc 25 oc i f(av) , average forward current (amps) t c , case temperature ( oc ) figure 3. current derating, case 0 130 140 150 160 170 180 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 square wave dc rated v r applied p f(av) , average power dissipation (watts) i f(av) , average forward current (amps) figure 5. power dissipation 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 11 12 13 14 square wave dc tj = 175 oc i f , instantaneous forward current (amps) 0.1 0.6 0.8 1.2 1.4 v f , instantaneous forward voltage (volts) figure 1. typical forward voltage 1.6 0.4 1.0 0.2 0.3 0.5 1.0 10 20 30 100 0.7 2.0 3.0 5.0 7.0 50 70 1.8 2 5 oc 10 0 oc t j = 1 5 0 oc i f(av) , average forward current (amps) t a , ambient temperature ( oc ) figure 4. current derating, ambient 0 0 20 40 60 80 100 120 140 160 180 200 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 square wave square wave dc dc r ja = 16 oc /w r ja = 60 oc /w (not heat sink) MUR1660CT
3 http:// www.sirectsemi.com r(t), transient thermal resistance 0.01 t, time (ms) figure 6. thermal response 0.01 0.1 1 10 100 1000 z jc(t) = r(t)r jc r jc = 1.5 oc /w max d curves apply for power pulse train shown read time at t 1 t j(pk) C t c = p (pk) z jc(t) 0.1 1 0.05 0.5 5 50 500 0.05 0.5 d = 0.5 0.1 0.05 0.01 single pulse p pk t2 t1 duty cycle, d = t1/t2 c, capacitance, (pf) v r , reverse voltage (volts) figure 7. typical capacitance 1.0 10 1000 5.0 10 50 100 100 500 50 20 200 tj = 25 oc MUR1660CT
4 http:// www.sirectsemi.com to-220ab package a1 a2 k dimensions inches mm dim min max min max note a .579 .602 14.70 15.30 b .392 .411 9.95 10.45 c .104 .116 2.65 2.95 d .248 .264 6.30 6.70 e .325 .344 8.25 8.75 f .126 .138 3.20 3.50 g .524 .547 13.30 13.90 h .096 .108 2.45 2.75 i .030 .035 0.75 0.90 j .013 .020 0.35 0.50 k .146 .157 3.70 4.00 l .171 .187 4.35 4.75 m .049 .057 1.25 1.45 n .102 .114 2.60 2.90 o .047 .055 1.20 1.40 MUR1660CT sirectifier global corp., delaware, u.s.a. u.s.a.: sgc@sirectsemi.com france: ss@sirectsemi.com taiwan: se@sirectsemi.com hong kong: hk@sirectsemi.com china: st@sirectsemi.com ? thailand: th@sirectsemi.com philippines: aiac@sirectsemi.com belize: belize@sirectsemi.com


▲Up To Search▲   

 
Price & Availability of MUR1660CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X