Part Number Hot Search : 
LR120 220MC MACA455 BAV199L MPI5020 UMTS200 LT18T RB2415
Product Description
Full Text Search
 

To Download MMDT3904V11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmdt3904v npn plastic-encapsulate transistors features ? epitaxial die construction ? ideal for low power amplification and switching ? ultra-small surface mount package maximum ratings @ 25 o c unless otherwise specified symbol rating rating unit v ceo collector-emitter voltage 40 v v cbo collector-base voltage 60 v v ebo emitter-base voltage 6 v i c collector current-continuous 0.2 a p c collector dissipation 0.2 w r  ja thermal resistance junction to ambient 625  /w t j operating junction temperature -55 to +150  t stg storage temperature -55 to +150  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units v (br)ceo collector-emitter breakdown voltage (i c =1madc, i b =0) 40 --- --- vdc v (br)cbo collector-base breakdown voltage (i c =10uadc, i e =0) 60 --- --- vdc v (br)ebo collector-emitter breakdown voltage (i e =10uadc, i c =0) 5 --- --- vdc i cex collector cutoff current (v ce =60vdc,v eb(off) =3vdc) --- --- 50 nadc i bl base cutoff current (v ce =60vdc,v eb(off) =3vdc) --- --- 50 nadc h fe dc current gain (i c =0.1madc, v ce =1vdc) (i c =1madc, v ce =1vdc) (i c =10madc, v ce =1vdc) (i c =50madc, v ce =1vdc) (i c =100madc, v ce =1vdc) 40 70 100 60 30 --- --- --- --- --- --- --- 300 --- --- --- v ce(sat) collector-emitter saturation voltage (i c =10madc, i b =1madc) (i c =50madc, i b =5madc) --- --- --- --- 0.2 0.3 vdc v be(sat) base-emitter saturation voltage (i c =10madc, i b =1madc) (i c =50madc, i b =5madc) 0.65 --- --- --- 0.85 0.95 vdc dimensions inches mm dim min max min max note a .006 .011 0.15 0.30 b .043 .049 1.10 1.25 c .061 .067 1.55 1.70 d .020 0.50 g .035 .043 0.90 1.10 h .059 .067 1.50 1.70 k .022 .023 0.56 0.60 l .004 .011 0.10 0.30 m .004 .007 0.10 0.18 sot-563  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011 /01/01 tm micro commercial components x marking:kap epoxy meets ul 94 v-0 flammability rating lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) moisure sensitivity level 1 www. mccsemi .com 1 of 5
electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units f t transition frequency (v ce =20vdc, i c =10madc, f=100mhz) 300 --- --- mhz c ob output capacitance (v cb =5vdc, f=1.0mhz, i e =0) --- --- 4 pf nf noise figure (v ce =5v,i c =0.1ma, f=1khz, r s =1k  ) --- --- 5 db t d delay time --- --- 35 ns t r rise time v cc =3v, i c =10ma, v be(off) =-0.5v, i b1 =-i b2 =1ma --- --- 35 ns t s storage time --- --- 200 ns t f fall time v cc =3v, i c =10ma, i b1 =i b2 =1ma --- --- 50 ns revision: a 2011/01/01 mmdt3904v mcc tm micro commercial components www. mccsemi .com 2 of 5
mmdt3904v mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 5
mmdt3904v mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 4 of 5
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 5 of 5 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-tp tape&reel;3kpcs/reel


▲Up To Search▲   

 
Price & Availability of MMDT3904V11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X