Part Number Hot Search : 
35020 MP7645KN TFS1227B 00N06 DL323 2604A 20N10 C4017
Product Description
Full Text Search
 

To Download MMBTA42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any changing of specification will not be informed individual MMBTA42 npn silicon general purpose transistor device marking MMBTA42=1d r o h s c o m p l i a n t p r o d u c t a s u f f i x o f " - c " s p e c i f i e s h a l o g e n & l e a d - f r e e 0 1 - j u n e - 2 0 0 4 r e v . b p a g e 1 o f 2  plastic-encapsulate transistors  power dissipation & collector current pcm: 0.3w icm: 0.3a  high voltage v (br) : 300v features collector 3 1 base 2 emitter k j c h l a b s g v 3 1 2 d top view 1 2 3 dim min max a 2.800 3.040 b 1.200 1.400 c 0.890 1.110 d 0.370 0.500 g 1.780 2.040 h 0.013 0.100 j 0.085 0.177 k 0.450 0.600 l 0.890 1.020 s 2.100 2.500 v 0.450 0.600 all dimension in mm sot-23 http://www.secosgmbh.com elektronische bauelemente electrical characteristics tamb=25  unless otherwise specified  parameter symbol test conditions min max unit collector- base breakdown voltage v (br)cbo ic= 100 0 a  i e =0 300 v collector- emitter brea kdown voltage v (br)ceo ic= 1 m a  i b =0 300 v emitter-base breakdown voltage v (br)ebo i e = 100 0 a  i c =0 5 v collector cut- off current i cbo v cb =200 v , i e =0 0.25 0 a emitter cut- off current i ebo v eb =5v, i c =0 0.1 0 a h fe  1  v ce = 10v, i c = 1ma 60 h fe  2  v ce = 10v, i c =10ma 100 200 dc current gain h fe  3  v ce =10v, i c =30ma 60 collector- emitter saturation voltage v ce (sat) i c =20 ma, i b = 2m a 0.2 v base- emitter saturation voltage v be (sat) i c = 20 ma, i b =2m a 0.9 v transition frequency f t v ce = 20v, i c = 10ma f= 30mhz 50 mhz
any changing of specification will not be informed individual MMBTA42 npn silicon general purpose transistor http://www.secosgmbh.com elektronische bauelemente mmbt a42 c, capacitance (pf) figure 1. dc current gain v r , reverse voltage (volts) 0.1 100 0.1 10 1.0 10 1000 c eb @ 1mhz figure 2. capacitance i c , collector current (ma) 100 70 50 30 20 10 7.0 5.0 3.0 2.0 80 70 50 30 20 10 t j = 25 c v ce = 20 v f = 20 mhz f, current?gain bandwidth (mhz) t 1.0 i c , collector current (ma) figure 3. current ? gain ? bandwidth v, voltage (volts) 1.4 0.0 1.2 1.0 0.8 0.6 0.4 0.2 100 10 0.1 1.0 100 1.0 c cb @ 1mhz 60 40 v be(on) @ 25 c, v ce = 10 v v ce(sat) @ 25 c, i c /i b = 10 v be(sat) @ 25 c, i c /i b = 10 v ce(sat) @ 125 c, i c /i b = 10 v ce(sat) @ ?55 c, i c /i b = 10 v be(sat) @ 125 c, i c /i b = 10 v be(sat) @ ?55 c, i c /i b = 10 v be(on) @ 125 c, v ce = 10 v v be(on) @ ?55 c, v ce = 10 v figure 4. ?on? voltages i c , collector current (ma) 120 0.1 1.0 10 100 80 60 0 h fe , dc current gain t j = +125 c 25 c ?55 c v ce = 10 vdc 100 20 40 0 1 - j u n e - 2 0 0 4 r e v . b p a g e 2 of 2


▲Up To Search▲   

 
Price & Availability of MMBTA42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X