Part Number Hot Search : 
SSB302 167BZC LA5316M 15DAF1 LW1141C PC853H KSJ1V210 CY22050
Product Description
Full Text Search
 

To Download MCF51JE256VMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  freescale semiconductor data sheet: advanced information document number: mcf51je256 rev. 4, 08/2012 ? freescale semiconductor, inc., 2009-2012. all rights reserved. this document contains information on a prod uct under development. freescale reserves the right to change or discontinue this product without notice. 32-bit coldfire v1 central processor unit (cpu) ? up to 50.33 mhz coldfire cpu above 2.4 v and 40 mhz cpu above 2.1 v and 20 mhz cpu above 1.8 v across temperature range of -40c to 105c. ? coldfire instruction set revision c (isa_c). ? 32-bit multiply and accumulate (mac) supports signed or unsigned integer or signed fractional inputs. on-chip memory ? 256 k flash comprised of two independent 128 k flash arrays; read/program/erase over full operating voltage and temperature; allows interrupt processing while programming. ? 32 kb system random-access memory (ram). ? security circuitry to prevent unauthorized access to ram and flash contents. power-saving modes ? two ultra-low power stop modes. peripheral clock enable register can disable clocks to unused modules to reduce currents. ? time of day (tod) ? ultra low-power 1/4 sec counter with up to 64 sec timeout. ? ultra-low power external oscillator that can be used in stop modes to provide accurate clock source to the tod. 6 s typical wake up time from stop3 mode. clock source options ? oscillator (xosc1) ? loop-control pierce oscillator; 32.768 khz crystal or ceramic resonator dedicated for tod operation. ? oscillator (xosc2) for high frequency crystal input for mcg reference to be used for system clock and usb operations. ? multipurpose clock generator (mcg) ? pll and fll; precision trimming of internal reference allows 0.2% resolution and typical +0.5% to -1% deviation over temperature and voltage; supports cpu frequencies up to 50 mhz. system protection ? watchdog computer operating properly (cop) reset with option to run from dedicated 1 khz internal clock source or bus clock. ? low-voltage detection with reset or interrupt; selectable trip points; separate low voltage warning with optional interrupt; selectable trip points. ? illegal opcode and illegal address detection with reset. ? flash block protection for each array to prevent accidental write/erasure. ? hardware crc to support fast cyclic redundancy checks. development support ? integrated coldfire debug_rev_b+ interface with single wire bdm connection supports same electrical interface used by the s08 family debug modules. ? real-time debug with 6 hardware breakpoints (4 pc, 1 address and 1 data). ? on-chip trace buffer provides programmable start/stop recording conditions. peripherals ? usb ? dual-role usb on-the-go (otg) device, supports usb in either device, host or otg configuration. on-chip transceiver and 3.3v regulator help save system cost, fully compliant with usb specification 2.0. allows control, bulk, interrupt and isochronous transfers. ? scix ? two serial communications interfaces with optional 13-bit break; option to connect rx input to pracmp output on sci1 and sci2; high current drive on tx on sci1 and sci2; wake-up from stop3 on rx edge. ? spi1 ? serial peripheral interface with 32-bit fifo buffer; 16-bit or 8-bit data transfers; full-duplex or single-wire bidirectional; double-buffered transmit and receive; master or slave mode; msb-first or lsb-first shifting. ? spi2 ? serial peripheral interface with full-duplex or single-wire bidirectional; double-buffered transmit and receive; master or slave mode; msb-first or lsb-first shifting. ? iic ? up to 100 kbps with maximum bus loading; multi-master operation; programmable slave address; interrupt driven byte-by-byte data transfer; supports broadcast mode and 10-bit addressing. ? cmt ? carrier modulator timer for remote control communications. carrier generator, modulator and driver for dedicated infrared out (iro). can be used as an output compare timer. ? tpm x ? two 4-channel timer/pwm module; selectable input capture, output compare, or buffered edge- or center-aligned pwm on each channel; external clock input/pulse accumulator. ? mini-flexbus ? multi-function external bus interface with user programmable chip selects and the option to multiplex address and data lines. ? pracmp ? analog comparator with selectable interrupt; compare option to programmable internal reference voltage; operation in stop3. ? adc12 ? 12-bit successive approximation adc with up to12 single-ended channels; internal bandgap reference channel; operation in stop3; fully functional from 3.6v to 1.8v. ? pdb ? programmable delay block with 16-bit counter and modulus and prescale to set reference clock to bus divided by 1 to bus divided by 2048; 8 trigger outputs for adc module provides periodic coordination of adc sampling sequence with sequence completion interrupt; back-to-back mode and timed mode. ? dac ? 12-bit resolution dac; configurable settling time. input/output ? up to 68 gpios and 1 output-only pin. ? voltage reference output (vrefo). ? dedicated infrared output pin (iro) withhigh current sink capability. ? up to 16 kbi pins with selectable polarity. ? up to 16 pins of rapid general purpose i/o (rgpio). an energy-efficient solution from freescale mcf51je256/128 the mcf51je256 series devices are members of the low-cost, low-power, high-performance coldfire v1 family of 32-bit microcontrollers (mcus). not all features are available in all devices or packages; see ta b l e 1 for a comparison of features by device. 80-lqfp 12mm x 12mm 81-bga 10mm x 10mm 100-lqfp 14mm x 14mm 104-bga 10mm x 10mm document number: mcf51je256 rev. 4, 08/2012 mcf51je256/128
mcf51je256 datasheet, rev. 4 freescale semiconductor 2 contents table of contents 1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4 2 pinouts and pin assignments . . . . . . . . . . . . . . . . . . . . . . . . . .7 2.1 104-pin mapbga . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7 2.2 100-pin lqfp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8 2.3 81-pin mapbga . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9 2.4 80-pin lqfp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 2.5 pin assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11 3 preliminary electrical characteristics . . . . . . . . . . . . . . . . . .15 3.1 parameter classification . . . . . . . . . . . . . . . . . . . . . . . .15 3.2 absolute maximum ratings . . . . . . . . . . . . . . . . . . . . .15 3.3 thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . .16 3.4 esd protection characteristics. . . . . . . . . . . . . . . . . . .18 3.5 dc characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .18 3.6 supply current characteristics . . . . . . . . . . . . . . . . . . .21 3.7 pracmp electricals . . . . . . . . . . . . . . . . . . . . . . . . . . .24 3.8 12-bit dac electricals . . . . . . . . . . . . . . . . . . . . . . . . . .24 3.9 adc characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .26 3.10 mcg and external oscillator (xosc) characteristics .29 3.11 mini-flexbus timing specifications . . . . . . . . . . . . . . .32 3.12 ac characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .34 3.12.1 control timing . . . . . . . . . . . . . . . . . . . . . . . . . .34 3.12.2 tpm timing . . . . . . . . . . . . . . . . . . . . . . . . . . . .36 3.13 spi characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .37 3.14 flash specifications . . . . . . . . . . . . . . . . . . . . . . . . . . .40 3.15 usb electricals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40 3.16 vref electrical specifications . . . . . . . . . . . . . . . . . . .41 4 ordering information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .44 4.1 part numbers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .44 4.2 package information . . . . . . . . . . . . . . . . . . . . . . . . . . .44 4.3 mechanical drawings . . . . . . . . . . . . . . . . . . . . . . . . . .44 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .45 list of figures figure 1. mcf51je256/128 block diagram. . . . . . . . . . . . . . . . . 3 figure 2. 104-pin mapbga . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 figure 3. 100-pin lqfp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 figure 4. 81-pin mapbga . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 figure 5. 80-pin lqfp pinout . . . . . . . . . . . . . . . . . . . . . . . . . . 10 figure 6. stop idd versus temperature. . . . . . . . . . . . . . . . . . . 23 figure 7. offset at half scale vs temperature . . . . . . . . . . . . . . 26 figure 8. adc input impedance equivalency diagram . . . . . . . 28 figure 9. mini-flexbus read timing . . . . . . . . . . . . . . . . . . . . . 33 figure 10.mini-flexbus write timing . . . . . . . . . . . . . . . . . . . . 33 figure 11.reset timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 figure 12.irq/kbipx timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 figure 13.timer external clock . . . . . . . . . . . . . . . . . . . . . . . . . 36 figure 14.timer input capture pulse . . . . . . . . . . . . . . . . . . . . . 36 figure 15.spi master timing (cpha = 0) . . . . . . . . . . . . . . . . . 38 figure 16.spi master timing (cpha = 1) . . . . . . . . . . . . . . . . . 38 figure 17.spi slave timing (cpha = 0) . . . . . . . . . . . . . . . . . . 39 figure 18.spi slave timing (cpha = 1) . . . . . . . . . . . . . . . . . . 39 figure 19.typical vref output vs temperature . . . . . . . . . . . . 42 figure 20.typical vref output vs v dd . . . . . . . . . . . . . . . . . . . 43 list of tables table 1. mcf51je features by mcu and package. . . . . . . . . . 4 table 2. mcf51je256/128 functional units. . . . . . . . . . . . . . . . 5 table 2-3.package pin assignments . . . . . . . . . . . . . . . . . . . . . 11 table 4. parameter classifications . . . . . . . . . . . . . . . . . . . . . . 15 table 5. absolute maximum ratings. . . . . . . . . . . . . . . . . . . . . 16 table 6. thermal characteristics. . . . . . . . . . . . . . . . . . . . . . . . 17 table 7. esd and latch-up test conditions . . . . . . . . . . . . . . . 18 table 8. esd and latch-up protection characteristics. . . . . . . 18 table 9. dc characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 table 10.supply current characteristics . . . . . . . . . . . . . . . . . . 21 table 11.stop mode adders. . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 table 12.pracmp electrical specifications . . . . . . . . . . . . . . . 24 table 13.dac 12lv operating requirements . . . . . . . . . . . . . . 24 table 14.dac 12-bit operating behaviors . . . . . . . . . . . . . . . . . 25 table 15.12-bit adc operating conditions . . . . . . . . . . . . . . . . 26 table 16.12-bit sar adc characteristics full operating range (vrefh = vddad, vrefl = vssad) . . . . . . . . . . . . 28 table 17.mcg (temperature range = ?40 to 105c ambient) . 29 table 18.xosc (temperature range = ?40 to 105c ambient) 31 table 19.mini-flexbus ac timing specifications . . . . . . . . . . . . 32 table 20.control timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 table 21.tpm input timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 table 22.spi timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37 table 23.flash characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 40 table 24.internal usb 3.3 v voltage regulator characteristics 40 table 25.vref electrical specifications . . . . . . . . . . . . . . . . . . 41 table 26.vref limited range operating behaviors . . . . . . . . . 42 table 27.orderable part number summary. . . . . . . . . . . . . . . . 44 table 28.package descriptions . . . . . . . . . . . . . . . . . . . . . . . . . 44 table 29.revision history. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
mcf51je256 datasheet, rev. 4 freescale semiconductor 3 figure 1. mcf51je256/128 block diagram port b port d port c port e port a spi1 vreg sim v1 coldfire core usb_dm usb_dp ss1 spsck1 mosi1 miso1 sci2 rx2 tx2 ram mcg vrefh/vrefl vdda/vssa vdd1,2,3 vss1,2,3 cop 32kb xosc2 lv d 4 ch tpm2 bkgd/ms dbg bdm intc 4 ch tpm1 vref cmt iro: rgpio rgpio[15:8] rgpio[7:0] clko sci1 rx1 tx1 pdb kbi1 & kbi2 ptd0/bkgd/ms iic sda scl pracmp vrefo acmpo acmpo flash1 128/64 kb robust update manager hardware crc kbi1p[7:0] with mac vdda/vssa vrefh/vrefl adc12 adp[11:4] hwtrs[h:a] hwtrs[h:a] extal1 xtal1 xosc1 clko tod control ref clk irclk clock check & select spi2 ss2 spsck2 mosi2 miso2 port f irq pte4/cmpp3/ tpmclk/vpp/irq tpmclk tpm1ch[3:0] tpmclk tpm2ch[3:0] control kbi2p[7:0] vdda/vssa vrefh/vrefl daco usbotg flash2 128/64 kb usb_dm usb_dp vbus port g port h port j dtrig dtrig cocox usb_altclk usb_pullup(d+) usb_dm_down usb_dp_down usb_vbusvld usb_id usb_sessvld usb_sessend miniflex fb_ad[19:0] bus fb_d[7:0] daco dadp[3:0] iro fb_ad[19:0] green pins not available on the 100, 81 or 80 pin package blue pins not available on the 81 or 80 pin package red pin not available on the 80 pin package vusb33 ptb3/xtal1 ptb4/extal2 ptb5/xtal2 ptb2/extal1 ptb1/blms ptb0 ptb6/kbi1p3/rgpiop0/fb_ad17 ptb7/kbi1p4/rgpiop1/fb_ad0 ptd3/usb_pullup(d+)/rgpiop9/tpm1ch1 ptd4/sda/rgpiop10/tpm1ch2 ptd5/scl/rgpiop11/tpm1ch3 ptd2/usb_altclk/rgpiop8/tpm1ch0 ptd1/cmpp2/reset ptd6/usb_altclk/tx1 ptd7/usb_pullup(d+)/rx1 ptc3/kbi1p6/ss2 /adp7 ptc4/kbi1p7/cmpp0/adp8 ptc5/kbi2p0/cmpp1/adp9 ptc2/kbi1p5/spsck2/adp6 ptc1/miso2/fb_d0/fb_ad1 ptc0/mosi2/fb_oe_b/fb_cs0 ptc6/kbi2p1/pracmpo/adp10 pta3/kbi1p2/fb_d6/adp5 pta4 pta5 pta2/kbi1p1/rx1/adp4 pta1/kbi1p0/tx1/fb_d1 pta0/fb_d2/ss1 pta6 pta7 ptf3/scl/fb_d5/fb_ad11 ptf4/sda/fb_d4/fb_ad10 ptf5/kbi2p7/fb_d3/fb_ad9 ptf2/tx2/usb_dm_down/tpm2ch0 ptf1/rx2/usb_dp_down/tpm2ch1 ptf0/usb_id/tpm2ch2 ptf6/mosi1 ptf7/miso1 pte2/kbi2p5/rgpiop14/fb_ad7 pte3/kbi2p6/fb_ad8 pte5/fb_d7/usb_sessvld/tx2 pte1/kbi2p4/rgpiop13/fb_ad6 pte0/kbi2p3/fb_ale/fb_cs1 pte6/fb_rw_b/usb_sessend/rx2 pte7/usb_vbusvld/tpm2ch3 ptg3/usb_dp_down ptg4/usb_sessvld ptg5/fb_rw_b ptg2/usb_dm_down ptg1/usb_sessend ptg0/spsck1 ptg6/fb_ad19 ptg7/fb_ad18 pth3/rgpiop3/fb_d6 pth4/rgpiop4/fb_d5 pth5/rgpiop5/fb_d4 pth2/rgpiop2/fb_d7 pth1/fb_d0 pth0/fb_oe_b pth6/rgpiop6/fb_d3 pth7/rgpiop7/fb_d2 ptj3/rgpiop12/fb_ad5 ptj4/rgpiop15/fb_ad16 ptj5/fb_ad15 ptj2/fb_ad4 ptj1/fb_ad3 ptj0/fb_ad2 ptj6/fb_ad14 ptj7/fb_ad13 ptc7/kbi2p2clkout/adp11 dadm[3:0] dadp/m[3:0]
mcf51je256 datasheet, rev. 4 features freescale semiconductor 4 1features the following table provides a cross-comparison of the features of the mcf51je256/128 according to package. the following table describes the f unctional units of the mcf51je256/128. table 1. mcf51je features by mcu and package feature mcf51je256 mcf51je128 flash size (bytes) 262144 131072 ram size (bytes) 32k 32k pin quantity 104 100 81 80 81 80 programmable analog comparator (pracmp) yes debug module (dbg) yes multipurpose clock generator (mcg) yes inter-integrated communication (iic) yes interrupt request pin (irq) yes keyboard interrupt (kbi) 16 digital general purpose i/o 1 1 port i/o count does not include blms , bkgd and irq. blms bkgd are output only, irq is input only. 69 65 48 47 48 47 power and ground pins 8 time of day (tod) yes serial communications (sci1) yes serial communications (sci2) yes serial peripheral interface (spi1(fifo)) yes serial peripheral interface(spi2) yes carrier modulator timer pin (iro) yes programmable delay block (pdb) yes tpm input clock pin (tpmclk) yes tpm1 channels 4 tpm2 channels 4 xosc1 yes xosc2 yes usbotg yes miniflex bus yes data rapid gpio 16 9 adc single-ended channels 12 dac ouput pin (daco) yes voltage reference output pin (vrefo) yes
features mcf51je256 datasheet, rev. 4 freescale semiconductor 5 table 2. mcf51je256/128 functional units unit function dac (digital to analog converter) used to output voltage levels. 12-bit sar adc (analog-to-digital converter) measures analog voltages at up to 12 bits of resolution. the adc has up to 12 single-ended inputs. pdb (programmable delay block) precis ely trigger the dac fifo buffer. mini-flexbus provides expansion capability for off-chip memory and peripherals. usb on-the-go supports the usb on-the-go dual-ro le controller. cmt (carrier modulator timer) infrared out put used for the remote controller operation. mcg (multipurpose clock generator) provides clocking options for the device, including a phase-locked loop (pll) and frequency-locked loop (fll) for multiplying slower reference clock sources. bdm (background debug module) provides single pin debugging interface (part of the v1 coldfire core). cf1 core (v1 coldfire core) executes programs and interrupt handlers. pracmp analog comparators for comparing external analog signals against each other, or a variety of reference levels. cop (computer operating properly) software watchdog. irq (interrupt request) single-pin high-priority interrupt (part of th e v1 coldfire core). crc (cyclic redundancy check) high-speed crc calculation. dbg (debug) provides debugging and emulation capabilities (part of the v1 coldfire core). flash (flash memory) provides storage for program code, constants, and variables. iic (inter-integrated circuits) supports stan dard iic communications protocol and smbus. intc (interrupt controller) controls and prioritizes all device interrupts. kbi1 & kbi2 keyboard interfaces 1 and 2. lvd (low-voltage detect) provides an interrupt to the coldfire v1 core in the event that the supply voltage drops below a critical value. the lvd can also be programmed to reset the device upon a low voltage event. vref (voltage reference) the voltage reference output is available for both on- and off-chip use. ram (random-access memory) provides stack and variable storage. rgpio (rapid general-purpose input/output) allows for i/o port access at cpu clock speeds. rgpio is used to implement gpio functionality. sci1, sci2 (serial communications interfaces) serial communications uarts capable of supporting rs-232 and lin protocols. sim (system integration unit)
mcf51je256 datasheet, rev. 4 features freescale semiconductor 6 spi1 (fifo), spi2 (serial peripheral interfaces) spi1 and spi2 provide standard master/slave capability. spi contains a fifo buffer in order to increase the throughput for this peripheral. tpm1, tpm2 (timer/pwm module) timer/pwm module can be used for a variety of generic timer operations as well as pulse-width modulation. vreg (voltage regulator) controls power management across the device. xosc1 and xosc2 (crystal oscillators) these devices incorporate redundant crystal oscillators. one is intended primarily for use by the to d, and the other by the cpu and other peripherals. table 2. mcf51je256/128 functional units (continued) unit function
pinouts and pin assignments mcf51je256 datasheet, rev. 4 freescale semiconductor 7 2 pinouts and pin assignments 2.1 104-pin mapbga the following figure shows the 104- pin mapbga pinout configuration. figure 2. 104-pin mapbga 1234 567891011 a ptf6 ptf7 usb_dp usb_dm vusb33 ptf4 ptf3 fb_ad12 ptj7 ptj5 ptj4 a b ptg0 pta0 ptg3 vbus ptf5 ptj6 pth0 pte5 ptf0 ptf1 ptf2 b c iro ptg4 pta6 ptg2 ptg6 ptg5 ptg7 pth1 pte4 pte6 pte7 c d pta5 pta4 ptb1 vdd1 vdd2 vdd3 pta1 pte3 pte2 d e vssa pta7 ptb0 pta2 ptj3 pte1 e f vrefl ptg1 ptc7 ptj2 ptj0 ptj1 f g adp2 ptd5 ptd7 pte0 g h pta3 vss1 vss2 vss3 ptd4 ptd3 ptd2 h j adp0 pth7 pth6 pth4 pth3 pth2 ptd6 ptc2 ptc0 ptc1 j k adp1 pth5 ptb6 ptb7 ptc3 ptd1 ptc4 ptc5 ptc6 k l adp3 daco vrefo vrefh vdda ptb3 ptb2 ptd0 ptb5 ptb4 l 1234 567891011
mcf51je256 datasheet, rev. 4 pinouts and pin assignments freescale semiconductor 8 2.2 100-pin lqfp the following figure shows the 100-pin lqfp pinout configuration. figure 3. 100-pin lqfp ptc2/kbi1p5/spsck2/adp6 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 pta0/fb_d2/ss1 iro ptg5/fb_rw ptg6/fb_ad19 ptg7/fb_ad18 pth0/fb_oe pta1/kbi1p0/tx1/fb_d1 pta2/kbi1p1/rx1/adp4 pta3/kbi1p2/fb_d6/adp5 pta4 pta5 pta6 pta7 ptb0 ptb1/blms vssa vrefl nc nc adp2 nc nc nc 100 lqfp 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 pte4/cmpp3/tpmclk/irq pte3/kbi2p6/fb_ad8 pte2/kbi2p5/rgpiop14/fb_ad7 pte1/kbi2p4/rgpiop13/fb_ad6 ptj3/rgpiop12/fb_ad5 ptj2/fb_ad4 ptj1/fb_ad3 ptj0/fb_ad2 pte0/kbi2p3/fb_ale/fb_cs1 ptd7/usb_pullup(d+)/rx1 ptd6/usb_altclk/tx1 ptd5/scl/rgpiop11/tpm1ch3 ptd4/sda/rgpiop10/tpm1ch2 ptd3/usb_pullup(d+)/rgpiop9/tpm1ch1 ptd2/usb_altclk/rgpiop8/tpm1ch0 ptd1/cmpp2/reset ptd0/bkgd/ms ptc7/kbi2p2/clkout/adp11 ptc6/kbi2p1/pracmpo/adp10 ptc5/kbi2p0/cmpp1/adp9 ptc4/kbi1p7/cmpp0/adp8 ptc1/miso2/fb_d0/fb_ad1 ptc0/mosi2/fb_oe /fb_cs0 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 ptg0/spsck1 ptf7/miso1 ptf6/mosi1 vdd1 vss1 vbus usb_dp usb_dm vusb33 ptf5/kbi2p7/fb_d3/fb_ad9 ptf4/sda/fb_d4/fb_ad10 ptf3/scl/fb_d5/fb_ad11 fb_ad12 ptj7/fb_ad13 ptj6/fb_ad14 ptj4/rgpiop15/fb_ad16 ptf2/tx2/usb_dm_down/tpm2ch0 ptf1/rx2/usb_dp_down/tpm2ch1 ptf0/usb_id/tpm2ch2 pte7/usb_vbusvld/tpm2ch3 pte6/fb_rw /usb_sessend/rx2 pte5/fb_d7/usb_sessvld/tx2 vdd3 vss3 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 daco adp3 nc nc adp0 nc vrefo adp1 nc vrefh vdda vss2 ptb2/extal1 ptb3/xtal1 vdd2 ptb4/extal2 ptb5/xtal2 ptb6/kbi1p3/rgpiop0/fb_ad17 ptb7/kbi1p4/rgpiop1/fb_ad0 pth2/rgpiop2/fb_d7 pth3/rgpiop3/fb_d6 pth4/rgpiop4/fb_d5 pth5/rgpiop5/fb_d4 pth6/rgpiop6/fb_d3 pth7/rgpiop7/fb_d2 nc pth1/fb_d0 ptc3/kbi1p6/ss2 /adp7 ptj5/fb_ad15
pinouts and pin assignments mcf51je256 datasheet, rev. 4 freescale semiconductor 9 2.3 81-pin mapbga the following figure shows the 81- pin mapbga pinout configuration. figure 4. 81-pin mapbga 1234 56789 a iro ptg0 ptf6 usb_dp vbus vusb33 ptf4 ptf3 pte4 a b ptf7 pta0 ptg1 usb_dm ptf5 pte7 ptf1 ptf0 pte3 b c pta4 pta5 pta6 pta1 ptf2 pte6 pte5 pte2 pte1 c d pta7 ptb0 ptb1 pta2 pta3 ptd5 ptd7 pte0 d e vdd2 vdd3 vdd1 ptd2 ptd3 ptd6 e f adp2 vss2 vss3 vss1 ptb7 ptc7 ptd4 f g adp0 daco adp3 vrefo ptb6 ptc0 ptc1 ptc2 g h adp1 ptc3 ptc4 ptd0 ptc5 ptc6 h j vssa vrefl vrefh vdda ptb2 ptb3 ptd1 ptb4 ptb5 j 1234 56789
mcf51je256 datasheet, rev. 4 pinouts and pin assignments freescale semiconductor 10 2.4 80-pin lqfp the following figure shows the 80-pin lqfp pinout configuration. figure 5. 80-pin lqfp pinout pta0/fb_d2/ss1 iro pta1/kbi1p0/tx1/fb_d1 pta2/kbi1p1/rx1/adp4 pta3/kbi1p2/fb_d6/adp5 pta4 pta5 pta6 pta7 ptb0 ptb1/blms vssa vrefl nc nc adp2 nc nc nc nc 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 daco nc nc adp0 nc vrefo adp1 nc vrefh vdda vss2 ptb2/extal1 ptb3/xtal1 vdd2 ptb4/extal2 ptb5/xtal2 ptb6/kbi1p3/rgpiop0/fb_ad17 ptb7/kbi1p4/rgpiop1/fb_ad0 ptc0/mosi2/fb_oe /fb_cs0 pte4/cmpp3/tpmclk/irq pte3/kbi2p6/fb_ad8 pte2/kbi2p5/rgpiop14/fb_ad7 pte1/kbi2p4/rgpiop13/fb_ad6 pte0/kbi2p3/fb_ale/fb_cs1 ptd7/usb_pullup(d+)/rx1 ptd6/usb_altclk/tx1 ptd5/scl/rgpiop11/tpm1ch3 ptd4/sda/rgpiop10/tpm1ch2 ptd3/usb_pullup(d+)/rgpiop9/tpm1ch1 ptd2/usb_altclk/rgpiop8/tpm1ch0 ptd1/cmpp2/reset ptd0/bkgd/ms ptc7/kbi2p2/clkout/adp11 ptc6/kbi2p1/pracmpo/adp10 ptc5/kbi2p0/cmpp1/adp9 ptc4/kbi1p7/cmpp0/adp8 ptc3/kbi1p6/ss2 /adp7 ptc2/kbi1p5/spsck2/adp6 ptc1/miso2/fb_d0/fb_ad1 ptg0/spsck1 ptf7/miso1 ptf6/mosi1 vdd1 vss1 vbus usb_dp usb_dm vusb33 ptf5/kbi2p7/fb_d3/fb_ad9 ptf4/sda/fb_d4/fb_ad10 ptf3/scl/fb_d5/fb_ad11 ptf2/tx2/usb_dm_down/tpm2ch0 ptf1/rx2/usb_dp_down/tpm2ch1 ptf0/usb_id/tpm2ch2 pte7/usb_vbusvld/tpm2ch3 pte6/fb_rw /usb_sessend/rx2 pte5/fb_d7/usb_sessvld/tx2 vdd3 vss3 adp3 80-pin lqfp
pinouts and pin assignments mcf51je256 datasheet, rev. 4 freescale semiconductor 11 2.5 pin assignments table 3. package pin assignments package default function alternate 1 alternate 2 alternate 3 composite pin name 104 mapb ga 100 lqfp 81 mapb ga 80 lqfp b2 1 b2 1 pta0 fb_d2 ss1 ? pta0/fb_d2/ss1 c12a12 iro ? ? ? iro c6 3 ? ? ptg5 fb_rw ? ? ptg5/fb_rw c5 4 ? ? ptg6 fb_ad19 ? ? ptg6/fb_ad19 c7 5 ? ? ptg7 fb_ad18 ? ? ptg7/fb_ad18 b7 6 ? ? pth0 fb_oe ? ? pth0/fb_oe c8 7 ? ? pth1 fb_d0 ? ? pth1/fb_d0 d9 8 c4 3 pta1 kbi1p0 tx1 fb_d1 pta1/kbi1p0/tx1/fb_d1 e9 9 d5 4 pta2 kbi1p1 rx1 adp4 pta2/kbi1p1/rx1/adp4 h3 10 d6 5 pta3 kbi1p2 fb_d6 adp5 pta3/kbi1p2/fb_d6/adp5 d2 11 c1 6 pta4 ? ? ? pta4 d1 12 c2 7 pta5 ? ? ? pta5 c3 13 c3 8 pta6 ? ? ? pta6 e2 14 d2 9 pta7 ? ? ? pta7 e3 15 d3 10 ptb0 ? ? ? ptb0 d3 16 d4 11 ptb1 blms ? ? ptb1/blms e1 17 j1 12 vssa ? ? ? vssa f1 18 j2 13 vrefl ? ? ? vrefl f2 19 d1 19 ? ? ? ? nc g2 20 e2 15 ? ? ? ? nc g1 21 f2 16 adp2 ? ? ? adp2 h1 22 f1 17 ? ? ? ? nc h2 23 e2 18 nc ? ? ? nc f3 24 f3 19 ? ? ? ? nc g3 25 e3 20 ? ? ? ? nc l2 26 g2 21 daco ? ? ? daco l1 27 g3 22 adp3 ? ? ? adp3 k1 28 h4 23 ? ? ? ? nc k2 29 g4 24 nc ? ? ? nc j1 30 g1 25 adp0 ? ? ? adp0 j2 31 h1 26 ? ? ? ? nc l4 32 g5 27 vrefo ? ? ? vrefo k3 33 h3 28 adp1 ? ? ? adp1 l3 34 h2 29 nc ? ? ? nc
mcf51je256 datasheet, rev. 4 pinouts and pin assignments freescale semiconductor 12 l5 35 j3 30 vrefh ? ? ? vrefh l6 36 j4 31 vdda ? ? ? vdda h6 37 f4 32 vss2 ? ? ? vss2 l8 38 j5 33 ptb2 extal1 ? ? ptb2/extal1 l7 39 j6 34 ptb3 xtal1 ? ? ptb3/xtal1 d6 40 e4 35 vdd2 ? ? ? vdd2 l11 41 j8 36 ptb4 extal2 ? ? ptb4/extal2 l1042j937 ptb5 xtal2 ? ? ptb5/xtal2 k5 43 g6 38 ptb6 kbi1p3 rgpiop0 fb_ad17 ptb6/kbi1p3/rgpiop0/ fb_ad17 k6 44 f7 39 ptb7 kbi1p4 rgpiop1 fb_ad0 ptb7/kbi1p4/rgpiop1/ fb_ad0 j7 45 ? ? pth2 rgpiop2 fb_d7 ? pth2/rgpiop2/fb_d7 j6 46 ? ? pth3 rgpiop3 fb_d6 ? pth3/rgpiop3/fb_d6 j5 47 ? ? pth4 rgpiop4 fb_d5 ? pth4/rgpiop4/fb_d5 k4 48 ? ? pth5 rgpiop5 fb_d4 ? pth5/rgpiop5/fb_d4 j4 49 ? ? pth6 rgpiop6 fb_d3 ? pth6/rgpiop6/fb_d3 j3 50 ? ? pth7 rgpiop7 fb_d2 ? pth7/rgpiop7/fb_d2 j1051g740 ptc0 mosi2 fb_oe fb_cs0 ptc0/mosi2/fb_oe / fb_cs0 j11 52 g8 41 ptc1 miso2 fb_d0 fb_ad1 ptc1/miso2/fb_d0/fb_ad1 j9 53 g9 42 ptc2 kbi1p5 spsck2 adp6 ptc2/kbi1p5/spsck2/adp6 k7 54 h5 43 ptc3 kbi1p6 ss2 adp7 ptc3/kbi1p6/ss2 /adp7 k9 55 h6 44 ptc4 kbi1p7 cmpp0 adp8 ptc4/kbi1p7/cmpp0/adp8 k10 56 h8 45 ptc5 kbi2p0 cmpp1 adp9 ptc5/kbi2p0/cmpp1/adp9 k11 57 h9 46 ptc6 kbi2p1 pracmpo adp10 ptc6/kbi2p1/pracmpo/ adp10 f8 58 f8 47 ptc7 kbi2p2 clkout adp11 ptc7/kbi2p2/clkout/adp11 l9 59 h7 48 ptd0 bkgd ms ? ptd0/bkgd/ms k8 60 j7 49 ptd1 cmpp2 reset ? ptd1/cmpp2/reset h11 61 e7 50 ptd2 usb_altcl k rgpiop8 tpm1ch0 ptd2/usb_altclk/rgpiop8/ tpm1ch0 h10 62 e8 51 ptd3 usb_pull up(d+) rgpiop9 tpm1ch1 ptd3/usb_pullup(d+)/ rgpiop9/tpm1ch1 h9 63 f9 52 ptd4 sda rgpiop10 tpm 1ch2 ptd4/sda/rgpiop10/ tpm1ch2 g9 64 d7 53 ptd5 scl rgpiop11 tpm 1ch3 ptd5/scl/rgpiop11/ tpm1ch3 j8 65 e9 54 ptd6 usb_altcl k tx1 ? ptd6/usb_altclk/tx1 table 3. package pin assignments (continued) package default function alternate 1 alternate 2 alternate 3 composite pin name 104 mapb ga 100 lqfp 81 mapb ga 80 lqfp
pinouts and pin assignments mcf51je256 datasheet, rev. 4 freescale semiconductor 13 g10 66 d8 55 ptd7 usb_pull up(d+) rx1 ? ptd7/usb_pullup(d+) /rx1 g11 67 d9 56 pte0 kbi2p3 fb_ale fb_cs1 pte0/kbi2p3/fb_ale/ fb_cs1 f10 68 ? ? ptj0 fb_ad2 ? ? ptj0/fb_ad2 f11 69 ? ? ptj1 fb_ad3 ? ? ptj1/fb_ad3 f9 70 ? ? ptj2 fb_ad4 ? ? ptj2/fb_ad4 e10 71 ? ? ptj3 rgpiop12 fb_ad5 ? ptj3/rgpiop12/fb_ad5 e11 72 c9 57 pte1 kbi2p4 rgpiop13 f b_ad6 pte1/kbi2p4/rgpiop13/ fb_ad6 d11 73 c8 58 pte2 kbi2p5 rgpiop14 f b_ad7 pte2/kbi2p5/rgpiop14/ fb_ad7 d10 74 b9 59 pte3 kbi2p6 fb_ad8 ? pte3/kbi2p6/fb_ad8 c9 75 a9 60 pte4 cmpp3 tpmclk irq pte4/cmpp3/tpmclk/vpp/ irq h8 76 f5 61 vss3 ? ? ? vss3 d8 77 e5 62 vdd3 ? ? ? vdd3 b8 78 c7 63 pte5 fb_d7 usb_ sessvld tx2 pte5/fb_d7/usb_sessvld/ tx2 c10 79 c6 64 pte6 fb_rw usb_ sessend rx2 pte6/fb_rw_b/ usb_sessend/rx2 c11 80 b6 65 pte7 usb_vbus vld tpm2ch3 ? pte7/usb_vbusvld/ tpm2ch3 b9 81 b8 66 ptf0 usb_id tpm2 ch2 ? ptf0/usb_id/tpm2ch2 b10 82 b7 67 ptf1 rx2 usb_dp_ down tpm2ch1 ptf1/rx2/usb_dp_down/ tpm2ch1 b11 83 c5 68 ptf2 tx2 usb_dm_ down tpm2ch0 ptf2/tx2/usb_dm_down/ tpm2ch0 a11 84 ? ? ptj4 rgpiop15 fb_ad16 ? ptj4/rgpiop15/fb_ad16 a10 85 ? ? ptj5 fb_ad15 ? ? ptj5/fb_ad15 b6 86 ? ? ptj6 fb_ad14 ? ? ptj6/fb_ad14 a9 87 ? ? ptj7 fb_ad13 ? ? ptj7/fb_ad13 a8 88 ? ? fb_ad12 ? ? ? fb_ad12 a7 89 a8 69 ptf3 scl fb_d5 fb_ad11 ptf3/scl/fb_d5/fb_ad11 a6 90 a7 70 ptf4 sda fb_d4 fb_ad10 ptf4/sda/fb_d4/fb_ad10 b5 91 b5 71 ptf5 kbi2p7 fb_d3 fb_ad9 ptf5/kbi2p7/fb_d3/fb_ad9 a5 92 a6 72 vusb33 ? ? ? vusb33 a4 93 b4 73 usb_dm ? ? ? usb_dm a3 94 a4 74 usb_dp ? ? ? usb_dp b4 95 a5 75 vbus ? ? ? vbus table 3. package pin assignments (continued) package default function alternate 1 alternate 2 alternate 3 composite pin name 104 mapb ga 100 lqfp 81 mapb ga 80 lqfp
mcf51je256 datasheet, rev. 4 pinouts and pin assignments freescale semiconductor 14 h4 96 f6 76 vss1 ? ? ? vss1 d4 97 e6 77 vdd1 ? ? ? vdd1 a1 98 a3 78 ptf6 mosi1 ? ? ptf6/mosi1 a2 99 b1 79 ptf7 miso1 ? ? ptf7/miso1 b1 100 a2 80 ptg0 spsck1 ? ? ptg0/spsck1 f4 ? b3 ? ptg1 usb_sess end ? ? ptg1/usb_sessend c4 ? ? ? ptg2 usb_dm_d own ? ? ptg2/usb_dm_down b3 ? ? ? ptg3 usb_dp_d own ? ? ptg3/usb_dp_down c2 ? ? ? ptg4 usb_sess vld ? ? ptg4/usb_sessvld table 3. package pin assignments (continued) package default function alternate 1 alternate 2 alternate 3 composite pin name 104 mapb ga 100 lqfp 81 mapb ga 80 lqfp
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 15 3 preliminary electrical characteristics this section contains electrical specification tables and refe rence timing diagrams for the mcf51je256/128 microcontroller, including detailed information on power considerations, dc/ac electrical characteristics, an d ac timing sp ecifications. the electrical specifications are preliminary and are from previous designs or design simulations. these specifications may not be fully tested or guaranteed at this early stag e of the product life cycle. these specifications will, however, be met for production silicon. finalized specifications will be published after complete characterization and device qualifications have been completed. note the parameters specified in this data sheet supersede any values found in the module specifications. 3.1 parameter classification the electrical parameters shown in this supplem ent are guaranteed by various methods. to give the customer a better understanding, the following classi fication is used and the parameters are tagged accordingly in the tabl es where appropriate: note the classification is shown in the column labeled ?c? in the parameter tables where appropriate. 3.2 absolute maximum ratings absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. stress beyond the limits speci fied in the following table may af fect device reliability or cause permanent damage to the de vice. for functional operating conditions, refer to the re maining tables in this section. table 4. parameter classifications p those parameters are guaranteed during produ ction testing on each individual device. c those parameters are achieved by the design charac terization by measuring a statistically relevant sample size across process variations. t those parameters are achieved by design characteri zation on a small sample size from typical devices under typical conditions unless otherwise noted. all va lues shown in the typical column are within this category. d those parameters are derived mainly from simulations.
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 16 this device contains circuitry protect ing against damage due to high static voltage or electrical fields; however, it is advised that normal precautions be ta ken to avoid application of any voltages higher than maximum-rated voltages to this high- impedance circuit. reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (for instance, either v ss or v dd ). 3.3 thermal characteristics this section provides information about operating temperature range, power dissipation, and package thermal resistance. power dissipation on i/o pins is usually small compared to the power dissipation in on-chip logic and it is user-deter mined rather than being controlled by the mcu design. in order to take p i/o into account in power calculations, determine the difference between actual pin voltage and v ss or v dd and multiply by the pin current for each i/o pin. ex cept in cases of unusuall y high pin current (heavy loads), the difference between pin voltage and v ss or v dd will be very small. table 5. absolute maximum ratings # rating symbol value unit 1 supply voltage v dd ?0.3 to 3.8 v 2 maximum current into v dd i dd 120 ma 3 digital input voltage v in ?0.3 to v dd + 0.3 v 4 instantaneous maximum current single pin limit (applies to all port pins) 1, 2, 3 1 input must be current limited to the value specified. to det ermine the value of the required current-limiting resistor, calculate resistance values for positive (v dd ) and negative (v ss ) clamp voltages, then use the larger of the two resistance values. 2 all functional non-supply pins are internally clamped to v ss and v dd . 3 power supply must maintain regulation within operating v dd range during instantaneous and operating maximum current conditions. if positive injection current (v in > v dd ) is greater than i dd , the injection current may flow out of v dd and could result in external power supply goi ng out of regulation. ensure external v dd load will shunt current greater than maximum injection current. this will be the greatest risk when the mcu is not consuming power. examples are: if no system clock is present, or if the clock rate is very low (which would reduce overall power consumption). i d ? 25 ma 5 storage temperature range t stg ?55 to 150 ? c
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 17 the average chip-junction temperature (t j ) in ? c can be obtained from: t j = t a + (p d ? ? ja ) eqn. 1 where: t a = ambient temperature, ? c ? ja = package thermal resist ance, junction-to-ambient, ? c/w p d = p int ?? p i/o p int = i dd ? v dd , watts ? chip internal power p i/o = power dissipation on input and output pins ? user determined for most applications, p i/o ?? p int and can be neglecte d. an approximate relationship between p d and t j (if p i/o is neglected) is: p d = k ? (t j + 273 ? c) eqn. 2 solving equation 1 and equation 2 for k gives: k = p d ? (t a + 273 ? c) + ? ja ? (p d ) 2 eqn. 3 table 6. thermal characteristics # symbol rating value unit 1 t a operating temperature range (packaged): ? c mcf51je256 ?40 to 105 mcf51je128 ?40 to 105 2 t jmax maximum junction temperature 135 ? c 3 ? ja thermal resistance 1,2,3,4 single-layer board ? 1s 1 junction temperature is a function of di e size, on-chip power dissipation, pac kage thermal resistance, mounting site (board) temperature, ambient temperature, air flow, po wer dissipation of other components on the board, and board thermal resistance. 2 junction to ambient natural convection 3 1s ? single layer board, one signal layer 4 2s2p ? four layer board, 2 signal and 2 power layers ? c/w 104-pin mbga 67 100-pin lqfp 53 81-pin mbga 67 80-pin lqfp 53 4 ? ja thermal resistance 1, 2, 3, 4 four-layer board ? 2s2p ? c/w 104-pin mbga 39 100-pin lqfp 41 81-pin mbga 39 80-pin lqfp 39
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 18 where k is a constant pertaining to the pa rticular part. k can be determined from equation 3 by measuring p d (at equilibrium) for a known t a . using this value of k, the values of p d and t j can be obtained by solving equation 1 and equation 2 iteratively for any value of t a . 3.4 esd protection characteristics although damage from static disc harge is much less common on th ese devices than on early cmos circuits, normal handling precautions should be used to avoid exposure to static discharge. qualification tests are performed to ensure that these devices can withstand exposure to reas onable levels of static without suffering any permanent damage. all esd testing is in conformity with cdf-aec-q00 stress test qu alification for automotive grade integrated circuits. (http://www.aecouncil.com/) this device was qualified to aec-q100 rev e. a device is considered to have failed if, after exposure to esd pulses, the device no longer meets the device specification requireme nts. complete dc parametric and fu nctional testing is performed per the applicable device specification at room temperature followed by hot temperature, unless specified otherwise in the de vice specification. 3.5 dc characteristics this section includes information about power supply requirements, i/o pin char acteristics, and power supply current in various operating modes. table 7. esd and latch-up test conditions model description symbol value unit human body series resistance r1 1500 ? storage capacitance c 100 pf number of pulse per pin ? 3 ? machine series resistance r1 0 ? storage capacitance c 200 pf number of pulse per pin ? 3 ? latch-up minimum input voltage limit ? ?2.5 v maximum input voltage limit ? 7.5 v table 8. esd and latch-up protection characteristics # rating symbol minimum maximum unit c 1 human body model (hbm) v hbm ? 2000 ? v t 2 machine model (mm) v mm ? 200 ? v t 3 charge device model (cdm) v cdm ? 500 ? v t 4 latch-up current at t a = 125 ? ci lat ?? 00 ? ma t
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 19 table 9. dc characteristics # symbol characteristic condition minimum typical 1 maximum unit c 1 ? operating voltage ? 1.8 2 ?3.6v? 2 v oh output high voltage all i/o pins, low-drive strength v dd ?? 1.8 v, i load = ?600 ? a v dd ? 0.5 ? ? v c all i/o pins, hi gh-drive strength v dd ?? 2.7 v, i load = ?10 ma v dd ? 0.5 ? ? v p v dd ?? 2.3 v, i load = ?6 ma v dd ? 0.5 ? ? v t v dd ?? 1.8v, i load = ?3 ma v dd ? 0.5 ? ? v c 3 i oht output high current max total i oh for all ports ? ? ? 100 ma d 4 v ol output low voltage all i/o pins, low-drive strength v dd ? 1.8 v, i load = 600 ? a ??0.5vc all i/o pins, high-drive strength v dd ? 2.7 v, i load = 10 ma ??0.5vp v dd ? 2.3 v, i load = 6 ma ??0.5vt v dd ? 1.8 v, i load = 3 ma ??0.5vc 5 i olt output low current max total i ol for all ports ? ? ? 100 ma d 6 v ih input high voltage all digital inputs v dd ? 2.7 v 0.70 x v dd ??vp v dd ?? 1.8 v 0.85 x v dd ??vc 7 v il input low voltage all digital inputs v dd ? 2.7 v ? ? 0.35 x v dd vp v dd ? 1.8 v ? ? 0.30 x v dd vc 8 v hys input hysteresis all digital inputs ? 0.06 x v dd ??mvc 9 |i in | input leakage current all input only pins (per pin) v in = v dd or v ss ??0.5 ? ap 10 |i oz | hi-z (off-state) leakage current 3 all input/output (per pin) v in = v dd or v ss ?0.0030.5 ? ap
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 20 11 r pu pull-up resistors all digital inputs, when enabled ? 17.5 ? 52.5 k ? p 12 r pd internal pull-down resistors 4 ? 17.5 ? 52.5 k ? p 13 i ic dc injection current 5, 6, 7 single pin limit v ss > v in > v dd ?0.2 ? 0.2 ma d total mcu limit, includes sum of all stressed pins v ss > v in > v dd ?5 ? 5 ma 14 c in input capacitance, all pins ? ? ? 8 pf c 15 v ram ram retention voltage ? ? 0.6 1.0 v c 16 v por por re-arm voltage 8 ?0.91.41.79vc 17 t por por re-arm time ? 10 ? ? ? sd 18 v lvdh low-voltage detection threshold ? high range 9 v dd falling 2.11 2.16 2.22 v p v dd rising 2.16 2.21 2.27 v p 19 v lvdl low-voltage detection threshold ? low range 9 v dd falling 1.80 1.82 1.91 v p v dd rising 1.86 1.90 1.99 v p 20 v lvwh low-voltage warning threshold ? high range 9 v dd falling 2.36 2.46 2.56 vp v dd rising 2.36 2.46 2.56 v p 21 v lvwl low-voltage warning threshold ? low range 9 v dd falling 2.11 2.16 2.22 v p v dd rising 2.16 2.21 2.27 v p 22 v hys low-voltage inhibi t reset/recover hysteresis 10 ??50?mvc 23 v bg bandgap voltage reference 11 ? 1.145 1.17 1.195 v p 1 typical values are measured at 25 ? c. characterized, not tested 2 as the supply voltage rises, the lvd circuit will hol d the mcu in reset until the supply has risen above v lvdl . 3 does not include analog module pins. dedi cated analog pins should not be pulled to vdd or vss and should be left floating when not used to reduce current leakage. 4 measured with v in = v dd . 5 all functional non-supply pins are internally clamped to v ss and v dd ,except ptd1. 6 input must be current limited to the value specified. to deter mine the value of the required current-limiting resistor, calcula te resistance values for positive and negative clamp voltages, t hen use the larger of the two values. 7 power supply must maintain regulation within operating v dd range during instantaneous and operating maxi mum current conditions. if positive injection current (v in > v dd ) is greater than i dd , the injection current may flow out of v dd and could result in external power supply going out of regulation. ensure external v dd load will shunt current greater than maximum injection current. this will be the greatest risk when the mcu is not consuming power. examples are: if no system clock is present, or if clock rate is very low (which would reduce overall p ower consumption). table 9. dc characteristics (continued) # symbol characteristic condition minimum typical 1 maximum unit c
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 21 3.6 supply current characteristics 8 maximum is highest voltage that por is guaranteed. 9 run at 1 mhz bus frequency. 10 low voltage detection and warning limits measured at 1 mhz bus frequency. 11 factory trimmed at v dd = 3.0 v, temp = 25 ? c. table 10. supply current characteristics # symbol parameter bus freq v dd (v) typical 1 maximum unit temperature ( ? c) c 1 ri dd run supply current fei mode, all modules on 2 25.165 mhz 3 44 48 ma ?40 to 25 p 25.165 mhz 3 44 48 ma 105 p 20 mhz 3 32.3 ? ma ?40 to 105 t 8 mhz 3 16.4 ? ma ?40 to 105 t 1 mhz 3 2.9 ? ma ?40 to 105 t 2 ri dd run supply current fei mode, all modules off 3 25.165 mhz 3 29 29.6 ma ?40 to 105 c 20 mhz 3 25.4 ? ma ?40 to 105 t 8 mhz 3 12.7 ? ma ?40 to 105 t 1 mhz 3 2.4 ? ma ?40 to 105 t 3 ri dd run supply current lpr=0, all modules off 3 16 khz fbi 3 232 280 ? a ?40 to 105 t 16 khz fbe 3 231 296 ? a ?40 to 105 t 4 ri dd run supply current lpr=1, all modules off 3 16 khz blpe 374 75 ? a 0 to 70 t 16 khz blpe 3 74 120 ? a ?40 to 105 t 5 wi dd wait mode supply current fei mode, all modules off 3 25.165 mhz 3 16.5 ? ma ?-40 to 105 c 20 mhz 3 10.3 ? ma ?-40 to 105 t 8 mhz 3 6.6 ? ma ?-40 to 105 t 1 mhz 3 1.7 ? ma ?-40 to 105 t
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 22 6 s2i dd stop2 mode supply current 4 n/a 3 0.410 1 ? a -40 to 25 p n/a 3 3.7 10 ? a70c n/a 3 10 20 ? a85c n/a 3 21 31.5 ? a105p n/a 2 0.410 0.640 ? a -40 to 25 c n/a 2 3.4 9 ? a70c n/a 2 9.5 18 ? a85c n/a 2 20 30 ? a105c 7 s3i dd stop3 mode supply current no clocks active n/a 3 0.750 1.3 ? a -40 to 25 p n/a 3 8.5 18 ? a70c n/a 3 20 28 ? a85c n/a 3 53 63 ? a105p n/a 2 0.400 0.900 ? a -40 to 25 c n/a 2 8.2 16 ? a70c n/a 2 18 26 ? a85c n/a 2 47 59 ? a105c 1 data in typical column was characterized at 3.0 v, 25c or is typical recommended value. 2 on = system clock gating control registers tu rn on system clock to the corresponding modules. 3 off = system clock gating control registers turn off system cloc k to the corresponding modules. 4 all digital pins must be configured to a known state to prev ent floating pins from adding curr ent. smaller packages may have so me pins that are not bonded out; however, software must still be configured to the largest pin package available so that all pins are in a k nown state. otherwise, floating pins that are not bonded in the smaller packages may result in a higher current draw. note: i/o pins are co nfigured to output low; input-only pins are configured to pullup-enabled. iro pin connects to grou nd. fb_ad12 pin is pullup-enabled. daco, and vrefo pins are at reset state and unconnected. table 11. stop mode adders # parameter condition temperature (c) units c -40257085105 1 lpo ? 50 75 100 150 250 na d 2 erefsten range = hgo = 0 600 650 750 850 1000 na d 3 irefsten 1 ?? 73 80 93 125 ? at 4 tod does not include clock source current 50 75 100 150 250 na d table 10. supply current characteristics (continued) # symbol parameter bus freq v dd (v) typical 1 maximum unit temperature ( ? c) c
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 23 figure 6. stop idd versus temperature 5 lvd 1 lvdse = 1 116 117 126 132 172 ? at 6 pracmp 1 not using the bandgap (bgbe = 0) 17 18 24 35 74 ? at 7 adc 1 adlpc = adlsmp = 1 not using the bandgap (bgbe = 0) 75 85 100 115 165 ? at 8 dac 1 high power mode; no load on daco 500 500 500 500 500 ? at 1 not available in stop2 mode. table 11. stop mode adders (continued) # parameter condition temperature (c) units c -40257085105
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 24 3.7 pracmp electricals 3.8 12-bit dac electricals table 12. pracmp electrical specifications # characteristic symbol minimum typical maximum unit c 1 supply voltage v pwr 1.8 ? 3.6 v p 2 supply current (active) (prg enabled) i ddact1 ??80 ? ad 3 supply current (active) (prg disabled) i ddact2 ??40 ? ad 4 supply current (acmp and prg all disabled) i dddis ?? 2 nad 5 analog input voltage vain v ss ? 0.3 ? v dd vd 6 analog input offset voltage vaio ? 5 40 mv d 7 analog comparator hysteresis v h 3.0 ? 20.0 mv d 8 analog input leakage current i alkg ?? 1 nad 9 analog comparator initialization delay t ainit ??1.0 ? sd 10 programmable reference generator inputs v in2 (v dd25 )1.8 ? 2.75 v d 11 programmable reference generator setup delay t prgst ?1? ? sd 12 programmable reference generator step size vstep 0.75 1 1.25 lsb d 13 programmable reference generator voltage range vprgout v in /32 ? v in vp table 13. dac 12lv operating requirements # characteristic symbol minimum maximum unit c 1 supply voltage v dda 1.8 3.6 v p 2 reference voltage v dacr 1.15 3.6 v c 3 temperature t a -40 105 c c 4 output load capacitance 1 1 a small load capacitance (47 pf) can improve the bandwidth performance of the dac. c l ? 100 pf c 5 output load current i l ?1mac
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 25 table 14. dac 12-bit operating behaviors # characteristic symbol minimum typical maximum unit c notes 1 resolution n 12 ? 12 bit t 2 supply current low-power mode i dda_dac lp ?50100 ? at 3 supply current high-power mode i dda_dac hp ? 345 500 ? at 4 full-scale settling time ( ? 1 lsb) (0x080 to 0xf7f or 0xf7f to 0x080) low-power mode ts fs lp ??200 ? st ? v dda = 3 v or 2.2 v ? v refsel = 1 ? temperature = 25c 5 full-scale settling time ( ? 1 lsb) (0x080 to 0xf7f or 0xf7f to 0x080) high-power mode ts fs hp ??30 ? st ? v dda = 3 v or 2.2 v ? v refsel = 1 ? temperature = 25c 6 code-to-code settling time ( ? 1 lsb) (0xbf8 to 0xc08 or 0xc08 to 0xbf8) low-power mode ts c-c lp ??5 ? s t ? v dda = 3 v or 2.2 v ? v refsel = 1 ? temperature = 25c 7 code-to-code settling time ( ? 1 lsb) (0xbf8 to 0xc08 or 0xc08 to 0xbf8) high-power mode ts c-c hp ?1? ? s t ? v dda = 3 v or 2.2 v ? v refsel = 1 ? temperature = 25c 8 dac output voltage range low (high-power mode, no load, dac set to 0, 3 v at room temperature) v dacoutl ?? 100 mv t 9 dac output voltage range high (high-power mode, no load, dac set to 0x0fff) v dacouth v dacr ?100 ? ? mv t 10 integral non-linearity error inl ? ? ? 8lsb t 11 differential non-linearity error v dacr is > 2.4 v dnl ? ? 1 lsb t 12 offset error e o ?0.43 %fsr t calculated by a best fit curve from vss + 100mv to v refh ?100mv 13 gain error (v ref = v ext = v dd ) e g ? 0.1 0.5 %fsr t calculated by a best fit curve from vss + 100mv to v refh ?100mv 14 power supply rejection ratio v dd ? 2.4 v psrr 60 ? ? db t
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 26 figure 7. offset at half scale vs temperature 3.9 adc characteristics 15 temperature drift of offset voltage (dac set to 0x0800) 1 t co ?? 2 mv t see typical drift figure that follows. 16 offset aging coefficient a c ??8 ? v/yr t 1 see typical drift figure that follows. table 15. 12-bit adc operating conditions # symb characteristic conditions minimum typical 1 maximum unit c 1 v ddad supply voltage absolute 1.8 ? 3.6 v d 2 ? v ddad supply voltage delta to v dd (v dd -v ddad ) 2 -100 0 +100 mv d 3 ? v ssad ground voltage delta to v ss (v ss -v ssad ) 2 -100 0 +100 mv d 4 v refh ref voltage high ? 1.13 v ddad v ddad vd table 14. dac 12-bit operating behaviors # characteristic symbol minimum typical maximum unit c notes
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 27 5 v refl ref voltage low ? v ssad v ssad v ssad vd 6 v adin input voltage ? v refl ?v refh vd 7 c adin input capacitance ??45pfc 8 r adin input resistance ? ? 2 5 k ? c 9 r as analog source resistance 3 12 bit mode f adck > 8 mhz ? ? 1k ? c 4 mhz < f adck > 8 mhz ?? 2 k ? c f adck < 4 mhz ? ? 5 k ? c 10-bit mode f adck > 8mhz ? ? 2 k ? c 4 mhz < f adck < 8 mhz ?? 5k ? c f adck < 4 mhz ??10k ? c 8-bit mode f adck > 8 mhz ?? 5 k ? c f adck < 8 mhz ??10k ? c 10 f adck adc conversion clock freq. high speed (adlpc=0, adhsc=1) 1.0 ? 8.0 mhz d high speed (adlpc=0, adhsc=0) 1.0 ? 5.0 mhz d low power (adlpc=1, adhsc=1) 1.0 ? 2.5 mhz d 1 typical values assume v ddad = 3.0v, temp = 25 ? c, f adck =1.0 mhz unless otherwise stated. typical values are for reference only and are not tested in production. 2 dc potential difference. 3 external to mcu. assumes adlsmp=0. table 15. 12-bit adc operating conditions (continued) # symb characteristic conditions minimum typical 1 maximum unit c
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 28 figure 8. adc input impedance equivalency diagram table 16. 12-bit sar adc charac teristics full operating range (v refh = v ddad , v refl = v ssad ) # symbol characteristic conditions 1 minimum typical 2 maximum unit c 1 i ddad supply current (adlsmp=0, adco=1) adlpc=1, adhsc=0 ? 215 ? ? at adlpc=0, adhsc=0 ? 470 ? ? at adlpc=0, adhsc=1 ? 610 ? ? at stop, reset, module off ? 0.01 ? ? ac 2 f adack adc asynchronous clock source (t adack =1/f adack ) adlpc=1, adhsc=0 ? 2.4 ? mhz p adlpc=0, adhsc=0 ? 5.2 ? mhz p adlpc=0, adhsc=1 ? 6.2 ? mhz p 3 ? sample time ? see reference manual for sample times. 4 ? conversion time ? see rreference manual for conversion times. 5 tue total unadjusted error 32x hardware averaging (avge = %1 avgs = %11) 12-bit single-ended mode ? ? 1.75 ? 3.5 lsb 3 t 10-bit single-ended mode ? ? 0.8 1.5 lsb 3 t 8-bit single-ended mode ? ? 0.5 1.0 lsb 3 t 6 differential non-linearity 12-bit single-ended mode ? ? 0.7 ? 1lsb 3 t 10-bit single-ended mode ? ? 0.5 0.75 lsb 3 t 8-bit single-ended mode ? ? 0.2 0.5 lsb 3 t + ? + ? v as r as c as v adin z as pad leakage due to input protection z adin simplified input pin equivalent circuit r adin adc sar engine simplified channel select circuit input pin r adin c adin input pin r adin input pin r adin
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 29 3.10 mcg and external oscill ator (xosc) characteristics 7 inl integral non-linearity 12-bit single-ended mode ? ? 1.0 ? 2.5 lsb 3 t 10-bit single-ended mode ? ? 0.5 1.0 lsb 3 t 8-bit single-ended mode ? ? 0.3 0.5 lsb 3 t 8 e zs zero-scale error (v adin = v ssad ) 12-bit single-ended mode ? ? 0.7 ? 2.0 lsb 3 t 10-bit single-ended mode ? ? 0.4 1.0 lsb 3 t 8-bit single-ended mode ? ? 0.2 0.5 lsb 3 t 9 e fs full-scale error (v adin = v ddad ) 12-bit single-ended mode ? ? 1.0 ? 3.5 lsb 3 t 10-bit single-ended mode ? ? 0.4 1.5 lsb 3 t 8-bit single-ended mode ? ? 0.2 0.5 lsb 3 t 10 e q quantization error all modes ? ? 0.5 lsb 3 d 11 e il input leakage error (i in = leakage current (refer to dc characteristics) all modes i in * r as mv d 12 m temp sensor slope -40 ? c to 25 ? c ? 1.646 ? mv/xc c 25 ? c to 125 ? c ? 1.769 ? mv/xc c 13 v temp25 temp sensor voltage 25 ? c ? 701.2 ? mv c 1 all accuracy numbers assume the adc is calibrated with v refh =v ddad . 2 typical values assume v ddad = 3.0v, temp = 25 ? c, f adck =2.0mhz unless otherwise stated. typical values are for reference only and are not tested in production. 3 1 lsb = (v refh - v refl )/2 n table 17. mcg (temperature range = ?40 to 105 ? c ambient) # rating symbol min typical max unit c 1 internal reference startup time t irefst ? 55 100 ? sd 2 average internal reference frequency factory trimmed at vdd=3.0v and temp=25 ? c f int_ft ? 31.25 ? khz c user trimmed 31.25 ? 39.0625 khz c 3 dco output frequency range - trimmed low range (drs=00) f dco_t 16 ? 20 mhz c mid range (drs=01) 32 ? 40 mhz c high range 1 (drs=10) 40 ? 60 mhz c 4 resolution of trimmed dco output frequency at fixed voltage and temperature with ftrim ? f dco_res_t ? ?? 0.1 ?? 0.2 %f dco c without ftrim ? ?? 0.2 ?? 0.4 %f dco c table 16. 12-bit sar adc charac teristics full operating range (v refh = v ddad , v refl = v ssad ) (continued) # symbol characteristic conditions 1 minimum typical 2 maximum unit c
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 30 5 total deviation of trimmed dco output frequency over voltage and temperature over voltage and temperature ? f dco_t ? ?? 1.0 ?? 2 %f dco p over fixed voltage and temp range of 0 - 70 ? c ? ?? 0.5 ?? 1 %f dco c 6 acquisition time fll 2 t fll_acquire ?? 1 msc pll 3 t pll_acquire ?? 1 msd 7 long term jitter of dco output clock (averaged over 2ms interval) 4 c jitter ? 0.02 0.2 %f dco c 8 vco operating frequency f vco 7.0 ? 55.0 mhz d 9 pll reference frequency range f pll_ref 1.0 ? 2.0 mhz d 10 jitter of pll output clock measured over 625 ns long term f pll_jitter_625 ns ? 0.566 4 ?%fplld 11 lock frequency tolerance entry 5 d lock ?? 1.49 ? ?? 2.98 % d exit 6 d unl ?? 4.47 ? ?? 5.97 % d 12 lock time fll t fll_lock ?? t fll_acquire+ 1075(1/ f int_t) sd pll t pll_lock ?? t pll_acquire+ 1075(1/ f pll_ref) sd 13 loss of external clock minimum frequency - range = 0 f loc_low (3/5) x f int_t ? ? khz d 14 loss of external clock minimum frequency - range = 1 f loc_high (16/5) x f int_t ??khzd 1 this should not exceed the maximum cpu frequency of 50.33 mhz. 2 this specification applies to any time the fll reference source or reference divider is changed, trim value is changed, dmx32 b it is changed, drs bit is changed, or chan ging from fll disabled (blpe, blpi) to fll enabled (fei, fee, fbe, fbi). if a crystal/reson ator is being used as the reference, this specification assu mes it is already running. 3 this specification applies to any time the pll vco divider or referenc e divider is changed, or changing from pll disabled (blpe , blpi) to pll enabled (pbe, pee). if a crystal/resonator is being used as the reference, this specification assumes it is already runn ing. 4 jitter is the average deviation from the programmed frequenc y measured over the specified interval at maximum f bus . measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. noise injected into the fll ci rcuitry via v dd and v ss and variation in crystal oscillator frequency increase the c jitter percentage for a given interval. 5 below d lock minimum, the mcg is guaranteed to enter lock. above d lock maximum, the mcg will not enter lock. but if the mcg is already in lock, then the mcg may stay in lock. 6 below d unl minimum, the mcg will not exit lock if already in lock. above d unl maximum, the mcg is guaranteed to exit lock. table 17. mcg (temperature range = ?40 to 105 ? c ambient) (continued) # rating symbol min typical max unit c
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 31 o table 18. xosc (temperature range = ?40 to 105 ? c ambient) # characteristic symbol minimum typical 1 1 data in typical column was characterized at 3.0 v, 25 ? c or is typical recommended value. maximum unit 1 oscillator crystal or resonator (erefs = 1, erclken = 1) ? low range (range = 0) f lo 32 ? 38.4 khz ? high range (range = 1), ? fee or fbe mode 2 2 when mcg is configured for fee or fbe mode, input clock source must be divisible using rdiv to within the range of 31.25 khz to 39.0625 khz. f hi-fll 1? 5mhz ? high range (range = 1), ? pee or pbe mode 3 3 when mcg is configured for pee or pbe mode, input clock source must be divisible using rdiv to within the range of 1 mhz to 2 mh z. f hi-pll 1?16mhz ? high range (range = 1), ? high gain (hgo = 1), ? fbelp mode f hi-hgo 1?16mhz ? high range (range = 1), ? low power (hgo = 0), ? fbelp mode f hi-lp 1? 8mhz 2 load capacitors c 1 c 2 see note 4 4 see crystal or resonator manufacturer?s recommendation. 3 feedback resistor low range (32 khz to 38.4 khz) r f ? 10 ? m ? high range (1 mhz to 16 mhz) ?? 1 ? 4 series resistor ? low range low gain (hgo = 0) r s ?0 ? k ? high gain (hgo = 1) ? 100 ? 5 series resistor ? high range ? low gain (hgo = 0) r s ?0 ? k ? ? high gain (hgo = 1) ? 8 mhz ? 0 0 4 mhz ? 0 10 1 mhz ? 0 20 6 crystal start-up time 5, 6 5 this parameter is characterized and not tested on each device. 6 proper pc board layout procedures must be followed to achieve specifications. low range, low gain (range=0,hgo=0) t cstl ? 200 ? ms low range, high gain (range=0,hgo=1) ? 400 ? high range, low gain (range=1,hgo=0) t csth ?5 ? high range, high gain (range=1, hgo=1) ?15 ?
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 32 3.11 mini-flexbus timing specifications a multi-function external bus inte rface called mini-flexbus is provi ded with basic functionality to interface to slave-only devices up to a maximum bus frequency of 25.1666 mhz . it can be directly connected to asynchronous or synchronous devices such as external boot roms, flash memories , gate-array logic, or other simple target (slave ) devices with little or no additional circuitry. for asynchronous devices, a simple chip-select based interface can be used. all processor bus timings are synchronous; that is, i nput setup/hold and output de lay are given in respect to the rising edge of a reference clock, mb_clk. the mb_clk frequency is half the internal system bus frequency. the following timing numbers indicate wh en data is latched or driven ont o the external bus, relative to the mini-flexbus output clock (mb_clk) . all other timing relationships can be derived from these values. table 19. mini-flexbus ac timing specifications # characteristic symbol min max unit c 1 frequency of operation ? ? 25.1666 mhz ? 2 clock period mb1 39.73 ? ns d 3 output valid 1 1 specification is valid for all mb_a[19:0], mb_d[7:0], mb_cs[ 1:0], mb_oe , mb_r/w , and mb_ale. mb2 ? 20 ns t 4 output hold 1 mb3 1.0 ? ns d 5 input setup 2 2 specification is valid for all mb_d[7:0]. mb4 22 ? ns t 6 input hold 2 mb5 10 ? ns d
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 33 figure 9. mini-flexbus read timing figure 10. mini-flexbus write timing
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 34 3.12 ac characteristics this section describes ac timing charac teristics for each peripheral system. 3.12.1 control timing table 20. control timing # parameter symbol minimum typica l 1 1 typical values are based on characterization data at v dd = 5.0 v, 25 ? c unless otherwise stated. maximum unit c 1 bus frequency (t cyc = 1/f bus ) v dd ? 1.8 v f bus dc ? 10 mhz d v dd > 2.1 v f bus dc ? 20 mhz d v dd > 2.4 v f bus dc ? 25.165 mhz d 2 internal low-power oscillator period t lpo 700 1000 1300 ? s p 3 external reset pulse width 2 2 this is the shortest pulse that is guaranteed to be recognized as a reset pin request. shorter pulses are not guaranteed to ove rride reset requests from in ternal sources. (t cyc = 1/f self_reset ) t extrst 100 ? ? ns d 4 reset low drive t rstdrv 66 x t cyc ??nsd 5 active background debug mode latch setup time t mssu 500 ? ? ns d 6 active background debug mode latch hold time t msh 100 ? ? ns d 7 irq pulse width ? asynchronous path 2 ? synchronous path 3 3 this is the minimum pulse width that is guaranteed to pass thr ough the pin synchronization circuitr y. shorter pulses may or may not be recognized. in stop mode, the synchronizer is bypass ed so shorter pulses can be recognized in that case. t ilih, t ihil 100 1.5 x t cyc ??ns d 8 kbipx pulse width ? asynchronous path 2 ? synchronous path 3 t ilih, t ihil 100 1.5 x t cyc ??ns d 9 port rise and fall time (load = 50 pf) 4 , low drive 4 timing is shown with respect to 20% v dd and 80% v dd levels. temperature range ?40 ? c to 105 ? c. slew rate control disabled (ptxse = 0) t rise , t fall ?11?nsd slew rate control enabled (ptxse = 1) t rise , t fall ?35?nsd slew rate control disabled (ptxse = 0) t rise , t fall ?40?nsd slew rate control enabled (ptxse = 1) t rise , t fall ?75?nsd
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 35 figure 11. reset timing figure 12. irq/kbipx timing t extrst reset pin t ihil irq/kbipx t ilih irq/kbipx
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 36 3.12.2 tpm timing synchronizer circuits determine the s hortest input pulses that can be re cognized or the fastest clock that can be used as the optional external source to the timer counter. these synchr onizers operate from the current bus rate clock. figure 13. timer external clock figure 14. timer input capture pulse table 21. tpm input timing # c function symbol minimum maximum unit 1 ? external clock frequency f tpmext dc f bus /4 mhz 2 ? external clock period t tpmext 4?t cyc 3 d external clock high time t clkh 1.5 ? t cyc 4 d external clock low time t clkl 1.5 ? t cyc 5 d input capture pulse width t icpw 1.5 ? t cyc t tpmext t clkh t clkl tpmxclk t icpw tpmxchn t icpw tpmxchn
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 37 3.13 spi characteristics the following table and figure 15 through figure 18 describe the timing require ments for the spi system. table 22. spi timing no. 1 1 numbers in this column identify elements in figure 15 through figure 18 . characteristic 2 2 all timing is shown with respect to 20% v dd and 70% v dd , unless noted; 100 pf load on all spi pins. all timing assumes slew rate control disabled and high drive strength enabled for spi output pins. symbol minimum maximum unit c 1 operating frequency master slave f op f op f bus /2048 0 f bus /2 f bus /4 hz hz d 2 spsck period master slave t spsck t spsck 2 4 2048 ? t cyc t cyc d 3 enable lead time master slave t lead t lead 1 ? 2 1 ? ? t spsck t cyc d 4 enable lag time master slave t lag t lag 1 ? 2 1 ? ? t spsck t cyc d 5 clock (spsck) high or low time master slave t wspsck t wspsck t cyc ? ? 30 t cyc ? 30 1024 t cyc ? ns ns d 6 data setup time (inputs) master slave t su t su 15 15 ? ? ns ns d 7 data hold time (inputs) master slave t hi t hi 0 25 ? ? ns ns d 8 slave access time 3 3 time to data active from high-impedance state. t a ?1t cyc d 9 slave miso disable time 4 4 hold time to high-impedance state. t dis ?1t cyc d 10 data valid (after spsck edge) master slave t v t v ? ? 25 25 ns ns d 11 data hold time (outputs) master slave t ho t ho 0 0 ? ? ns ns d 12 rise time input output t ri t ro ? ? t cyc ? 25 25 ns ns d 13 fall time input output t fi t fo ? ? t cyc ? 25 25 ns ns d
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 38 figure 15. spi master timing (cpha = 0) figure 16. spi master timing (cpha = 1) sck (output) sck (output) miso (input) mosi (output) ss 1 (output) msb in 2 bit 6 . . . 1 lsb in msb out 2 lsb out bit 6 . . . 1 (cpol = 0) (cpol = 1) notes: 2. lsbf = 0. for lsbf = 1, bit or der is lsb, bit 1, ..., bit 6, msb. 1. ss output mode (modfen = 1, ssoe = 1). 2 2 3 5 6 7 11 12 5 11 4 4 sck (output) sck (output) miso (input) mosi (output) msb in (2) bit 6 . . . 1 lsb in msb out (2) lsb out bit 6 . . . 1 (cpol = 0) (cpol = 1) ss (1) (output) 1. ss output mode (modfen = 1, ssoe = 1). 2. lsbf = 0. for lsbf = 1, bit orde r is lsb, bit 1, ..., bit 6, msb. notes: 2 2 3 4 5 6 7 11 12 5 4
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 39 figure 17. spi slave timing (cpha = 0) figure 18. spi slave timing (cpha = 1) sck (input) sck (input) mosi (input) miso (output) ss (input) msb in bit 6 . . . 1 lsb in msb out slave lsb out bit 6 . . . 1 (cpol = 0) (cpol = 1) note: slave see note 1. not defined, but normally ms b of character just received 2 2 3 4 6 7 8 9 11 12 5 5 4 sck (input) sck (input) mosi (input) miso (output) msb in bit 6 . . . 1 lsb in msb out slave lsb out bit 6 . . . 1 see (cpol = 0) (cpol = 1) ss (input) note: slave note 1. not defined, but normally ls b of character just received 2 2 3 4 6 7 8 9 11 12 4 5 5
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 40 3.14 flash specifications this section provides details about program/erase times and program-erase endurance for the flash memory. program and erase operations do not require any special power s ources other than the normal v dd supply. for more detailed information abou t program/erase operations , see the memory chapter in the reference manual for this device (mcf51je256rm). 3.15 usb electricals the usb electricals for the usb on-the-go modul e conform to the standards documented by the universal serial bus implementers forum. for the most up-to-date standards, visit http://www.usb.org. if the freescale usb on-the-go implementation has electrical characteristics that deviate from the standard or require additional information, this spa ce would be used to communicate that information. table 23. flash characteristics # characteristic symbol minimum typical maximum unit c 1 supply voltage for program/erase -40 ? c to 105 ? cv prog/erase 1.8 ? 3.6 v d 2 supply voltage for read operation v read 1.8 ? 3.6 v d 3 internal fclk frequency 1 1 the frequency of this clock is controlled by a software setting. f fclk 150 ? 200 khz d 4 internal fclk period (1/fclk) t fcyc 5?6.67 ? sd 5 byte program time (random location) 2 t prog 9t fcyc p 6 byte program time (burst mode) 2 t burst 4t fcyc p 7 page erase time 2 2 these values are hardware state machine c ontrolled. user code does not need to count cycles. this information supplied for calc ulating approximate time to program and erase. t page 4000 t fcyc p 8 mass erase time 2 t mass 20,000 t fcyc p 9 program/erase endurance 3 t l to t h = ?40 ? c to + 105 ? c t = 25 ? c 3 typical endurance for flash was evaluated for this product family on the hc9s12dx64. for additional information on how freescale defines typical endurance, please refer to engineering bulletin eb619, typical endurance for nonvolatile memory . 10,000 ? ? 100,000 ? ? cycles c 10 data retention 4 4 typical data retention values are based on intrinsic capability of the tech nology measured at high temperature and de-rated to 25 ? c using the arrhenius equation. for additional information on how freescale defines typical data retentio n, please refer to engineering bulletin eb618, typical data retention for nonvolatile memory. t d_ret 15 100 ? years c table 24. internal usb 3.3 v voltage regulator characteristics # characteristic symbol minimum typical maximu m unit c 1 regulator operating voltage v regin 3.9 ? 5.5 v c 2vreg output v regout 3 3.3 3.75 v p
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 41 3.16 vref electrical specifications 3 v usb33 input with internal vreg disabled v usb33in 33.33.6v c 4 vreg quiescent current i vrq ?0.5?mac table 25. vref electrical specifications # characteristic symbol minimum maximum unit c 1 supply voltage v dda 1.80 3.6 v c 2 temperature t a ?40 105 ? c c 3 output load capacitance c l ? 100 nf d 4 maximum load ? ? 10 ma ? 5 voltage reference output with factory tr i m . v dd = 3 v. vout 1.148 1.152 v p 6 temperature drift (vmin - vmax across the full temperature range) tdrift ? 25 mv 1 1 see typical chart below. t 7 aging coefficient 2 2 linear reliability model (1008 hours stress at 125 o c = 10 years operating life) used to calculate aging ? v/year. vrefo data recorded per month. ac ? 60 ? v/year c 8 powered down current (off mode, vrefen = 0, vrsten = 0) i ? 0.10 ? ac 9 bandgap only (mode_lv[1:0] = 00) i ? 75 ? at 10 low-power buffer (mode_lv[1:0] = 01) i ? 125 ? at 11 tight-regulation buffer (mode_lv[1:0] = 10) i?1.1mat 12 load regulation (mode_lv = 10) ? ? 100 ? v/ma c 13 line regulation mode = 1:0, tight regulation vdd < 2.3 v, delta vdda = 100 mv, vrefh = 1.2 v driven externally with vrefo disabled. (power supply rejection dc 70 ? db c table 24. internal usb 3.3 v voltage regulator characteristics (continued) # characteristic symbol minimum typical maximu m unit c
mcf51je256 datasheet, rev. 4 preliminary electrical characteristics freescale semiconductor 42 figure 19. typical vref output vs temperature table 26. vref limited range operating behaviors # characteristic symbol minimum maximum unit c 1 voltage reference output with factory trim v out 1.149 1.152 mv t 2 temperature drift (vmin ? vmax temperature range from 0 c to 50 c tdrift ? 3 mv 1 1 see typical chart that follows ( figure 19 ). t
preliminary electrical characteristics mcf51je256 datasheet, rev. 4 freescale semiconductor 43 figure 20. typical vref output vs v dd
mcf51je256 datasheet, rev. 4 ordering information freescale semiconductor 44 4 ordering information this section contains ordering informat ion for the device numbering system. see table 1 for feature summary by package information. 4.1 part numbers 4.2 package information 4.3 mechanical drawings table 28 provides the available package types and their document numbers. the latest package outline/mechanical drawings are available on the mcf51je256/128 product summary pages at http://www.freescale.com . to view the latest drawing, either: ? click on the appropriate link in table 28, or table 27. orderable part number summary freescale part number description flash / sram (kbytes) package temperature mcf51je256vml mcf51je256 coldfire microcontroller 256k/32k 104 mapbga ?40 to 105 c mcf51je256vll mcf51je256 coldfire microcontroller 256k/32k 100 lqfp ?40 to 105 c MCF51JE256VMB mcf51je256 coldfire microcontroller 256k/32k 81 mapbga ?40 to 105 c mcf51je256vlk mcf51je256 coldfire microcontroller 256k/32k 80 lqfp ?40 to 105 c mcf51je128vmb mcf51je128 coldfire microcontroller 128k/32k 81 mapbga ?40 to 105 c mcf51je256cml mcf51je256 coldfire microcontroller 256k/32k 104 mapbga ?40 to 85 c mcf51je256cll mcf51je256 coldfire mi crocontroller 256k/32k 10o lqfp ?40 to 85 c mcf51je256cmb mcf51je256 coldfire microcontroller 256k/32k 81 mapbga ?40 to 85 c mcf51je256clk mcf51je256 coldfire microcontroller 256k/32k 80 lqfp ?40 to 85 c mcf51je128cmb mcf51je128 coldfire microcontroller 128k/32k 81 mapbga ?40 to 85 c mcf51je128clk mcf51je128 coldfire microcontroller 128k/32k 80 lqfp ?40 to 85 c table 28. package descriptions pin count package type abbreviation designator case no. document no. 100 low quad flat package lqfp ll 983-03 98ass23308w 80 low quad flat package lqfp lk 1418 98ass23174w 104 map bga package mapbga ml 1285-02 98arh98267a 81 map bga package mapbga mb 1662-01 98asa10670d
revision history mcf51je256 datasheet, rev. 4 freescale semiconductor 45 ? open a browser to the freescale ? website ( http://www.freescale.com ), and enter the appropriate document number (from table 28 ) in the ?enter keyword? search box at the top of the page. 5 revision history this section lists major changes between versions of the mcf51je256 data sheet. table 29. revision history revision date description 0 march/april 09 initial draft 1 july 2009 ? revised to follow standard template. ? removed extraneous headings from the toc. ? corrected units for monotoncity to be blank in for the dac specification. ? updated adc characteristic tables to include 16-bit sar in headings. 2 july 2009 ? changed mcg (xosc) electricals table - row 2, average internal reference frequency typical value from 32.768 to 31.25 3 april 2010 ? updated thermal characteristics table. reinserted the 81 and 104 mapbga devices. ? revised the esd and latch-up protection characeristic description to read: latch-up current at t a = 125c. ? changed ta b l e 9 . dc characteristics rows 2 and 4, to 1.8 v, iload = -600 ma conditions to 1.8 v, iload = 600 ? a respectively. ? corrected the 16-bit sar adc operating condition table ref voltage high min value to be 1.13 instead of 1.15. ? updated the adc electricals. ? inserted the mini-flexbus timing specifications. ? added a temp drift parameter to t he vref electrical specifications. ? removed the s08 naming convention diagram. ? updated the orderable part number summary to include the freescale part number suffixes. ? completed the package description table values. ? changed the 80lqfp package drawing from 98arl10530d to 98ass23174w. ? updated electrical characteristic data.
mcf51je256 datasheet, rev. 4 revision history freescale semiconductor 46 4 august 2012 ?in ta b l e 1 .?mcf51je256/128 features by mcu and package, removed the row of ?12-bit sar adcdifferential channels?. ? in ta b l e 3 , ?package pin assignments?, changed from: ?a1? ? ptg1 usb_ sessend to:?b3? ? ptg1 usb_ sessend. ? in ta bl e 1 0 ,?supply current characteristics?, for s3i dd changed the max value from ?1.2? to ?1.3? and typical value from ?0.650? to ?0.750? for the first row. ? in ta b l e 1 0 ,?supply current characteristics?: ? for parameter 3 and parameter 4 changed lps to lpr. ? for parameter 3,changed ?fbilp? to ?fbi?. ? for parameter 4, changed ?fbelp? to ?blpe?. ? fixed the tbd parameters and added figur e"typical output vs vdd", following the same setup of mm256ds ? added figure 7 ,?offset at half scale vs temperature?. ? updated ta b l e 9 ,?dc characteristics ?. ? updated ta b l e 1 0 ,?supply current characteristics ?. ? updated ta b l e 1 1 ,?stop mode adders?. ? added figure 20 ,?typical output vs. v dd . ? updated ta b l e 1 4 ,?dac 12-bit operating behaviors?. ? updated ta b l e 2 0 ,?control timing?. ? removed ?spi electrical characteristics? table. ? updated ta b l e 2 5 ?vref electrical specifications ?. ? updated ta b l e 2 6 ,?vref limited range operating behaviors ?. ? updated figure 3 , figure 4 , and figure 5 . table 29. revision history revision date description
document number: mcf51je256 rev. 4 08/2012 how to reach us: home page: www.freescale.com web support: http://www.freescale.com/support usa/europe or locations not listed: freescale semiconductor, inc. technical information center, el516 2100 east elliot road tempe, arizona 85284 1-800-521-6274 or +1-480-768-2130 www.freescale.com/support europe, middle east, and africa: freescale halbleiter deutschland gmbh technical information center schatzbogen 7 81829 muenchen, germany +44 1296 380 456 (english) +46 8 52200080 (english) +49 89 92103 559 (german) +33 1 69 35 48 48 (french) www.freescale.com/support japan: freescale semiconductor japan ltd. headquarters arco tower 15f 1-8-1, shimo-meguro, meguro-ku, tokyo 153-0064 japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com asia/pacific: freescale semiconductor china ltd. exchange building 23f no. 118 jianguo road chaoyang district beijing 100022 china +86 10 5879 8000 support.asia@freescale.com freescale semiconductor literature distribution center p.o. box 5405 denver, colorado 80217 1-800-441-2447 or +1-303-675-2140 fax: +1-303-675-2150 ldcforfreescalesemiconduc tor@hibbertgroup.com information in this document is provid ed solely to enable system and software implementers to use freescale semiconduc tor products. there are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. freescale semiconductor reserves the right to make changes without further notice to any products herein. freescale semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does freescale semiconductor assume any liability arising out of the application or use of any product or circuit, and specif ically disclaims any and all liability, including without limitation consequential or incidental damages. ?typical? parameters that may be provided in freescale semiconductor data s heets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typicals?, must be validated for each customer application by customer?s technical experts. freescale semiconductor does not convey any license under its patent rights nor the rights of others. freescale semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applic ations intended to support or sustain life, or for any other application in which the failure of the freescale semiconductor product could create a situation where personal injury or death may occur. should buyer purchase or use freescale semiconductor products for any such unintended or unauthorized application, buyer shall indemnify and hold freescale semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that freescale semiconductor was negligent regarding the design or manufacture of the part. rohs-compliant and/or pb-free versions of freescale products have the functionality and electrical characteristics as thei r non-rohs-compliant and/or non-pb-free counterparts. for further information, see http://www.freescale.com or contact your freescale sales representative. for information on freescale?s environmental products program, go to http://www.freescale.com/epp . freescale? and the freescale logo are trademarks of freescale semiconductor, inc. all other product or service names are the property of their respective owners. ? freescale semiconductor, inc. 2009-2012. all rights reserved.


▲Up To Search▲   

 
Price & Availability of MCF51JE256VMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X