Part Number Hot Search : 
XBXXX 600ETTT 20001 SN54LS15 SMBJ33A D1556 74LCX CFD1264P
Product Description
Full Text Search
 

To Download MBRX0520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.0  0.2 2.8  0.1 1.9 0.1 cathode band top view 3.7  0.2 0.6  0.25 1.4 0.15 0.10-0.30 ? low profile package ? for surface mouted applications ? idear for automated placement ? low power loss,high efficiency ? high temperature soldering: 250 ??/10 seconds at terminals ? case:jedec sod-123fl,molded plastic over passivated chip ? polarity: color band denotes cathode end ? weight: 0.006 ounces, 0.02 gram ? device marking code: b2 maximum ratings and electrical characteristics ratings at 25 ?? ambient temperature unless otherwise specified. single phase,half wave,60hz,resistive or inductive load.for capactive load,derate current by 20%. absolute ratings units v v v ??/w ??/w ?? ?? notes:1.mounted on pc board fr4 with minimum pad size 2. 1 inch square pad size (1?0.5 inch for each lead)on fr4 board. t j t stg -55---+150 -55---+150 6.5 r j a r j l 200 150 20 20 20 0.5 on rated load @ t l =25 ?? typical thermal resistance to ambient (note 1) operating temperature range storage temperature range typical thermal resistance to lead (note 2) i fsm v rwm v r i (av) parameter symbol value maximum repetitive peak reverse voltage maximum working peak reverse voltage maximum dc blocking voltage v rrm a a reverse voltage: 20 v current: 0.5 a sod - 123fl maximum average forword rectified current at rated v r @t l =129?? peak forward surge current 8.3ms single half-sine-wave superimposed dimensions in millimeters MBRX0520 small surface mount schottky rectifier features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics typ. max. unit - 0.375 - 0.260 - 0.440 - 0.360 a 7.0 ma v i r v r =20v,t j =100?? (note 3) i f =0.5a,t j =25?? i f =0.5a,t j =100?? v f - - - symbol parameter maximum instantaneous @i f =0.1a,t j =25?? forward voltage i f =0.1a,t j =100?? - min maximum dc reverse current @v r =10v,t j =25?? 40 at rated dc blocking voltage v r =10v,t j =100?? 3.0 ma notes: 3.pulse tes<300s, duty cycle<2% . document number 0281037 blgalaxy electrical 2. vr=20v,tj=25?? 150 m a - - - - - - - - m ax.junction capacitance c t - - 110 pf ( note 4) 4.v r =5v dc (test signal range 100khz to 1mhz). MBRX0520 small surface mount schottky rectifier http://www.luguang.cn mail:lge@luguang.cn
fig. 2 - maximum non-repetitive forward peak forward surge current, (a) number of cycles at 60hz surge current fig. 1 - typical forward current average forward current, (a) lead temperature, ( ?? ) derating curve fig. 3 - typical instantaneous forward characteristics instantaneous forward current, (a) instantaneous forward voltage, (v) fig. 4 - typical reverse characteristics instantaneous reverse current, (ua) percent of rated peak reverse voltage, (%) junction capacitance, (pf) fig. 5 - typical junction capacitance reverse voltage, ( v ) 0 0.6 0.8 50 60 70 80 90 100 110 120 130 140 150 0.4 0.2 resistiv e or inductive load 0 1.5 3.0 4.5 6.0 7.5 9.0 1 100 10 8.3 single half sine-wave (jedec method) at rated t l 1 0.1 0.01 0 0.2 0.1 0.4 0.3 0.6 0.5 0.8 0.7 0.001 0.01 0.1 1 0 2 04 0 6 08 0 1 0 0 1000 100 10 1 0 5 10 15 20 25 30 4035 MBRX0520 small surface mount schottky rectifier ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of MBRX0520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X