Part Number Hot Search : 
42024 AMS317A SMCJ28CA 154K1 LT3763 AOD476 4053B RL5225B
Product Description
Full Text Search
 

To Download MAX1213EGKTD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max1213 is a monolithic, 12-bit, 170msps analog- to-digital converter (adc) optimized for outstanding dynamic performance at high-if frequencies up to 300mhz. the product operates with conversion rates up to 170msps while consuming only 788mw. at 170msps and an input frequency up to 250mhz, the max1213 achieves a spurious-free dynamic range (sfdr) of 72.9dbc. its excellent signal-to-noise ratio (snr) of 65.8db at 10mhz remains flat (within 2db) for input tones up to 250mhz. this adc yields an excellent low-noise floor of -68dbfs, which makes it ideal for wideband applications such as cable head-end receivers and power-amplifier predistortion in cellular base-station transceivers. the max1213 requires a single 1.8v supply. the analog input is designed for either differential or single-ended operation and can be ac- or dc-coupled. the adc also features a selectable on-chip divide-by-2 clock circuit, which allows the user to apply clock frequencies as high as 340mhz. this helps to reduce the phase noise of the input clock source. a low-voltage differential signal (lvds) sampling clock is recommended for best perfor- mance. the converter? digital outputs are lvds com- patible and the data format can be selected to be either two? complement or offset binary. the max1213 is available in a 68-pin qfn package with exposed paddle (ep) and is specified over the industrial (-40? to +85?) temperature range. see the pin-compatible versions table for a complete selection of 8-bit, 10-bit, and 12-bit high-speed adcs in this family (with and without input buffers). applications base-station power-amplifier linearization cable head-end receivers wireless and wired broadband communication communications test equipment radar and satellite subsystems features ? 170msps conversion rate ? low noise floor of -68dbfs ? excellent low-noise characteristics snr = 65.8db at f in = 65mhz snr = 64.5db at f in = 250mhz ? excellent dynamic range sfdr = 76.5dbc at f in = 65mhz sfdr = 72.9dbc at f in = 250mhz ? 59.5db npr for f notch = 28.8mhz and a noise bandwidth of 50mhz ? single 1.8v supply ? 788mw power dissipation at f sample = 170mhz and f in = 65mhz ? on-chip track-and-hold amplifier ? internal 1.23v-bandgap reference ? on-chip selectable divide-by-2 clock input ? lvds digital outputs with data clock output ? max1213 ev kit available max1213 1.8v, 12-bit, 170msps adc for broadband applications ________________________________________________________________ maxim integrated products 1 part temp range pin-package max1213egk-d -40 c to +85 c 68 qfn-ep* max1213egk+d -40 c to +85 c 68 qfn-ep* ordering information 19-1003; rev 3; 9/06 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. + denotes a lead-free package. *ep = exposed paddle. d = dry pack. evaluation kit available pin-compatible versions part resolution (bits) speed grade (msps) on-chip buffer max1121 8 250 yes max1122 10 170 yes max1123 10 210 yes max1124 10 250 yes max1213 12 170 yes max1214 12 210 yes max1215 12 250 yes max1213n 12 170 no max1214n 12 210 no max1215n 12 250 no pin configuration appears at end of data sheet.
max1213 1.8v, 12-bit, 170msps adc for broadband applications 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (av cc = ov cc = 1.8v, agnd = ognd = 0, f sample = 170mhz, differential sine-wave clock input drive, 0.1? capacitor on refio, internal reference, digital output pins differential r l = 100 ? 1%, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. av cc to agnd ..................................................... -0.3v to +2.1v ov cc to ognd .................................................... -0.3v to +2.1v av cc to ov cc ...................................................... -0.3v to +2.1v agnd to ognd ................................................... -0.3v to +0.3v inp, inn to agnd ....................................-0.3v to (av cc + 0.3v) refio, refadj to agnd ........................-0.3v to (av cc + 0.3v) all digital inputs to agnd........................-0.3v to (av cc + 0.3v) all digital outputs to ognd ....................-0.3v to (ov cc + 0.3v) continuous power dissipation (t a = +70?, multilayer board) 68-pin qfn-ep (derate 41.7mw/? above +70?)........................................................3333mw/? operating temperature range ...........................-40? to +85? junction temperature .....................................................+150? storage temperature range ............................-60? to +150? maximum current into any pin .........................................?0ma lead temperature (soldering,10s) ..................................+300? parameter symbol conditions min typ max units dc accuracy resolution 12 bits integral nonlinearity (note 2) inl f in = 10mhz, t a = +25 c-2 0.75 +2 lsb differential nonlinearity (note 2) dnl t a = +25 c, no missing codes -0.8 0.3 +0.8 lsb transfer curve offset v os t a = +25 c (note 2) -3.3 +3.3 mv offset temperature drift 40 ?/ c analog inputs (inp, inn) full-scale input voltage range v fs t a = +25 c (note 2) 1320 1454 1590 mv p-p full-scale range temperature drift 130 ppm/ c common-mode input range v cm internally self-biased 1.365 ?.15 v input capacitance c in 2.5 pf differential input resistance r in 3.00 4.2 6.25 k ? full-power analog bandwidth fpbw 700 mhz reference (refio, refadj) reference output voltage v refio t a = +25 c, refadj = agnd 1.18 1.23 1.30 v reference temperature drift 90 ppm/ c refadj input high voltage v refadj used to disable the internal reference av cc - 0.1 v sampling characteristics maximum sampling rate f sample 170 mhz minimum sampling rate f sample 20 mhz clock duty cycle set by clock-management circuit 40 to 60 % aperture delay t ad figures 4, 11 620 ps aperture jitter t aj figure 11 0.2 ps rms
max1213 1.8v, 12-bit, 170msps adc for broadband applications _______________________________________________________________________________________ 3 electrical characteristics (continued) (av cc = ov cc = 1.8v, agnd = ognd = 0, f sample = 170mhz, differential sine-wave clock input drive, 0.1? capacitor on refio, internal reference, digital output pins differential r l = 100 ? 1%, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1) parameter symbol conditions min typ max units clock inputs (clkp, clkn) differential clock input amplitude (note 3) 200 500 mv p-p clock input common-mode voltage range internally self-biased 1.15 ?.25 v clock differential input resistance r clk 11 ?5% k ? clock differential input capacitance c clk 5pf dynamic characteristics (at -1dbfs) f in = 10mhz, t a +25 c 64.5 66.2 f in = 65mhz, t a +25 c 64.5 65.8 f in = 200mhz 65 signal-to-noise ratio snr f in = 250mhz 64.5 db f in = 10mhz, t a +25 c64 65.9 f in = 65mhz, t a +25 c 63.5 65.2 f in = 200mhz 63.9 signal-to-noise and distortion sinad f in = 250mhz 63.5 db f in = 10mhz, t a +25 c7383 f in = 65mhz, t a +25 c69 76.5 f in = 200mhz 70.7 spurious-free dynamic range sfdr f in = 250mhz 72.9 dbc f in = 10mhz, t a +25 c -85 -73 f in = 65mhz, t a +25 c -76.5 -69 f in = 200mhz -70.7 worst harmonics (hd2 or hd3) f in = 250mhz -72.9 dbc two-tone intermodulation distortion ttimd f in1 = 99mhz at -7dbfs, f in2 = 101mhz at -7dbfs -78 dbc noise power ratio npr f notch = 28.8mhz 1mhz, noise bw = 50mhz, a in = -9.1dbfs 59.5 db lvds digital outputs (d0p/n?11p/n, orp/n) differential output voltage |v od |r l = 100 ? 1% 250 400 mv output offset voltage ov os r l = 100 ? 1% 1.125 1.310 v
max1213 1.8v, 12-bit, 170msps adc for broadband applications 4 _______________________________________________________________________________________ electrical characteristics (continued) (av cc = ov cc = 1.8v, agnd = ognd = 0, f sample = 170mhz, differential sine-wave clock input drive, 0.1? capacitor on refio, internal reference, digital output pins differential r l = 100 ? 1%, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1) parameter symbol conditions min typ max units lvcmos digital inputs (clkdiv, t /b) digital input voltage low v il 0.2 x av cc v digital input voltage high v ih 0.8 x av cc v timing characteristics clk-to-data propagation delay t pdl figure 4 1.75 ns clk-to-dclk propagation delay t cpdl figure 4 4.95 ns dclk-to-data propagation delay t pdl - t cpdl figure 4 (note 3) 2.8 3.2 3.6 ns lvds output rise time t rise 20% to 80%, c l = 5pf 460 ps lvds output fall time t fall 20% to 80%, c l = 5pf 460 ps output data pipeline delay t latency figure 4 11 clock cycles power requirements analog supply voltage range av cc 1.70 1.80 1.90 v digital supply voltage range ov cc 1.70 1.80 1.90 v analog supply current i avcc f in = 65mhz 375 425 ma digital supply current i ovcc f in = 65mhz 63 75 ma analog power dissipation p diss f in = 65mhz 788 900 mw offset 1.8 mv/v power-supply rejection ratio (note 4) psrr gain 1.5 %fs/v note 1: +25? guaranteed by production test, < +25? guaranteed by design and characterization. note 2: static linearity and offset parameters are computed from a best-fit straight line through the code transition points. the full- scale range (fsr) is defined as 4095 x slope of the line. note 3: parameter guaranteed by design and characterization: t a = t min to t max . note 4: psrr is measured with both analog and digital supplies connected to the same potential.
max1213 1.8v, 12-bit, 170msps adc for broadband applications _______________________________________________________________________________________ 5 typical operating characteristics (av cc = ov cc = 1.8v, agnd = ognd = 0, f sample = 170mhz, a in = -1dbfs; see each toc for detailed information on test condi- tions, differential input drive, differential sine-wave clock input drive, 0.1? capacitor on refio, internal reference, digita l output pins differential r l = 100 ? , t a = +25?.) fft plot (8192-point data record) max1213 toc01 analog input frequency (mhz) amplitude (dbfs) -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 -110 hd2 f sample = 170mhz f in = 12.47192mhz a in = -1.001dbfs snr = 66.7db sinad = 66.4db sfdr = 83.8dbc hd2 = -83.8dbc hd3 = -84dbc hd3 70 60 40 50 20 30 10 0 80 fft plot (8192-point data record) max1213 toc02 analog input frequency (mhz) amplitude (dbfs) -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 -110 hd2 f sample = 170mhz f in = 65.09888mhz a in = -1.099dbfs snr = 66.5db sinad = 65.7db sfdr = 76dbc hd2 = -77.7dbc hd3 = -76dbc hd3 70 60 40 50 20 30 10 0 80 fft plot (8192-point data record) max1213 toc03 analog input frequency (mhz) amplitude (dbfs) -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 -110 hd2 f sample = 170mhz f in = 200.11108mhz a in = -1.025dbfs snr = 65db sinad = 63.9db sfdr = 70.7dbc hd2 = -74.8dbc hd3 = -70.7dbc hd3 70 60 40 50 20 30 10 0 80 fft plot (8192-point data record) max1213 toc04 analog input frequency (mhz) amplitude (dbfs) -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 -110 hd2 f sample = 170mhz f in = 250.04038mhz a in = -1.040dbfs snr = 64.5db sinad = 63.5db sfdr = 72.9dbc hd2 = -77.4dbc hd3 = -72.9dbc hd3 70 60 40 50 20 30 10 0 80 two-tone imd plot (8192-point data record) max1213 toc05 analog input frequency (mhz) amplitude (dbfs) -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 -110 f in2 f sample = 170mhz f in1 = 99.25659mhz f in2 = 101.08276mhz a in1 = a in2 = -6.974dbfs imd = -78dbc f in1 - f in2 f in1 + f in2 3f in2 - 2f in1 2f in1 - f in2 f in1 70 60 40 50 20 30 10 0 80 45 50 60 55 65 70 0100 50 150 200 250 300 snr/sinad vs. analog input frequency (f sample = 170mhz, a in = -1dbfs) max1213 toc06 f in (mhz) snr/sinad (db) snr sinad 40 45 50 55 60 65 70 75 80 85 90 95 0 50 100 150 200 250 300 sfdr vs. analog input frequency (f sample = 170mhz, a in = -1dbfs max1213 toc07 f in (mhz) sfdr (dbc) -100 -85 -90 -95 -80 -75 -70 -65 -60 -55 -50 0 100 50 150 200 250 300 hd2/hd3 vs. analog input frequency (f sample = 170mhz, a in = -1dbfs) max1213 toc08 f in (mhz) hd2/hd3 (dbc) hd3 hd2 10 30 20 50 40 60 70 -55 -45 -40 -35 -50 -30 -25 -20 -15 -10 -5 0 max1213 toc09 analog input amplitude (dbfs) snr/sinad (db) sinad snr/sinad vs. analog input amplitude (f sample = 170mhz, f in = 65.098877mhz) snr
max1213 1.8v, 12-bit, 170msps adc for broadband applications 6 _______________________________________________________________________________________ typical operating characteristics (continued) (av cc = ov cc = 1.8v, agnd = ognd = 0, f sample = 170mhz, a in = -1dbfs; see each toc for detailed information on test condi- tions, differential input drive, differential sine-wave clock input drive, 0.1? capacitor on refio, internal reference, digita l output pins differential r l = 100 ? , t a = +25?.) 30 50 40 70 60 80 90 -55 -45 -40 -35 -50 -30 -25 -20 -15 -10 -5 0 max1213 toc10 analog input amplitude (dbfs) sfdr (dbc) sfdr vs. analog input amplitude (f sample = 170mhz, f in = 65.098877mhz) -100 -80 -90 -60 -70 -40 -50 -30 -55 -45 -40 -35 -50 -30 -25 -20 -15 -10 -5 0 max1213 toc11 analog input amplitude (dbfs) hd2/hd3 (dbc) hd2/hd3 vs. analog input amplitude (f sample = 170mhz, f in = 65.098877mhz) hd2 hd3 40 50 45 60 55 70 65 75 04060 20 80 100 120 140 160 180 snr/sinad vs. sample frequency (f in = 65mhz, a in = -1dbfs) max1213 toc12 f sample (mhz) snr/sinad (db) snr sinad 55 60 65 70 75 80 85 040 20 60 80 100 120 140 160 180 max1213 toc13 f sample (mhz) sfdr (dbc) sfdr vs. sample frequency (f in = 65mhz, a in = -1dbfs) -110 -100 -105 -90 -95 -80 -85 -75 -65 -70 -60 0 406080 20 100 120 140 160 180 max1213 toc14 f sample (mhz) hd2/hd3 (dbc) hd2/hd3 vs. sample frequency (f in = 65mhz,a in = -1dbfs) hd3 hd2 710 730 750 770 790 810 830 20 60 40 80 100 120 140 160 180 total power dissipation vs. sample frequency (f in = 65mhz, a in = -1dbfs) max1213 toc15 f sample (mhz) p diss (mw) -2.0 -1.2 -1.6 -0.4 -0.8 0.4 0 0.8 1.6 1.2 2.0 0 1024 1536 512 2048 2560 3072 3584 4096 integral nonlinearity vs. digital output code max1213 toc16 digital output code inl (lsb) f in = 12.5mhz -1.0 -0.6 -0.8 -0.2 -0.4 0.2 0 0.4 0.8 0.6 1.0 0 1024 1536 512 2048 2560 3072 3584 4096 differential nonlinearity vs. digital output code max1213 toc17 digital output code dnl (lsb) f in = 12.5mhz gain bandwidth plot (f sample = 170mhz, a in = -1dbfs) max1213 toc18 analog input frequency (mhz) gain (db) 100 -6 -5 -4 -3 -2 -1 0 1 -7 10 1000 differential transformer coupling
max1213 1.8v, 12-bit, 170msps adc for broadband applications _______________________________________________________________________________________ 7 typical operating characteristics (continued) (av cc = ov cc = 1.8v, agnd = ognd = 0, f sample = 170mhz, a in = -1dbfs; see each toc for detailed information on test condi- tions, differential input drive, differential sine-wave clock input drive, 0.1? capacitor on refio, internal reference, digita l output pins differential r l = 100 ? , t a = +25?.) sinad 60 63 62 61 64 65 66 67 68 69 70 -40 10 -15 35 60 85 snr/sinad vs. temperature (f in = 65mhz, a in = -1dbfs) max1213 toc19 temperature ( c) snr/sinad (db) snr 64 66 68 70 72 74 76 78 80 -40 -15 10 35 60 85 sfdr vs. temperature (f in = 65mhz, a in = -1dbfs) max1213 toc20 temperature ( c) sfdr (dbc) -100 -88 -92 -96 -84 -80 -76 -72 -68 -64 -60 -40 10 -15 35 60 85 hd2/hd3 vs. temperature (f in = 65mhz, a in = -1dbfs) max1213 toc21 temperature ( c) hd2/hd3 (dbc) hd3 hd2 60 64 72 68 76 80 snr/sinad, sfdr vs. supply voltage (f in = 65.098877mhz, a in = -1dbfs) max1213 toc22 voltage supply (v) snr/sinad, sfdr (db, dbc) 1.70 1.80 1.75 1.85 1.90 av cc = ov cc sfdr snr sinad 1.2450 1.2470 1.2510 1.2490 1.2530 1.2550 internal reference vs. supply voltage max1213 toc23 voltage supply (v) v refio (v) 1.70 1.80 1.75 1.85 1.90 measured at the refio pin refadj = av cc = ov cc 0 2 1 4 3 5 6 -40 10 -15 35 60 85 propagation delay times vs. temperature max1213 toc24 temperature ( c) propagation delay (ns) t cpdl t pdl 20 30 25 40 35 50 45 55 65 60 70 -40 -30 -25 -35 -20 -15 -10 -5 0 noise-power ratio vs. analog input power (f notch = 28.2mhz 1mhz) max1213 toc25 analog input power (dbfs) npr (db) -100 -80 -90 -60 -70 -40 -50 -30 -10 -20 0 0101520 525303545 40 50 noise-power ratio plot (wide noise bandwidth: 50mhz) max1213 toc26 analog input frequency (mhz) npr (db) f notch = 28.8mhz npr = 59.5db
max1213 1.8v, 12-bit, 170msps adc for broadband applications 8 _______________________________________________________________________________________ pin description pin name function 1, 6, 11?4, 20, 25, 62, 63, 65 av cc analog supply voltage. bypass each pin with a parallel combination of 0.1? and 0.22? capacitors for best decoupling results. 2, 5, 7, 10, 15, 16, 18, 19, 21, 24, 64, 66, 67 agnd analog converter ground 3 refio reference input/output. with refadj pulled high, this i/o port allows an external reference source to be connected to the max1213. with refadj pulled low, the internal 1.23v bandgap reference is active. 4 refadj reference adjust input. refadj allows for fsr adjustments by placing a resistor or trim potentiometer between refadj and agnd (decreases fsr) or refadj and refio (increases fsr). if refadj is connected to av cc , the internal reference can be overdriven with an external source connected to refio. if refadj is connected to agnd, the internal reference is used to determine the fsr of the data converter. 8 inp positive analog input terminal. internally self-biased to 1.365v. 9 inn negative analog input terminal. internally self-biased to 1.365v. 17 clkdiv clock divider input. this lvcmos-compatible input controls which speed the converter? digital outputs are updated with. clkdiv has an internal pulldown resistor. clkdiv = 0: adc updates digital outputs at one-half the input clock rate. clkdiv = 1: adc updates digital outputs at input clock rate. 22 clkp true clock input. this input ideally requires an lvpecl-compatible input level to maintain the converter? excellent performance. internally self-biased to 1.15v. 23 clkn complementary clock input. this input ideally requires an lvpecl-compatible input level to maintain the converter? excellent performance. internally self-biased to 1.15v. 26, 45, 61 ognd digital converter ground. ground connection for digital circuitry and output drivers. 27, 28, 41, 44, 60 ov cc digital supply voltage. bypass with a 0.1? capacitor for best decoupling results. 29 d0n complementary output bit 0 (lsb) 30 d0p true output bit 0 (lsb) 31 d1n complementary output bit 1 32 d1p true output bit 1 33 d2n complementary output bit 2 34 d2p true output bit 2 35 d3n complementary output bit 3 36 d3p true output bit 3
max1213 1.8v, 12-bit, 170msps adc for broadband applications _______________________________________________________________________________________ 9 pin description (continued) pin name function 37 d4n complementary output bit 4 38 d4p true output bit 4 39 d5n complementary output bit 5 40 d5p true output bit 5 42 dclkn complementary clock output. this output provides an lvds-compatible output level and can be used to synchronize external devices to the converter clock. 43 dclkp true clock output. this output provides an lvds-compatible output level and can be used to synchronize external devices to the converter clock. 46 d6n complementary output bit 6 47 d6p true output bit 6 48 d7n complementary output bit 7 49 d7p true output bit 7 50 d8n complementary output bit 8 51 d8p true output bit 8 52 d9n complementary output bit 9 53 d9p true output bit 9 54 d10n complementary output bit 10 55 d10p true output bit 10 56 d11n complementary output bit 11 (msb) 57 d11p true output bit 11 (msb) 58 orn complementary output for out-of-range control bit. if an out-of-range condition is detected, bit orn flags this condition by transitioning low. 59 orp true output for out-of-range control bit. if an out-of-range condition is detected, bit orp flags this condition by transitioning high. 68 t /b two? complement or binary output format selection. this lvcmos-compatible input controls the digital output format of the max1213. t /b has an internal pulldown resistor. t /b = 0: two? complement output format. t /b = 1: binary output format. ?p exposed paddle. the exposed paddle is located on the backside of the chip and must be connected to analog ground for optimum performance.
max1213 1.8v, 12-bit, 170msps adc for broadband applications 10 ______________________________________________________________________________________ detailed description theory of operation the max1213 uses a fully differential pipelined archi- tecture that allows for high-speed conversion, opti- mized accuracy, and linearity while minimizing power consumption and die size. both positive (inp) and negative/complementary ana- log input terminals (inn) are centered around a com- mon-mode voltage of 1.365v, and accept a differential analog input voltage swing of v fs / 4 each, resulting in a typical differential full-scale signal swing of 1.454v p-p . inputs inp and inn are buffered prior to entering each t/h stage and are sampled when the differential sam- pling clock signal transitions high. each pipeline converter stage converts its input voltage to a digital output code. at every stage, except the last, the error between the input voltage and the digital out- put code is multiplied and passed along to the next pipeline stage. digital error correction compensates for adc comparator offsets in each pipeline stage and ensures no missing codes. the result is a 12-bit parallel digital output word in user-selectable two? complement or offset binary output formats with lvds-compatible output levels. see figure 1 for a more detailed view of the max1213 architecture. analog inputs (inp, inn) inp and inn are the fully differential inputs of the max1213. differential inputs usually feature good rejec- tion of even-order harmonics, which allows for enhanced ac performance as the signals are progress- ing through the analog stages. the max1213 analog inputs are self-biased at a common-mode voltage of 1.365v and allow a differential input voltage swing of 1.454v p-p (figure 2). both inputs are self-biased through 2k ? resistors, resulting in a typical differential input resistance of 4k ? . it is recommended to drive the analog inputs of the max1213 in ac-coupled configu- ration to achieve best dynamic performance. see the transformer-coupled, differential analog input drive section for a detailed discussion of this configuration. max1213 clock- divider control clkdiv clock management input buffer dclkp d0p/n?11p/n dclkn 12 orp orn 2.2k ? 2.2k ? clkp clkn inp inn common-mode buffer refio refadj lvds data port reference t/h 12-bit pipeline quantizer core 2.2k ? inp 2.2k ? agnd common-mode voltage (1.365v) common-mode voltage (1.365v) inn to common mode to common mode 1.454v p-p differential fsr inp inn av cc +v fs / 4 -v fs / 4 +v fs / 4 -v fs / 4 v fs / 2 v fs / 2 figure 1. simplified max1213 block diagram figure 2. simplified analog input architecture and allowable input voltage range
max1213 1.8v, 12-bit, 170msps adc for broadband applications ______________________________________________________________________________________ 11 on-chip reference circuit the max1213 features an internal 1.23v bandgap refer- ence circuit (figure 3), which in combination with an inter- nal reference-scaling amplifier determines the fsr of the max1213. bypass refio with a 0.1? capacitor to agnd. to compensate for gain errors or increase the adc? fsr, the voltage of this bandgap reference can be indirectly adjusted by adding an external resistor (e.g., 100k ? trim potentiometer) between refadj and agnd or refadj and refio. see the applications information section for a detailed description of this process. to disable the internal reference, connect refadj to av cc . in this configuration, an external, stable refer- ence must be applied to refio to set the converter? full scale. to enable the internal reference, connect refadj to agnd. clock inputs (clkp, clkn) designed for a differential lvds clock input drive, it is recommended to drive the clock inputs of the max1213 with an lvds- or lvpecl-compatible clock to achieve the best dynamic performance. the clock signal source must be a high-quality, low-phase noise with fast edge rates to avoid any degradation in the noise performance of the adc. the clock inputs (clkp, clkn) are internal- ly biased to 1.15v, accept a typical differential signal swing of 0.5v p-p , and are usually driven in ac-coupled configuration. see the differential, ac-coupled, lvpecl-compatible clock input section for more circuit details on how to drive clkp and clkn appropriately. although not recommended, the clock inputs also accept a single-ended input signal. the max1213 also features an internal clock-manage- ment circuit (duty-cycle equalizer) that ensures that the clock signal applied to inputs clkp and clkn is processed to provide a 50% duty-cycle clock signal that desensitizes the performance of the converter to variations in the duty cycle of the input clock source. note that the clock duty-cycle equalizer cannot be turned off externally and requires a minimum clock fre- quency of > 20mhz to work appropriately and accord- ing to data sheet specifications. data clock outputs (dclkp, dclkn) the max1213 features a differential clock output, which can be used to latch the digital output data with an external latch or receiver. additionally, the clock output can be used to synchronize external devices (e.g., fpgas) to the adc. dclkp and dclkn are differential outputs with lvds-compatible voltage levels. there is a 4.95ns delay time between the rising (falling) edge of clkp (clkn) and the rising edge of dclkp (dclkn). see figure 4 for timing details. divide-by-2 clock control (clkdiv) the max1213 offers a clock control line (clkdiv), which supports the reduction of clock jitter in a system. connect clkdiv to ognd to enable the adc? internal divide-by-2 clock divider. data is now updated at one- half the adc? input clock rate. clkdiv has an internal pulldown resistor and can be left open for applications that require this divide-by-2 mode. connecting clkdiv to ov cc disables the divide-by-2 mode. max1213 reference buffer adc full scale = reft-refb reft: top of reference ladder. refb: bottom of reference ladder. 1v av cc av cc /2 g control line to disable reference buffer reference scaling amplifier refio refadj 0.1 f 100 ? * *refadj may be shorted to agnd directly reft refb figure 3. simplified reference architecture
max1213 1.8v, 12-bit, 170msps adc for broadband applications 12 ______________________________________________________________________________________ system timing requirements figure 4 depicts the relationship between the clock input and output, analog input, sampling event, and data output. the max1213 samples on the rising (falling) edge of clkp (clkn). output data is valid on the next rising (falling) edge of the dclkp (dclkn) clock, but has an internal latency of 11 clock cycles. digital outputs (d0p/n?11p/n, dclkp/n, orp/n) and control input t /b digital outputs d0p/n?11p/n, dclkp/n, and orp/n are lvds compatible, and data on d0p/n?11p/n is presented in either binary or two?-complement format (table 1). the t /b control line is an lvcmos-compati- ble input, which allows the user to select the desired output format. pulling t /b low outputs data in two? complement and pulling it high presents data in offset binary format on the 12-bit parallel bus. t /b has an internal pulldown resistor and may be left unconnected in applications using only two? complement output for- mat. all lvds outputs provide a typical voltage swing of 0.325v around a common-mode voltage of roughly 1.15v, and must be differentially terminated at the far end of each transmission line pair (true and comple- mentary) with 100 ? . the lvds outputs are powered from a separate power supply, which can be operated between 1.7v and 1.9v. the max1213 offers an additional differential output pair (orp, orn) to flag out-of-range conditions, where out-of-range is above positive or below negative full scale. an out-of-range condition is identified with orp (orn) transitioning high (low). note: although a differential lvds output architecture reduces single-ended transients to the supply and ground planes, capacitive loading on the digital out- puts should still be kept as low as possible. using lvds buffers on the digital outputs of the adc when driving larger loads may improve overall performance and reduce system-timing constraints. sampling event inn inp clkn clkp dclkp dclkn d0p/n d11p/n orp/n sampling event sampling event sampling event t cl t ch t ad t pdl t cpdl - t pdl ~ 0.4 x t sample with t sample = 1/f sample note: the adc samples on the rising edge of clkp. the rising edge of dclkp can be used to externally latch the output data. t cpdl t latency t cpdl - t pdl n n + 1 n + 8 n + 9 n - 8 n - 8 n - 7 n - 1 n + 1 n n - 7 n n + 1 figure 4. system and output timing diagram
max1213 1.8v, 12-bit, 170msps adc for broadband applications ______________________________________________________________________________________ 13 applications information fsr adjustments using the internal bandgap reference the max1213 supports a full-scale adjustment range of 10% (?%). to decrease the full-scale signal range, an external resistor value ranging from 13k ? to 1m ? may be added between refadj and agnd. a similar approach can be taken to increase the adc? full-scale range (fsr). adding a variable resistor, potentiometer, or predetermined resistor value between refadj and refio increases the fsr of the data converter. figure 6a shows the two possible configurations and their impact on the overall full-scale range adjustment of the max1213. do not use resistor values of less than 13k ? to avoid instability of the internal gain regulation loop for the bandgap reference. see figure 6b for the results of the adjustment range for a selection of resis- tors used to trim the full-scale range of the max1213. table 1. max1213 digital output coding inp analog input voltage level inn analog input voltage level out-of-range orp (orn) binary digital output code (d11p/n?0p/n) two? complement digital output code (d11p/n?0p/n) > v cm + v fs / 4 < v cm - v fs / 4 1 (0) 1111 1111 1111 (exceeds +fs, or set) 0111 1111 1111 (exceeds +fs, or set) v cm + v fs / 4 v cm - v fs / 4 0 (1) 1111 1111 1111 (+fs) 0111 1111 1111 (+fs) v cm v cm 0 (1) 1000 0000 0000 or 0111 1111 1111 (fs/2) 0000 0000 0000 or 1111 1111 1111 (fs/2) v cm - v fs / 4 v cm + v fs / 4 0 (1) 0000 0000 0000 (-fs) 1000 0000 0000 (-fs) < v cm + v fs / 4 > v cm - v fs / 4 1 (0) 00 0000 0000 (exceeds -fs, or set) 10 0000 0000 (exceeds -fs, or set) v on ognd ov cc v op 2.2k ? 2.2k ? figure 5. simplified lvds output architecture max1213 reference buffer adc full scale = reft-refb reft: top of reference ladder. refb: bottom of reference ladder. 1v av cc av cc /2 g control line to disable reference buffer reference scaling amplifier refio refadj 13k ? to 1m ? 0.1 f reft refb 13k ? to 1m ? figure 6a: circuit suggestions to adjust the adc? full-scale range fs voltage vs. fs adjust resistor max1213 fig06b fs adjust resistor (k ? ) v fs (v) 875 750 500 625 250 375 125 1.39 1.41 1.43 1.45 1.47 1.49 1.51 1.53 1.55 1.57 1.37 0 1000 resistor value applied between refadj and refio increases v fs resistor value applied between refadj and agnd decreases v fs figure 6b: fs adjustment range vs. fs adjustment resistor
max1213 1.8v, 12-bit, 170msps adc for broadband applications 14 ______________________________________________________________________________________ differential, ac-coupled, lvpecl-compatible clock input the max1213 dynamic performance depends on the use of a very clean clock source. the phase noise floor of the clock source has a negative impact on the snr performance. spurious signals on the clock signal source also affect the adc? dynamic range. the pre- ferred method of clocking the max1213 is differentially with lvds- or lvpecl-compatible input levels. the fast data transition rates of these logic families minimize the clock-input circuitry? transition uncertainty, thereby improving the snr performance. to accomplish this, a 50 ? reverse-terminated clock signal source with low phase noise is ac-coupled into a fast differential receiver such as the mc100lvel16d (figure 7). the receiver produces the necessary lvpecl output levels to drive the clock inputs of the data converter. transformer-coupled, differential analog input drive in general, the max1213 provides the best sfdr and thd with fully differential input signals and it is not re- commended to drive the adc inputs in single-ended configuration. in differential input mode, even-order harmonics are usually lower since inp and inn are bal- anced, and each of the adc inputs only requires half the signal swing compared to a single-ended configu- ration. wideband rf transformers provide an excellent solution to convert a single-ended signal to a fully dif- ferential signal, required by the max1213 to reach its optimum dynamic performance. a secondary-side termination of a 1:1 transformer (e.g., mini-circuit? adt1-1wt) into two separate 24.9 ? ?% resistors (use tight resistor tolerances to minimize effects of imbalance; 0.5% would be an ideal choice) placed between top/bottom and center tap of the trans- former is recommended to maximize the adc? dynam- ic range. this configuration optimizes thd and sfdr performance of the adc by reducing the effects of transformer parasitics. however, the source imped- ance combined with the shunt capacitance provided by a pc board and the adc? parasitic capacitance limit the adc? full-power input bandwidth to approxi- mately 600mhz. mc100lvel16d vgnd agnd ognd d0p/n?11p/n av cc v clk 0.1 f 0.1 f 0.1 f 0.1 f 0.01 f single-ended input terminal 150 ? 150 ? clkp clkn inp inn ov cc 12 2 8 45 7 6 3 50 ? 510 ? 510 ? max1213 figure 7. differential, ac-coupled, lvpecl-compatible clock input configuration
max1213 1.8v, 12-bit, 170msps adc for broadband applications ______________________________________________________________________________________ 15 to further enhance thd and sfdr performance at high-input frequencies (>100mhz), a second trans- former (figure 8) should be placed in series with the single-ended-to-differential conversion transformer. this transformer reduces the increase of even-order harmonics at high frequencies. single-ended, ac-coupled analog inputs although not recommended, the max1213 can be used in single-ended mode (figure 9). analog signals can be ac-coupled to the positive input inp through a 0.1? capacitor and terminated with a 49.9 ? resistor to agnd. the negative input should be reverse terminated with 49.9 ? resistors and ac-grounded with a 0.1? capacitor. grounding, bypassing, and board layout considerations the max1213 requires board layout design techniques suitable for high-speed data converters. this adc pro- vides separate analog and digital power supplies. the analog and digital supply voltage pins accept input voltage ranges of 1.7v to 1.9v. although both supply types can be combined and supplied from one source, it is recommended to use separate sources to cut down on performance degradation caused by digital switch- ing currents, which can couple into the analog supply network. isolate analog and digital supplies (av cc and ov cc ) where they enter the pc board with separate networks of ferrite beads and capacitors to their corre- sponding grounds (agnd, ognd). agnd ognd d0p/n?11p/n av cc inp inn ov cc 12 max1213 0.1 f 25 ? 25 ? 0.1 f adt1-1wt adt1-1wt 10 ? 10 ? single-ended input terminal agnd ognd d0p/n?11p/n av cc inp 49.9 ? 1% 49.9 ? 1% inn ov cc 12 max1213 0.1 f single-ended input terminal 0.1 f figure 8. analog input configuration with back-to-back transformers and secondary-side termination figure 9. single-ended ac-coupled analog input configuration
max1213 1.8v, 12-bit, 170msps adc for broadband applications 16 ______________________________________________________________________________________ to achieve optimum performance, provide each supply with a separate network of a 47f tantalum capacitor and parallel combinations of 10f and 1f ceramic capacitors. additionally, the adc requires each supply pin to be bypassed with separate 0.1f ceramic capacitors (figure 10). locate these capacitors directly at the adc supply pins or as close as possible to the max1213. choose surface-mount capacitors, whose preferred location should be on the same side as the converter to save space and minimize the inductance. if close placement on the same side is not possible, these bypassing capacitors may be routed through vias to the bottom side of the pc board. multilayer boards with separated ground and power planes produce the highest level of signal integrity. consider the use of a split ground plane arranged to match the physical location of analog and digital ground on the adc? package. the two ground planes should be joined at a single point such that the noisy digital ground currents do not interfere with the analog ground plane. the dynamic currents that may need to travel long distances before they are recombined at a common-source ground, resulting in large and undesir- able ground loops, are a major concern with this approach. ground loops can degrade the input noise by coupling back to the analog front end of the convert- er, resulting in increased spurious activity, leading to decreased noise performance. alternatively, all ground pins could share the same ground plane, if the ground plane is sufficiently isolated from any noisy, digital systems ground. to minimize the coupling of the digital output signals from the analog input, segregate the digital output bus carefully from the analog input circuitry. to further minimize the effects of digital noise coupling, ground return vias can be posi- tioned throughout the layout to divert digital switching currents away from the sensitive analog sections of the adc. this approach does not require split ground planes, but can be accomplished by placing substantial ground connections between the analog front end and the digital outputs. the max1213 is packaged in a 68-pin qfn-ep pack- age (package code: g6800-4) , providing greater design flexibility, increased thermal dissipation, and optimized ac performance of the adc. the exposed paddle (ep) must be soldered down to agnd. in this package, the data converter die is attached to an ep lead frame with the back of this frame exposed at the package bottom surface, facing the pc board side of the package. this allows a solid attachment of the package to the board with standard infrared (ir) flow soldering techniques. thermal efficiency is one of the factors for selecting a package with an exposed pad for the max1213. the exposed pad improves thermal and ensures a solid ground connection between the dac and the pc board? analog ground layer. considerable care must be taken when routing the digi- tal output traces for a high-speed, high-resolution data converter. it is recommended running the lvds output traces as differential lines with 100 ? matched imped- ance from the adc to the lvds load device. agnd note: each power-supply pin (analog and digital) should be decoupled with an individual 0.1 f capacitor as close as possible to the adc. bypassing-adc level bypassing-board level analog power- supply source ognd agnd ognd d0p/n?11p/n 1 f 10 f 0.1 f 0.1 f 47 f av cc ov cc 12 max1213 av cc digital/output driver power- supply source 1 f 10 f47 f ov cc figure 10. grounding, bypassing, and decoupling recommendations for max1213
max1213 1.8v, 12-bit, 170msps adc for broadband applications ______________________________________________________________________________________ 17 static parameter definitions integral nonlinearity (inl) integral nonlinearity is the deviation of the values on an actual transfer function from a straight line. this straight line can be either a best straight-line fit or a line drawn between the end points of the transfer function, once offset and gain errors have been nullified. however, the static linearity parameters for the max1213 are mea- sured using the histogram method with an input fre- quency of 10mhz. differential nonlinearity (dnl) differential nonlinearity is the difference between an actual step width and the ideal value of 1lsb. a dnl error specification of less than 1lsb guarantees no missing codes and a monotonic transfer function. the max1213? dnl specification is measured with the his- togram method based on a 10mhz input tone. dynamic parameter definitions aperture jitter figure 11 depicts the aperture jitter (t aj ), which is the sample-to-sample variation in the aperture delay. aperture delay aperture delay (t ad ) is the time defined between the rising edge of the sampling clock and the instant when an actual sample is taken (figure 11). signal-to-noise ratio (snr) for a waveform perfectly reconstructed from digital samples, the theoretical maximum snr is the ratio of the full-scale analog input (rms value) to the rms quantization error (residual error). the ideal, theoretical minimum analog-to-digital noise is caused by quantiza- tion error only and results directly from the adc? reso- lution (n bits): snr [max] = 6.02 x n + 1.76 in reality, other noise sources such as thermal noise, clock jitter, signal phase noise, and transfer function nonlinearities are also contributing to the snr calcula- tion and should be considered when determining the signal-to-noise ratio in adc. signal-to-noise plus distortion (sinad) sinad is computed by taking the ratio of the rms sig- nal to all spectral components excluding the fundamen- tal and the dc offset. in the case of the max1213, sinad is computed from a curve fit. spurious-free dynamic range (sfdr) sfdr is the ratio of rms amplitude of the carrier fre- quency (maximum signal component) to the rms value of the next-largest noise or harmonic distortion compo- nent. sfdr is usually measured in dbc with respect to the carrier frequency amplitude or in dbfs with respect to the adc? full-scale range. intermodulation distortion (imd) imd is the ratio of the rms sum of the intermodulation products to the rms sum of the two fundamental input tones. this is expressed as: the fundamental input tone amplitudes (v 1 and v 2 ) are at -7dbfs. the intermodulation products are the amplitudes of the output spectrum at the following frequencies: second-order intermodulation products: f in1 + f in2 , f in2 - f in1 third-order intermodulation products: 2 x f in1 - f in2 , 2 x f in2 - f in1 , 2 x f in1 + f in2 , 2 x f in2 + f in1 fourth-order intermodulation products: 3 x f in1 - f in2 , 3 x f in2 - f in1 , 3 x f in1 + f in2 , 3 x f in2 + f in1 fifth-order intermodulation products: 3 x f in1 - 2 x f in2 , 3 x f in2 -2 x f in1 , 3 x f in1 +2 x f in2 , 3 x f in2 + 2 x f in1 full-power bandwidth a large -1dbfs analog input signal is applied to an adc and the input frequency is swept up to the point where the amplitude of the digitized conversion result has decreased by 3db. the -3db-point is defined as full-power input bandwidth frequency of the adc. imd vv v v vv im im im imn log ...... = ++++ + ? ? ? ? ? ? ? ? 20 1 2 2 2 3 22 1 2 2 2 hold analog input sampled data (t/h) t/h t ad t aj track track clkp clkn figure11. aperture jitter/delay specifications
max1213 1.8v, 12-bit, 170msps adc for broadband applications 18 ______________________________________________________________________________________ noise power ratio (npr) npr is commonly used to characterize the return path of cable systems where the signals are typically individual quadrature amplitude-modulated (qam) carriers with a frequency spectrum similar to noise. numerous such carriers are operated in a continuous spectrum, generat- ing a noise-like signal, which covers a relatively broad bandwidth. to test the max1213 for npr, a ?oise-like signal is passed through a high-order bandpass filter to produce an approximately square spectral pedestal of noise with about the same bandwidth as the signals being simulated. following the bandpass filter, the signal is passed through a narrow band-reject filter to produce a deep notch at the center of the noise pedestal. finally, this signal is applied to the max1213 and its digitized results analyzed. the rms noise power of the signal inside the notch is compared with the rms noise level outside the notch using an fft. note that the npr test requires sufficiently long data records to guarantee a suitable number of samples inside the notch. npr for the max1213 was determined for 50mhz noise bandwidth signals, simulating a typical cable signal environment (see the typical operating characteristics for test details and results) with a notch frequency of 28.8mhz. pin-compatible lower speed/resolution versions applications that require lower resolution, a choice of buffered or nonbuffered inputs, and/or higher speed can refer to other family members of the max1213. adjusting an application to a lower resolution has been simplified by maintaining an identical pinout for all members of this high-speed family. see the pin-compatible versions table for a selection of differ- ent resolution and speed grades. pin configuration 58 59 60 61 62 54 55 56 57 63 38 39 40 41 42 43 44 45 46 47 av cc agnd av cc top view av cc ognd ov cc orp orn d11p d11n d10p d10n 52 53 d9p d9n agnd agnd av cc clkn clkp av cc agnd ov cc ognd d0n ov cc d1n d0p d1p d6p d6n ognd ov cc dclkp dclkn ov cc d5p d5n d4p 35 36 37 d4n d3p d3n agnd inn inp agnd av cc agnd agnd av cc av cc av cc agnd refadj refio agnd 48 d7n av cc 64 agnd 65 66 67 agnd agnd av cc 68 t/b 23 22 21 20 19 27 26 25 24 18 29 28 32 31 30 d2n d2p 34 33 49 50 d8n d7p ep 51 d8p 11 10 9 8 7 6 5 4 3 2 16 15 14 13 12 1 clkdiv 17 max1213 qfn
max1213 1.8v, 12-bit, 170msps adc for broadband applications ______________________________________________________________________________________ 19 package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) 68l qfn.eps c 1 2 21-0122 package outline, 68l qfn, 10x10x0.9 mm for the max1213, the package code is g6800-4.
max1213 1.8v, 12-bit, 170msps adc for broadband applications maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 20 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2006 maxim integrated products is a registered trademark of maxim integrated products, inc. package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) c 1 2 21-0122 package outline, 68l qfn, 10x10x0.9 mm revision history pages changed at rev 3: 1, 2, 4, 9, 11, 14, 15, 18, 20
e nglish ? ???? ? ??? ? ??? what's ne w p roducts solutions de sign ap p note s sup p ort buy comp any me mbe rs max1213 part number table notes: see the max1213 quickview data sheet for further information on this product family or download the max1213 full data sheet (pdf, 324kb). 1. other options and links for purchasing parts are listed at: http://www.maxim-ic.com/sales . 2. didn't find what you need? ask our applications engineers. expert assistance in finding parts, usually within one business day. 3. part number suffixes: t or t&r = tape and reel; + = rohs/lead-free; # = rohs/lead-exempt. more: see full data sheet or part naming c onventions . 4. * some packages have variations, listed on the drawing. "pkgc ode/variation" tells which variation the product uses. 5. part number free sample buy direct package: type pins size drawing code/var * temp rohs/lead-free? materials analysis max1213egk-td -40c to +85c rohs/lead-free: no max1213egk+td -40c to +85c rohs/lead-free: yes max1213egk-d qfn;68 pin;10x10x0.9mm dwg: 21-0122c (pdf) use pkgcode/variation: g6800-4 * -40c to +85c rohs/lead-free: no materials analysis max1213egk+d qfn;68 pin;10x10x0.9mm dwg: 21-0122c (pdf) use pkgcode/variation: g6800+4 * -40c to +85c rohs/lead-free: yes materials analysis didn't find what you need? c ontac t us: send us an email c opyright 2 0 0 7 by m axim i ntegrated p roduc ts , dallas semic onduc tor ? legal n otic es ? p rivac y p olic y


▲Up To Search▲   

 
Price & Availability of MAX1213EGKTD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X