Part Number Hot Search : 
PIC16C54 1SV250 74LS2 R5021213 HER108G 071973 1002F AMS385AN
Product Description
Full Text Search
 

To Download LB1848MC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage conditi on (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. 32112 sy 20120229-s00010 no.a2036-1/6 LB1848MC overview the LB1848MC is 2-channel low-voltage, low saturation voltage type bidirectional motor driver ic that is optimal for use as 2-phase stepping motor drivers in printers, cameras an d other portable equipment. th e output circuits are of the bipolar type, with pnp transistors in the upper side and npn transistors in the lower side, and they achieve low saturation output and low power characteristics despite being provided in a miniature package. the LB1848MC products can directly c ontrol a motor from signals from a microcontroller. the LB1848MC is optimal for 2-phase excitation drive for 2-phase stepping motors using 3-input logic (ena, in1 and in2). another point is that these ic include built-in thermal shutdown circuits so that ic scorching or burning is prevented in advance even if the ic output is shorted. functions ? optimal for 2-phase excitation drive for 2-phase stepping motors ? standby current: zero ? low saturation voltage. v o (sat) = 0.55v typical at i o = 400ma ? thermal shutdown circuit ? through-current prevention circuit ? no limitations on the magnitude relationship between the power supply voltage (v cc ) and the input voltage (v in ) ? ?soft off? function that reduces power supply line noise when switching from drive to standby modes. (requires the use of one external capacitor.) specifications absolute maximum ratings at ta = 25 c parameter symbol conditions ratings unit maximum supply voltage v cc max -0.3 to +8.0 v output voltage v out v cc + v sf v input voltage v in -0.3 to +8.0 v ground pin outflow current i gnd per channel 800 ma allowable power dissipation pd max when mounted* 820 mw operating temperature topr -20 to +75 c storage temperature tstg -40 to +150 c continued on next page. monolithic digital ic low- v oltage/low saturation voltage type bidirectional motor driver orderin g numbe r : ena2036
LB1848MC no.a2036-2/6 continued from preceding page. *1: when mounted on the specified printed circuit board (114.3mm 76.2mm 1.5mm), glass epoxy board caution 1) absolute maximum ratings represent the va lue which cannot be exceeded for any length of time. caution 2) even when the device is used within the range of abso lute maximum ratings, as a result of continuous usage under hig h temperature, high current, high voltage, or drastic temperature change, the reliability of the ic may be degraded. please contact us for the further detai ls. allowable operating ranges at ta = 25 c parameter symbol conditions ratings unit supply voltage v cc 2.5 to 7.5 v input high-level voltage v ih 2.5 to 7.5 v input low-level voltage v il -0.3 to +0.7 v electrical characteristics at ta = 25 c, v cc = 5v parameter symbol conditions ratings unit min typ max current drain i cc 0 ena = 0v, v in = 3v or 0v - 0.1 10 a i cc 1 ena = 3v, v in = 3v or 0v - 25 35 ma output saturation voltage v out 1 ena = 3v, v in = 3v or 0v, v cc = 3 to 7.5v, i ou t = 200ma -0.27 0.4v v out 2 ena = 3v, v in = 3v or 0v, v cc = 4 to 7.5v, i ou t = 400ma -0.55 0.8v input current i in v in = 5v - 75 100 a i ena ena = 5v - 85 110 a spark killer diode reverse current i s (leak) - - 30 a forward voltage v sf i out = 400ma - - 1.7 v package dimensions unit : mm (typ) 3426 sanyo : soic10 5.0 4.4 6.4 6 10 5 1 0.835 0.15 0.37 0.35 1.0 0.175 1.5 1.75 max pd max -- ta 0 400 492 200 600 1000 800 820 60 40 80 100 020 --20 allowable power dissipation, pdmax - mw ambient temperature, ta - c
LB1848MC no.a2036-3/6 pin assignment block diagram note: when the ?soft off? function is used, a capacitor must be connected to the sof pin. if this function is not used, this pi n must be left open with absolutely no signals or lines connect. truth tables ena in1 in2 out1 out2 out3 out4 l - - off off off off h l l h l h l l h h l l h h h l h l h h l l h h l note: *1 "-" indicates a "don ? t care" input. v cc out1 stepping motor out2 out3 out4 in1 in2 ena sof* gnd thermal shutdown circuit control block 102 to 103 out4 10 out3 9 out1 8 out2 7 gnd top view 6 v cc 1 in2 2 ena 3 sof 4 in1 5 LB1848MC
LB1848MC no.a2036-4/6 sof pin (?soft off? function) operation the soft off function reduces power supply line noise due to the kickback current generated when the stepping motor drive mode is switched from drive to standby. the ?soft off? function provided by this ic operates when a capacitor (0.001 to 0.01 f) is connected between the sof pin and ground. (leave the sof pin open to disable the soft off function.) the waveforms for each pin are shown below. ena in1 in2 out1 out2 out3 out4 v cc sof no kickback noise
LB1848MC no.a2036-5/6 (cautions) pay attention to following two points in an application where the capacitor to gnd is connected to the sof pin: (1) sudden startup of vcc power supply causes charging of the capacitor from the ic inside vi a the sof pin at startup. during charging, the state equivalent to the one with the ena input at ? h ? occurs, causing output of the corresponding logic to the output pin, which may result in driving of the lo ad. (the output time period is dependent on the capacity of capacitor; about 2 ms for 0.01 f.) (2) to transfer from the drive mode to the standby mode by changing the ena input from ?h? to ?l?, the capacitor is charged from the ic inside via the sof pin as in the case of above (1). during this charge period, the ena input keeps the ?h? condition in ic. by changing in1/in2 input at this time point, the output can be changed. (the time period is equal to that of (1) above.) 60kw q1 r1 r2 q2 43kw 80kw 300w v cc ena sof gnd drive circuit external capacitor [sof pin internal equivalent circuit diagram] 8 6 24 7 59 13 0 0 10 20 30 40 50 8 6 24 7 59 13 0 i in -- v in 0 40 80 120 160 200 240 280 v cc =v in , in1 / 2 / 3 / 4=h / l / h / l v cc =5v 0 0.2 0.4 0.6 0.8 1.0 0.7 0.5 0.1 0.3 0.6 0.4 0 0.2 v out -- i out v cc =v in =4.0v i cc - v cc characterstics power-supply voltage, v cc - v current drain, i cc - ma input current, i in - a output saturation voltage, v out - v input voltage, v in - v input current, i out - a
LB1848MC ps no.a2036-6/6 this catalog provides information as of march, 2012. specifications and information herein are subject to change without notice. sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliab ility pr oducts, however, any and all semiconductor products fail or malfunction with some probab ility. it is possible that these pr obab ilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equip ment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd.


▲Up To Search▲   

 
Price & Availability of LB1848MC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X