Part Number Hot Search : 
TC60AM 2000314 SA701D ADP3410 P30N06 MC13144 A68230 CM6903B
Product Description
Full Text Search
 

To Download KBP3005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * ideal for printed circuit board * surge overload rating: 65 amperes pea k * mounting position: any * weight: 1.5 grams (approximate) * rohs product for packing code suffix "g" halogen free product for packing code suffix "h" * ul listed the recognized component directory, file #e195711 * epoxy: device has ul flammability classification 94v-o ratings at 25 ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive of inductive load. for capacitive load, derate current by 20% lo bmys sgnitar unit marking code maximum recurrent peak reverse voltage v rrm maximum rms voltage v rms maximum dc blocking voltage v dc maximum average forward rectified current peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note 2) r ja/ /w typical junction capacitance (note 1) c j p f operating temperature range t j storage temperature rang e t s t g symbol unit maximum forward voltage at 3.0a dc v f volts maximum average reverse current at @t c =25 rated dc blocking voltage @t c =100 notes :1. measured at 1 mhz and applied reverse voltage of 4.0 volts. 2. thermal resistance from junction to ambient an d from junction to lead mounted on p.c.b with 0.47 x 0.47"(12 x 12mm)copper pads. characteristics amps amps i o i fsm 3.0 -55 to +150 65 -55 to +150 m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s 32 / 13 25 dimensions in inches and (millimeters) i r 1.1 amps 5.0 500 .026(0.65) .011(0.30) .161(4.10) .131(3.35) ~ ~ .110(2.8) .082(2.1) . 441 (11.2) .397(10.1) .581(14.75) .561(14.25) .057(1.45) .045(1.15) .034(0.86) .026(0.66) .160(4.06) .140(3.56) .557(14.15)min. .060(1.52) .031(0.80) c.111(2.8) willas KBP3005G thru kbp310g 3.0 amp glass passivated bridge rectifier - 50v-100v kbp package KBP3005G kbp301g kbp310g kbp308g kbp306g kbp304g kbp302g volts volts volts KBP3005G kbp301g kbp310g kbp308g kbp306g kbp304g kbp302g 50 70 140 280 420 560 700 50 100 200 400 600 800 1000 50 100 200 400 600 800 1000 KBP3005G kbp301g kbp310g kbp308g kbp306g kbp304g kbp302g willas electronic corp. 2013-01 r jl features mechanical data *
willas KBP3005G thru kbp310g rating and characteristic curves 1.0 3.0 2.0 20 100 60 140 40 120 80 0 ambient temperature, c .01 0.1 1.0 10 0 02 100 60 140 40 120 80 t j = 2 5 0 c 100 10 1 0 30 40 50 60 70 80 0 t =2 5 c j .01 0.1 1.0 10 20 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 t j 52 = 0 c fig. 1 - typical forward current derating curve avreage forward current, (a) fig. 2 - typical instantaneous forward charcteristics instantaneous forward current, (a) instantaneous forward voltage, (v) fig. 3a - typical reverse characteristics instantaneous reverse current (ua) fig. 4 - maximum non-repetitive forward surge current number of cycles at 60hz peak forward surge current, (a) percent of rated peak reverse voltage, (%) willas electronic corp. 2013-01 3.0 amp glass passivated bridge rectifier - 50v-100v


▲Up To Search▲   

 
Price & Availability of KBP3005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X