Part Number Hot Search : 
0512S VT83201 1N4937G TSSP4400 CA3493 6047741 SMDA05 A2W005G
Product Description
Full Text Search
 

To Download KBP3005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics 0 ratings at 25 c ambient temperature unless otherwise specified. resistive or inductive load, 60 hz. for capacitive load, derate current by 20%. ul recognized file # e149311 surge overload rating-80 amperes peak ideal for printed circuit board plastic material has underwriters labooratory flammability classification 94v-o mounting position: any lead: silver plated cooper lead. voltage range 50 to 1000 volts current 3.0 amperes KBP3005 kbp301 kbp302 kbp304 kbp306 kbp308 kbp310 maximum average forward 0 t output current @ =25 c a maximum recurrent peak reverse voltage v rrm v rms v dc v (av) i fsm v f t j t stg i r 2 it maximum rms bridge input voltage maximum dc blocking voltage 2 i t rating for fusing(t<8.3ms) operating temperature range storage temperature range peak forward surge current 8.3 ms single half sine-wave superimposed on rated load maximum dc forward voltage drop per element at 1.0a dc 0 t maximum dc reverse current at rated @ =25 c a 0 t dc blocking voltage per element @ =100 c a units 50 100 200 400 600 800 1000 v v v a ma 2 as 0 c 0 c a a v 35 70 140 280 420 560 700 60 100 200 400 10 1 10 -55 to +125 -55 to +150 3.0 80 1.1 600 800 1000 kbp .125x45 (3.2) .600(15.24) .560(14.22) .500(12.70) .460(11.68) .640 (16.25) min. .160(4.1) .053(1.35) .140(3.6) .161(1.15) .034(0.86) .028(0.76) .060 (1.52) max. 00(5.08) 80(4.57) .460(11.68) .420(10.67) min. .50 (12.7) KBP3005-kbp310 single-phase silicon bridge features http://www.luguang.cn mail:lge@luguang.cn
1.0 3.0 2.0 20 100 60 140 40 120 80 fig. 1 - derating curve for output rectified current 0 ambient temperature, c average forward output current amperes .01 0.1 1.0 10 200 100 60 140 40 120 80 fig. 3 - typical forward characteristics t j = 2 5 0 c instantaneous reverse current, microamperes percent of rated peak reverse voltage 100 10 1 0 30 40 50 60 70 80 number of cycles at 60 hz fig. 4 - maximum forward surge current peak forward surge current amperes 0 t =25 c j .01 0.1 1.0 10 20 fig. 2 - derating curve for output rectified current 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 instantaneous forward voltage, volts instantaneous forward current, amperes t j = 25 0 c KBP3005-kbp310 single-phase silicon bridge ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of KBP3005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X