Part Number Hot Search : 
R1080 HD404618 LW1141C C4212 1M0380R SM150 78L06A BM1042
Product Description
Full Text Search
 

To Download HMC333E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mixers - sgl-bal - smt 9 9 - 194 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com hmc333 / 333e gaas mmic mixer w/ integrated lo amplifier, 3.0 - 3.8 ghz v01.0705 general description features functional diagram the hmc333 & HMC333E are single balanced mixer ics with integrated lo amplifi ers. this converter ic can operate as an upconverter or downconverter between 3.0 ghz and 3.8 ghz. with the integrated lo amplifi er, the mixer requires an lo drive level of only 0 dbm, and requires only 7 ma from a single positive +3v rail. the mixer has 8.5 db of conver- sion loss, an input p1db of 0 dbm and an input third order intercept point of +10 dbm at 3.5 ghz. integrated lo amplifi er w/ pdiss: < 25 mw conversion loss / noise figure: 8.5 db low lo drive level: 0 dbm input ip3: +10 dbm single positive supply: 3v to 5v electrical specifi cations, t a = +25 c typical applications the hmc333 / HMC333E is ideal for: ? wireless local loop parameter if = 100 mhz lo = 0 dbm & vdd = +3v units min. typ. max. frequency range, rf & lo 3.0 - 3.8 ghz frequency range, if dc - 1.0 ghz conversion loss 8.5 11 db noise figure (ssb) 8.5 11 db lo to rf isolation 10 15 db lo to if isolation 5 10 db rf to if isolation 10 15 db ip3 (input) 310 dbm 1 db compression (input) -3 +1 dbm supply current (idd) 7ma * unless otherwise noted, all measurements performed as downconverter, if= 100 mhz.
mixers - sgl-bal - smt 9 9 - 195 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com conversion gain vs. temperature @ lo = 0 dbm isolation @ lo = 0 dbm if bandwidth @ lo = 0 dbm conversion gain vs. vdd @ lo = 0 dbm return loss @ lo = 0 dbm conversion gain vs. lo drive hmc333 / 333e gaas mmic mixer w/ integrated lo amplifier, 3.0 - 3.8 ghz v01.0705 -20 -15 -10 -5 0 2.4 2.8 3.2 3.6 4 4.4 +25 c -40 c +85 c conversion gain (db) frequency (ghz) -20 -15 -10 -5 0 0 0.2 0.4 0.6 0.8 1 conversion gain return loss response (db) frequency (ghz) -20 -15 -10 -5 0 2.4 2.8 3.2 3.6 4 4.4 +2.7v +3.0v +3.3v conversion gain (db) frequency (ghz) -30 -25 -20 -15 -10 -5 0 0123456 rf lo return loss (db) frequency (ghz) -20 -15 -10 -5 0 2.4 2.8 3.2 3.6 4 4.4 -6 dbm -4 dbm -2 dbm 0 dbm +2 dbm +4 dbm conversion gain (db) frequency (ghz) -20 -15 -10 -5 0 2.4 2.8 3.2 3.6 4 4.4 rf/if lo/rf lo/if isolation (db) frequency (ghz)
mixers - sgl-bal - smt 9 9 - 196 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com upconverter performance conversion gain @ lo = 0 dbm input p1db vs. vdd @ lo = 0 dbm input ip3 vs. vdd @ lo = 0 dbm* input ip3 vs. lo drive* input p1db vs. temperature @ lo = 0 dbm input ip3 vs. temperature @ lo = 0 dbm* * two-tone input power= -10 dbm each tone, 1 mhz spacing. hmc333 / 333e gaas mmic mixer w/ integrated lo amplifier, 3.0 - 3.8 ghz v01.0705 -20 -15 -10 -5 0 3 3.2 3.4 3.6 3.8 4 conversion gain (db) frequency (ghz) -10 -6 -2 2 6 10 2.9 3.1 3.3 3.5 3.7 3.9 +2.7v +3.0v +3.3v input p1db (dbm) frequency (ghz) 0 5 10 15 20 3 3.2 3.4 3.6 3.8 4 +2.7v +3.0v +3.3v ip3 (dbm) frequency (ghz) 0 5 10 15 20 3 3.2 3.4 3.6 3.8 4 +25 c -40 c +85 c ip3 (dbm) frequency (ghz) 0 5 10 15 20 3 3.2 3.4 3.6 3.8 4 -2 dbm 0 dbm +2 dbm ip3 (dbm) frequency (ghz) -10 -6 -2 2 6 10 2.9 3.1 3.3 3.5 3.7 3.9 +25 c -40 c +85 c input p1db (dbm) frequency (ghz)
mixers - sgl-bal - smt 9 9 - 197 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com harmonics of lo mxn spurious @ if port nlo mrf01234 0xx-9-51234 180322534 23349404043 36856684872 47780798071 rf = 3.5 ghz @ -10 dbm lo = 3.4 ghz @ 0 dbm all values in dbc below if power level. nlo spur @ rf port lo freq. (ghz) 1 2 3 4 31281649 3.17 13 8 20 39 3.34 17 10 22 42 3.51 15 14 26 48 3.68 14 17 25 42 3.85 14 18 22 43 lo = 0 dbm all values in dbc below input lo level @ rf port. hmc333 / 333e gaas mmic mixer w/ integrated lo amplifier, 3.0 - 3.8 ghz v01.0705
mixers - sgl-bal - smt 9 9 - 198 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com hmc333 / 333e gaas mmic mixer w/ integrated lo amplifier, 3.0 - 3.8 ghz v01.0705 absolute maximum ratings outline drawing rf / if input (vdd = +3v) +13 dbm lo drive (vdd = +3v) +13 dbm vdd 5.5v continuous pdiss (ta = 85 c) (derate 2.64 mw/c above 85 c) 238 mw if dc current 3 ma storage temperature -65 to +150 c operating temperature -40 to +85 c electrostatic sensitive device observe handling precautions part number package body material lead finish msl rating package marking [3] hmc333 low stress injection molded plastic sn/pb solder msl1 [1] h333 xxxx HMC333E rohs-compliant low stress injection molded plastic 100% matte sn msl1 [2] 333e xxxx [1] max peak refl ow temperature of 235 c [2] max peak refl ow temperature of 260 c [3] 4-digit lot number xxxx package information notes: 1. leadframe material: copper alloy 2. dimensions are in inches [millimeters] 3. dimension does not include moldflash of 0.15mm per side. 4. dimension does not include moldflash of 0.25mm per side. 5. all ground leads must be soldered to pcb rf ground.
mixers - sgl-bal - smt 9 9 - 199 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com hmc333 / 333e gaas mmic mixer w/ integrated lo amplifier, 3.0 - 3.8 ghz v01.0705 pin number function description interface schematic 1vdd power supply for the lo amplifi er. two external rf bypass capacitors (10 pf & 10,000 pf) and an external inductor (1.8 nh) are required. 2, 5 gnd ground: pin must connect to rf ground. 3if this pin is dc coupled. for applications not requiring opera- tion to dc, this port should be dc blocked externally using a series capacitor whose value has been chosen to pass the necessary if frequency range. for operation to dc, this pin must not source/sink more than 3ma of current or die non- function and possible die failure will result. 4rf this pin is ac coupled and matched to 50 ohm from 3.0 - 3.8 ghz. 6lo this pin is ac coupled and matched to 50 ohm from 3.0 - 3.8 ghz pin descriptions
mixers - sgl-bal - smt 9 9 - 200 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application circuit hmc333 / 333e gaas mmic mixer w/ integrated lo amplifier, 3.0 - 3.8 ghz v01.0705
mixers - sgl-bal - smt 9 9 - 201 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com evaluation pcb the circuit board used in the fi nal application should use rf circuit design techniques. signal lines should have 50 ohm impedance while the package ground leads should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request. item description j1 - j4 pcb mount sma rf connector c1 10 pf capacitor, 0603 pkg. c2 .01 f capacitor, 0603 pkg. l1 1.8 nh inductor, 0805 pkg. u1 hmc333 / HMC333E mixer pcb [2] 103927 evaluation board [1] reference this number when ordering complete evaluation pcb [2] circuit board material: rogers 4350 list of materials for evaluation pcb 105128 [1] hmc333 / 333e gaas mmic mixer w/ integrated lo amplifier, 3.0 - 3.8 ghz v01.0705


▲Up To Search▲   

 
Price & Availability of HMC333E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X