Part Number Hot Search : 
01MCA 164870 17BD0 IRG4P A1122 UPD16306 06780 P312D
Product Description
Full Text Search
 

To Download HMC1023LP5E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  if / baseband processing - smt 1 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com functional diagram typical applications features general description the HMC1023LP5E is ideal for: ? baseband fltering before or after data converters for point-to-point fxed wireless and cellular infrastructure transceivers ? software defned radio applications ? anti-aliasing and reconstruction flters ? test and measurement equipment ? adc driver applications low noise figure: 10 db high linearity: in-band output ip3 > +30 dbm in-band output ip2 > +60 dbm pre-programmed and/or programmable bandwidth: 5 mhz to 72 mhz. (please see HMC1023LP5E ordering information ) exceptional 3 db bandwidth accuracy: 2.5% programmable gain: 0 or 10 db integrated adc driver amplifer 6 th order butterworth magnitude & phase response automatic filter calibration externally controlled common mode output level filter bypass option pin & register compatible to hmc900lp5e read/write serial port interface (spi) 32 lead 5x5 mm smt package 25 mm 2 the HMC1023LP5E is a 6th order, programmable bandwidth, fully calibrated, dual low pass flter. it features programmable 0 or 10 db gain and supports arbitrary bandwidths from 5 mhz to 72 mhz. when calibrated, the bandwidth is accurate to +/-2.5%. built- in flter bypass option enables wider bandwidths while maintaining programmed gain and common mode control settings. integrated adc driver, programmable input impedance, and adjustable output common mode voltage from 0.9 v to 3 v with 2 vppd signal, or lower than 0.9 v common mode with lower signal swing enables simple interface while achieving maximum performance. programmable bias settings enable performance/power dissipation trade-off optimized for each application. filter calibration is accomplished with any reference clock rate from 20 to 80 mhz. one time programmable (otp) memory offers unsurpassed fexibility allowing the user set and forget parameters like gain and bandwidth setting. housed in a compact 5x5 mm smt qfn package, the HMC1023LP5E is pin and register compatible to the existing hmc900lp5e programmable bandwidth low pass filter. it requires minimal external components and provides a low cost alternative to more complicated switched discrete flter architectures. the 6th order butterworth transfer function delivers superior stop band rejection while maintaining both a fat passband and minimal group delay variation.
if / baseband processing - smt 2 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com table 1. electrical specifcations t a = +25c, vddi, vddq, vddcal, vddbg, dvdd = 5v +/-5%, gnd = 0v, 400 load unless otherwise stated. parameter conditions min. typ. max. units analog performance passband gain [1] min gain setting max gain setting 0 10 db db 3 db corner frequency (fc) programmable to any frequency in this range [1] 5 72 mhz bypass mode 75 100 mhz 3 db corner frequency variation uncalibrated 20 % calibrated 2.5 3.5 % 3 db corner frequency variation vs temperature over -40c to +85c 0.03 % / c max passband gain error [2] vs ideal 6th order lpf h(s) 0.5 db max passband group delay variation (group delay * 3 db frequency fc ) e.g. for 1.0 db bw of 40 mhz (fc ~ 44.9 mhz): max group delay variation = 0.400/ 44.9 mhz = 8.9 ns at 0.1 db bw (~0.73 fc) 0.250 at 0.5 db bw (~0.83 fc) 0.350 at 1.0 db bw (~ 0.89 fc) 0.400 at 3.0 db bw (at fc) 0.400 output noise (f = 1 mhz) min gain, fc = 5 mhz 22 nv/rthz min gain, fc = 28 mhz 22 nv/rthz max gain fc = 5 mhz 25 nv/rthz max gain, fc = 28 mhz 25 nv/rthz output noise (f > 10*fc) min gain, fc = 5 mhz 8 nv/rthz max gain, fc = 5 mhz 8 nv/rthz min gain fc = 28 mhz 8 nv/rthz max gain, fc = 28 mhz 8 nv/rthz noise figure (100 source) min gain 25 db max gain 17 db noise figure (1 k source) min gain 19 db max gain 12 db input referred passband im3 half scale tones at 0.8fc and 0.6fc fc = 20 mhz fc = 72 mhz [2] -60 -50 dbc dbc input referred out of band im3 half scale tones at 1.2fc and 1.6fc. im3 product at 0.8fc fc = 20 mhz fc = 72 mhz [2] -60 -50 dbc dbc input referred out of band im3 half scale tones at 2fc and 3fc. im3 product at 0.5fc fc = 20 mhz fc = 72 mhz [2] -50 -45 dbc dbc output ip3 (inband) half scale tones at 0.8fc and 0.6fc fc = 20 mhz fc = 72 mhz 25 17 30 20 dbm dbm output ip3 (out of band) half scale tones at 1.2fc and 1.6fc. im3 product at 0.8fc fc = 20 mhz fc = 72 mhz [2] 25 17 30 20 dbm dbm output ip3 (out of band) half scale tones at 2fc and 3fc. im3 product at fc fc = 20 mhz fc = 72 mhz [2] 25 17 30 20 dbm dbm output ip2 (inband) half scale tones at 0.8fc and 0.6fc im2 product at 0.2fc fc = 20 mhz fc = 72 mhz [2] 55 55 60 60 dbm dbm
if / baseband processing - smt 3 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com parameter conditions min. typ. max. units output ip2 (out of band) [2] half scale tones at 1.2fc and 1.6fc. im2 product at 0.4fc 60 65 dbm sideband suppression (uncalibrated) complex signal measured at 0.8fc vs -0.8fc 35 45 db i/q channel balance magnitude phase 0.04 0.5 db o i/q channel isolation 60 80 db analog i/o differential input impedance programmable 1000 / 400 / 100 full scale differential input (400 differential load) min gain 2 vppd max gain 0.613 vppd full scale differential input (100 differential load) min gain 0.5 vppd max gain 0.156 vppd input common mode voltage range 1 4 v full scale differential output 400 differential load 2 vppd full scale differential output 100 differential load 0.5 vppd output voltage range 0.5 vdd-0.5 v output common mode voltage range 0.9 3 v digital i/o calck frequency use doubler mode for clocks between 20 mhz and 40 mhz 20 40 80 mhz calck duty cycle 40 50 60 % sclk frequency 20 30 mhz digital input low level (vil) 0.4 v digital input high level (vih) 1.5 v digital output low level (vol) 0.4 v digital output high level (voh) vdd - 0.4 power supply analog & digital supplies 4.75 5 5.25 v supply current dependent on bias 240 ma power on reset 250 us electrical specifcations, ta = +25c (continued) [1] the attenuation of the flter transfer function can be calculated directly at any frequency f as: attenuation = 10*log 10 (1+(f/f 0 ) ^(2*6) ), where f 0 is the 3 db bandwidth or corner frequency for the flter. similarly, for a given maximum attenuation and 3 db bandwidth, f 0 , the frequency at which the attenuation is achieved can be calculated as: f=(10 ^(attenuation/10) -1)^ (1/(2*6)) * f 0 . note that for a 6th order butterworth flter the 1 db bandwidth is at ~89% of the flter bandwidth and 0.5 db bandwidth is at 84% of the flter bandwidth. [2] specifed distortion is measured with opamp_bias ( reg 02h [1:0]) settings recommended in table 9 . . parameter condition temperature +25 c reg 06h setting 150 gain setting 0 db bias settings (opamp_bias reg 02h [1:0]/ drvr_bias reg 02h [3:2]) 00/10 input signal level 2 vppd input/output common mode level 2v output load 200 / output supply analog: +5v, digital +5v table 2. test conditions unless otherwise specifed, the following test conditions were used
if / baseband processing - smt 4 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com figure 1. filter attenuation (all bandwidths) [1] figure 2. filter passband gain response figure 3. filter attenuation, 10db gain [1] figure 4. filter 3 db cutoff vs temperature, 10 mhz bandwidth figure 5. noise figure, 100 ? source impedance, 1 k ? impedance selected [2] figure 6. noise figure, 1 k ? source impedance, 1 k ? impedance selected [2] -100 -80 -60 -40 -20 0 20 0.1 1 10 100 1000 5 mhz 7 mhz 10 mhz 14 mhz 20 mhz 28 mhz 40 mhz 50 mhz 72 mhz bypass frequency (mhz) filter gain (db) 5 mhz 72 mhz -100 -80 -60 -40 -20 0 20 0.1 1 10 100 1000 5 mhz 7 mhz 10 mhz 14 mhz 20 mhz 28 mhz 40 mhz 50 mhz 72 mhz bypass frequency (mhz) filter gain (db) 5 mhz 72 mhz -0.5 -0.4 -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.1 1 10 100 1000 5 mhz 7 mhz 10 mhz 14 mhz 20 mhz 28 mhz 40 mhz 50 mhz 72 mhz frequency (mhz) filter gain (db) 5 mhz 72 mhz -10 -5 0 5 5 6 7 8 9 10 20 -40 c 25 c 85 c frequency (mhz) filter gain (db) -3 db 8 12 16 20 24 filter bandwidth (mhz) noise figure (db) 5 7 10 14 20 28 40 50 72 10 db gain 0 db gain 12 14 16 18 20 22 24 26 -40 c +25 c +85 c filter bandwidth (mhz) noise figure (db) 5 7 10 14 20 28 40 50 72 10 db gain 0 db gain [1] degrated stop-band rejection at frequencies > 100 mhz caused by the test fxture. [2] 1 k? input impedance into the HMC1023LP5E selected by writing reg 02h [10]=0 and reg 01h [9] = 0.
if / baseband processing - smt 5 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com figure 7. noise figure, 1 k ? source impedance, 100 ? impedance selected figure 11. arbitrary bandwidth setting 3 db cutoff frequency error [5] figure 8. filter output noise [3] figure 9. uncalibrated sideband rejection, 0 db gain figure 10. uncalibrated sideband rejection, 10 db gain 18 20 22 24 26 28 30 -40 c +25 c +85 c filter bandwidth (mhz) noise figure (db) 5 7 10 14 20 28 40 50 72 10 db gain 0 db gain figure 12. output ip3, 72 mhz bandwidth setting, 0 db gain [6] 10 100 0.001 0.01 0.1 1 10 100 5 mhz 7 mhz 10 mhz 14 mhz 20 mhz 28 mhz 40 mhz 50 mhz 72 mhz frequency (mhz) output noise (nv/rthz) 72 mhz 5 mhz 30 35 40 45 50 55 60 012345678 1000 w 400 w 100 w filter bandwidth (mhz) sibeband rejection (dbc) internal input impedance setting 30 35 40 45 50 55 60 012345678 1000 w 400 w 100 w filter bandwidth (mhz) sibeband rejection (dbc) internal input impedance setting 0 10 20 30 40 50 0 10 20 30 40 50 60 70 reg02h[1:0] = 00 reg02h[1:0] = 01 reg02h[1:0] = 10 frequency (mhz) output ip3 (dbm) [3] 100 ? source impedance used, and input impedanceo of HMC1023LP5E set to 1 k? [4] 100 ? input impedance into the HMC1023LP5E selected by writing reg 02h [10]=1. [5] used recommended opamp bias settings ( reg 02h [1:0]) in table 9 . [6] oip3 and oip2 measured from 100 differential source into 400 differential load. used recommended opamp bias settings ( reg 02h [1:0]) in table 9 . oip3 and oip2 measurements can be translated from dbm into dbvrms as follows: ipx [dbvrms] = ipx [dbm] -4 db. -4 -3 -2 -1 0 1 2 3 4 0 10 20 30 40 50 60 70 80 arbitrary filter bandwidth (mhz) 3 db cutoff frequency error (%) opamp bias = 00 opamp bias = 10 opamp bias = 01
if / baseband processing - smt 6 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com figure 13. output ip2, 72 mhz bandwidth setting, 0 db gain [7] figure 14. output ip3, filter bypass enabled, 0 db gain [7] figure 15. output ip2, filter bypass mode enabled, 0 db gain [7] 40 50 60 70 80 90 0 10 20 30 40 50 60 70 reg02h[1:0] = 00 reg02h[1:0] = 01 reg02h[1:0] = 10 frequency (mhz) output ip2 (dbm) 40 50 60 70 80 90 0 10 20 30 40 50 60 70 80 90 reg02h[1:0] = 00 reg02h[1:0] = 01 reg02h[1:0] = 10 frequency (mhz) output ip2 (dbm) 0 10 20 30 40 50 0 10 20 30 40 50 60 70 80 90 reg02h[1:0] =00 reg02h[1:0] = 01 reg02h[1:0] = 10 frequency (mhz) output ip3 (dbm) 0 10 20 30 40 50 0 10 20 30 40 50 60 70 80 90 reg02h[1:0] = 00 reg02h[1:0] = 01 reg02h[1:0] = 10 frequency (mhz) output ip3 (dbm) 40 50 60 70 80 90 0 10 20 30 40 50 60 70 80 90 reg02h[1:0] = 00 reg02h[1:0] = 01 reg02h[1:0] = 10 frequency (mhz) output ip2 (dbm) figure 16. output ip3, filter bypass enabled, 10 db gain [7] figure 17. output ip2, filter bypass enabled, 10 db gain [7] figure 18. output ip3 vs output common mode voltage, 30 mhz input [8] 0 10 20 30 40 50 012345 reg02h[1:0] = 00 reg02h[1:0] = 01 reg02h[1:0] = 10 common mode voltage (v) output ip3 (dbm) [7] oip3 and oip2 measured from 100 differential source into 400 differential load. used recommended opamp bias settings ( reg 02h [1:0]) in table 9 . oip3 and oip2 measurements can be translated from dbm into dbvrms as follows: ipx [dbvrms] = ipx [dbm] -4 db. [8] 72 mhz filter bandwidth selected. oip3 and oip2 measured from 100 differential source into 400 differential load. oip3 and oip2 measurements can be translated from dbm into dbvrms as follows: ipx [dbvrms] = ipx [dbm] -4 db.
if / baseband processing - smt 7 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com figure 19. output ip2 vs output common mode voltage, 30 mhz input [9] 30 40 50 60 70 80 012345 reg02h[1:0] = 00 reg02h[1:0] = 01 reg02h[1:0] = 10 common mode voltage (v) output ip2 (dbm) figure 20. output ip3 vs output common mode voltage, 50 mhz input [9] 0 10 20 30 40 50 012345 reg02h[1:0] = 00 reg02h[1:0] = 01 reg02h[1:0] = 10 common mode voltage (v) output ip3 (dbm) figure 21. output ip2 vs output common mode voltage, 50 mhz input [9] 30 40 50 60 70 80 012345 reg02h[1:0] = 00 reg02h[1:0] = 01 reg02h[1:0] = 10 common mode voltage (v) output ip2 (dbm) figure 22. output ip3 vs output common mode voltage, 70 mhz input [9] 0 10 20 30 40 50 012345 reg02h[1:0] = 00 reg02h[1:0] = 01 reg02h[1:0] = 10 common mode voltage (v) output ip3 (dbm) figure 23. output ip2 vs output common mode voltage, 70 mhz input [9] 30 40 50 60 70 80 012345 reg02h[1:0] = 00 reg02h[1:0] = 01 reg02h[1:0] = 10 common mode voltage (v) output ip2 (dbm) figure 24. in-band output ip3 & output ip2 vs filter bandwidth & impedance [10] 20 30 40 50 60 70 80 1000 w 400 w 100 w 30 40 50 60 70 80 90 filter bandwidth (mhz) output ip3 (dbm) 5 7 10 14 20 28 40 50 72 output ip2 (dbm) output ip2 output ip3 internal input impedance setting [9] 72 mhz filter bandwidth selected. oip3 and oip2 measured from 100 differential source into 400 differential load. oip3 and oip2 measurements can be translated from dbm into dbvrms as follows: ipx [dbvrms] = ipx [dbm] -4 db [10] oip3 and oip2 measured from 100 differential source into 400 differential load. used recommended opamp bias settings ( reg 02h [1:0]) in table 9 . oip3 and oip2 measurements can be translated from dbm into dbvrms as follows: ipx [dbvrms] = ipx [dbm] -4 db.
if / baseband processing - smt 8 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com figure 25. in-band output ip3 & output ip2 vs bandwidth & temperature [11] figure 26. 5 mhz bandwidth filter magnitude and group delay 20 30 40 50 60 70 80 -40 c +25 c +85 c 30 40 50 60 70 80 90 filter bandwidth (mhz) output ip3 (dbm) 5 7 10 14 20 28 40 50 72 output ip2 (dbm) output ip2 output ip3 -15 -10 -5 0 5 -150 -75 0 75 150 0.1 1 10 frequency (mhz) gain (db) normalized group delay (ns) gain group delay figure 27. 72 mhz bandwidth filter magnitude and group delay figure 28. HMC1023LP5E filter i/q channel isolation -15 -10 -5 0 5 -20 -10 0 10 20 1 10 100 frequency (mhz) gain (db) normalized group delay (ns) gain group delay -100 -80 -60 -40 -20 0 20 1 10 100 72 mhz bandwidth filter bypassed -100 -80 -60 -40 -20 0 20 frequency (mhz) s21 (dbc) i/q filter isolation (dbc) s21 isolation figure 29. input impedance figure 30. output impedance 0 200 400 600 800 1000 1 10 100 1000 1000 w 400 w 100 w frequency (mhz) input impedance ( w ) internal input impedance setting -100 -50 0 50 100 150 200 1 10 100 1000 frequency (mhz) output impedance ( w ) reg02h[1:0] = 10 reg02h[1:0] = 01 reg02h[1:0] = 00 72 mhz bandwidth setting filter bypassed [11] oip3 and oip2 measured from 100 differential source into 400 differential load. used recommended opamp bias settings ( reg 02h [1:0]) in table 9 . oip3 and oip2 measurements can be translated from dbm into dbvrms as follows: ipx [dbvrms] = ipx [dbm] -4 db
if / baseband processing - smt 9 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com table 3. absolute maximum ratings nominal 5v supply to gnd vddcal, vddi, vddq, vddbg, dvdd -0.3 to 5.5 v common mode inputs pins (cmi, cmq) -0.3 to 5.5 v input and output pins iip, iin, iqp, iqn, oip, oin, oqp, oqn -0.3 to 5.5 v digital pins sen, sdi, sck, sdo, calck sdo min load impedance -0.3 to 5.5 v 1 k operating ambient temperature range -40 to +85 c storage temperature -65 to + 150 c maximum junction temperature 150 c thermal resistance (? jc ) (junction to ground paddle) 10 c/w refow soldering peak temperature time at peak temperature 260 c 40 s esd sensitivity (hbm) 1 kv class 1c electrostatic sensitive device observe handling precautions stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specifcation is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. table 4. recommended operating conditions parameter condition min. typ. max. units temperature junction temperature 125 c ambient temperature -40 85 c supply voltage vddcal, vddi, vddq, vddbg,dvdd 4.75 5 5.25 v [1] layout design guidelines set out in qualifcation test report are strongly recommended.
if / baseband processing - smt 10 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com outline drawing notes: [1] package body material: low stress injection molded plastic silica and silicon impregnated. [2] lead and ground paddle material: copper alloy. [3] lead and ground paddle plating: 100% matte tin. [4] dimensions are in inches [millimeters]. [5] lead spacing tolerance is non-cumulative. [6] pad burr length shall be 0.15mm max. pad burr height shall be 0.25m max. [7] package warp shall not exceed 0.05mm [8] all ground leads and ground paddle must be soldered to pcb rf gound. [9] refer to hittite application note for suggested pcb land pat tern. part number package body material lead finish msl rating [1] package marking [2] HMC1023LP5E rohs-compliant low stress injection molded plastic 100% matte sn msl1 h1023 xxxx [1] max peak refow temperature of 260 c [2] 4-digit lot number xxxx table 5. package information
if / baseband processing - smt 11 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com table 6. pin descriptions pin number function description interface schematic 1, 3, 8 - 10, 17, 24, 25, 32 n/c the pins are not connected internally; however, all data shown herein was measured with these pins connected to rf/dc ground externally. 2, 4 vddq quadrature (q) channel 5v supply. must be locally decoupled to gnd 5 cmq quadrature (q) channel output common mode level 6, 7 oqp, oqn quadrature (q) channel positive and negative differential outputs 11 calck calibration clock input 12, 14, 15 sck, sdi, sen spi data clock, data input and enable respectively. 13 sdo spi data output 16 dvdd digital 5v supply. must be locally decoupled to gnd. 18, 19 oin, oip inphase (i) channel negative and positive differential outputs respectively
if / baseband processing - smt 12 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com pin number function description interface schematic 20 cmi inphase (i) channel output common mode level 21, 23 vddi inphase (i) channel 5v supply. must be locally decoupled to gnd 22 vddcal calibration 5v supply. must be locally decoupled to gnd 26, 27 iip, iin inphase (i) channel positive and negative differential inputs respectively 28 vddbg bias 5v supply. must be locally decoupled to gnd. 29 vbg 1.2v bandgap output (testing only) 30, 31 iqn, iqp quadrature (q) channel negative and positive differential inputs respectively table 6. pin descriptions (continued)
if / baseband processing - smt 13 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com evaluation pcb the circuit board used in the application should use rf circuit design techniques. signal lines should have 50 ohms impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request. item contents part number evaluation kit HMC1023LP5E evaluation pcb usb interface board 6 usb a male to usb b female cable cd rom (contains user manual, evaluation pcb schematic, evaluation software) ekit01-HMC1023LP5E table 7. evaluation order information
if / baseband processing - smt 14 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com evaluation setup figure 31. characterization setup block diagram evaluation pcb schematic to view evaluation pcb schematic please visit www.hittite.com and choose HMC1023LP5E from the search by part number pull down menu to view the product splash page.
if / baseband processing - smt 15 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com HMC1023LP5E usage information the HMC1023LP5E addresses different flter applications such as fxed frequency or variable bandwidth implementations dependent on the part selected (see HMC1023LP5E ordering information ) and the control provided to the HMC1023LP5E. these modes provide the user with different flter options depending on the system implementation. an overview of these trade-offs are shown below. table 8. HMC1023LP5E modes of operation function unprogrammed HMC1023LP5E-00000 pre-programmed HMC1023LP5E-bbbgl spi reqd calck reqd comments fixed bandwidth filter yes yes no no default bandwidth and gain setting after power on reset (por) default bandwidth and gain as defned by register defaults. (5 mhz /0db gain) bandwidth and gain as defned by pre-programming at factory. pre-programmed gain and bandwidth are defned when ordering the part. see HMC1023LP5E ordering information . typical corner frequency ac - curacy at default bandwidth +/- 20 % +/- 2.5 % accuracy is with respect to bandwidth after por. variable bandwidth filter yes yes yes no full control over HMC1023LP5E requires access via the digital serial port (spi). default bandwidth and gain setting after power on reset (por) default bandwidth and gain as defned by register defaults. (5 mhz /0db gain) bandwidth and gain as defned by pre-programming at factory. pre-programmed gain and bandwidth are defned when ordering the part. see HMC1023LP5E ordering information . typical corner frequency ac - curacy at default bandwidth +/- 20 % +/- 2.5 % accuracy is with respect to bandwidth after por. typical corner frequency accuracy at all other band - widths +/- 20 % +/- 5.0 % accuracy is with respect to the desired bandwidth. see filter bandwidth setting for informa - tion regarding changing the bandwidth after when calibration is not possible. variable bandwidth filter (with ability to execute user calibration to calibrate flter bandwidth) yes yes yes yes full control over HMC1023LP5E requires access via the digital serial port (spi). filter calibration requires valid calibration clock (via calck pin). see rc calibra - tion circuit default bandwidth and gain setting after power on reset (por) default bandwidth and gain as defned by register defaults. (5 mhz /0db gain) bandwidth and gain as defned by pre-programming at factory. pre-programmed gain and bandwidth are defned when ordering the part. see HMC1023LP5E ordering information 20 . typical corner frequency accuracy after por (before user calibration) +/- 20 % +/- 2.5 % accuracy is with respect to bandwidth after por. typical corner frequency ac - curacy after user calibration at calibrated bandwidth +/- 2.5 % +/- 2.5 % accuracy is with respect to calibrated bandwidth. user calibration requires access to the HMC1023LP5E via the digital serial port (spi) and requires a valid calibration clock (via calck pin). typical corner frequency ac - curacy after user calibration at non calibrated bandwidths +/- 5.0 % +/- 5.0 % accuracy is with respect to the desired bandwidth. user calibration requires access to the HMC1023LP5E via the digital serial port (spi) and requires a valid calibration clock (via pin calck). see filter bandwidth setting for informa - tion regarding changing the bandwidth after calibration when further calibration is not possible.
if / baseband processing - smt 16 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com HMC1023LP5E application information accurate, arbitrary, user defned bandwidths, programmable gain, and fexible programmable io interface provide the HMC1023LP5E with unmatched fexibility. this fexibility together with market leading performance, in terms of linearity, noise figure, and bandwidth accuracy enable a universal solution capable of supporting numerous radio standards, frequencies, and/or bandwidths with a single hardware platform. the HMC1023LP5E is relevant in both transmitter and receiver applications ( figure 32 and figure 33 ). in transmitter applications the HMC1023LP5E serves as an anti-aliasing flter that rejects digital-to-analog converter aliases and ensures the desired transmitted spectral mask. in receiver applications the HMC1023LP5E serves as an analog-to- digital converter driver, an anti-aliasing flter, and a blocker rejection flter all in one. in both transmitter and receiver applications, excellent 6th order butterworth flter response with virtually no pass-band ripple and exceptional +/-2.5% bandwidth accuracy enables simple modem designs that need not utilize complex adaptive equalization schemes to compensate for flter ripple and group delay variation. in such applications, together with hittites wideband pllvcos, the HMC1023LP5E enables truly wideband multi- standard multi-carrier hardware platforms, software confgurable to the demands of each particular application. compared to discrete flters, the HMC1023LP5E saves valuable board area and cost. typically higher order discrete flters are required to achieve comparable rejection as the HMC1023LP5E due to the inherent error tolerances in the value of each individual component. in addition, discrete flters are fxed in bandwidth, typically requiring multiple band specifc hardware versions that tends to increase the cost relative to supporting only one hardware version for all bands supported by the HMC1023LP5E. the HMC1023LP5E overcomes the matching problem that discrete flters present with respect to baseband signal processing. the matched dual flter paths provide excellent gain and phase balance between the two channels eliminating the image problem which results from poor matching. figure 32. typical receive path block diagram showing HMC1023LP5E
if / baseband processing - smt 17 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com figure 33. typical transmit path block diagramHMC1023LP5E ordering information input interface input stage features a programmable input impedance (100 ? / 400 ? / 1 k? differential, or 50 ? / 200 ? / 500 ? single-ended) that is configured via reg 01h [9] and reg 02h [10]. programmable impedance enables a configurable interface, tailored to the requirements of the component driving the HMC1023LP5E. it enables maximum noise figure (nf) performance regardless of the device driving the HMC1023LP5E. nf of the HMC1023LP5E with various input impedance settings is provided in figure 5 , figure 6 and figure 7 . actual input impedance over frequency is shown in figure 29 . wide input common mode voltage range further simplifies input interface. the HMC1023LP5E does not require any configuration for input common mode voltage as long as the part is operated within the specifications outlined in table 1 . the HMC1023LP5E does not require any specific impedance at the input. input interface should be designed according to the demands of the device driving the HMC1023LP5E, while programmable input impedance of the HMC1023LP5E permits optimal matching and/or nf performance. both ac-coupled and dc-coupled interfaces are supported at the input. output interface output common mode voltage of the HMC1023LP5E is set via cmi and cmq pins for the in-phase and quadrature outputs respectively. wide output common mode voltage range simplifes interface with numerous devices. the HMC1023LP5Es 0.9 v to 3 v output common mode voltage range is specifed with a 2 vppd output signal swing. lower common mode output voltage is supported with lower signal swing. the key requirement is that the signal swing in combination with common mode voltage does not go below 0.5 v single-ended. hence, as an example a 0.7 v output common mode voltage level is supported with 0.8 vppd signal swing. figure 18 to figure 23 show the effect of output common mode voltage on linearity performance (output ip2 & output ip3) of the HMC1023LP5E. the plots indicate that even for a large output signal swing of 2 vppd, the HMC1023LP5E typically maintains high linearity performance below 0.9 v nominal output common mode limit. figure 34 shows measured output common mode voltage as a function of input common mode setting on cmi & cmq pins. the plot is generated with 2 vppd output signal and shows that output common mode voltage follows the settings on cmi & cmq pins well beyond the rated 0.9 v to 3 v.
if / baseband processing - smt 18 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com figure 34. 0 1 2 3 4 5 012345 common mode setting cmi & cmq pin (v) output common mode (v) output vs. input common mode voltage output impedance of the HMC1023LP5E is nominally 10 ? single-ended or 20 ? differential. the HMC1023LP5E does not require any special impedance matching at the output. the output of the HMC1023LP5E is an opamp driver capable of driving small and large loads alike. output interface of the HMC1023LP5E should be designed according to the demands of the device the HMC1023LP5E is driving. linearity, bandwidth accuracy, and current consumption as shown in figure 25 , the HMC1023LP5E is a high linearity device, typically exhibiting in excess of 30 dbm output ip3, and over 60 dbm output ip2 throughout the operating range of the part. to maintain maximum performance as measured by linearity (output ip2 and output ip3) and bandwidth accuracy it is recommended to use opamp bias settings ( reg 02h [1:0]) outlined in table 9 . table 9 shows that higher opamp bias setting, and thereby higher current consumption is required to maintain maximum linearity performance as well as bandwidth accuracy ( < 2.5% bandwidth error) at bandwidth settings 10 mhz. figure 12 to figure 23 show the effect of opamp bias setting ( reg 02h [1:0]) on linearity (oip2 and oip3) performance of the HMC1023LP5E. table 9. HMC1023LP5E bias table coarse bandwidth (mhz) coarse bandwidth setting ( reg 02h [9:6]) recommended opamp bias setting for best performance reg 02h [1:0] HMC1023LP5E typical current consumption (ma) 5 0000 00 172 7 0001 00 172 10 0010 00 172 14 0 011 01 227 20 0100 01 227 28 0101 01 227 40 0110 01 227 50 0111 01 227 72 1000 10 260 figure 12 to figure 23 show that the higher opamp bias setting typically increases linearity oip3 & oip2 by 5 to 10 db at high bandwidth setting. however, they also show that the HMC1023LP5E maintains excellent linearity performance (~60 dbm oip2 & ~30 dbm oip3), even at minimum opamp bias setting ( reg 02h [1:0] = 0). figure 35 shows typical calibrated flter bandwidth error (accuracy) vs opamp bias setting ( reg 02h [1:0]). it shows that higher opamp bias is required at flter bandwidth settings 10 mhz in order to achieve +/-2.5 % bandwidth accuracy. however it also shows that excellent bandwidth accuracy ( +/-5.5 %) is achievable at all flter bandwidth settings with even the lowest opamp bias setting ( reg 02h [1:0]).
if / baseband processing - smt 19 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com figure 35. -2 -1 0 1 2 3 4 5 6 0 10 20 30 40 50 60 70 80 3 db bandwidth error (%) filter bandwidth setting (mhz) reg02[1:0] = 10 reg02[1:0] = 01 reg02[1:0] = 00 calibrated HMC1023LP5E bandwidth error vs. opamp bias ( reg 02h [1:0] ) hence for applications in which current consumption is an important performance criteria it is possible to reduce the HMC1023LP5E current consumption by ~90 ma or ~450 mw at a cost of ~5 db lower linearity performance and lower, but still excellent bandwidth accuracy performance of +/-5.5 %. non-volatile one time programmable (otp) memory the HMC1023LP5E includes otp (one time programmable) memory that enables the user to program the default configuration of the HMC1023LP5E on start-up. the programmable settings are shown in reg 0ah they include: ? bandwidth ? filter bypass enable ? gain ? input impedance (100 ? or 1k? differential), 400 ? differential is also available but can only be set via spi interface. ? opamp bias ? driver bias once the otp memory is programmed, by default on power-up, the HMC1023LP5E enters the state programmed in otp memory. however, even after the otp memory is programmed HMC1023LP5E retains full functionality, and can be re-configured to any other state via serial port interface. therefore the configuration burned in otp memory is only a default configuration of the HMC1023LP5E on power up, which can be changed to any user defined configuration after power-up using the spi. detailed instructions on programming the otp memory are provided in one time programmable memory (otp) section. filter programming & calibration detailed description of filter bandwidth programming is provided in filter bandwidth setting section. to achieve the rated accuracy, each HMC1023LP5E device requires calibration at least once. once calibrated, the settings are always valid for that particular HMC1023LP5E. filter calibration requires an input clock. more information about calibration clock and calibration procedure is provided in rc calibration circuit section. the calibration clock is only required during calibration. it is not required for the operation of the HMC1023LP5E.
if / baseband processing - smt 20 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com HMC1023LP5E ordering information the HMC1023LP5E is available as product that is either un-programmed or pre-programmed. programming is available to a variety of flter bandwidths (defned in this context as the 3db bandwidth). other options available for pre-programmed product include the single path gain and bias state as described below. gain and bias settings are described in reg 02h . when placing an order for the HMC1023LP5E please observe the following guidelines. 1. to order the un-programmed standard part please place order using the part number HMC1023LP5E-000000. 2. to order a pre-programmed HMC1023LP5E please determine the part number as described below and then contact hittite sales at sales@hittite.com or call (978) 250-3343. 2.1 minimum quantity order for the pre-programmed HMC1023LP5E-bbbgll is 500 pieces. 3. pre-programmed part number description: HMC1023LP5E-bbbgl. 3.1 bbb represents a three digit number from the table 10 that represents the desired bandwidth setting (3 db bandwidth) from 5 mhz to 72 mhz (for example bbb = 050 specifes a 5 mhz corner frequency). 3.2 g represents the gain setting of either 0 db (g = 0) or 10 db (g = 1). 3.3 ll represents the opamp bias setting of the HMC1023LP5E. for more information please see linearity, bandwidth accuracy, and current consumption section. for example, to order the HMC1023LP5E pre-programmed for 72 mhz 3 db frequency, 10 db gain, and standard low 00 opamp bias setting please specify part number HMC1023LP5E-720100. table 10. custom part frequency options bbb frequency for custom part (actual frequency is bbb x 0.1 mhz) 050 069 093 128 171 229 307 411 554 709 052 070 095 131 175 235 315 422 565 720 053 071 098 134 179 240 322 432 576 054 073 100 137 180 246 330 443 587 056 075 102 140 184 253 338 454 598 057 076 105 141 188 259 347 465 609 058 078 108 144 193 265 355 476 621 060 080 110 148 198 272 364 488 632 061 082 113 151 203 278 373 500 643 063 084 116 155 208 280 382 510 654 064 086 119 159 213 285 392 521 665 066 088 121 163 218 292 400 532 676 068 091 124 167 224 300 401 543 687 for additional information or inquiries please contact hittite apps support at apps@hittite.com. [1] the output ip2 and output ip3 for the two linearity settings are shown in figure 13 and figure 14. high linearity setting improves linearity for bandwidths greater than 30 mhz at the cost of increased current consumption (additional 25 ma).
if / baseband processing - smt 21 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com theory of operation the HMC1023LP5E consists of the following functional blocks 1. input gain stage 2. 6th order butterworth lpf 3. output driver 4. rc calibration circuit 5. bias circuit 6. one time programmable memory 7. serial port interface 8. built in self test (rc-bist) input gain stage the HMC1023LP5E input stage consists of a programmable 0 or 10 db gain stage which in turn drives the 6th order lpf. a block diagram showing input impedance of the i channel is presented below, q channel is similar. figure 36. input stage block diagram 6 th order low pass filter (lpf) the lpf allows for coarse bandwidth tuning by varying the capacitive elements in the flter, while the fne bandwidth tuning is accomplished by varying the resistors. note that all op-amps in the lpf are class ab for minimum power consumption in the flter while maintaining excellent distortion characteristics even in large signal swing conditions. the attenuation due to the lpf can be calculated for any frequency, f, from the standard butterworth transfer function for a 6th order flter. specifcally the attenuation of the flter, in db, can be calculated as: attenuation = 10*log 10 (1+(f/f c ) (2*6) ) where f c is the 3 db bandwidth or corner frequency for the flter. note that for a 6th order butterworth flter the 1 db bandwidth is 90% of f c , and the 0.3 db bandwidth is 80% of f c . filter bandwidth setting the 3 db bandwidth of the HMC1023LP5E is programmable anywhere within the range from 5 mhz to 72 mhz. when calibrated, flter bandwidth is accurate to within +/-2.5% of the programmed bandwidth, if not calibrated it is accurate to within +/-20% of the programmed bandwidth. the calibration of HMC1023LP5E is required to be executed only once for each individual HMC1023LP5E. once
if / baseband processing - smt 22 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com executed, if the calibration settings are remembered, they are always valid for a specifc HMC1023LP5E. please note that best bandwidth accuracy is achieved when the HMC1023LP5E is calibrated at its typical operating temperature. programmed bandwidth varies 0.03 %/ o c. filter bandwidth confguration the HMC1023LP5E bandwidths are confgured using coarse bandwidth settings in reg 02h [9:6], and fine bandwidth settings in reg 03h [3:0]. coarse bandwidth settings select from a choice of coarse bandwidth options in table 11 , and the fine bandwidth settings further refne the selected coarse bandwidth settings according to table 12 . in all cases, once the reg 02h [9:6] and/or reg 03h [3:0] have been programmed it is required to set reg 01h [4]=1 in order to instruct the HMC1023LP5E to use provided settings. after calculating the settings for a given device they can be stored permanently in the non volatile memory (see one time programmable memory (otp) for more information). uncalibrated bandwidth confguration when not calibrated, the coarse bandwidth is selected via reg 02h [9:6] according to the desired coarse bandwidth setting in table 11 . example: to select bandwidth of 14 mhz simply write reg 02h [9:6] = 0011b, then write reg 01h [4]=1 to instruct the HMC1023LP5E to use provided settings. if desired, it is possible to tune to an arbitrary bandwidth choice not provided in table 11 . in that case nearest coarse bandwidth is selected via reg 02h [9:6] according to table 11 , and the bandwidth is further refned via reg 03h [3:0] according to table 12 , where reg 03h [3:0] = f wanted / f bw_norm_coarse_typ , where f bw_norm_coarse_typ corresponds to the selected typical coarse bandwidth setting in table 11 , programmed via reg 02h [9:6]. example: to select the bandwidth of 13 mhz, select the closest typical value in table 11 , and program reg 02h [9:6] accordingly (ie. reg 02h [9:6] = 0011b), then reg 03h [3:0] = f wanted / f bw_norm_coarse_typ = 13 mhz/14 mhz = 0.9286. hence from table 12 , reg 03h [3:0] = 0100. finally, write reg 01h [4]=1 to instruct the HMC1023LP5E to use provided settings. in all cases, when uncalibrated the bandwidth is accurate to within +/-20% of the programmed bandwidth. calibrated bandwidth confguration the calibration of HMC1023LP5E is required to be executed only once for each individual HMC1023LP5E. once executed, if the calibration settings are remembered, they are always valid for that specifc HMC1023LP5E. detailed instructions of how to calibrate the HMC1023LP5E are available in rc calibration circuit section. when calibrated the programmed bandwidth is accurate to +/-2.5%. the HMC1023LP5E calibrated bandwidth can be programmed in two ways, automatic or manual. the automatic calibration supports only coarse bandwidth settings in table 11 , whereas the manual calibration supports arbitrary bandwidths from 5 mhz to 72 mhz. in both cases the bandwidth is accurate to within +/-2.5%. calibrated automatic bandwidth confguration in automatic bandwidth setting the user simply selects from a choice of coarse bandwidths in table 11 via reg 02h [9:6], and the HMC1023LP5E automatically programs reg 03h [3:0] during calibration so that the selected bandwidth is accurate to within +/-2.5%. example: to select bandwidth of 14 mhz simply write reg 02h [9:6] = 0011b, then write reg 01h [4]=1 to instruct the HMC1023LP5E to use provided settings.
if / baseband processing - smt 23 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com calibrated manual bandwidth confguration manual bandwidth setting enables arbitrary user defned bandwidths between 5 mhz and 72 mhz accurate to within +/-2.5%. the coarse bandwidth is selected from table 11 via reg 02h [9:6], and that bandwidth is further refned using selections in table 12 via reg 03h [3:0]. initially the calibration result is read from reg 09h [23:0]. then required coarse bandwidth selection is calculated as follows: f bw_norm_coarse = f wanted * ( reg 09h [23:0] + 153600)/10370000 (eq 1) where f wanted is the desired arbitrary bandwidth. the coarse bandwidth nearest to calculated f bw_norm_coarse is selected from table 11 and written to reg 02h [9:6]. to calculate the fine bandwidth setting fne_tune_ratio is calculated as shown in (eq 2) : fne_tune_ratio = f bw_norm_coarse / f bw_norm_coarse_typ (eq 2) where the f bw_norm_coarse is given in (eq 1) , and f bw_norm_coarse_typ is the nearest corresponding bandwidth in table 11 . then fine bandwidth setting is selected from a nearest column in table 12 that corresponds to the calculated fne_tune_ ratio and programmed to reg 03h [3:0]. example: to select the bandwidth of 13 mhz, initially read reg 09h [23:0] (in this example reg 09h [23:0] = 10470000). then according to (eq 1) , f bw_norm_coarse = 13 mhz * (10470000 + 153600)/10370000 = 13.318 mhz. select the closest typical value in table 11 to 13.318 mhz and program reg 02h [9:6] accordingly (ie. reg 02h [9:6] = 0011b), then reg 03h [3:0] = f wanted / f bw_norm_coarse_typ = 13.317917 mhz/14 mhz = 0.95128. hence from table 12 , reg 03h [3:0] = 0101. finally, write reg 01h [4]=1 to instruct the HMC1023LP5E to use provided settings. please note that the HMC1023LP5E evaluation software distributed with HMC1023LP5E evaluation kits implements this calibrated arbitrary bandwidth algorithm. table 11. normalized bandwidth look up table coarse_bandwidth_code[3:0] f bw_norm_coarse min (mhz) typ (mhz) max (mhz) 0000 3.948 5 6.050 0001 5.527 7 8.470 0010 7. 8 9 6 10 12.10 0 0 011 11.054 14 16.940 0100 15.792 20 24.200 0101 22.109 28 33.880 0110 31.584 40 48.400 0111 39.480 50 60.500 1000 56.851 72 87.12 0
if / baseband processing - smt 24 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com table 12. calibration code look up table fne_bandwidth_code [3:0] fne_tune_ratio min (mhz/mhz) typ (mhz/mhz) max (mhz/mhz) 0000 0.790 0.803 0.818 0001 0.818 0.832 0.846 0010 0.846 0.862 0.878 0 011 0.878 0.893 0.909 0100 0.909 0.926 0.943 0101 0.943 0.959 0.976 0110 0.976 0.994 1.012 0111 1.012 1.030 1.048 1000 1.048 1.063 1.078 1001 1.078 1.097 1.116 1010 1.116 1.136 1.155 1011 1.155 1.183 1.210 to reprogram the HMC1023LP5E to any other bandwidth simply repeat the steps above. filter bandwidth setting after calibration in cases where ctune is unknown but the calibrated and programmed bandwidth is known, it is possible to estimate the value of ctune based on the values of coarse bandwidth code and fine bandwidth code and the corresponding values in table 11 and table 12 . for example, if the 3 db bandwidth for the HMC1023LP5E was factory pre-programmed to a customer defned requirement of 34 mhz and reg 02h [9:6] = 0110 (coarse bandwidth code) and reg 03h [3:0] = 0010 (fine bandwidth code), as determined from reg 0ah for a pre-programmed part or from reg 02h & reg 03h for a non programmed part, then ctune can be estimated as follows: 1. lookup the nominal coarse bandwidth and fne bandwidth frequencies. a. from table 11 the nominal coarse frequency is 40 mhz b. from table 12 the nominal fne normalized frequency is 0.862 mhz/ mhz or simply 0.862 2. estimate ctune as: ctune=(40 mhz * 0.862 )/ 34 mhz = 1.0141 this value of ctune can now be used to calculate any arbitrary flter frequency as described above. rc calibration circuit the rc calibration block uses a known user supplied clock to measure an on chip rc time constant. this measurement is representative of the uncorrected corner frequency error for a given bandwidth for the HMC1023LP5E. calibration is normally done at room temperature. refer to table 1. electrical specifcations for further details on the variation of the 3 db cutoff point with temperature. typically programmed bandwidth varies 0.03 %/ o c. with this information, the HMC1023LP5E can correctly fne tune the lpf by adjusting the resistors in the lpf to center the corner frequency to the desired bandwidth. to calibrate the HMC1023LP5E proceeds as follows: 1. apply a clock signal of frequency between 20 mhz and 100 mhz on the calck pin (pin 11) of the HMC1023LP5E. the clock signal only needs to be applied during the calibration procedure and is not
if / baseband processing - smt 25 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com required at other time. please note that an integrated clock doubler must be enabled for clock frequencies less than 40 mhz. to enable the clock doubler simply write reg 01h [5] = 1. 2. write the applied clock signal period to reg 05h [14:0] in picoseconds. 3. enable the rc calibration circuit by writing reg 01h [1] = 1. 4. write reg 06h [8:0] = 152d = 96h. 5. write reg 04h = 0 to initialize the calibration cycle. the HMC1023LP5E indicates that the calibration is in process when reg 08h [4]=1. when reg 08h [4]=0 calibration has fnished. when complete, the calibration fine bandwidth value can be retrieved from reg 08h [3:0] once calibrated the HMC1023LP5E automatically writes the calibrated fne fine bandwidth values to reg 03h [3:0] (ie. reg 03h [3:0] = reg 08h [3:0]) as explained in calibrated automatic bandwidth confguration section. if desired, the calibration results can be overridden via reg 03h [3:0], as explained in calibrated manual bandwidth confguration section. output driver the HMC1023LP5E output driver consists of a differential class ab driver which is designed to drive typical adc loads directly or can drive up to 200 in parallel with 50 pf to ac ground per differential output. note that the output common mode of the driver is controlled directly via the cmi/cmq pin and can be set as per table 1. electrical specifcations . also note, that driver loading does not impact flter transfer responses. a block diagram showing output connections is presented below. figure 37. output driver block diagram bias circuit a band gap reference circuit generates the reference currents used by the different sections. the bias circuit is enabled or disabled as required with the i or q channel as appropriate. one time programmable memory (otp) the HMC1023LP5E features one time programmable memory which can be programmed by the end user or ordered from the factory precalibrated. the otp memory is programmed via the standard 4 wire serial port (spi) as follows:
if / baseband processing - smt 26 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com 1. enable otp write mode (see reg 0bh bit 0 enables otp programming). 2. read the status of the otp active fag (see reg 08h , bit 5 is the otp active fag). the write pulse status (otp active fag) must be 0 to allow the otp to be programmed. 3. write the otp bit address to be set ( reg 0ch ). this address is a 4 bit number representing the address of the bit to be programmed. note that when programming a bit we change its state from 0 to 1 and this operation cannot be reversed. otp bit addresses can be found in reg 08h . 4. start the otp write operation. write any data to the otp strobe register ( reg 0dh ). 5. read the status of the otp active fag ( reg 08h , bit 5 is the otp active fag). if bit 5 is set then the write pulse is still high. repeat until bit 5 is 0 which indicates that the write pulse is fnished. 6. repeat steps 3 to 5 to program the remaining desired bits. note that bit 13 otp_prg_fag must be set by the user to use otp values. 7. when completed, disable otp write mode ( reg 0bh ). power on reset and soft reset the HMC1023LP5E has a built in power on reset and also a serial port accessible soft reset. power on reset is accomplished when power is cycled to the HMC1023LP5E, while soft reset is accomplished via the spi by writing reg 00h [5] = 1 followed by writing reg 00h [5] = 0. all chip registers will be reset to default states approximately 250us after power up. serial port interface the HMC1023LP5E features a four wire spi. four wires (sen,sck,sdi,sdo) are necessary to implement a spi read/write functionality, while a write only functionality can be implemented with 3 wires (sen,sck,sdi). the HMC1023LP5E spi features a 3-bit chip_id that enables operation of up to 8 devices on the same spi bus. chip_id of HMC1023LP5E is set to 101b. please note that every spi operation is both a read and a write. data is written to the HMC1023LP5E on the sdi line, and read from the HMC1023LP5E on the sdo line every read/write cycle, as shown in figure 38 . every spi write the HMC1023LP5E returns the data contained in the register whose address is specifed in reg 00h [4:0] prior to the write/read cycle. hence to read from a particular HMC1023LP5E register, it is necessary to initially write the address of that register to register 0 (ie. reg 00h [4:0] = reg_addr, where reg_addr is the address of the register to be read on the next read/write cycle). the desired register will be read on the next (2nd) write/read cycle. if nothing additional is desired to be written to the HMC1023LP5E on the 2nd write/read cycle, simply rewrite reg 00h [4:0] = reg_addr on the second read/write cycle to conclude the register read. in summary, the read cycle uses indirect addressing where reg 00h contains the pointer to the address of the register to be read. note that in any spi cycle the write data is stored in the register at the end of the cycle when sen goes high. this means that the address pointer ( reg 00h [4:0]) must be set prior to the read/write cycle in which the desired data is read. typical serial port operation can be run with sck at speeds up to 30 mhz. serial port write operation the host changes the data on the falling edge of sck and the HMC1023LP5E reads the data on the rising edge. a typical write cycle is shown in figure 38 . it is 32 clock cycles long. 1. the host sets serial port enable (sen) low and places the msb of the data on serial data input (sdi) followed by a rising edge on sck. 2. HMC1023LP5E reads sdi (msb frst) on the 1st rising edge of sck after sen.
if / baseband processing - smt 27 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com 3. HMC1023LP5E registers the data bits, d23:d0, on the next 23 rising edges of sck (total of 24 data bits). 4. host places the 5 register address bits, a4:a0, on the next 5 falling edges of sck (msb to lsb) while the HMC1023LP5E reads the address bits on the corresponding rising edge of sck. 5. host places the 3 chip address bits, ca2:ca0=[101], on the next 3 falling edges of sck (msb to lsb). note the HMC1023LP5E chip address is fxed as 5d or 101b. 6. sen goes from low to high after the 32nd rising edge of sck. this completes the write cycle. 7. HMC1023LP5E also exports data back on the serial data out (sdo) line. for details see the section on read operation. serial port read operation the read data is available on sdo line. this line itself is tri-stated when the device is not being addressed. however when the device is active and has been addressed by the spi, the HMC1023LP5E controls the sdo line and exports data on this line during the next spi cycle. HMC1023LP5E changes the data to the host on the rising edge of sck and the host reads the data from HMC1023LP5E on the falling edge. a typical read cycle is shown in figure 38 . read cycle is 32 clock cycles long. to specifcally read a register, the address of that register must be written to dedicated reg 00h . this requires two full cycles, one to write the required address, and a 2nd to retrieve the data. a read cycle can then be initiated as follows; 1. the host sets sen line low, followed by a rising edge sck. 2. HMC1023LP5E reads sdi (msb frst) on the 1 st rising edge of sck after sen is set low. 3. HMC1023LP5E registers the data bits in the next 23 rising edges of sck (total of 24 data bits). the lsbs of the data bits represent the address of the register that is intended to be read. 4. host places the 5 register address bits on the next 5 falling edges of sck (msb to lsb) while the HMC1023LP5E reads the address bits on the corresponding rising edge of sck. for a read operation this is 00000b. 5. host places the 3 chip address bits <101> on the next 3 falling edges of sck (msb to lsb). note the HMC1023LP5E chip address is fxed as 5d or 101b. 6. sen goes from low to high after the 32 th rising edge of sck. this completes the frst portion of the read cycle, in which the address of the register to be read on the next read/write cycle is written to reg 00h . 7. the host sets sen line low, followed by a rising edge sck. 8. HMC1023LP5E places the 24 data bits, 5 address bits, and 3 chip_id bits, on the sdo, on each rising edge of the sck, commencing with the frst rising edge beginning with msb. 9. the host sets sen line high after reading the 32 bits from the sdo output. the 32 bits consists of 24 data bits, 5 address bits, and the 3 chip id bits. 10. this completes the read cycle. note that the second read/write cycle is also both a read and a write. hence if it is not desired to write anything new to the HMC1023LP5E on the second read/write cycle simply rewrite the same data to reg 00h that was written on the previous cycle. serial port bus operation with multiple devices the spi bus architecture supports multiple devices on the same spi bus. each HMC1023LP5E on the bus requires a dedicated sen line to enable the appropriate device. the sdo line is normally driven by the HMC1023LP5E during and after an spi read/write which is addressed directly to the HMC1023LP5E (chip address = 5d or 101b). a write to the HMC1023LP5E where chip address is set to any value other than 5d or 101b is required in order to ensure that the sdo pin remains tri-stated by the HMC1023LP5E
if / baseband processing - smt 28 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com after accessing the HMC1023LP5E. such a write will not result in any change in the HMC1023LP5E confguration because of the incorrect chip address. figure 38. spi timing diagram table 13. main spi timing characteristics dvdd = 5v 5%, gnd = 0v parameter conditions min typ max units t 1 sdi to sck setup time 8 nsec t 2 sdi to sck hold time 8 nsec t 3 sck high duration [ a] 10 nsec t 4 sck low duration 10 nsec t 5 sen low duration 20 nsec t 6 sen high duration 20 nsec t 7 sck to sen [ b] 8 nsec t 8 sck to sdo out [c] 8 nsec a. the spi is relative insensitive to the duty cycle of sck. b. sen must rise after the 32nd falling edge of sck but before the next rising sck edge. if sck is shared amongst several devices this timing must be respected. c. typical load to sdo 10pf, max 20pf built in self test (rc-bist) the HMC1023LP5E rc calibration state machine features built in self test (rc-bist) to facilitate improved device testing. the rc-bist can be exercised as follows: 1. apply reset to the chip via a power cycle (hard reset) or via the spi (soft reset). soft reset is accomplished by writing reg 00h = 20h, followed by writing reg 00h = 0h. 2. setup the rccal input parameters if desired. note that the rc-bist will work with the default settings from power up however test coverage will improve if the following spi registers are also accessed: a. program the rc clock period ( reg 05h ) .
if / baseband processing - smt 29 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com b. program the measurement adjustment setting ( reg 06h ). c. program the threshold adjustment settings. 3. enable bist mode ( reg 0eh ). 4. start the bist by writing any data to the bist strobe register ( reg 04h ). note that the bist will take 2^ 18 ~ 260k clock cycles to complete. 5. read the result of the bist test. read the value in the bist out register ( reg 0f ). bit 16 is the busy fag and will be set when the bist is still running. when this bit is reset then the bist output value in bits 15:0 are valid. note that the value of the bist output must be compared to the expected result depending on values programmed into the registers in step 2. the bist procedure can be repeated as desired to ensure adequate test coverage for the rc calibration engine. the suggested register settings to maximize test coverage with bist is provided below. table 14. test conditions register settings expected result reg 05h[14:0]=65, reg 06h[8:0]=255, reg10h[4:0] to eg1ah[4:0]=0d or 0h reg 0fh[15:0]=36092, reg 09h[23:0]=14942167 reg 05h[14:0]=32702, reg 06h[8:0]=36, reg10h[4:0] to reg1ah[4:0]=31d or 1fh reg 0fh[15:0]=55027, reg 09h[23:0]=14143649 reg 05h[14:0]=10922, reg 06h[8:0]=170, reg10h[4:0] to reg1ah[4:0]=10d or ah reg 0fh[15:0]=28618, reg 09h[23:0]=8907563 reg 05h[14:0]=21845, reg06h[8:0]=853, reg10h[4:0] to reg1ah[4:0]=21d or 15h reg ofg[15:0]=16368, reg 09h[23:0]=3396981
if / baseband processing - smt 30 HMC1023LP5E v01.0113 72 mhz dual programmable low pass filter with driver for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com register map table 15. reg 00h - chip_id (read only) bit name width default description [23:0] chip_id 24 d7780 HMC1023LP5E chip_id. table 16. reg 00h - read address (write only) bit name width default description [4:0] register read address 5 - address of the register to be read on the next read/write cycle. [5] soft reset 1 - soft reset. 1: soft reset. it is recommended to set this bit to 0 after soft reset event (ie. after writing reg 00h [5] = 1) 0: no change [23:6] not defned 1 - dont care. table 17. reg 01h - enable bit name width default description [0] otp_dontuse 1 0 default use stored otp values (only if otp is programmed) [1] cal_enable 1 0 enable rc calibration circuit [2] flter_i_enable 1 1 enable i channel gain stage, flter, and driver [3] flter_q_enable 1 1 enable q channel gain stage, flter, and driver [4] force_cal_code 1 0 force calibration setting to use spi values (reg 03h - calibration) [5] doubler_enable 1 0 0-- doubler disabled. rc calibration clock 40 mhz


▲Up To Search▲   

 
Price & Availability of HMC1023LP5E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X