Part Number Hot Search : 
SSR0340 TF201212 X100XXX 57K68 00K1T AD571S 35977 OPI2152
Product Description
Full Text Search
 

To Download HGN-339-4M-F-160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications subject to change without notice. dimensions (mm). see appendix a for recommended power cord. see pdi full line catalog for detailed specifications on power cords. iec 60320 inlet socket with switch, voltage select and a fuse holder, snap-in mount hgn-339 mechanical dimensions features the hgn-339 incorporates features such as 2-pole on/off switch, iec connector, a fuse holder that accepts european 5 x 20mm or n. american 1/4? x 1 1/4? (3ag) fuse, and a voltage selector (110v/220v). it is designed for use in equipment intended for export enabling the fast change to other voltages. these filters are also available for medical equipment with low leakage current to comply with ul 544 & ul2601. applications computer & networking equipment, measuring & control equipment, data processing equipment, laboratory instruments, switching power supplies, other electronic equipment. technical data ? rated voltage: 125/250vac ? rated current: 1a, 2a, 3a, 4a, 6a ? power line frequency: 50/60hz ? max. leakage current each line to ground: @ 250vac 50hz: 0.5ma, max @ 250vac 50hz: 2 a*, max ? hipot rating (one minute) line to ground: 2250vdcline to line: 1450vdc ? temperature range: -25c to +85c * medical application (unit: mm) 40.0 52.0 110 220 6.3 typ. 55.0 3.0 49.0 a +0.2 ** 0.8 typ. 36.0 4x r1.5 49.5 +0.2 recommended pan el cut out 36.5 +0.2 64 145 algonquin parkway, whippany, nj 07981 ? 973-560-0019 ? fax: 973-560-0076 e-mail: filtersales@powerdynamics.com ? www.powerdynamics.com
attenuation tables & schematics hgn-339 series example & ordering code medical applications non-medical applications insertion loss in db (50 ohm circuit) insertion loss in db (50 ohm circuit) l(mh) l(mh) fuse fuse n' p' n e p line load e' 1m 0.033 f 0.033 f 220v 110v l(mh) l(mh) 2200pf 2200pf fuse fuse n' n e p line load e' 1m 0.033 f 0.033 f p' 110v 220v current rating (a): schematic: hgn-339 panel thickness*: - - 1 m f 150 = 1 = 2= 3 = 4 = 6 terminal: = 150 = 160= 200 0.06 (1.5mm) 0.062 (1.6mm)0.08 (2.0mm) = f quick connect (6.3 x 0.8) = blank = m standard type without c(y); c(x) only - comm. mode(l-g) mhz diff. mode(l-l) mhz .01 .05 .15 .5 1 5 10 30 .01.05 .15 .5 1 5 10 30 19 34 42 53 57 50 55 55 15 5 5 33 47 71 70 55 6 18 26 37 44 54 51 60 23 8 10 20 33 68 70 60 12 18 25 37 45 53 65 60 16 5 10 24 35 64 65 60 6 16 23 34 40 54 56 65 11 4 4 20 33 63 66 64 6 15 21 30 35 50 55 60 16 6 6 15 28 60 65 60 current rating 1a 2a3a 4a 6a l value 10.3ma 4.6ma2.5ma 1.2ma 0.8ma current rating 1a 2a3a 4a 6a l value 10.3ma 4.6ma2.5ma 1.2ma 0.8ma comm. mode(l-g) mhz diff. mode(l-l) mhz .01 .05 .15 .5 1 5 10 30 .01.05 .15 .5 1 5 10 30 22 32 41 51 48 37 31 22 9 11 15 50 67 82 71 37 18 30 38 40 42 36 30 21 9 11 11 42 67 82 75 38 18 28 33 38 38 30 23 18 9 15 14 38 55 82 76 35 10 18 23 30 32 32 30 22 9 13 19 19 44 82 79 40 8 13 19 27 29 29 29 25 9 18 21 19 47 84 82 50 65 145 algonquin parkway, whippany, nj 07981 ? 973-560-0019 ? fax: 973-560-0076 e-mail: filtersales@powerdynamics.com ? www.powerdynamics.com * more panel thickness options are available upon request


▲Up To Search▲   

 
Price & Availability of HGN-339-4M-F-160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X