www.ledidea.com * speci cations subject to change without notice. dimensions are in mm0.25 unless stated otherwise. idea, inc., 1351 titan way, brea, ca 92821 ph:714-525-3302, 800-led-idea; fax: 714-525-3304 2005g t -1, (3-mm) round, quad pcb mount led indicator, G244B series G244B is a family of indicator arrays especially popular in the computer peripheral industry. the four lamps are positioned o n a 0.3" pitch. the low pro le and long reach makes it a useful candidate for items such as modems. specify part desired as follows: G244B/order code led1 + order code led 2 + order code led 3 + order code led 4 f or example: ?G244B/i+y+2g? designates an assembly with a red led, a yellow led and 2 green led's from left to right. order code and information (all ratings at 25c ambient) led lamp typical characteristics recom. op. if (ma) epoxy & type color order code p eak vf (v) iv (mcd) 2 1/2 (nm) @if=20ma @if=10ma (deg) tinted diffused resistor required hi eff red i 635 2.0 10 60 10-20 green g 565 2.1 10 60 10-20 y ellow y 585 2.0 10 60 10-20 orange o 610 2.0 10 60 10-20 tinted transparent high brightness hi eff red it 635 2.0 40 40 10-20 green gt 565 2.1 40 40 10-20 y ellow yt 585 2.0 40 40 10-20 tinted diffused f or 2ma operation hi eff red i2 635 2.0 1.0 @ 2ma 60 2-10 green g2 565 2.1 1.0 @ 2ma 60 2-10 y ellow y2 585 2.0 1.0 @ 2ma 60 2-10 tinted diffused 5v operation hi eff red i5 635 - 10 60 5 v green g5 565 - 10 60 5 v y ellow y5 585 - 10 60 5 v white diffused bipolar, bicolor red/green eg 635/565 2.0/2.1 4 / 4 90 10-20 y ellow/green yg 585/565 2.0/2.1 4 / 4 90 10-20 red/yellow ey 635/585 2.0/2.0 4 / 4 90 10-20 7.62(.30) 15.24(.60 ) anode typ 5.5(.22) 27.6(1.09) ?1.0(0.04) 2 pls 3.2(.125) 10.16 (.40) 11.4 (.45) 3.5(.13 ) 2.8(.11) (typ for bi-color) green anode red or yellow anode + ? (pinout for single color)
|