|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
spe - 1 1 - 8 - 05 3 /b /ss page 1 of 16 specification part no. : fxp 831 .09 .0100c product name : fxp.831 freedom 2.4/5 ghz ground coupled antenna feature : flexible ultra low profile 45mm*7mm*0.1mm adheres directly to inside of product plastic or glass housing form factor and cable routi ng convenient for integration high efficiency mmcx(m)ra connector 100m 1.37mm co - axial cable rohs compliant
spe - 1 1 - 8 - 05 3 /b /ss page 2 of 16 1. introduction the fxp831 is a high efficiency, small, dual - band, dipole antenna for 2.4/4.9 - 6ghz band including bluetooth and wi - fi. the fxp.8 31 has a peak gain of 2.5dbi at 2.4ghz and efficiencies of 56%, and 4.5dbi and 55% along bands 4.9ghz to 6ghz. this taoglas patent pending antenna is unique in the market because it is made from poly - flexible mate rial, has a tiny form factor (45 *7*.01mm) and has double - sided 3m tape for easy peel and stick mounting. the cable routes conveniently directly out of the bottom of the antenna, reducing the volume the antenna takes up in the device to an absolute minimum compared to other designs. the fxp.831 is the ideal all - round antenna solution for squeezing into narrow spaces and still maintaining high performance, for example on the inside top or adjacent side applied directly to the plastic housing of lcd devices . spe - 1 1 - 8 - 05 3 /b /ss page 3 of 16 2. specification electrical frequency 2 .4 ~ 2.5ghz, 4.9 ~ 5.8ghz peak gain (free space) 2.5 dbi 4.5 dbi peak gain (on plastic*) 3.0 dbi 5.5 dbi average gain (free space) - 2.6dbi - 2 . 6 dbi average gain (on plastic) - 2 . 6 dbi - 1 .8dbi efficiency (free space) 56% 55 % efficiency (on plastic) 56 % 75 % vswr Q 2.5 : 1 impedance 50 ohms polarization linear radiation pattern omni input power 2w max. mechanical dimensions 45mm x 7mm antenna body material polymer cable gray 100mm 1.37 co - axial connector mmcx(m)ra environmental temperature range - 40c to 85c humidity non - condensing 65c 95% rh spe - 1 1 - 8 - 05 3 /b /ss page 4 of 16 3. electrical characteristic 3.1 s11 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 freq(ghz) s11(db) free space with 1.0mm abs with 1.5mm abs with 2.0mm abs spe - 1 1 - 8 - 05 3 /b /ss page 5 of 16 3.2 test setup a ets ams - 8500 test chamber is used for the free space radiat ion testing for fxp831.07.0100a. t he measurement is taken with the antenna properly mo unted in the designate d device d evice tested in ams - 8500 rectangular test chamber. fxp831 on b axt e r device to indicate the testing coordinate fxp831 on baxter device to indicate the testing coordinate z y x z x y spe - 1 1 - 8 - 05 3 /b /ss page 6 of 16 3.3 radiation pattern 3.3.1 xz plane (at 240 0mhz) -35 -30 -25 -20 -15 -10 -5 0 5 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs spe - 1 1 - 8 - 05 3 /b /ss page 7 of 16 3.3.2 xz plane (at 2500mhz) 3.3.3 xz plane (at 5000mhz) -35 -30 -25 -20 -15 -10 -5 0 5 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs -35 -30 -25 -20 -15 -10 -5 0 5 10 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs spe - 1 1 - 8 - 05 3 /b /ss page 8 of 16 3.3.4 xz plane (at 5500mhz) 3.3.5 xz plane (at 6000mhz) -35 -30 -25 -20 -15 -10 -5 0 5 10 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs -35 -30 -25 -20 -15 -10 -5 0 5 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs spe - 1 1 - 8 - 05 3 /b /ss page 9 of 16 3.3.6 yz plane (at 2400mhz) 3.3.7 yz plane (at 2500mhz) -35 -30 -25 -20 -15 -10 -5 0 5 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs -35 -30 -25 -20 -15 -10 -5 0 5 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs spe - 1 1 - 8 - 05 3 /b /ss page 10 of 16 3.3.8 yz plane (at 5000mhz) 3.3.9 yz plane (at 5500mhz) -35 -30 -25 -20 -15 -10 -5 0 5 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs -35 -30 -25 -20 -15 -10 -5 0 5 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs spe - 1 1 - 8 - 05 3 /b /ss page 11 of 16 3.3.10 yz plane (at 6000mhz) 3.3.11 xy plane (at 2400mhz) -35 -30 -25 -20 -15 -10 -5 0 5 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs -35 -30 -25 -20 -15 -10 -5 0 5 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs spe - 1 1 - 8 - 05 3 /b /ss page 12 of 16 3.3.12 xy plane (at 2500mhz) 3.3.13 xy plane (at 5000mhz) -35 -30 -25 -20 -15 -10 -5 0 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs -35 -30 -25 -20 -15 -10 -5 0 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs spe - 1 1 - 8 - 05 3 /b /ss page 13 of 16 3.3.14 xy plane (at 5500mhz) 3.3.15 xy plane (at 6000mhz) -35 -30 -25 -20 -15 -10 -5 0 5 10 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs -35 -30 -25 -20 -15 -10 -5 0 5 10 0 30 60 90 120 150 180 210 240 270 300 330 free space with 1.0mm abs with 1.5mm abs with 2.0mm abs spe - 1 1 - 8 - 05 3 /b /ss page 14 of 16 3.4 peak gain 3.5 efficiency 0 1 2 3 4 5 6 7 8 2200 2400 2600 2800 3000 3200 3400 3600 3800 4000 4200 4400 4600 4800 5000 5200 5400 5600 5800 6000 freq(mhz) peak gain (dbi) free space with 1.0mm abs with 1.5mm abs with 2.0mm abs 0 10 20 30 40 50 60 70 80 90 100 2200 2400 2600 2800 3000 3200 3400 3600 3800 4000 4200 4400 4600 4800 5000 5200 5400 5600 5800 6000 freq(mhz) efficiency(%) free space with 1.0mm abs with 1.5mm abs with 2.0mm abs spe - 1 1 - 8 - 05 3 /b /ss page 15 of 16 4. mechanical 4.1 antenna dimension spe - 1 1 - 8 - 05 3 /b /ss page 16 of 16 5. package 5.1 package 10 bags u nit: mm pe bags 100pcs pe bag 1000pcs 100pcs taoglas makes no warranties based on the accuracy or completeness of the contents of th is document and reserves the right to make changes to specifications and product descriptions at any time without notice. taoglas reserves all rights to this document and the information contained herein. reproduction, use or disclosure to third parties w ithout express permission is strictly prohibited. copyright ? 2012, taoglas ltd. pc.17 |
Price & Availability of FXP831090100C |