Part Number Hot Search : 
3266Z100 ITA6V1U1 UR2020CT 908JL16 TMJ9904 TA100 ALQ50G48 OPB480
Product Description
Full Text Search
 

To Download ES1JB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  es1ab thru ES1JB 50v-600v 1.0a web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com mechanical data maximum ratings and electrical characteristics for surface mount applications low profile package buit-in strain relief easy pick and place superfast recovery times for high efficiency plastic package has underwriters laboratory flammability classification 94v-0 glass passivated junction o high temperature soldering 260 c/10seconds at terminals pb free product are available 99% sn above can meet rohs environment substance directive request case jedec do-214aa molded plastic t erminals solder plated, solderable per mil-std-750, method 2026 polarity indicated by cathode band standard packaging 16mm tape (eia-481) weight 0.003 ounce, 0.093grams surface mount superfast rectifier u n i t s 0 c - 5 5 t o + 1 5 0 p f symbol v o l t s v o l t s v o l t s a m p s a m p s v o l t s 0 c / w v rrm v rms v dc i (av) i fsm v f i r r ja c j 1.0 30 0.95 1.25 1.7 10 34 t j t stg 5.0 100 35 a n s o ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load for capacitive load, derate current by 20% maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage 0 maximum average forward rectified current @ t l =100 c peak forward surge current 8.3ms single half sine- wave superimposed on rated load (jedec method) maximum instantaneoue forward voltage at 1.0a 0 maximum dc reverse current @t j =25 c 0 at rated dc blocking voltage @t j =100 c maximum reverse recovery time (note 1) typical junction capacitance (no te 2) typical thermal resistance (no te 3) operating and storage temperature range t rr notes 1. rverse recovery test condibons i f =0.5a, i r =1.0a, l rr =0.25a 2. measured at 1 mhz and applied reverse voltag of 4.0vdc 2 3. 8.0mm (.013mm thick) land areas es1ab 50 35 50 es1bb 100 70 100 es1cb 150 105 150 es1db 200 140 200 es1eb 300 210 300 es1gb 400 280 400 ES1JB 600 420 600
ratings and characteristic curves es1ab thru ES1JB e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 es1ab thru ES1JB 50v-600v 1.0a surface mount superfast rectifier set time base for 10ns/cm 1cm -1.0 -0.25 0 +0.5a t rr 50 noninductive 1 non- inductive notes:1. rise time=7ns ma x. input impedance= 1 megohm. 22pf 2. rise time=10ns max. source impedance= 50 ohms. 10 noninductive d.u.t. oscilloscope note 1 pulse generator note 2 25 vdc (approx) (+) (+) () () fig. 1 - reverse recovery time characteristic and test circuit diagram es1a thru es1g fig. 2 - maximum average forward current rating fig. 4 - typical forwa rd characteristics 10 1.0 0.1 0.01 0.00 1 ins ta nt an eou s f orw ard vo lt ag e, v ol ts i n s t a n t a n e o u s f o r w a r d c u r r e n t , a m p e r e s 0.2 0 .4 0.6 0.8 1. 0 1.2 1.4 es1 ab es1 eb es1 jb 0 t = 2 5c j 0 t = 1 2 5c j 0 t = 7 5c j 0 t = 2 5c j i r - r e v e r s e l e a k a g e c u r r e n t , m i c r o a m p e r e s 100 0 100 10 1.0 0.1 fig . 3 - t yp ica l r ev er se ch ar ac te ris tic s % o f pi v , vo lt s 20 40 60 8 0 10 0 120 2.0 1.0 25 50 75 1 00 125 150 175 o lead temperature, c a v e r a g e f o r w a r d c u r r e n t , a m p e r e s sing le ph ase half w ave 60h z resi stive or indu ctiv e lo ad p.c.b m ount ed on 0 .315x 0.315 "(8.0x 8.0m m) copp er pa d are as fig. 6 - typical junct ion capacitance j u n c t i o n c a p a c i t a n c e , p f 14 12 10 8.0 6.0 4.0 2.0 0 0.1 1 10 100 rev ers e v ol ta ge, vo lt s 0 t = 2 5c j f= 1 .0 m h z v sl g = 5 0 m v p -p 8.3m s si ngl e ha lf s inc e-w ave jed ec m eth od 30 25 20 15 10 5 p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s 1 2 5 10 20 50 1 00 nu mb er of cy cle s a t 6 0hz fig . 5 - m ax im um no n- re pe tit ive su rg e c ur re nt


▲Up To Search▲   

 
Price & Availability of ES1JB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X