Part Number Hot Search : 
1N5806 RU6888R N2907A A1182 ERJL14 161230 2SC460 2SB1503
Product Description
Full Text Search
 

To Download DFM200PXM33-A00010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  df m 200pxm33 - a000 fast recovery diode module replaces ds5496 - 1.4 ds5496 - 2 december 2010 (ln 27848 ) 1 / 6 www.dynexsemi.com features ? low reverse recovery charge ? high switching speed ? low forward volt drop ? isolated alsic base w ith aln substrates ? lead free c onstruction applications ? chopper diodes ? boost and buck converters ? free - wheel circuits ? snubber circuits ? resonant converter s ? induction heating ? multi - level switch inverters the df m 2 00pxm33 - a 000 is a series pair 33 00v, fast recovery diode (frd) module. designed for low power loss, the module is suitable for a variety of high voltage applications in motor drives and power conve rsion. fast switching times and low reverse recovery losses allow high frequency operation, making the device suitable for the latest drive designs employing pwm and high frequency switching. the module incorporates an electrically isolated base plate an d low inductance construction enabling circuit designers to optimise circuit layouts and utilise grounded heat sinks for safety . ordering information order as: df m 2 00pxm33 - a 000 note: when ordering, please use the complete part number key parameters v rrm 33 00 v v f (typ) 2.5 v i f (max) 2 00 a i fm (max) 4 00 a fig. 1 circuit configuration outline type code: p (see fig. 7 for further information) fig. 2 package 3(a1) 1(a2/k1) 2(k2)
df m 200pxm33 - a000 2 /6 www.dynexsemi.com absolute maximum ratings stresses above those listed under absolute maximum ratings may cause permanent damage to the device. in extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package. appropriate safety precautions should always be followed. exposure to absolute maximum r atings may affect device reliability. t case = 25c unless stated otherwise symbol parameter test conditions max. units v rrm repeti tive peak reverse voltage t j = 125c 3300 v i f forward current (per arm) dc, t case = 70 c 2 00 a i fm max. forward current (per arm) t case = 10 5 c , t p = 1ms 4 00 a i 2 t i 2 t value fuse current rating v r = 0, t p = 10ms, t j = 125c 20 ka 2 s p max max. power dissipation t case = 25c, t j = 125 c 1040 w v isol isolation voltage C per module commoned terminals to base plate. ac rms, 1 min, 50hz 6 0 00 v q pd partial discharge C per module iec1287, v 1 = 35 00v, v 2 = 26 00v, 50hz rms 10 pc thermal and mechanical ratings internal insulation material: aln baseplate material: alsic creepage distance: 33mm clearance: 20mm cti (compa rative tracking index): 350 symbol parameter test conditions min typ. max units r th(j - c) thermal resistance (per arm ) continuous dissipation C th(c - h) thermal resistance C j junction temperature - 40 - 125 c t stg storage temperature range - 40 - 125 c screw torque mounting C C
df m 200pxm33 - a000 3 / 6 www.dynexsemi.com static electrical characteristics C per arm t case = 25 c unless stated otherwise. symbol parameter test conditions min typ max units i rm peak reverse current v r = 33 00v, t j = 125c 15 ma v f forward voltage i f = 2 00a 2.5 v i f = 2 00a, t j = 125c 2.5 v l m i nductance - 30 nh dynamic electri cal characteristics C per arm t case = 25c unless stated otherwise symbol parameter test conditions min typ. max units q rr reverse recovery charge i f = 2 00a v r = 18 00v di f /dt = 11 00a/s 115 c i rr peak reverse recovery current 165 a e rec reverse recovery energy 130 mj t case = 125c unless stated otherwise symbol parameter test conditions min typ. max units q rr reverse recovery charge i f = 2 00a v r = 1 8 00v di f /dt = 10 00a/s 190 c i rr peak r everse recovery current 185 a e rec reverse r ecovery energy 220 mj
df m 200pxm33 - a000 4 /6 www.dynexsemi.com fig. 3 diode typical forward characteristics fig. 4 transient thermal impedance fig. 5 dc current rating vs case temperature fig. 6 reverse bias safe operating area (rbsoa)
df m 200pxm33 - a000 5 / 6 www.dynexsemi.com package details fo r further package information, please visit our website or contact customer services. all dimensions in mm, unless stated otherwise. do not scale. nominal weight: 50 0g module outline type code: p fig. 7 module outline drawin g
df m 200pxm33 - a000 6 /6 www.dynexsemi.com important information: this publication is provided for information only and not for resale. the products and information in this publication are intended for use by appropriately trained technical personnel. due to the diversity of product appl ications, the information contained herein is provided as a general guide only and does not constitute any guarantee of suitability for use in a specific application . the user must evaluate the suitability of the product and the completeness of the produc t data for the application. the user is responsible for product selection and ensuring all safety and any warning requirements are met. should additional product information be needed please contact customer service. although we have endeavoured to care fully compile the information in this publication it may contain inaccuracies or typographical errors. the information is provided without any warranty or guarantee of any kind. this publication is an uncontrolled document and is subject to change withou t notice. when referring to it please ensure that it is the most up to date version and has not been superseded. the products are not intended for use in applications where a failure or malfunction may cause loss of life, injury or damage to property. the user must ensure that appropriate safety precautions are taken to prevent or mitigate the consequences of a product failure or malfunction. the products must not be touched when operating because there is a danger of electrocution or severe burning. always use protective safety equipment such as appropriate shields for the product and wear safety glasses. even when disconnected any electric charge remaining in the product must be discharged and allowed to cool before safe handling using protective gl oves. extended exposure to conditions outside the product ratings may affect reliability leading to premature product failure. use outside the product ratings is likely to cause permanent damage to the product. in extreme conditions, as with all semicond uctors, this may include potentially hazardous rupture, a large current to flow or high voltage arcing, resulting in fire or explosion. appropriate application design and safety precautions should always be followed to protect persons and property. produ ct status & product ordering: we annotate datasheets in the top right hand corner of the front page, to indicate product status if it is not yet fully appr oved for production. the annotations are as follows: - target information: this is the most tentat ive form of information and represents a very preliminary specification. no actual design work on the product has been started. preliminary information: the product design is complete and final characterisation for vo lume production is in progress. the datasheet represents the product as it is now understood but details may change. no annotation: the product has been approved for production and unless otherwise notified by dynex any product ordered will be supplied to the current version of the dat a sheet prevailing at the time of our order acknowledgement. all products and materials are sold and services provided subject to dynexs conditions of sale, which are available on request. any brand names and product names used in this publication ar e trademarks, registered trademarks or trade names of their respective owners. headquarters operations customer service dynex semiconductor ltd doddington road, lincoln, lincolnshire, ln6 3lf, united kingdom dynex semiconductor ltd doddington road, li ncoln, lincolnshire, ln6 3lf, united kingdom fax: +44(0)1522 500550 fax: +44(0)1522 500020 tel: +44(0)1522 500500 tel: +44(0)1522 502753 / 502901 web: http://www.dynexsemi.com email: power_solutions@dynexsemi.com ? dynex semiconductor ltd. 2001 . technical documentation C not for resale.


▲Up To Search▲   

 
Price & Availability of DFM200PXM33-A00010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X