Part Number Hot Search : 
MAX4571 R61A106 X0202DA CONTROL BT2222 226X0 2N3392 WKO332
Product Description
Full Text Search
 

To Download CX8045GA13560H0QTWZ1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal units surface mount type cx8045ga 8.0 4.5mm for automotive rohs compliant features ? crystal unit for automotive electronics ? small and low profile (8.0 4.5 1.8mm) ? ceramic package ? reflow compatible ? aec-q200 qualitied applications ? ecu how to order cx8045ga 08000 series frequency load capacitance d0 8 pf h0 12 pf std. frequency stability p 50 10 - 6 q 100 10 - 6 std. operating temp. range frequency temp. stability tw - 40 to + 150 c 200 10 - 6 std. individual specification packaging (tape & reel 3000/ 1000 pcs./ reel) table1 motional series resistance frequency range motional series resistance 4000 to 7199khz 300 max. 7200 to 9999khz 200 max. 10000 to 11999khz 150 max. 12000 to 30000khz 100 max. table2 level of drive frequency range level of drive 4000 to 15999khz 10 w (500 w max.) 16000 to 24999khz 10 w (300 w max.) 25000 to 30000khz 10 w (100 w max.) specifications item symbol specification units remarks frequency range f _nom 4000 to 30000 khz overtone order ot fundamental D load capacitance cl 12 pf frequency stability f _tol 100 10 - 6 25 c 3 c motional series resistance r1 table 1 ohm drive level dl table 2 w operating temp. range t _use - 40 to + 150 c storage temp. range t _stg - 40 to + 150 c frequency temp. characteristics f _tem 200 10 - 6 freq. deviation from the value at 25 c ? please contact us for other specifications. typical frequencies and part numbers frequency (khz) part number 8000.000 cx8045ga08000h0qtwz1 9843.750 cx8045ga09843h0qtwz1 10000.000 cx8045ga10000h0qtwz1 12000.000 cx8045ga12000h0qtwz1 13560.000 CX8045GA13560H0QTWZ1 14000.000 cx8045ga14000h0qtwz1 16000.000 cx8045ga16000h0qtwz1 18000.000 cx8045ga18000h0qtwz1 20000.000 cx8045ga20000h0qtwz1 24000.000 cx8045ga24000h0qtwz1 25000.000 cx8045ga25000h0qtwz1 30000.000 cx8045ga30000h0qtwz1 2.0 8.00.3 1.80.2 4.50.3 1.5 1.5 5.0 connection dimensions (unit: mm) 6.6 2.8 2.4 2.4 recommended land pattern (unit: mm)


▲Up To Search▲   

 
Price & Availability of CX8045GA13560H0QTWZ1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X