Part Number Hot Search : 
TI165F11 PZTA42 MK13H 102NL 111XA10 P4SMAJ P4SMAJ RT100
Product Description
Full Text Search
 

To Download CX5032SA13560H0PTWZ1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal units surface mount type cx5032sa 5.0 3.2mm for automotive rohs compliant features ? crystal unit for automotive electronics ? improved solderability ? using ceramic package resulting in high reliability ? small and low profile ? improved rust prevention performance ? reflow compatible ? aec-q200 qualitied applications ? ecu ? tpms ? high-speed automotive network (flex ray tm etc.) how to order cx5032sa 08000 series frequency load capacitance d0 8 pf f0 10 pf h0 12 pf std. frequency stability p 50 10 - 6 std. q 100 10 - 6 operating temp. range frequency temp. stability sv - 40 to + 125 c 150 10 - 6 tw - 40 to + 150 c 200 10 - 6 std. individual specification packaging (tape & reel 5000/ 1000 pcs./ reel) typical frequencies and part numbers frequency (khz) part number 8000.000 cx5032sa08000h0ptwz1 9843.750 cx5032sa09843h0ptwz1 10000.000 cx5032sa10000h0ptwz1 12000.000 cx5032sa12000h0ptwz1 13560.000 CX5032SA13560H0PTWZ1 15000.000 cx5032sa15000h0ptwz1 16000.000 cx5032sa16000h0ptwz1 18000.000 cx5032sa18000h0ptwz1 20000.000 cx5032sa20000h0ptwz1 24000.000 cx5032sa24000h0ptwz1 25000.000 cx5032sa25000h0ptwz1 specifications item symbol specification units remarks frequency range f _nom 8000 to 40000 khz overtone order ot fundamental D load capacitance cl 12 pf frequency stability f _tol 50 10 - 6 25 c 3 c motional series resistance r1 table 1 ohm drive level dl table 2 w operating temp. range t _use - 40 to + 150 c storage temp. range t _stg - 40 to + 150 c frequency temp. characteristics f _tem 200 10 - 6 freq. deviation from the value at 25 c ? please contact us for other specifications. table1 motional series resistance frequency range motional series resistance 8000 to 8999khz 200 max. 9000 to 11999khz 150 max. 12000 to 19999khz 100 max. 20000 to 40000khz 50 max. table2 level of drive frequency range level of drive 8000 to 40000khz 10 w (100 w max.) 4.900.1 3.100.1 0.850.15 2.3 0.5 1.2 0.8 1.3 connection (top view) 4-r0.2 #4 #3 hot gnd #1 #2 hot #4 #3 #1 #2 n o . 2 , 4 : c a s e g r o u n d gnd #1 #2 #4 #3 dimensions (unit: mm) 1.3 3.5 2.1 1.6 recommended land pattern (unit: mm)


▲Up To Search▲   

 
Price & Availability of CX5032SA13560H0PTWZ1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X