Part Number Hot Search : 
STV7778 2N5012 S2520 IRF83 FDD6690S 100CT SMCJ6 MRT500
Product Description
Full Text Search
 

To Download CX3225SA13560D0PTWZ1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.2 2.5mm for automotive crystal units surface mount type cx3225sa rohs compliant features ? crystal unit for automotive electronics ? improved solderability ? improved mounting stability with 4 terminals ? improved anti-noise performance with gnd terminal ? using ceramic package resulting in high reliability ? small and low profile ? improved rust prevention performance ? reflow compatible ? highly reliable solder junction (3000 heat cycles - 40 to + 125 c) ? aec-q200 qualitied applications ? ecu ? tpms ? high-speed automotive network (flex ray tm etc.) how to order cx3225sa 12000 series frequency load capacitance d0 8 pf std. f0 10 pf frequency stability k 30 10 - 6 p 50 10 - 6 std. q 100 10 - 6 operating temp. range frequency temp. stability sv - 40 to + 125 c 150 10 - 6 tw - 40 to + 150 c 200 10 - 6 std. individual specification packaging (tape & reel 3000/ 1000 pcs./ reel) typical frequencies and part numbers frequency (khz) part number 9843.750 cx3225sa09843d0ptwz1 10000.000 cx3225sa10000d0ptwz1 12000.000 cx3225sa12000d0ptwz1 12800.000 cx3225sa12800d0ptwz1 13560.000 CX3225SA13560D0PTWZ1 16000.000 cx3225sa16000d0ptwz1 19200.000 cx3225sa19200d0ptwz1 20000.000 cx3225sa20000d0ptwz1 24000.000 cx3225sa24000d0ptwz1 26000.000 cx3225sa26000d0ptwz1 28636.360 cx3225sa28636d0ptwz1 32000.000 cx3225sa32000d0ptwz1 40000.000 cx3225sa40000d0ptwz1 specifications item symbol specification units remarks frequency range f _nom 8000 to 54000 khz overtone order ot fundamental D load capacitance cl 8 pf frequency stability f _tol 50 10 - 6 25 c 3 c motional series resistance r1 table 1 ohm drive level dl table 2 w operating temp. range t _use - 40 to + 150 c storage temp. range t _stg - 40 to + 150 c frequency temp. characteristics f _tem 200 10 - 6 freq. deviation from the value at 25 c ? please contact us for other specifications. table1 motional series resistance frequency range motional series resistance 8000 to 9799khz 500 max. 9800 to 14999khz 200 max. 15000 to 15999khz 100 max. 16000 to 19999khz 60 max. 20000 to 54000khz 50 max. table2 level of drive frequency range level of drive 8000 to 54000khz 10 w (200 w max.) 3.20.1 2.50.1 0.20.1 4?0.110.1 4?0.150.1 4?1.150.1 4?0.750.1 connection (top view) gnd gnd 4-r0.2 #4 #3 #1 #2 #1 #2 #4 #3 #4 #3 #1 #2 0.750.05 c 0.30 dimensions (unit: mm) 1.05 0.8 1.45 1.45 0.7 1.05 recommended land pattern (unit: mm)


▲Up To Search▲   

 
Price & Availability of CX3225SA13560D0PTWZ1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X