Part Number Hot Search : 
ICE2A265 3430C IR2171S AX9719D FDP4020 YM3812 MP2004 ML662
Product Description
Full Text Search
 

To Download CM800DY-24S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual igbtmod? s-series module 800 amperes/1200 volts CM800DY-24S powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com 1 3/11 rev. 0 description: powerex dual igbtmod? modules are designed for use in switching applications. each module consists of two igbt transistors in a half-bridge configuration with each transistor having a reverse-connected super-fast recovery free-wheel diode. all components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management. features: low drive power low v ce(sat) discrete super-fast recovery free-wheel diode isolated baseplate for easy heat sinking applications: ac motor control motion/servo control ups welding power supplies laser power supplies ordering information: example: select the complete module number you desire from the table - i.e. CM800DY-24S is a 1200v (v ces ), 800 ampere dual igbtmod? power module. current rating v ces type amperes volts (x 50) cm 800 24 outline drawing and circuit diagram dimensions inches millimeters a 5.51 140.0 b 5.12 130.0 c 1.38+0.04/-0.02 35.0+1.0/-0.5 d 0.45 11.5 e 0.39 10.0 f 4.33 0.001 110.0 0.25 g 0.54 13.8 h 1.42 36.0 j 1.72 43.8 k 0.35 9.0 l 0.59 15.0 m 0.80 20.4 n 0.57 14.5 dimensions inches millimeters p 1.57 40.0 q 2.56 65.0 r 0.79 20.0 s 0.32 8.0 t 0.26 dia. 6.5 dia. u m8 metric m8 v m4 metric m4 w 0.43 11.1 x 1.02 26.0 y 0.29 7.3 z 0.16 4.0 aa 0.96+0.04/-0.02 24.5+1.0/-0.5 g2 e2 e1 g1 di2 di1 tr2 tr1 c1 e2 c2e1 a b f e m n p u nuts (3 places) v nuts (4 places) t (4 places) f n h j k d g r y w x x l x q e label b c2e1 e2 c1 g2 e2 e1 g1 c z s aa
CM800DY-24S dual igbtmod? s-series module 800 amperes/1200 volts powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com 3/11 rev. 0 2 absolute maximum ratings, t j = 25 c unless otherwise specifed ratings symbol CM800DY-24S units maximum junction temperature t j(max) +175 c operating junction temperature t j(op) -40 ~ +150 c storage temperature t stg -40 ~ +125 c case temperature * 2 t c -40 ~ +125 c collector-emitter voltage (g-e short) v ces 1200 volts gate-emitter voltage (c-e short) v ges 20 volts collector current (dc, t c = 117c) * 2, * 8 i c 790 amperes peak collector current (pulse, repetitive) * 3 i crm 1600 amperes total power dissipation (t c = 25c) * 2, * 4 p tot 5355 watts emitter current (fwdi current, t c = 25c) * 2, * 4, * 8 i e * 1 790 amperes peak emitter current (fwdi current, pulse, repetitive) * 3 i erm * 1 1600 amperes mounting torque, m8 main terminals C 95 in-lb mounting torque, m4 auxiliary terminals C 15 in-lb mounting torque, m6 mounting to heatsink C 40 in-lb creepage distance (terminal to terminal) d s C mm creepage distance (terminal to baseplate) d s C mm clearance (terminal to terminal) d a C mm clearance (terminal to baseplate) d a C mm weight C 1200 grams flatness of baseplate (on the centerline x, y) * 7 e c -100 ~ +100 m isolation voltage (terminals to baseplate, rms, f = 60hz, ac 1 min.) v iso 2500 volts *1 represent ratings and characteristics of the anti-parallel, emitter-to-collector free wheeling diode (fwdi). *2 case temperature (t c ) and heatsink temperature (t s ) measured point is just under the chips. *3 pulse width and repetition rate should be such that device junction temperature (t j ) does not exceed t j(max) rating. *4 junction temperature (t j ) should not increase beyond maximum junction temperature (t j(max) ) rating. *6 typical value is measured by using thermally conductive grease of = 0.9 w/(m ? k). *7 baseplate flatness measurement point is as in the following figure. *8 this module has 800a igbt and fwdi chips. this limitation is based on a package limitation. x bottom ? concave + convex ? concave + convex bottom bottom label side y
CM800DY-24S dual igbtmod? s-series module 800 amperes/1200 volts powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com 3/11 rev. 0 3 static electrical characteristics, t j = 25 c unless otherwise specifed characteristics symbol test conditions min. typ. max. units collector-emitter cutoff current i ces v ce = v ces , v ge = 0v C C 1 ma gate-emitter leakage current i ges v ge = v ges , v ce = 0v C C 0.5 a gate-emitter threshold voltage v ge(th) i c = 80ma, v ce = 10v 5.4 6.0 6.6 volts collector-emitter saturation voltage v ce(sat) i c = 800a, v ge = 15v, t j = 25c * 5 C 1.95 2.40 volts (terminal) i c = 800a, v ge = 15v, t j = 125c * 5 C 2.25 C volts i c = 800a, v ge = 15v, t j = 150c * 5 C 2.35 C volts collector-emitter saturation voltage v ce(sat) i c = 800a, v ge = 15v, t j = 25c C 1.70 2.15 volts (chip) i c = 800a, v ge = 15v, t j = 125c C 1.90 C volts i c = 800a, v ge = 15v, t j = 150c C 1.95 C volts gate charge q g v cc = 600v, i c = 800a, v ge = 15v C 1868 C nc emitter-collector voltage v ec * 1 i e = 800a, v ge = 0v, t j = 25c * 5 C 1.85 2.30 volts (terminal) i e = 800a, v ge = 0v, t j = 125c * 5 C 1.85 C volts i e = 800a, v ge = 0v, t j = 150c * 5 C 1.85 C volts emitter-collector voltage v ec * 1 i e = 800a, v ge = 0v, t j = 25c C 1.70 2.15 volts (chip) i e = 800a, v ge = 0v, t j = 125c C 1.70 C volts i e = 800a, v ge = 0v, t j = 150c C 1.70 C volts dynamic electrical characteristics, t j = 25 c unless otherwise specifed characteristics symbol test conditions min. typ. max. units input capacitance c ies C C 80.0 nf output capacitance c oes v ce = 10v, v ge = 0v C C 16.0 nf reverse transfer capacitance c res C C 1.32 nf turn-on delay time t d(on) v cc = 600v, i c = 800a, C C 800 ns rise time t r v ge = 15v, C C 200 ns turn-off delay time t d(off) r g = 0 w , C C 600 ns fall time t f inductive load C C 300 ns reverse recovery time t rr * 1 v cc = 600v, i e = 800a, v ge = 15v, C C 300 ns reverse recovery charge q rr * 1 r g = 0 w , inductive load C 42.8 C c turn-on switching energy (per pulse) e on v cc = 600v, i c = i e = 800a, C 107 C mj turn-off switching energy (per pulse) e off v ge = 15v, r g = 0 w , C 82 C mj reverse recovery energy (per pulse) e rr * 1 t j = 150c, inductive load C 71 C mj internal lead resistance r cc' + ee' main terminals-chip, C C 0.4 m w per switch, t c = 25c * 2 internal gate resistance r g per switch C 2.45 C w *1 represent ratings and characteristics of the anti-parallel, emitter-to-collector free wheeling diode (fwdi). *2 case temperature (t c ) and heatsink temperature (t s ) measured point is just under the chips. *5 pulse width and repetition rate should be such as to cause negligible temperature rise.
CM800DY-24S dual igbtmod? s-series module 800 amperes/1200 volts powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com 3/11 rev. 0 4 thermal and mechanical characteristics, t j = 25 c unless otherwise specifed characteristics symbol test conditions min. typ. max. units thermal resistance, junction to case * 2 r th(j-c) q per igbt C C 0.028 c/w thermal resistance, junction to case * 2 r th(j-c) r per fwdi C C 0.045 c/w contact thermal resistance * 2 r th(c-s) case to heatsink,per 1/2 module, C 0.015 C c/w thermal grease applied * 6 recommended operating conditions, t a = 25 c unless otherwise specifed characteristics symbol test conditions min. typ. max. units dc supply voltage v cc applied across c1-e2 C 600 850 volts gate (-emitter drive) voltage v ge(on) applied across g1-es1/g2-es2 13.5 15.0 16.5 volts external gate resistance r g per switch 0 C 5.1 w *2 case temperature (t c ) and heatsink temperature (t s ) measured point is just under the chips. *6 typical value is measured by using thermally conductive grease of = 0.9 w/(m ? k).
CM800DY-24S dual igbtmod? s-series module 800 amperes/1200 volts powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com 3/11 rev. 0 5 collector current, i c , (amperes) output characteristics (typical) 1200 1600 400 0 800 collector-emitter saturation voltage, v ce(sat) , (volts ) collector-emitter saturation voltage characteristics (typical) 3.5 3.0 2.5 2.0 1.5 0.5 1.0 0 collector-emitter saturation voltage, v ce(sat) , (volts) collector-emitter saturation voltage characteristics (typical) 10 8 6 4 2 0 10 1 10 2 10 3 free-wheel diode forward characteristics (typical) 10 4 emitter current, i e , (amperes) capacitance, c ies , c oes , c res , (nf) capacitance vs. v ce (typical) 10 3 10 2 10 1 10 0 10 -1 collector-emitter voltage, v ce , (volts) 0 2 4 6 8 10 v ge = 20v 13.5 15 12 11 t j = 25 c 10 9 collector-current, i c , (amperes) 0 400 800 1200 1600 v ge = 15v t j = 25c t j = 125c t j = 150c gate-emitter voltage, v ge , (volts) 0 4 8 12 16 20 t j = 25c i c = 320a i c = 1600a i c = 800a 0 0.5 1.0 1.5 2.0 3.0 2.5 emitter-collector voltage, v ec , (volts) collector-emitter voltage, v ce , (volts) 10 -1 10 0 10 2 v ge = 0v f = 1mhz 10 1 c oes c res c ies collector current, i c , (amperes) 10 3 10 1 10 2 10 2 10 1 switching time, t d(on) , t r , t d(off) , t f , (ns) switching time vs. collector current (typical) t d(off) t d(on) t r v cc = 600v v ge = 15v r g = 0 t j = 150c inductive load t f 10 3 collector current, i c , (amperes) 10 3 10 1 10 2 10 2 10 1 switching time, t d(on) , t r , t d(off) , t f , (ns) switching time vs. collector current (typical) t d(off) t d(on) t r v cc = 600v v ge = 15v r g = 0 t j = 125c inductive load t f 10 3 gate resistance, r g , (?) 10 3 10 -1 10 1 10 0 10 2 10 1 switching time, t d(on) , t r , t d(off) , t f , (ns) switching time vs. gate resistance (typical) t d(off) t d(on) t r v cc = 600v v ge = 15v i c = 800a t j = 125c inductive load t f 10 2 gate resistance, r g , (?) 10 4 10 0 10 1 10 3 10 2 10 1 switching time, t d(on) , t r , t d(off) , t f , (ns) switching time vs. gate resistance (typical) t d(off) t d(on) t r v cc = 600v v ge = 15v i c = 800a t j = 150c inductive load t f 10 2 v ge = 15v t j = 25c t j = 125c t j = 150c
CM800DY-24S dual igbtmod? s-series module 800 amperes/1200 volts powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com 3/11 rev. 0 6 transient thermal impedance characteristics (igbt part) single pulse t c = 25c per unit base = r th( j-c) = 0.028c/w time, (s) normalized transient thermal impedance, z t h ( j-c) transient thermal impedance characteristics (fwdi part) 10 0 10 -1 10 -2 10 -3 10 -5 10 -3 10 -4 10 -2 10 -1 10 0 10 1 z th = r th ? (normalized value) time, (s) normalized transient thermal impedance, z t h ( j-c) 10 0 10 -1 10 -2 10 -3 10 -5 10 -3 10 -4 10 -2 10 -1 10 0 10 1 z th = r th ? (normalized value) single pulse t c = 25c per unit base = r th( j-c) = 0.045c/w gate charge, q g , (nc) gate-emitter voltage, v ge , (volts) gate charge, v ge 20 0 500 1500 1000 15 10 5 0 3000 2500 2000 emitter current, i e , (amperes) reverse recovery time, t r r , (ns) reverse recovery characteristics (typical) 10 3 10 1 10 2 10 3 10 2 10 1 10 2 10 1 10 0 reverse recovery current, i r r , (amperes) i c = 800a v cc = 600v collector current, i c , (amperes) emitter current, i e , (amperes) switching energy, e on , e off , e rr , (mj/pulse) 10 3 10 1 10 2 10 2 10 1 10 3 switching loss vs. collector current (typical) v cc = 600v v ge = 15v i c = 800a t j = 125c inductive load gate resistance, r g , () switching energy, e on , e off , e rr , (mj/pulse) 10 3 10 -1 10 0 10 1 10 2 10 1 10 2 switching loss vs. gate resistance (typical) collector current, i c , (amperes) emitter current, i e , (amperes) switching energy, e on , e off , e rr , (mj/pulse) 10 3 10 1 10 2 10 2 10 1 v cc = 600v v ge = 15v r g = 0 t j = 150c inductive load 10 3 switching loss vs. collector current (typical) e on e off e rr v cc = 600v v ge = 15v r g = 0 t j = 125c inductive load e on e off e rr v cc = 600v v ge = 15v r g = 0 t j = 125c inductive load t rr i rr emitter current, i e , (amperes) reverse recovery time, t r r , (ns) reverse recovery characteristics (typical) 10 3 10 1 10 2 10 3 10 2 10 1 10 2 10 1 10 0 reverse recovery current, i r r , (amperes) v cc = 600v v ge = 15v r g = 0 t j = 150c inductive load t rr i rr e on e off e rr v cc = 600v v ge = 15v i c = 800a t j = 150c inductive load gate resistance, r g , () switching energy, e on , e off , e rr , (mj/pulse) 10 3 10 -1 10 0 10 1 10 2 10 1 10 2 switching loss vs. gate resistance (typical) e on e off e rr


▲Up To Search▲   

 
Price & Availability of CM800DY-24S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X