|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
tdk mlc c presentation capacitors business group cgj series l high reliability series ? purpose / objectives ? tdk mlcc lineup ? series concept ? cap ra ng e ? features ? ap p lic a tio n s ? design tools/resources ? part number de s c rip tio n ? summary contents
tdk ? 2 tdk mlc c presentation cgj series l high reliability series ? to provide a general overview o f tdk ? s ?c g j hig h re lia b ility s e rie s ? c a p a c ito r purp ose objectives ? de fine tdk ? s c g j hig h re lia b ility s e rie s c a p a c ito rs ? highlight the features and applications of tdk ? s cgj series capacitors ? exp la in tdk ? s cgj series part number structure tdk ? 3 tdk mlc c presentation c general applications ? wide range of case size and superior dimension precision ? available in eia class 1 and 2 dielectrics up to 50v ? 01005 ~ 2220 / c0g, sl, x5r, x6s, x7r, x7s, y5v ? 4v ~ 50v / up to 100 f mid voltage ? unique design allows for higher voltage in smaller case size ? available in 100v, 250v, 450v, and 630v ? 0402 ~ 2220 / c0g, x6s, x7r, x7s, x7t ? 100v ~ 630v / up to 15 f high voltage ? advance design provides improved withstanding voltage ? available rating up to 3000v ? 1808 ~ 1812 / c0g, x7r, x7s ? 1000v ~ 3000v / up to 10 nf high temperature ? stable temperature characteristics up to 150oc ? highly precise temperature performance ( 7.5%) up to 125o c ? 0402 ~ 1210 / x8r ? 16v ~ 100v / up to 10 f high q ? design with higher q factor than standard capacitors ? excellent attenuation and high self resonance frequency (srf) ? 0201 / c0g ? 25v / up to 20 pf flip type ? flipped geometry provides lower inductance than standard capacitor ? special design allows for adequate high frequency current to ic ? 0204 ~ 0612 / x5r, x6s, x7r, x7s ? 4v ~ 50v / up to 10 f open mode ? unique design allows for increase resistance to mechanical bending ? improved performance in vibration and electrical stresses ? 0805 ~ 2220 / x7r, x8r ? 16v ~ 630v / up to 22 f soft termination ? improved bending resistance and temperature cycle performance ? termination technology available for most case sizes including arrays ? 0805 ~ 3025 / x7r, x7s, x7t ? 16v ~ 630v / up to 100 f conductive epoxy ? agpdcu termination for conductive glue mounting ? improved mechanical/thermal strength when used with conductive glue ? 0402 ~ 1210 / c0g, x7r, x8r ? 25v ~ 100v / up to 10 f cer controlled esr ? unique design allows for specified ?controlled? esr ? same no - hassle mounting method as standard 2 - terminal components ? esr is controlled without affecting the esl ? 0603 ~ 0805 / x5r ? 4v ~ 10v / up to 10 f ceu serial design ? 2 series - connected capacitors in one body ? improved bending resistance and temperature cycle performance ? ultra high reliability design for automotive battery line applications ? 0603 ~ 0805 / x7r ? 50v / up to 100 nf cga automotive applications ? qualified to cdf aec q - 200 automotive testing standard ? manufactured using matured process for guaranteed performance ? available in c0g, x7r and x8r temperature characteristics ? 0402 ~ 2220 / c0g, x5r, x7r, x7s, x7t, x8r ? 6.3v ~ 630v / up to 47 f cgj high reliability applications ? extensive testing to ensure higher reliability and longer life ? reliability tests based on mil - std requirements ? guaranteed tc bias and hot ir performance ? 0402 ~ 1206 / c0g, x7r ? 6.3v ~ 50v / up to 10 f ckc 2 -in- 1 array 4 -in- 1 array ? allows for reduction of pcb space and mounting time ? unique electrode design reduces crosstalk ? also available in soft termination for higher reliability performance ? ckcn27 ~ ckca43 / c0g, x5r, x7r ? 6.3v ~ 50v / up to 2.2 f ckd feed through ? optimized for noise bypass with signal and power source circuits ? can be used for meeting emc requirements ? ideal for use at higher frequencies due to low parasitic inductance ? 0402 ~ 1206 / up to 125oc temperature range ? 6.3v ~ 50v / up to 22 f ckg mega cap ? advance design for twice the capacitance on single footprint ? improved vibration and thermal/mechanical stress performance ? lower esr and esl than alu and ta capacitor ? ckgxxk ~ ckgxxn / x5r, x7r, x7s, x7t ? 16v ~ 630v / up to 100 f cll ultra low inductance ? unique internal structure allows cancelation of magnetic fields to reduce equivalent series inductance ? eight sided terminal electrode design in one capacitor ? 0603 ~ 0805 / x7r, x7s ? 4v ~ 10v / up to 4.7 f tdk ? 4 tdk mlc c presentation cgj series l high reliability series - series concept - c series - general applications - cga series cgj series aec - q200 capacitance range reliability aec - q200 select mil - std ? engine control units ? sensor modules ? automotive battery line ? anti - lock break system ? automotive infotainment system ? ev/hev/phev battery control concept image qualification applications ? smart meter/smart grid ? solar micro inverters ? industrial /military/medical electronics ? applications requiring hi - rel components tdk standard specifications ? general consumer electronics ? mobile communication equipment ? power supply circuit ? office automation equipment ? servers/pcs/laptops/tablets ? test & measurement equipment tdk ? 5 tdk mlc c presentation commercial grade c series automotive grade cga series high reliability grade cgj series insulation resistance z 100% of each lot z 100% of each lot z 100% of each lot voltage proof test (dwv) z 100% of each lot z 100% of each lot z 100% of each lot capacitance / dissipation factor (df, q) z 100% of each lot z 100% of each lot z 100% of each lot external appearance / visual inspection ~ sampled each lot z 100% z 100% p h ys ic a l dim e n s io n ~ sampled each lot ~ sampled each lot ~ sampled each lot s o ld e ra b ility ~ sampled each lot ~ sampled each lot ~ sampled each lot temperature characteristics | q u a lific a tio n o n ly | q u a lific a tio n o n ly ~ sampled each lot (n=10) deflection (bending; board flex) | q u a lific a tio n o n ly | q u a lific a tio n o n ly ~ sampled each lot (n=10) o p e ra tin g life | q u a lific a tio n o n ly | qualification (x?rv for 1,000 hrs) | q u a lific a tio n (x? rv fo r 2,000 hrs ) bia s hu m id ity - | q u a lific a tio n (rv o n ly) | q u a lific a tio n (rv a n d lv) destructive physical analysis (dpa) - | q u a lific a tio n o n ly ~ sampled each lot (n=10) highly accelerated life test (halt) - - ~ sampled each lot (n=60) dc bias / esr / breakdown voltage - - | qualification only (n=50) salt water immersion / tin whisker - - | q u a lific a tio n o n ly *please refer to tdk specifications ( www.td k.c om ) and certificate of compliance for more detail on test method and acceptance criteria as well as sampled lot size. tdk ? 6 tdk mlc c presentation commercial grade c series automotive grade cga series high reliability grade cgj series data requirements certificate of compliance - - each lot (web) electrical test report - - each lot (web) qualification - ppa p ppap+ life estimation - fit & mttf (ppap) fit & mttf (web ) re - validation - - annually manufacturing requirements tqs - 9000 (internal qualification) z z z is o - 9001certification z z z is o - 14001 certification z z z ts - 16949 certification - z z prod uc t ma turity 0 months 6 months or greater 12 months or greater customer sup p ort 3 / 3 /7 fa ilu re an a lys is p o lic y z z z fa ilu re an a lys is p rio rity fifo fifo rush typical price premium * 1x 1.5x 2x *typical premium are for standard values. tdk ? 7 tdk mlc c presentation cga series cgj series l high reliability series - cap range - ? reliability tests based on mil - std requirements ? qualified to aec - q200 ? manufactured using matured process for guaranteed performance ? 0402 ~ 1206 / c0g, x7r ? 6.3v ~ 50v / up to 10uf cap range: c series - general application - rated voltage capacitance range 50v 630v c series - mid voltage - 100uf aec q - 200 cgj series rated voltage capacitance range 50v 630v 100uf 47uf 10uf select mil - std tdk ? 8 tdk mlc c presentation cgj series l high reliability series - features - features: cgj series rfid label premium level service certificate of compliance anti - counterfeit increased evaluation to promote extended life aec q - 200 select mil - std customer priority backed by local us factory. tdk offers the highest level of customer service for claims, technical data and inventory needs for cgj series products. the seal to assist in the identification of authentic tdk cgj products. the condition of the seal also indicates if the product has been tampered with in the supply chain d ocumentation is provided for each cgj lot online: rfid label to allow integration with inventory management programs http://www.tdk.com/product - validation.php tdk ? 9 tdk mlc c presentation cgj series cgj series l high reliability series - applications - smart meter / smart grid high reliability guaranteed applications electric vehicle charging station telecom base station led lighting military communication equipment class 1 & 2 medical equipment solar micro inverter tdk ? 10 tdk mlc c presentation cgj series l high reliability series - design tools/resources - http:// www.tdk.com/tvcl.php http://www.tdk.co.jp/ccv/index.asp http://www.tdk.com/seat.php http://www.mouser.com/search/refine.aspx?ne=254016&n=1323038+4232846+4294963871 tdk ? 11 tdk mlc c presentation (4) temperature characteristics temperature characteristics temperature range capacitance change c0g - 55 ~ 125oc 0 30 ppm/oc x7r - 55 ~ 125oc 15% (5) rated voltage code ( vd c ) symbol rated voltage (v dc ) 0j 6.3 1a 10 1c 16 1e 25 1h 50 (7) capacitance tolerance code symbol capacitance tolerance j 5% k 10% cgj series l high reliability series - part number description - (1) series/dimension code series code eia l (mm) w (mm) t (mm) nominal cgj ? extended life 2 0402 1.00 0.50 0.50 3 0603 1.60 0.80 0.80 4 0805 2.00 1.20 1.25 5 1206 3.20 x 1.60 1.60 (3) voltage condition for life test code condition code condition 1 1 x r.v. 3 1.5 x r.v. 2 2 x r.v. 4 1.2 x r.v. (2) nominal thickness code t(mm) symbol thickness symbol thickness b 0.50 mm h 1.15 mm c 0.60 mm j 1.25 mm e 0.80 mm l 1.60 mm f 0.85 mm (6) nominal capacitance (pf) symbol cap value (pf) cap value (nf) cap value (f) 101 100 pf 0.1 nf 0.0001 f 102 1,000pf 1 nf 0.001 f 105 1,000,000 pf 1,000 nf 1 f 106 10,000,000 pf 10,000 nf 10 f the capacitance is expressed in three digit codes and in units of pico farads (pf). the first and second digits identify the first and second significant figures of the capacitance. the third digit identifies the multiplier. r designates a decimal point. (1) (2) (3) (4) (5) (6) (7) cgj5 l 2 x7r 1a 106 k tdk ? 12 tdk mlc c presentation cgj series l high reliability series - summary - ? tdk ? s cgj series is the highest reliability multilayer ceramic capacitor offered by tdk through increased evaluation in the manufacturing process ? the cgj series offers additional benefits such as: tamper proof seal, rfid label, certificate of compliance, and premium level service ? tdk has design tools to help support optimal mlcc component selection summary: wh y tdk: ? world class supplier ? ppb quality ? local factory support ? zero restrictive or banned materials |
Price & Availability of CGJ4L1C0G0F101J |