Part Number Hot Search : 
391K0 TLP597A 856331 UPD6308 BU4540AL VCH162 C3789 A1275
Product Description
Full Text Search
 

To Download BU1570KN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/8 www.rohm.com 2009.04- rev.b ? 2009 rohm co., ltd. all rights reserved. aie adaptive image enhancer series aie: adaptive image enhancer (image processing technology based on rohm hardware) BU1570KN, bu1571kn description BU1570KN/bu1571kn is aie : adaptive image enhancer (i mage processing technology by rohm?s hardware). provides unprecedented visibility under severe condit ions, such as darkness or extreme backlighting. features 1) uxga size (1600 ? 1200) for input of image data up to 7.5 fps, sxga size (1280 ? 1024) for input of image data up to 15 fps and vga size (640 ? 480) for input of image data up to 30 fps. 2) input data format for yuv=4:2:2 8bit. order of components may be adjusted by the register. 3) operation modes are image enhanc e mode, through mode, and sleep mode. 4) strength of image correction can be set to linear. 5) able to read out brightness for the entire area for motion detection *1 6) register can be set up with a 2-line serial interface. extra document is prepared separately about each register setup. please refer to the development scheme on page 6. *1 : BU1570KN only application security camera, intercom with camera , drive recorder, and web camera etc. lineup parameter supply power source voltage camera interface control interface output interface interrupt output package BU1570KN 1.45-1.55(v dd core) 2.7-3.6(v dd io) supported up to max 2m pixels. (1600 1200) i 2 c bus 8bit yuv=4:2:2 camera interface motion detection interrupt output vqfn36 bu1571kn 1.45-1.55(v dd core) 2.7-3.6(v dd io) supported up to max 2m pixels. (1600 1200) i 2 c bus 8bit yuv=4:2:2 camera interface - vqfn36 absolute maximum ratings (ta=25 ) recommended operating range in the case exceeding 25oc, 4.5mw should be reduced at the rating 1oc. parameter symbol rating unit parameter symbol rating unit supply power source voltage 1 vddio -0.3 +4.2 v supply power source voltage 1 io vddio 2.70 3.60(typ:3.3v) v supply power source voltage 2 vdd -0.3 +2.1 v supply power source voltage 2 core vdd 1.45 1.55(typ:1.50v) v input voltage vin -0.3 vddio+0.3 v input voltage range vin-vddio 0 vddio v storage temperature range ts t g - 4 0 +125 operating temperature range topr -40 +85 power dissipation pd 450 mw please supply power source in order of vdd vddio. no.09060ebt01
BU1570KN, bu1571kn technical note 2/8 www.rohm.com 2009.04- rev.b ? 2009 rohm co., ltd. all rights reserved. electric characteristics (unless otherwise specified, v dd=1.50v,vddio=3.3v,gnd=0.0v,ta=25 ,f in =52.0mhz) parameter symbol limits unit condition min. typ. max. input frequency in 10.0 - 52.0 mhz camcki(duty45% 55%) operating consumption current idd1 - 15 - ma at enhance mode setting static consumption current iddst - - 30 a at sleep mode setting, input terminal=gnd setting input ?h? current 1 iih1 -10 - 10 a vih=vddio input ?h? current 2 iih2 35 70 140 a pull-down terminal, vih=vddio input ?l? current 1 iil1 -10 - 10 a vil=gnd input ?l? current 2 iil2 -10 - 10 a pull-down terminal, vil=gnd input ?h? voltage 1 vih1 vddio ? 0.8 - vddio +0.3 v normal input (including i nput mode of i/o terminal) input ?l? voltage 1 vil1 -0.3 - vddio ? 0.2 v normal input (including i nput mode of i/o terminal) input ?h? voltage 2 vih2 vddio ? 0.85 - vddio +0.3 v hysteresis input (resetb, camcki, sda, sdc) input ?l? voltage 2 vil2 -0.3 - vddio ? 0.15 v hysteresis input (resetb, camcki, sda, sdc) hysteresis voltage width vhys - 0.5 - v hysteresis input (resetb, camcki, sda, sdc) output ?h? voltage voh vddio -0.4 - vddio v ioh=-1.0ma(dc) (including input mode of i/o terminal) output ?l? voltage vol 0.0 - 0.4 v iol=1.0ma(dc) (including input mode of i/o terminal) block diagram recommended application circuit *1,2,3 : bu 1570kn only extra document is prepared separately about system evaluat ion. please refer to the development scheme on page 6. 8 camdi[7:0] yuv=4:2:2 sd a 8 camdo[7:0] yuv=4:2:2 sdc camhsi camvsi camcki camhso camvso camcko int*3 motion detector *1 interrupt controller *2 sdc camhsi camvsi camcki image processing camdi[7:0] sda camera module BU1570KN bu1571kn camdo[7:0] camhso camvso camcko int *4 camdo[7:0] camhso camvso camcko camdi[7:0] camhsi camvsi camcki ic timing generator serial interface luminance distinction image enhance color correction host cpu sda sdc *4 : BU1570KN only
BU1570KN, bu1571kn technical note 3/8 www.rohm.com 2009.04- rev.b ? 2009 rohm co., ltd. all rights reserved. terminal functions pin no. pin name in/out active level init function explanation i/o type 1 camvsi in - vertical timing input pull-down at sleep mode b*1 2 n.c. 3 camhsi in - horizontal timing input pull-down at sleep mode b*1 4 camdi0 in data - data input bit 0 pull-down at sleep mode b*1 5 camdi1 in data - data input bit 1 pull-down at sleep mode b*1 6 camdi2 in data - data input bit 2 pull-down at sleep mode b*1 7 camdi3 in data - data input bit 3 pull-down at sleep mode b*1 8 camdi4 in data - data input bit 4 pull-down at sleep mode b*1 9 camdi5 in data - data input bit 5 pull-down at sleep mode b*1 10 camdi6 in data - data input bit 6 pull-down at sleep mode b*1 11 camdi7 in data - data input bit 7 pull-down at sleep mode b*1 12 vddio - pwr - digital io power source - 13 camcki in clk - clock input pull-down at sleep mode d*1 14 gnd - gnd - common ground - 15 vdd - pwr - core power source - 16 sda in/out data in in/output serial data e 17 sdc in/out clk in in/output serial clock e 18 int*2 out - luminance changing interrupt signal - 19 camvso out - - vertical timing signal output c 20 n.c. 21 camhso out - - horizontal timing signal output c 22 camdo0 out data - data output: bit 0 c 23 camdo1 out data - data output: bit 1 c 24 camdo2 out data - data output: bit 2 c 25 camdo3 out data - data output: bit 3 c 26 camdo4 out data - data output: bit 4 c 27 camdo5 out data - data output: bit 5 c 28 camdo6 out data - data output: bit 6 c 29 camdo7 out data - data output: bit 7 c 30 test1 in low - test mode terminal 1 (connect to gnd) b 31 test2 in low - test mode terminal 2 (connect to gnd) b 32 resetb in low - system reset signal a 33 vddio - pwr - digital io power source - 34 camcko out clk - clock output c 35 gnd - gnd - common ground - 36 vdd - pwr - core power source - ? ? in the active level column indicates that it may be changed during set-up of the register. init indicates pin status when released from reset. *1: pull-down is on during reset (initial status). *2 : in the case of bu1571kn, pin name=testout.
BU1570KN, bu1571kn technical note 4/8 www.rohm.com 2009.04- rev.b ? 2009 rohm co., ltd. all rights reserved. equivalent circuit structur es of input / output pins type the equivalent circuit structure type the equivalent circuit structure a input terminal with schmitt b input terminal with pull-down c output terminal d hysteresis input terminal with pull-down e hysteresis input / output terminal terminal layout bottom view camdo5 camdo4 camdo3 camdo2 camdo1 camhso camvso camdo0 resetb camdo7 camvsi n.c. camhsi camdi0 camdi1 camdi2 ca mdi3 camdi4 camdi5 n.c. camdi6 camdi7 vddio camcki gnd vdd sda sdc int* 1 vdd gnd camcko vddio test2 test1 camdo6 vddio gnd to internal vddio gnd gnd internal signal vddio internal signal gnd to internal vddio gnd gnd vddio vddio internal signal internal signal internal signal vddio gnd to internal gnd internal signal vddio gnd vddio gnd to internal gnd *1 : in the case of bu1571kn, pin name=testout.
BU1570KN, bu1571kn technical note 5/8 www.rohm.com 2009.04- rev.b ? 2009 rohm co., ltd. all rights reserved. timing chart 1. two-line serial interface 1.1 two-line serial interface timing table 1.1-1 i 2 c interface timing 2. camera module interface 2.1. camera module interface timing the input timing of camera image signal on camera i/f is shown in table 2.1-1. the input timing of camera image signal on camera i/f is shown in table 2.1-2. symbol explanation min typ max. unit t pclk clock cycle 19. - - ns d pclk clock duty 45 50 55 % t pdv decision of camdo from camcko - - 5 ns t phl, t phh decision of camvso or camhso from camcko - - 5 ns symbol parameter min. typ. max. unit f scl sdc clock frequency 0 - 400 khz t hd;sta hold-time(repetition) start conditions (the first clock pulse is generated after this period.) 0.6 - - us f low the "l" period of sdc clock 1.3 - - us t high the "h" period of sdc clock 0.6 - - us t su;sta setup time of repetitive start conditions 0.6 - - us t hd;dat hold time of sda 0 - us t su;dat setup time of sda 100 - - ns t su;sto setup time of the stop conditions 0.6 - - us t buf bus free time between stop conditions and the start conditions 1.3 - - us symbo explanation min typ max. unit tcms camcki rise / fall camera set-up time 4 - - ns tcmh camcki rise / fall camera hold time 4 - - ns t low sd a sdc t hd;sta t hd;da t t high t su;dat t su;st a t hd;s t t su;sto t buf table 2.1-1 BU1570KN/bu1571kn timing (camera data input) table 2.1-2 camera data output timing camvsi camhsi camdi0 camdi7 camcki (ckpol=?1?) camcki (ckpol=?0?) tcms tcmh camvso camdo[7:0] camhso camcko tpclk tphh tphl tpdv
BU1570KN, bu1571kn technical note 6/8 www.rohm.com 2009.04- rev.b ? 2009 rohm co., ltd. all rights reserved. development scheme this technical note is aimed at trying the connectivity in the hardware between customer?s system and our aie adaptive image enhancer series. we prepare various data and tools for every development st ep as follows other than this technical note, please contact the sales staff in your duty also including the support system. 1 demonstration step (you can try the standard image processing functions by the standard demonstration kit at once.) you can confirm on tv screen what carried out aie proc essing of a camera image and the dvd video image. ? standard demonstration board kit demonstration board(tv-in BU1570KN tv-out board) demonstration board operation manual demonstration software if the software for the trial board is installed in your windows pc(windows 2000/xp), more detailed setting is possible. usb cable 2 confirmation step (we will respond to customer?s camera module.) ? specifications we will provide specifications for aie adaptive im age enhancer according to customer?s requirements. ? function explanation we will deliver you the function explanation describin g detailed functions, register settings, external interfaces, timing, and so forth of aie adaptiv e image enhancer according to your requests. ? application note we will deliver you the detailed explanation data on application development of aie adaptive image enhancer according to your requests. 3 system check step (you can check the application operation as a system by the kit of system check tools and your camera module.) you can check the interface with your camera module and the application operation on the system check board using the tools for user?s only. ? system check tools kit board for system evaluation manual for system evaluation macro command file for reference *you can check the detailed functions of the applicati on operation by your pc using the macro command file. 4 integrated check step with user?s system (you can check the application operation as a system on your system check board using the integrated check software.) you can check the application operation on the sample lsi-equipped system check board by your camera module using the integrated check software. ? on line support we will answer your questions about the software development.
BU1570KN, bu1571kn technical note 7/8 www.rohm.com 2009.04- rev.b ? 2009 rohm co., ltd. all rights reserved. cautions on use (1)absolute maximum ratings an excess in the absolute maximum ratings, such as supply volt age, temperature range of operating conditions, etc., can break down devices, thus making impossible to identify breaking mode such as a short circuit or an open circuit. if any special mode exceeding the absolute maximum ratings is assumed, consider ation should be given to take physical safety measures including the use of fuses, etc. (2)operating conditions these conditions represent a range within which characterist ics can be provided approximately as expected. the electrical characteristics are guaranteed under t he conditions of each parameter. (3)reverse connection of power supply connector the reverse connection of power supply connector can break down ics. take protective measures against the breakdown due to the reverse connection, such as mounting an external diode between the power supply and the ic?s power supply terminal. (4)power supply line design pcb pattern to provide low impedance for the wiring between the power supply and the gnd lines. in this regard, for the digital block power supply and the ana log block power supply, even though these power supplies has the same level of potential, separate the powe r supply pattern for the digital block from that for the analog block, thus suppressi ng the diffraction of digital noises to the analog block power s upply resulting from impedance common to the wiring patterns. for the gnd line, give consideration to des ign the patterns in a similar manner. furthermore, for all power supply terminals to ics, mount a capacitor between the power supply and the gnd terminal. at the same time, in order to use an electrolytic capacitor, thoroughly check to be sure the characteristics of the capacitor to be us ed present no problem including the occurrence of capacity dr opout at a low temperature, t hus determining the constant. (5)gnd voltage make setting of the potential of the gnd terminal so that it will be maintained at the minimum in any operating state. furthermore, check to be sure no terminals are at a potential lo wer than the gnd voltage including an actual electric transient . (6)short circuit between terminals and erroneous mounting in order to mount ics on a set pcb, pay thorough attention to the direction and offset of the ics. erroneous mounting can break down the ics. furthermore, if a short circuit occurs due to foreign matters entering between terminals or between the terminal and the power supply or the gnd te rminal, the ics can break down. (7)operation in strong electromagnetic field be noted that using ics in the strong elec tromagnetic field can malfunction them. (8)inspection with set pcb on the inspection with the set pcb, if a capacitor is conne cted to a low-impedance ic terminal, the ic can suffer stress. therefore, be sure to discharge from the set pcb by each proc ess. furthermore, in order to mount or dismount the set pcb to/from the jig for the inspection process, be sure to turn o ff the power supply and then mount the set pcb to the jig. after t he completion of the inspection, be sure to turn off the power supply and then dismount it from the jig. in addition, for protecti on against static electricity, establish a ground for the assembly process and pay thorough attention to the transportation and th e storage of the set pcb. (9)input terminals in terms of the construction of ic, parasi tic elements are inevitably formed in relati on to potential. the operation of the par asitic element can cause interference with circuit operation, thus resu lting in a malfunction and then breakdown of the input terminal . therefore, pay thorough attention not to handl e the input terminals, such as to apply to the input terminals a voltage lower th an the gnd respectively, so that any parasitic element will operat e. furthermore, do not apply a voltage to the input terminals when no power supply voltage is applied to the ic. in addition, even if the power supply voltage is applied, apply to the input terminals a voltage lower than the power supply voltage or with in the guaranteed value of el ectrical characteristics. (10)ground wiring pattern if small-signal gnd and large-current gnd are provided, it wi ll be recommended to separate the large-current gnd pattern from the small-signal gnd pattern and establish a single ground at the reference point of the set pcb so that resistance to the wiring pattern and voltage fluctuations due to a large current will cause no fluctuations in voltag es of the small-signal gnd. pay attention not to cause fluctuations in the g nd wiring pattern of external parts as well. (11)external capacitor in order to use a ceramic capacitor as the external capacitor, determine the constant with consideration given to a degradation in the nominal capacitance due to dc bias and changes in the capacitance due to temperature, etc.
BU1570KN, bu1571kn technical note 8/8 www.rohm.com 2009.04- rev.b ? 2009 rohm co., ltd. all rights reserved. order model name selection tape and reel information package type kn:vqfn36 b u 1 5 7 0 k n e rohm model name product number taping model name e2: embossed reel tape 2 when you order , please order in times the amount of package quantity. (the direction is the 1pin of product is at the upper left when you hold reel on the left hand and you pull out the tape on the right hand) tape quantity direction of feed embossed carrier tape(with dry pack) 2500pcs e2 reel direction of feed 1pin 1234 1234 1234 1234 1234 1234 vqfn36 (unit:mm) 0.5 (0.22) 3 ? (0.35) (0.50) 0.22 0.05 0.05 0.95max 6.0 0.1 6.2 0.1 6.0 0.1 6.2 0.1 0.2 2 0.05 0.05 m 36 28 18 10 9 1 19 27 (1.1) 0.02 + 0.03 ? 0.02 (0.6 ) + 0.1 ? 0.3
r0039 a www.rohm.com ? 2009 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specified herein is subject to change for improvement without notice. the content specified herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specifications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specified in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specified in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any product, such as derating, redundancy, fire control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specified herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of BU1570KN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X