Part Number Hot Search : 
20H100CR Z12D5 1VSN562 OP20004 MSM511 MPIC2130 MPIC2130 MICROS
Product Description
Full Text Search
 

To Download BDW51C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n6674 2n6675 npn silicon power transistor description: the central semiconductor 2n6674, 2n6675 types are npn silicon triple diffused mesa power transistors designed for high voltage switching applications. marking: full part number maximum ratings: (t c =25c) symbol 2n6674 2n6675 units collector-emitter voltage v cev 450 650 v collector-emitter voltage v ceo 300 400 v emitter-base voltage v ebo 7.0 v continuous collector current i c 15 a peak collector current i cm 20 a continuous base current i b 5.0 a power dissipation p d 175 w operating and storage junction temperature t j , t stg -65 to +200 c thermal resistance jc 1.0 c/w electrical characteristics: (t c =25c unless otherwise noted) symbol test conditions min max units i cev v ce =rated v cev , v be =1.5v 0.1 ma i cev v ce =rated v cev , v be =1.5v, t c =100c 1.0 ma i ebo v eb =7.0v 2.0 ma bv ceo i c =200ma (2n6674) 300 v bv ceo i c =200ma (2n6675) 400 v v ce(sat) i c =10a, i b =2.0a 1.0 v v ce(sat) i c =10a, i b =2.0a, t c =100c 2.0 v v ce(sat) i c =15a, i b =5.0a 5.0 v v be(sat) i c =10a, i b =2.0a 1.5 v h fe v ce =2.0v, i c =10a 8.0 20 i s/b v ce =30v, i c =5.9a 1.0 s i s/b v ce =100v, i c =250ma 1.0 s h fe v ce =10v, i c =1.0a, f=5.0mhz 3.0 10 f t v ce =10v, i c =1.0a, f=5.0mhz 15 50 mhz c ob v cb =10v, i e =0, f=100khz 150 500 pf to-3 case r1 (10-march 2011) www.centralsemi.com
electrical characteristics - continued: (t c =25c unless otherwise noted) symbol test conditions min max units t d * v eb =6.0v, i c =10a, i b =2.0a 0.1 s t r * v eb =6.0v, i c =10a, i b =2.0a 0.6 s t r * v eb =6.0v, i c =10a, i b =2.0a, t c =100c 1.0 s t s * v eb =6.0v, i c =10a, i b1 =i b2 =2.0a 2.5 s t s * v eb =6.0v, i c =10a, i b1 =i b2 =2.0a, t c =100c 4.0 s t f * v eb =6.0v, i c =10a, i b1 =i b2 =2.0a 0.5 s t f * v eb =6.0v, i c =10a, i b1 =i b2 =2.0a, t c =100c 1.0 s * vcc=135v, tp=20s 2n6674 2n6675 npn silicon power transistor to-3 case - mechanical outline lead code: 1) base 2) emitter case) collector marking: full part number www.centralsemi.com r1 (10-march 2011)


▲Up To Search▲   

 
Price & Availability of BDW51C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X