Part Number Hot Search : 
221M16 CXD11 A29DL324 3KP10C NTR4170 M37643F8 180CA SFBDX92
Product Description
Full Text Search
 

To Download BAV99S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high switching speed. for general purpose switching application. small plastic smd speed. low capacitance. two electrically isolated se ries configuration arrays. for general purpose switching application. type no. marking package code BAV99S k1 sot-363 maximum rating @ ta=25 unless otherwise specified symbol characteristic value unit v rrm repetitive peak reverse voltage 85 v v r continuous reverse voltage 75 v i frm repetitive peak forward current 450 ma i f forward continuous current 200 ma i fsm non-repetitive peak forward surge current @t=1.0 s @t=1.0ms @t=1.0s 4.5 1.0 0.5 a p d power dissipation 250 mw t j, t stg junction and storage temperature -65 to+150 BAV99S surface mount fast switching diodes dimensions in inches and (millimeters) sot-323 features applications ordering information ? ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min max unit reverse breakdown voltage v (br)r i r =2.5 a 75 - v forward voltage v f i f =1.0ma i f =10ma i f =50ma i f =150ma - 0.715 0.855 1.0 1.25 v reverse current i r v r =75v - 1 a diode capacitance c d v r =0v,f=1.0mhz - 1.5 pf reverse recovery time t rr i f =i r =10mar l =100? - 4 ns typical characteristics @ ta=25 unless otherwise specified BAV99S surface mount fast switching diodes http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BAV99S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X