Part Number Hot Search : 
NTX2N67 SPLCGXXX AO3400 2N3867 MDAG05 10100CT LOPT670 R74S1
Product Description
Full Text Search
 

To Download BAT42W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low forward voltage drop fast switching time surface mount package ideally suited for automatic insertion marking: BAT42W s7 bat43w s8 maximum ratings and electrical characteristics, single diode @t a =25 parameter symbol BAT42W/bat43w unit peak repetitive peak reverse voltage working peak dc blocking voltage v rrm v rwm v r 30 v rms reverse voltage v r(rms) 21 v forward continuous current i fm 200 ma repetitive peak forward current @t<1.0s i frm 500 ma peak forward surge current @<10ms i fsm 4.0 a power dissipation p d 200 mw thermal resistance junction to ambient r ja 500 /w storage temperature t stg -55~+125 electrical ratings @t a =25 parameter symbol min. typ. max. unit conditions reverse breakdown voltage v (br)r 30 v ir=10 a v f 1.0 v i f =200ma v f 0.4 v i f =10ma v f 0.65 v i f =50ma v f 0.26 0.33 v i f =2ma all types BAT42W forward voltage BAT42W bat43w bat43w v f 0.45 v i f =15ma reverse current i r 0.5 a v r =25v capacitance between terminals c t 10 pf v r =1.0v,f=1.0mhz reverse recovery time t rr 5 ns i f =i r =10ma irr=0.1xi r ,r l =100 ? + - BAT42W-bat43w schottky diodes sod-123 dimensions in inches and (millimeters) features ? ? ? 0.053(1.35) max. 0.006(0.15) typ. min. 0.010(0.25) min. 0.004(0.10) max. 0.067(1.70) 0.055(1.40) 0.022(0.55) typ. min. 0.152(3.85) 0.140(3.55) 0.112(2.85) 0.100(2.55) http://www.luguang.cn mail:lge@luguang.cn
BAT42W-bat43w schottky diodes http://www.luguang.cn mail:lge@luguang.cn
BAT42W-bat43w schottky diodes http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BAT42W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X