Part Number Hot Search : 
18P1100 UL7410 18P1100 TM6203 0ZB6T B25655J M62460 T02GH
Product Description
Full Text Search
 

To Download BAS16TW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast switching speed for general purpose sw itching applications high conductance marking: BAS16TW ka2 mmbd4148tw ka2 maximum ratings @t a =25 parameter symbol limits unit non-repetitive peak reverse voltage v rm 100 v peak repetitive peak reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current i fm 300 ma average rectified output current i o 150 ma peak forward surge current @=1.0 s @=1.0s i fsm 2.0 1.0 a power dissipation pd 200 mw thermal resistance junction to ambient r ja 625 k/w junction temperature t j 150 storage temperature t stg -65~+150 electrical ratings @t a =25 parameter symbol min. typ. max. unit conditions reverse breakdown voltage v (br) r 75 v i r =10 a v f1 0.715 v i f =1ma v f2 0.855 v i f =10ma v f3 1.0 v i f =50ma forward voltage v f4 1.25 v i f =150ma i r1 1 a v r =75v reverse current i r2 25 na v r =20v capacitance between terminals c t 2 pf v r =0v,f=1mhz reverse recovery time t rr 4 ns i f =i r =10ma irr=0.1xi r ,r l =100 ? BAS16TW/mmbd4148tw switching diodes dimensions in inches and (millimeters) sot-363 features ? ? ? http://www.luguang.cn mail:lge@luguang.cn
typical characteristics BAS16TW/mmbd4148tw switching diodes http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BAS16TW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X