Part Number Hot Search : 
10045 74LS240 MMBZ5235 CM1749 IS93C KBPC3504 LPB450J SQJ412EP
Product Description
Full Text Search
 

To Download BAS16TW1T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-363 plastic-encapsulate diodes switching diodes features z fast switching speed z for general purpose sw itching applications z high conductance marking: bas16tw 1t1: ka2 maximum ratings @t a =25 parameter symbol limits unit non-repetitive peak reverse voltage v rm 100 v peak repetitive peak reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current i fm 300 ma average rectified output current i o 150 ma peak forward surge current @=1.0 s @=1.0s i fsm 2.0 1.0 a power dissipation pd 200 mw thermal resistance junction to ambient r ja 625 k/w junction temperature t j 150 storage temperature t stg -65~+150 electrical ratings @t a =25 parameter symbol min. typ. max. unit conditions reverse breakdown voltage v (br) r 75 v i r =10 a v f1 0.715 v i f =1ma v f2 0.855 v i f =10ma v f3 1.0 v i f =50ma forward voltage v f4 1.25 v i f =150ma i r1 1 a v r =75v reverse current i r2 25 na v r =20v capacitance between terminals c t 2 pf v r =0v,f=1mhz reverse recovery time t rr 4 ns i f =i r =10ma irr=0.1xi r ,r l =100 ? sot-363 z weight:0.05g z rohs product for packing code suffix "g" halogen free product for packing code suffix "h" BAS16TW1T1 2012-1 willas electronic corp. z
typical characteristics 2012-1 willas electronic corp. sot-363 plastic-encapsulate diodes BAS16TW1T1
outline drawing dimensions in inches and (millimeters) sot-363 rev.d .056(1.40) .047(1.20) .096(2.45) .071(1.80) .004(0.10)min. .010(0.25) .003(0.08) .043(1.10) .032(0.80) .016(0.40) .004(0.10) .004(0.10)max. .087(2.20) .071(1.80) .054(1.35) .045(1.15) .021(0.55) .030(0.75) 2012-1 willas electronic corp. sot-363 plastic-encapsulate diodes BAS16TW1T1


▲Up To Search▲   

 
Price & Availability of BAS16TW1T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X