Part Number Hot Search : 
M38B79M3 2SK389GR D2415 BR10100 C5039 SK240 LR8729 B65883A
Product Description
Full Text Search
 

To Download BAS16TDW09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount switching multi-chip diode array mechanical data: * case : sot-363 * fast switching speed * ultra-small surface mount package * for general purpose switching applications * high conductance power dissipation * case material : molded plastic. ul flammability classification ration 94v-0 * moisture sensitivity : level 1 per j -std-020c * terminals : solderable per mil-std-202, method 208 * polarity : see diagram * weight : 0.006 grams(appro) features: weitron bas16tdw multi-chip diodes 150m amperes 75 volts http://ww w .weitron.com.tw 1/3 rev.a 20-oct-09 so t -363 1 2 3 6 5 4 so t -363 outline dimensions unit:mm 1 2 3 a k j m l 6 5 4 b d h e c dim a b c d e h j k l m min 0.10 1.15 2.00 0.30 1.80 - 0.80 0.25 0.10 0.65 ref max 0.30 1.35 2.20 0.40 2.20 0.10 1.10 0.40 0.25 so t -363 lead(pb)- f r ee p b
weitron http://www .weitron.com.tw 2/3 maximum ratings @ t a = 2 5c unless otherwise specified electrical characteristics non-repetitive peak reverse voltage notes:1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch v rm notes:2. short duration test pulse used to minimize self-heatin g eect. reverse current (note 2) v r = 75v v r = 75v, tj = 150c v r = 25v, tj = 150c v r = 20v reverse recovery time i f = i r =10 m a, i rr =0.1 x i r , r l =100 v ( b r ) r v f i r c t t r r bas16tdw rev.a 20-oct-09 characteristic symbo l value unit 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current (note 1) i fm 300 m a average recti?ed output current (note 1) i o 150 m a non-repetitive peak forward surge current@ t = 1.0s @ t = 1.0s i fsm 2.0 1.0 a power dissipation (note 1) p d 200 m w thermal resistant junction to ambient air (note 1) r ja 625 c/w operating temperature range storage temperature range t j t stg +150 -55 to +150 c c @ t a = 2 5 c unless otherwise s pecified characteristic symbo l mi n ma x unit reverse breakdown voltage (note 2) i r = 100a 75 - v forward voltage (note 2) i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma - - - - 0.715 0.855 1.0 1.25 v - 1.0 50 30 25 a a a na total capacitance v r = 0v, f = 1.0mhz - 2.0 pf - 4.0 ns
k a 2 bas16tdw mmbd4148tdw device marking item 3 bas16tdw rev.a 20-oct-09 weitron http://ww w .weitron.com.tw 3/3 typical characteristics marking eqivalent circuit diagram 6 1 5 2 4 100 10 1.0 0.1 0.2 0.4 0.6 0.8 1.0 1.2 t a = 85c t a = 25c t a = ? 40c t a = 150c t a = 125c t a = 85c t a = 55c t a = 25c 01 0 2 0 3 0 4 0 5 0 10 1.0 0.1 0.01 0.001 02 4 6 8 0.68 0.64 0.60 0.56 0.52 i f , for w ard current (ma) c d , diode cap acit ance (pf) v f , for w ard vol t age (vol ts) figure 2. forward v oltage v r , reverse vol t age (vol ts) figure 3. leakage current v r , reverse vol t age (vol ts) figure 4. capacitance i r , reverse current ( a)


▲Up To Search▲   

 
Price & Availability of BAS16TDW09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X