Part Number Hot Search : 
MAX988 EF974022 B21NM50 R80186 0675003 07N60C3 06400 CX138
Product Description
Full Text Search
 

To Download BAS16T13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  150mw 85volt switching diode sot-523 features x ultra-small surface mount package x for general purpose switching applications x high conductance maximum ratings x operating temperature: -55 q c to +150 q c x storage temperature: -55 q c to +150 q c electrical characteristics @ 25 q c unless otherwise specified peak repetitive reverse voltage v rrm 85v continuous forward current i f 75ma power dissipation p d 150mw peak forward surge current @t=1.0us @t=1.0ms @t=1.0s i fsm 4.0a 1.0a 0.5a maximum instantaneous forward voltage v f 715mv 855mv 1000mv 1250mv i f = 1ma i f = 10ma; i f = 50ma i f = 150ma maximum dc reverse current at rated dc blocking voltage i r 2 p a 0.03 p a v r =75volts v r =25volts typical total capacitance c t 1.5pf measured at 1.0mhz, v r =0v reverse recovery time t rr 4ns if = ir = 10ma, irr = 0.1 x ir, rl = 100 : bas16t baw56t bav70t bav99t bas16t marking : a2 baw56t marking : jd bav70t marking : jj bav99t marking : je revision: b 2013/01/01  
 omponents 20736 marilla street chatsworth       
     inches mm dim min max min max note a .059 .067 1.50 1.70 b .030 .033 0.75 0.85 c .057 .069 1.45 1.75 d .020 nominal 0.50nominal e .035 .043 0.90 1.10 g .000 .004 .000 .100 h .028 .031 .70 0.80 j .004 .008 .100 .200 k .010 .014 .25 .35 a c b d e g h j dimensions k www. mccsemi .com 1 of 3 mcc tm micro commercial components epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? halogen free available upon request by adding suffix "-hf"
bas 16 t/ baw56t www. mccsemi .com revision: b 2013/01/01 ba v70 t/ bav99t 0 50 100 150 200 300 200 250 100 150 50 0 i , forward current (ma) f single diode loaded double diode loaded 0.0001 10 1 0.001 0.01 0.1 0 50 100 150 200 t , junction temperature ( c) j fi g . 3, t y pical reverse characteristics v = 20v r v = 75v r mcc tm micro commercial components 0.1 1 0.01 0.001 0 1.5 1.0 0.5 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fig. 2 forward characteristics t = -40oc a t = 150oc a t = 75oc a t = 25oc a t=0oc a 2 of 3
mcc revision: b 2013/01/01 tm micro commercial components www. mccsemi .com 3 of 3 d e vi c e p ac k i n g part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of BAS16T13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X