Part Number Hot Search : 
MR83C TFS315 1N4006G BC849CW BXMP1033 010011 C102G2 BAW000
Product Description
Full Text Search
 

To Download AOK60N30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AOK60N30 300v,60a n-channel mosfet v ds i d (at v gs =10v) 60a r ds(on) (at v gs =10v) < 0.056 w symbol the AOK60N30 is fabricated using an advanced high voltage mosfet process that is designed to deliver high levels of performance and robustness in popular ac- dc applications.by providing low r ds(on) , c iss and c rss along with guaranteed avalanche capability this part can be adopted quickly into new and existing offline power supply designs. units parameter absolute maximum ratings t a =25c unless otherwise noted 350@150 AOK60N30 g d s symbol v ds v gs i dm i ar e ar e as peak diode recovery dv/dt dv/dt t j , t stg t l symbol r q ja r q cs r q jc maximum junction-to-case 658 5.3 avalanche current c 1353 single plused avalanche energy g 2707 parameter maximum lead temperature for soldering purpose, 1/8" from case for 5 seconds junction and storage temperature range derate above 25 o c repetitive avalanche energy c t c =25c thermal characteristics maximum case-to-sink a 5 v units parameter drain-source voltage AOK60N30 300 v 30 gate-source voltage 60 40 t c =100c a 200 pulsed drain current c continuous drain current t c =25c i d maximum junction-to-ambient a,d c power dissipation b p d v/ns -55 to 150 mj 0.19 9.5 c/w AOK60N30 units a c mj w w/ o c c/w 0.5 c/w 40 300 www.freescale.net.cn 1/5 general description features
symbol min typ max units 300 350 bv dss / ? tj 0.26 v/ o c 1 10 i gss gate-body leakage current 100 n a v gs(th) gate threshold voltage 2.9 3.5 4.1 v r ds(on) 0.042 0.056 w g fs 52 s v sd 0.68 1 v i s maximum body-diode continuous current 60 a i sm 200 a c iss 3550 4438 5330 pf c oss 410 593 770 pf c rss 22 38 54 pf r g 0.8 1.7 2.6 w q g 70 88 106 nc q gs 21 nc q gd 28 nc t d(on) 88 ns t r 222 ns t d(off) 224 ns static drain-source on-resistance v gs =10v, i d =30a reverse transfer capacitance v gs =0v, v ds =25v, f=1mhz switching parameters i s =1a,v gs =0v v ds =40v, i d =30a forward transconductance turn-on rise time gate source charge gate drain charge diode forward voltage electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss zero gate voltage drain current v ds =300v, v gs =0v m a bv dss maximum body-diode pulsed current input capacitance output capacitance turn-on delaytime turn-off delaytime v gs =10v, v ds =150v, i d =60a, r g =25 w gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge v gs =10v, v ds =240v, i d =60a dynamic parameters v ds =5v, i d =250 m a v ds =240v, t j =125c v ds =0v, v gs =30v v drain-source breakdown voltage i d =250 a, v gs =0v, t j =25c i d =250 a, v gs =0v, t j =150c zero gate voltage drain current id=250 a, vgs=0v d(off) t f 132 ns t rr 250 320 390 ns q rr 11 14.5 18 m c i f =60a,di/dt=100a/ m s,v ds =100v body diode reverse recovery charge i f =60a,di/dt=100a/ m s,v ds =100v turn-off fall time body diode reverse recovery time a. the value of r q ja is measured with the device in a still air environm ent with t a =25 c. b. the power dissipation p d is based on t j(max) =150 c, using junction-to-case thermal resistance, and i s more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150 c, ratings are based on low frequency and duty cycl es to keep initial t j =25 c. d. the r q ja is the sum of the thermal impedance from junction t o case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedance which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150 c. the soa curve provides a single pulse rating. g. l=60mh, i as =9.5a, v dd =150v, r g =25 ? , starting t j =25 c www.freescale.net.cn 2/5 AOK60N30 300v,60a n-channel mosfet
typical electrical and thermal characteristics 0 20 40 60 80 100 120 140 0 5 10 15 20 25 30 i d (a) v ds (volts) fig 1: on-region characteristics v gs =5v 6v 10v 6.5v 5.5v 7v 0.1 1 10 100 1000 2 4 6 8 10 i d (a) v gs (volts) figure 2: transfer characteristics - 55 c v ds =40v 25 c 125 c 0.00 0.02 0.04 0.06 0.08 0.10 0 20 40 60 80 100 120 r ds(on) ( w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage v gs =10v 0 0.5 1 1.5 2 2.5 3 -100 -50 0 50 100 150 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature v gs =10v i d =30a 40 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c voltage 0.8 0.9 1 1.1 1.2 -100 -50 0 50 100 150 200 bv dss (normalized) t j (c) figure 5:break down vs. junction temparature www.freescale.net.cn 3/5 AOK60N30 300v,60a n-channel mosfet
typical electrical and thermal characteristics 0 3 6 9 12 15 0 30 60 90 120 150 v gs (volts) q g (nc) figure 7: gate-charge characteristics v ds =240v i d =60a 10 100 1000 10000 0.1 1 10 100 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss 0.01 0.1 1 10 100 1000 1 10 100 1000 i d (amps) v ds (volts) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =150 c t c =25 c 100 m s 100ms 0 15 30 45 60 75 0 25 50 75 100 125 150 current rating i d (a) t case (c) figure 9: current de - rating (note b) v ds (volts) figure 10: maximum forward biased safe operating area for AOK60N30 (note f) case figure 9: current de - rating (note b) 0.001 0.01 0.1 1 10 1e-06 1e-05 0.0001 0.001 0.01 0.1 1 10 z q q q q jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance for AOK60N30 (note f) d=t on /t t j,pk =t c +p dm .z q jc .r q jc r q jc =0.19 c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse single pulse t on t p d www.freescale.net.cn 4/5 AOK60N30 300v,60a n-channel mosfet
- + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off id + l vgs vds bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar vdd vgs vgs rg dut - + vdc vgs id vgs i ig vgs - + vdc dut l vgs vds isd isd diode recovery tes t circuit & waveforms vds - vds + i f ar di/dt i rm rr vdd vdd q = - idt t rr www.freescale.net.cn 5/5 AOK60N30 300v,60a n-channel mosfet


▲Up To Search▲   

 
Price & Availability of AOK60N30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X