Part Number Hot Search : 
8MNR2G UNA0228 2SC4728R 0443065 SB05W05C 01006 LM321 PC3H715
Product Description
Full Text Search
 

To Download AO4468 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AO4468 30v n-channel mosfet general description product summary v ds i d (at v gs =10v) 10.5a r ds(on) (at v gs =10v) < 17m w r ds(on) (at v gs = 4.5v) < 23m w esd protected 100% uis tested 100% r g tested symbol v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q jl c thermal characteristics w 3.1 2 t a =70c junction and storage temperature range -55 to 150 units parameter typ max c/w r q ja 31 59 40 maximum junction-to-ambient a v 20 gate-source voltage mj avalanche current c 18 a 19 a the AO4468 combines advanced trench mosfet technology with a low resistance package to provide extremely low r ds(on) . this device is ideal for load switch and battery protection applications. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 30v 10.5 8.5 50 drain-source voltage 30 t a =25c t a =70c power dissipation b p d avalanche energy l=0.1mh c pulsed drain current c continuous drain current t a =25c i d maximum junction-to-lead c/w c/w maximum junction-to-ambient a d 16 75 24 soic-8 top view bottom view d d d d s s s g g ds rev 6: december 2010 www.aosmd.com page 1 of 5
AO4468 symbol min typ max units bv dss 30 v v ds =30v, v gs =0v 1 t j =55c 5 i gss 10 m a v gs(th) gate threshold voltage 1.2 1.8 2.4 v i d(on) 50 a 14 17 t j =125c 20 24 18 23 m w g fs 36 s v sd 0.75 1 v i s 4 a c iss 740 888 pf c oss 110 145 pf c rss 82 115 pf r g 0.5 1.1 1.7 w q g (10v) 15 nc q g (4.5v) 7.5 nc q gs 2.5 nc q gd 3 nc t d(on) 5 ns t r 3.5 ns t d(off) 19 ns t f 3.5 ns t rr 18 22 ns q rr 9 12 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. i f =10.5a, di/dt=100a/ m s maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time turn-off delaytime v gs =10v, v ds =15v, r l =1.45 w , r gen =3 w gate source charge gate drain charge total gate charge body diode reverse recovery charge m w on state drain current i s =1a,v gs =0v v ds =5v, i d =10.5a v gs =4.5v, i d =9a forward transconductance diode forward voltage m a v ds =v gs i d =250 m a v ds =0v, v gs =16v zero gate voltage drain current gate-body leakage current i d =250 m a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =10.5a r ds(on) static drain-source on-resistance i dss drain-source breakdown voltage reverse transfer capacitance i f =10.5a, di/dt=100a/ m s v gs =0v, v ds =15v, f=1mhz switching parameters body diode reverse recovery time gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time total gate charge v gs =10v, v ds =15v, i d =10.5a electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. the value in any given application depends on the user' s specific board design. b. the power dissipation p d is based on t j(max) =150c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by junct ion temperature t j(max) =150c. ratings are based on low frequency and duty cycles to keep initialt j =25c. d. the r q ja is the sum of the thermal impedence from junction to lead r q jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambien t thermal impedence which is measured with the devi ce mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperatur e of t j(max) =150c. the soa curve provides a single pulse ratin g. rev 6: december 2010 www.aosmd.com page 2 of 5
AO4468 typical electrical and thermal characteristics 17 52 10 0 18 40 0 5 10 15 20 25 30 1 2 3 4 5 v gs (volts) figure 2: transfer characteristics (note e) i d (a) 10 15 20 25 0 5 10 15 20 i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) r ds(on) (m w ww w ) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v sd (volts) figure 6: body-diode characteristics (note e) i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 200 temperature (c) figure 4: on-resistance vs. junction temperature (note e) normalized on-resistance v gs =4.5v i d =9a v gs =10v i d =10.5a 10 15 20 25 30 35 40 2 4 6 8 10 v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) r ds(on) (m w ww w ) 25c 125c v ds =5v v gs =4.5v v gs =10v i d =10.5a 25c 125c 0 5 10 15 20 25 30 0 1 2 3 4 5 v ds (volts) fig 1: on-region characteristics (note e) i d (a) v gs =2.5v 3v 4v 10v 3.5v rev 6: december 2010 www.aosmd.com page 3 of 5
AO4468 typical electrical and thermal characteristics 0 2 4 6 8 10 0 5 10 15 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 200 400 600 800 1000 1200 0 5 10 15 20 25 30 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss v ds =15v i d =10.5a 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 pulse width (s) figure 11: single pulse power rating junction-to- ambient (note f) power (w) t a =25c 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 v ds (volts) i d (amps) figure 10: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150c t a =25c 100 m s 10ms 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 12: normalized maximum transient thermal imp edance (note f) z q qq q ja normalized transient thermal resistance d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja =75c/w single pulse rev 6: december 2010 www.aosmd.com page 4 of 5
AO4468 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr rev 6: december 2010 www.aosmd.com page 5 of 5


▲Up To Search▲   

 
Price & Availability of AO4468

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X