Part Number Hot Search : 
IRC840 A225D 10024 P1100EL SR260 3362R205 CXA1396D LC66566A
Product Description
Full Text Search
 

To Download AM15TW-24051SZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am 15tw -z 15 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r1 2 . c 1 of 3 north america only features: ? ultra wide input range 4 :1 ? no minimum load required ? 1600 vdc isolation ? - 40oc to +85oc operating temperature range ? efficiency up to 9 0 % ? short circuit & over voltage protection ? soft start ? dip 24 package ? remote on/off function ? low no load i nput current models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) maximum capacitive load (f) efficiency (%) am15 tw - 2403sz 9 - 36 3.3 40 00 1600 47 00 87 am1 5 tw - 2405 1 sz 9 - 36 5.1 30 00 1600 33 00 89 am 1 5 tw - 2412sz 9 - 36 12 1 250 1600 60 0 90 am1 5 tw - 2415sz 9 - 36 15 10 00 1600 4 00 90 am1 5 tw - 4803sz 18 - 75 3.3 40 00 1600 47 00 86 am1 5 tw - 4805 1 sz 18 - 75 5.1 30 00 1600 33 00 88 am1 5 tw - 4812sz 18 - 75 12 1 250 1600 60 0 90 am1 5 tw - 4815sz 18 - 75 15 10 00 1600 4 00 89 models d ual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) maximum capacitive load (f) efficiency (%) am15 tw - 2405dz 9 - 36 5 15 00 1600 1500 86 am15 tw - 2412dz 9 - 36 12 625 1600 288 89 am15 tw - 2415dz 9 - 36 15 500 1 600 200 90 am15 tw - 4805dz 18 - 75 5 15 00 1600 1500 86 am15 tw - 4812dz 18 - 75 12 625 1600 288 89 am15 tw - 4815dz 18 - 75 15 500 1600 200 90 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified input specifications parameters nominal typical maximum units voltage range 24 48 9 - 36 18 - 75 vdc filter (pi) network turn on transient process time 250 s transient response devia tion 3 % start up time nominal vin and constant resistive load 20 ms absolute maximum rating 24 vin models 48 vin models - 0.7 - 50 - 0.7 - 100 vdc peak input voltage time 1000 ms input reflected ripple current 20 ma p - p quiescent current 15 ma on/off control on ? high (3.0 ... 12vdc) or open circuit; off ? low (0 ... 1.2vdc) or short circuit pin1 and pin 2/3 off idle current: 5.0 ma typ
series am 15tw -z 15 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r1 2 . c 2 of 3 north america only isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1600 vd c tested case/input and output 1600 vdc resistance >1000 mohm capacitance 2000 pf output specifications parameters conditions typical maximum units voltage accuracy 1 % voltage balance dual output 5 % line voltage regulation hl - ll 0.2 % load voltage regulation (single) 0% load to full load 0.5 % load voltage regulation (dual) 0% load to full load 1.0 % over voltage protection zener diode clamp over current protection full load 150 % short circuit protection continuous short c ircuit restart auto recovery ripple & noise 60 m vp - p general specifications parameters conditions typical maximum units switching frequency 100% load 330 khz operating temperature full load with derating above 60oc - 40 to +85 o c storage temperat ure - 40 to +125 o c max case temperature 105 o c derating above 60oc 2.5 % per 1oc cooling free air convection humidity 95 % rh case material nickel - coated copper weight 20 .0 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1.25 x 0 .8 x 0.40 inches 31.75 x 20.32 x 10.16 mm mtbf > 41 0 000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) safety specifications parameters agency approval ce standards en55022 class a iec61000 - 4 - 2, per f. criteria a iec61000 - 4 - 3, perf. criteria a iec61000 - 4 - 4, perf. criteria b (requires 2 external cap 330uf/100v or 1 cap 680 uf/100v for parallel connection) iec61000 - 4 - 5, perf. criteria b (requires 2 external cap 330uf/100v or 1 cap 680 uf/100v for parallel connection) iec61000 - 4 - 6, perf. c riteria a iec61000 - 4 - 8, perf. criteria a note: also meets iec 60950 - 1:2001
series am 15tw -z 15 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r1 2 . c 3 of 3 north america only pin out specifications dimensions bottom view 20.30 (0.80) 2.54 (0.10) 5.08 (0.20) printed face 10.20 (0.40) 3.05 (0.12) 0.50 (0.02) 15.20 (0.60) 31.80 (1.25) 2 3 9 11 14 16 22 23 1 0.50 (0.02) all dimensions are typical: millimeters (inches) pin diameter: 0.50 0.05 (0 .02 0.002) pin pitch tolerance: 0.35 ( 0.014) case tolerence: 0.5 (0.02) 22.90 (0.90) derating - 40 - 20 0 20 40 60 80 100 100 80 60 40 20 0 safe operating area output power (%) 85 ambient temperature o c free air convection 30 60 o c note: 1. datasheets are updated as needed and as such, specifications are subject to change wi thout notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimte c may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s standard terms of sale available at www.aimtec.com. pin single dual 1 remote on/off remote on/off 2 - v input - v input 3 - v input - v input 9 no pin common 11 n.c - v output 14 +v output +v output 16 - v output common 22 +v input +v input 23 +v input +v input


▲Up To Search▲   

 
Price & Availability of AM15TW-24051SZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X