Part Number Hot Search : 
DD200GB BU606 B8050 0150CT TSG601 DTA114 T9G02212 LPB352
Product Description
Full Text Search
 

To Download AM12T-4802SZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am12t-z 12 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.f 1 of 3 north america only features: ? wide input range 2:1 ? ? 1600 vdc isolation ? ? efficiency up to 91% ? ? soft start ? ? remote on/off function ? models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) maximum capacitive load (f) efficiency (%) am12t-1202sz 9-18 2.5 3500 1600 2000 85 am12t-1203sz 9-18 3.3 3500 1600 2000 87 am12t-1205sz 9-18 5 2400 1600 2000 89 am12t-1212sz 9-18 12 1000 1600 430 90 am12t-1215sz 9-18 15 800 1600 300 90 am12t-2402sz 18-36 2.5 3500 1600 2000 85 am12t-2403sz 18-36 3.3 3500 1600 2000 87 am12t-2405sz 18-36 5 2400 1600 2000 89 am12t-2412sz 18-36 12 1000 1600 430 90 am12t-2415sz 18-36 15 800 1600 300 90 AM12T-4802SZ 36-75 2.5 3500 1600 2000 84 am12t-4803sz 36-75 3.3 3500 1600 2000 88 am12t-4805sz 36-75 5 2400 1600 2000 89 am12t-4812sz 36-75 12 1000 1600 430 88 am12t-4815sz 36-75 15 800 1600 300 89 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) maximum capacitive load (f) efficiency (%) am12t-1212dz 9-18 12 500 1600 200 90 am12t-1215dz 9-18 15 400 1600 120 91 am12t-2412dz 18-36 12 500 1600 200 90 am12t-2415dz 18-36 15 400 1600 120 91 am12t-4812dz 36-75 12 500 1600 200 88 am12t-4815dz 36-75 15 400 1600 120 89 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified input specifications parameters nominal typical maximum units voltage range 12 9-18 vdc 24 18-36 48 36-48 filter (pi) network turn on transient process time 250 s transient response deviation 3 % start up time nominal vin and constant resistive load 20 ms absolute ma ximum rating 12 vin models -0.7-36 vdc 24 vin models -0.7-50 48 vin models -0.7-100
series am12t-z 12 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.f 2 of 3 north america only input specifications (continued) parameters nominal typical maximum units peak input voltage time 1000 ms input reflected ripple current 20 ma p-p quiescent current 15 ma on/off control on ? high (3.0 ... 12vdc) or open circuit; off ? low (0 ... 1.2vdc) or s hort circuit pin1 and pin 2/3 off idle current: 5.0 ma typ isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1600 vdc tested case/input and output 1600 vdc resistance >1000 mohm capacitance 1200 pf output specifications parameters conditions typical maximum units voltage accuracy 1.2 % voltage balance dual output 5 % line voltage regulation hl-ll 0.5 % load voltage regulation (single) 0% load to full load 0.5 % load voltage regulation (dual) 0% load to full load 1.0 % over voltage protection zener diode clamp over current protection full load 150 % short circuit protection continuous short circuit restart auto recovery ripple & noise 85 m vp-p general specifications parameters conditions typical maximum units switching frequency 100% load 330 khz operating temperature full load with derating above 60oc -40 to +85 o c storage temperature -40 to +125 o c max case temperature 100 o c temperature coefficient 0.02 %/ o c derating above 60oc 2.5 % per 1oc cooling free air convection humidity 95 % rh case material nickel-coated copper potting material ul94v-0 rated weight 18.0 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1.25 x 0.80 x 0.40 inches 31.80 x 20.30 x 10.20 mm mtbf >1 000 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) safety specifications parameters agency approval ce standards iec 60950-1:2005 (2 n d edition); en 60950-1: 2006 en55022 class a, en55024 iec61000-4-2, perf. criteria b iec61000-4-3, perf. criteria a iec61000-4-4, perf. criteria b (e xternal 330uf/100v cap required) iec61000-4-5, perf. criteria b (e xternal 330uf/100v cap required) iec61000-4-6, perf. criteria a iec61000-4-8, perf. criteria a
series am12t-z 12 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.f 3 of 3 north america only pin out specifications derating pin single dual 1 remote on/off remote on/off 2 -v input -v input 3 -v input -v input 9 no pin common 11 n.c. -v output 14 +v output +v output 16 -v output common 22 +v input +v input 23 +v input +v input dimensions test circuits note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com. surge: dc/dc converter +vout -vout load +vin -vin c1 330uf, 100v dc/dc converter +vout -vout load +vin -vin c1 100uf, 100v l 12uh conducted emmisions :


▲Up To Search▲   

 
Price & Availability of AM12T-4802SZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X