Part Number Hot Search : 
PKS30A 2SC2810 SP915 LT397 UD6004 CAT25C33 PIC18F24 APE6800
Product Description
Full Text Search
 

To Download ACT33712 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  innovative power tm - 1 - www.active-semi.com copyright ? 2012 active-semi, inc. high performance activepsr tm primary switching regulator features ? ultra low standby power < 30mw ? patented primary side regulation technology ? suitable operation frequency up to 85khz ? proprietary fast startup circuit ? integrated line and primary inductance compensation ? integrated programmable output cord resistance compensation ? line under-voltage, output over-voltage, output short-circuit and over-temperature protection ? complies with all global energy efficiency and cec average efficiency standards ? adjustable power from 7w to 12w ? minimum external components ? sop-8 package applications ? rcc adapter replacements ? linear adapter replacements ? standby and auxiliary supplies general description the act337 belongs to the high performance patented activepsr tm family of universal-input ac/dc off-line controllers for battery charger and adapter applications. it is designed for flyback topology working in discontinuous conduction mode (dcm). the act337 meets all of the global energy efficiency regulations (cec, european blue angel, and us energy star standards) while using very few external components. the act337 ensures safe operation with complete protection against all fault conditions. built-in protection circuitry is provided for output short- circuit, output over-volt age, line under-voltage, and over temperature conditions. the act337 activepsr tm is optimized for high performance, cost-sensitive applications, and utilizes active-semi?s pr oprietary primary-side feedback architecture to provide accurate constant voltage, constant current (cv/cc) regulation without the need of an opto-coupler or reference device. integrated line and primary inductance compensation circuitry provides accurate constant current operation despite wide variations in line voltage and primary inductance. integrated output cord resistance compensation further enhances output accuracy. the act337 achieves excellent regulation and transient response, yet requires less than 30mw of standby power. the act337 is optimized for compact size 7w to 12w charger applications. it is available in space- saving 8 pin sop-8 package. figure 1: simplified application circuit act337 rev 2, 14-nov-12
act337 rev 2, 14-nov-12 innovative power tm - 2 - www.active-semi.com copyright ? 2012 active-semi, inc. pin configuration pin descriptions part number temperature range package pins packing method top mark act337sh-t -40c to 85c sop-8 8 tape & reel act337sh pin name description sop-8 1 sw switch drive. switch node for the external npn transistor. connect this pin to the external power npn?s emitter. this pin also supplies current to vdd during startup. 2,4,7 gnd ground(2,4 and 7 pin mu st be connected together). 8 bd base drive. base driver fo r the external npn transistor. 6 vdd power supply. this pin provides bias powe r for the ic during st artup and steady state operation. 5 fb feedback pin. connect this pin to a resist or divider network from the auxiliary winding. 3 cs current sense pin. connect an external resistor (r cs ) between this pin and ground to set peak current limit for the primary switch. the peak current limit is set by (0.396v 0.9) / r cs . for more detailed information, see application information. ordering information sop-8 act337sh act337sh rev 2, 14-nov-12
act337 rev 2, 14-nov-12 innovative power tm - 3 - www.active-semi.com copyright ? 2012 active-semi, inc. absolute maximum ratings c electrical characteristics (v dd = 12v, v out = 5v, l p = 1.25mh, n p = 110, n s = 8, n a = 18, t a = 25c, unless otherwise specified.) c : do not exceed these limits to prevent damage to the device. ex posure to absolute maximum rati ng conditions for long periods m ay affect device reliability. parameter symbol test conditions min typ max unit supply vdd turn-on voltage v ddon v dd rising from 0v 17.6 18.6 19.6 v vdd turn-off voltage v ddoff v dd falling after turn-on 5.25 5.5 5.75 v supply current i dd v dd = 12v, after turn-on 240 340 440 ua start up supply current i ddst v dd = 12v, before turn-on 23 45 a bd current during startup i bdst 1 a internal soft startup time 10 ms oscillator switching frequency f sw 100% v outcv @ full load 80 khz 25% v outcv @ full load 40 maximum switching frequency f clamp 89 98 107 khz maximum duty cycle d max 65 75 85 % feedback effective fb voltage v fb 2.17 2.19 2.22 v fb leakage current i fblk 1 a output cable resistance compensation dv comp no r cord between vdd and sw 0 % r cord = 300k 3 r cord = 150k 6 r cord = 75k 9 r cord = 33k 12 parameter value unit vdd, bd, sw to gnd -0.3 to + 28 v maximum continuous vdd current 100 ma fb, cs to gnd -0.3 to + 6 v continuous sw current internally limited a maximum power dissipation (derate 6.7mw/ ? c above t a = 50 ? c)(sop-8) 0.67 w junction to ambient thermal resistance ( ja )(sop-8) 150 ? c/w operating junction temperature -40 to 150 ? c storage junction -55 to 150 ? c lead temperature (soldering, 10 sec) 300 ? c
act337 rev 2, 14-nov-12 innovative power tm - 4 - www.active-semi.com copyright ? 2012 active-semi, inc. parameter symbol test conditions min typ max unit current limit sw current limit range i lim 100 600 ma cs current limit threshold v cslim t off_delay = 0 380 396 412 mv leading edge blanking time 200 300 ns driver outputs switch on-resistance r on i sw = 50ma 1.6 3 ? sw off leakage current v sw = v dd = 22v 1 a protection vdd latch-off voltage v ddovp v ddon +2 v ddon +3 v ddon +4 v thermal shutdown temperature 135 ? c thermal hysteresis 20 ? c line uvlo i fbuvlo 134 a electrical characteristics cont?d (v dd = 12v, v out = 5v, l p = 1.25mh, n p = 110, n s = 8, n a = 18, t a = 25c, unless otherwise specified.) functional block diagram cs base driver + - signal filter 2.20v current shaping cable compensation logic oscillator on 0.4v + g fb vdd bd sw reference regulator & uvlo otp ovp - + + - + -
act337 rev 2, 14-nov-12 innovative power tm - 5 - www.active-semi.com copyright ? 2012 active-semi, inc. as shown in the functional block diagram, to regulate the output voltage in cv (constant voltage) mode, the act337 compares the feedback voltage at fb pin to the internal reference and generates an error signal to the pre-amplifier. the error signal, after filtering out the switching transients and compensated with the internal compensation network, modulates the external npn transistor peak current at cs pin with current mode pfwm (pulse frequency and width modulation) control. to regulate the output current in cc (constant current) mode, the oscillato r frequency is modulated by the output voltage. sw is a driver output that drives the emitter of an external high voltage npn transistor. this base- emitter-drive method makes the drive circuit the most efficient. fast startup vdd is the power supply terminal for the act337. during startup, the act337 typically draws only 25 a supply current. the startup resistor from the rectified high voltage dc rail supplies current to the base of the npn transistor. this results in an amplified emitter current to vdd through the sw pin via active-semi's proprietary fast-startup circuitry until it exceeds the v ddon threshold 19v. at this point, the act337 enters internal startup mode with the peak current limit ramping up in 10ms. after switching starts, the output voltage begins to rise. the vdd bypass capacitor must supply the act337 internal circuitry and the npn base drive until the output voltage is high enough to sustain vdd through the auxiliary winding. the v ddoff threshold is 5.5v; therefore, the voltage on the vdd capacitor must remain above 5.5v while the output is charging up. constant voltage (cv) mode operation in constant voltage operation, the act337 captures the auxiliary flyback signal at fb pin through a resistor divider network r5 and r6 in figure 6. the signal at fb pin is pre-amplified against the internal reference voltage, and the secondary side output voltage is extracted based on active-semi's proprietary filter architecture. this error signal is then am plified by the internal error amplifier. when the secondary output voltage is above regulation, the error amplifier output voltage decreases to reduc e the switch current. when the secondary output voltage is below regulation, the error amplifier output voltage increases to ramp up the switch current to bring the secondary output back to regulation. the output regulation voltage is determined by the following relationship: where r fb1 (r5) and r fb2 (r6) are top and bottom feedback resistor, n s and n a are numbers of transformer secondary an d auxiliary turns, and v d is the rectifier diode forward drop voltage at approximately 0.1a bias. standby (no load) mode in no load standby mode, the act337 oscillator frequency is further reduced to a minimum frequency while the current pulse is reduced to a minimum level to minimize standby power. the actual minimum switching frequency is programmable with an output preload resistor. loop compensation the act337 integrates loop compensation circuitry for simplified application design, optimized transient response, and minimal external components. output cable resistance compensation the act337 provides programmable output cable resistance compensation during constant voltage regulation, monotonically adding an output voltage correction up to predetermined percentage at full power. there are four levels to program the output cable compensation by connecting a resistor (r10 in figure 6) from the sw pin to vdd pin. the percentage at full power is programmable to be 3%, 6%, 9% or 12%, and by using a resistor value of 300k, 150k, 75k or 33k respectively. if there is no resistor connection, there is no cord compensation. this feature allows for better output voltage accuracy by compensating for the output voltage droop due to the output cable resistance. constant current (cc) mode operation when the secondary output current reaches a level set by the internal current limiting circuit, the act337 enters current limit condition and causes the secondary output volta ge to drop. as the output voltage decreases, so does the flyback voltage in a proportional manner. an internal current shaping circuitry adjusts the switching frequency based on the flyback voltage so that the transferred power remains proportional to the output voltage, resulting functional description (1) d a s 2 fb 1 fb outcv v n n r r 1 v 20 . 2 v ? ? ? ? ? ? ? ? ? + =
act337 rev 2, 14-nov-12 innovative power tm - 6 - www.active-semi.com copyright ? 2012 active-semi, inc. in a constant secondary side output current profile. the energy transferred to the output during each switching cycle is ?(l p i lim 2 ) , where l p is the transformer primary inductance, i lim is the primary peak current, and is the conversion efficiency. from this formula, the constant output current can be derived: where f sw is the switching frequency and v outcv is the nominal secondary output voltage. the constant current operation typically extends down to lower than 40% of nominal output voltage regulation. primary inductance compensation the act337 integrates a built-in proprietary (patent-pending) primary inductance compensation circuit to maintain constant current regulation despite variations in transformer manufacturing. the compensated range is 7%. primary inductor current limit compensation the act337 integrates a primary inductor peak current limit compensation circuit to achieve constant input power over line and load ranges. protection the act337 incorporates multiple protection functions including over-vol tage, over-current and over-temperature. output short circuit protection when the secondary side output is short circuited, the act337 enters hiccup mode operation. in this condition, the vdd voltage drops below the v ddoff threshold and the auxiliary supply voltage collapses. this turns off the act337 and causes it to restart. this hiccup behavior continues until the short circuit is removed. output over voltage protection the act337 includes output over-voltage protection circuitry, which shuts down the ic when the output voltage is 40% above the normal regulation voltage for 4 consecutive switching cycles. the act337 enters hiccup mode when an output over voltage fault is detected. over temperature shutdown the thermal shutdown circuitry detects the act337 die temperature. the typical over temperature threshold is 135c with 20c hysteresis. when the die temperature rises above this threshold the act337 is disabled until the die temperature falls by 20c, at which point the act337 is re-enabled. typical application design example the design example below gives the procedure for a dcm flyback converter using the act337. refer to application circuit in figure 6, the design for a charger application starts with the following specification: the operation for the circuit shown in figure 6 is as follows: the rectifier bridge d1 ? d4 and the capacitor c1/c2 convert the ac line voltage to dc. this voltage supplies the primary winding of the transformer t1 and the startup resistor r7/r8. the primary power current path is formed by the transformer?s primary winding, the npn transistor, the act337 internal mosfet and the current sense resistor r9. the network consisting of capacitor c4 and diode d6 provides a vdd supply voltage for act337 from the auxiliary winding of the transformer. c4 is the decoupling capacitor of the supply voltage and energy storage component for startup. the diode d8 and the capacitor c5 rectifies and filters the output voltage. the resistor divider consisting of r5 and r6 programs the output voltage. the minimum and maximum dc input voltages can be calculated: functional description cont?d ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? = outcv sw 2 cs p outcc v f r 9 . 0 v 396 . 0 l 2 1 i (2) v 90 f 10 2 % 77 ) ms 4 50 2 1 ( 5 2 90 2 c ) t f 2 1 ( p 2 v 2 v 2 in c l out 2 acmin indcmin ? ? = ? ? = (3) v 375 265 2 v 2 v acmax indcmax = = = (4) input voltage range 90vac - 265vac, 50/60hz output power, p o 10 . 5w output voltage, v outcv 5.0v ocp current, i outmax 2.5a full load current, i outfl 2.1a transformer efficiency, xfm 0.92 system efficiency cc, system 0.76 system efficiency cv, 0.77
act337 rev 2, 14-nov-12 innovative power tm - 7 - www.active-semi.com copyright ? 2012 active-semi, inc. v 7 .5 73 5 8 . 0 40 3 . 0 5 ( 375 v v ) v v ( v v outcv drev ds outcv indcmax ro = ? + = ? + = (5) 110 t / nh 110 mh 5 2 . 1 a l n 2 le p = = 25 . 2 385 . 0 30 . 0 5 5 . 0 25 . 0 12 v v v v v v n n cord ds outcv r da dd s a = + + + + = + + + + = mh 1 khz 72 ma 634 % 48 90 f i d v l sw pk indcmin p = = ma 634 % 48 .3 152 2 d i 2 i in pk = = = ma 3 . 152 % 7 7 90 2.1 5 v i v i indcmin outpl outcv in = = = (6) (7) (8) (9) k .2 18 0.6 8 20 . 2 25 . 2 ) 25 . 0 5 ( 20 . 2 r v n n ) v v ( v r 1 fb fb s a ds outcv fb 2 fb ? + = ? + = (16) f 280 mv 50 khz 72 48 . 0 .1 2 v f d i c ripple sw outcc out = = = (17) (10) 8 110 3.7 1 1 n n n n p p s s = = = (11) 18 8 25 . 2 n n n n s s a a = = = (13) k 80.6 242326 62 . 0 25 . 1 110 18 k r l n n r cs p p a 1 fb = = (15) () () r 64 . 0 92 . 0 77 . 0 72 25 . 1 5 5 . 2 2.1 396 . 0 9 . 0 f l v i i v 9 . 0 r xfm system sw p out outmax outfl cslim cs = ? ? ? ? ? ? + = ? ? ? ? ? ? ? ? + = (14) where is the estimated circuit efficiency, f l is the line frequency, t c is the estimated rectifier conduction time, c in is empirically selected to be 210f electrolytic capacitors based on the 2.5~3f/w rule of thumb. when the transistor is tu rned off, the voltage on the transistor?s collector consists of the input voltage and the reflected voltage from the transformer?s secondary winding. there is a ringing on the rising top edge of the flyback voltage due to the leakage inductance of the transformer. this ringing is clamped by a rcd network if it is used. design this clamped voltage as 50v below the breakdown of the npn transistor. the flyback voltage has to be considered with selection of the maximum reverse voltage rating of secondary rectifier diode. if a 40v schottky diode is used, then the flyback voltage can be calculated: where v ds is the schottky diode forward voltage, v drev is the maximum reverse voltage rating of the diode and v outcv is the output voltage. the maximum duty cycle is set to be 48% at low line voltage 90v ac and the circuit efficiency is estimated to be 77%. then the full load input current is: the maximum input primary peak current at full load base on duty of 48%: the primary inductance of the transformer: n p /n s can be calculated according to below equation the auxiliary to secondary turns ratio n a /n s : where v da is diode forward voltage of the auxiliary side and v r is the resister voltage. an epc17 transformer gapped core with an effective inductance a le of 110nh/t 2 is selected. the number of turns of the primary winding is: the number of turns of secondary and auxiliary windings can be derived when np/ns=13.7: the current sense resistance (r cs ) determines the current limit value based on the following equation: the voltage feedback resistors are selected according to below equation: where k is ic constant and k = 242326. when selecting the output capacitor, a low esr electrolytic capacitor is recommended to minimize ripple from the current ripple. the approximate equation for the output capacitance value is given by: a 470f electrolytic capacitor is used to keep the ripple small. pcb layout guideline good pcb layout is critical to have optimal performance. decoupling capacitor (c4), current sense resistor (r9) and feedback resistor (r5/r6) should be placed close to v dd , cs and fb pins respectively. there are two main power path loops. one is formed by c1/c2, primary winding, npn transistor and the act337. the other is the secondary winding, rectifier d8 and output capacitors (c5). keep these loop areas as small as possible. connect high curr ent ground returns, the input capacitor ground lead, and the act337 g pin typical application cont?d (12) 92 000023 . 0 3000 634 . 0 001 . 0 a b i l n e max peak p min = =
act337 rev 2, 14-nov-12 innovative power tm - 8 - www.active-semi.com copyright ? 2012 active-semi, inc. typical application cont?d to a single point (star ground configuration). npn selection guideline npn transistors with hfe of 20 to 25 are highly recommended in the design due to the start up time. if the hfe is too low the start up time becomes longer because of 30m start up resister. v fb sampling waveforms act337 senses the output voltage information through the v fb waveforms. proper v fb waveforms are required for ic to operate in a stable status. to avoid mis-sampling, 1.38s blanking time is added to blank the ringing period due to the leakage inductance and the circuit parasitic capacitance. figure 2 is the recommended v fb waveform to guarantee the correct sampling point so that the output information can be sent back into the ic to do the appropriate control. v fb waveforms of figure 3, figure 4, and figure 5 violate the sampling design margin and are not recommended. figure 3 has very long overshoot period. figure 4, and figure 5 have very long ringing period. the undesired waveforms cause the ic to operate in an unstable mode easily due to wrong feedback information. figure 2 figure 3 figure 4 figure 5 1.8s 1.8s 1.8s 1.8s
act337 rev 2, 14-nov-12 innovative power tm - 9 - www.active-semi.com copyright ? 2012 active-semi, inc. figure 6: universal vac input, 5v/2 . 1a output charger item reference description qty 1 c1, c2 capacitor, electrolytic, 10f/400v, 1016mm ( low leakage current ) 2 2 c3 capacitor, ceramic,220pf/500v,1206,smd 1 3 c4 capacitor, ceramic, 10f/35v,1206,smd 1 4 c5 capacitor, electrolytic, 1000f/6.3v, 8 16mm 1 5 c6 capacitor, electrolytic, 820f/6.3v, 6.3 16mm 1 6 c9 capacitor, ceramic,1000pf/50v,0805,smd 1 7 cy1 safety y1,capacitor,1000pf/400v,dip 1 8 bd1 bridge rectifier,d1010s,1000v/1.0a,sdip 1 9 d5 fast recovery rectifier, rs1m,1000v/1.0a, rma 1 10 d6 fast recovery rectif ier,rs1d,200v/1.0a,sma 1 11 d8 diode, schottky, 45v/10a, s10u45s, smd 1 12 l1 choke coil, 1.5mh, 6x8mm, dip 1 13 q1 transistor, npn, 700v,d13005,to-126 1 14 f1 fuse:1a 250v 3.6*10mm with pigtail, ceramic tube 1 15 r1 chip resistor, 22 ? , 0805, 5% 1 16 r2 chip resistor, 1m,1206, 5% 1 17 r3 chip resistor, 390 ? ,1206, 5% 1 18 r4 chip resistor, 15 ? , 0805, 5% 1 19 r5 chip resistor, 80.6k,0805, 1% 1 20 r6 chip resistor,18.2k,0805, 1% 1 21 r7 chip resistor, 30m ? , 1206, 5% 1 22 r9 chip resistor, 0.62 ? ,1206, 1% 1 23 r10 chip resistor, 162k,0805, 5% 1 24 r11 chip resistor, 3k, 0805, 5% 1 25 r13 chip resistor, 10 ? , 0805, 5% 1 26 t1 transformer, l p = 1.25mh7%, epc17 1 27 u1 ic, act337sh-t,sop-8 1 table 1:act337 bill of materials
act337 rev 2, 14-nov-12 innovative power tm - 10 - www.active-semi.com copyright ? 2012 active-semi, inc. typical performance ch aracteristics cont?d (circuit of figure 6, unless otherwise specified.) act337-012 internal mosfet r on vs. temperature r on ( ? ) 2.4 2.0 1.6 1.2 0.8 0.4 0.0 act337-007 act337-008 vdd on/off voltage vs. temperature start up supply current vs. temperature 20.5 16.5 14.5 12.5 10.5 8.5 6.5 4.5 18.5 v ddon and v ddoff (v) temperature (c) 0 25 50 75 act337-009 fb voltage vs. temperature v fb (v) 2.25 2.20 2.15 2.10 2.05 2.00 v ddon v ddoff temperature (c) 0 25 50 75 28 26 24 22 20 18 16 14 i ddst (a) temperature (c) 0 25 50 75 temperature (c) 0 25 50 75 act337-010 normalized i lim vs. temperature 1.02 1.01 1.00 0.99 0.98 0.97 0.96 0.95 normalized i lim (ma) temperature (c) 0 25 50 75
act337 rev 2, 14-nov-12 innovative power tm - 11 - www.active-semi.com copyright ? 2012 active-semi, inc. package outline sop-8 package outline and dimensions c d b e symbol dimension in millimeters dimension in inches min max min max a 1.350 1.750 0.053 0.069 a1 0.100 0.250 0.004 0.010 a2 1.350 1.550 0.053 0.061 b 0.330 0.510 0.013 0.020 c 0.190 0.250 0.007 0.010 d 4.700 5.100 0.185 0.201 e 3.800 4.000 0.150 0.157 e1 5.800 6.300 0.228 0.248 e 1.270 typ 0.050 typ l 0.400 1.270 0.016 0.050 0 8 0 8 active-semi, inc. reserves the right to modify the circuitry or specifications without notice. user s should evaluate each product to make sure that it is suitable for their applicat ions. active-semi products are not intended or authorized for use as critical components in life-support dev ices or systems. active-semi, inc. does not assume any liability arising out of the use of any product or circuit described in this datasheet, nor does it convey any patent license. active-semi and its logo are trademarks of active-semi, inc. for more information on this and other products, contact sales@active-semi.com or visit http://www.active-semi.com . is a registered trademark of active-semi.


▲Up To Search▲   

 
Price & Availability of ACT33712

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X