Part Number Hot Search : 
BUV41 00104 KA22427 PI74FCT 001140 LA733Q 5KE18CA 20012
Product Description
Full Text Search
 

To Download ACP113E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key features: ? 1w output power ? miniature low pro? le case ? dcp01 series replacement ? 1,500 vdc isolation ? short circuit protected ? >3.5 mhour mtbf ? smt ver available (lcp100e) ? low, low cost!! acp100e low cost, 1w ultra-miniature dc/dc con vert ers input parameter conditions min. typ. max. units input voltage range 5 vdc input 4.50 5.0 5.50 vdc 12 vdc input 10.80 12.0 13.20 input filter internal capacitor output parameter conditions min. typ. max. units output voltage accuracy 3.0 % line regulation for vin change of 1% 1.2 % load regulation, see note 1 see model selection guide ripple & noise (20 mhz), see note 3 50% iout 20 mv p - p 100% iout 50 75 temperature coef? cient 0.03 %/c output short circuit, see note 4 continuous (autorecovery) general parameter conditions min. typ. max. units isolation voltage 60 seconds 1,500 vdc isolation resistance 500 vdc 1,000 m? isolation capacitance 100 khz, 1v 25 pf switching frequency 100 khz environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +25 +85 c operating temperature range case +100 c storage temperature range -55 +125 c cooling free air convection humidity rh, non-condensing 95 % physical case size 0.77 x 0.30 x 0.18 inches (19.5 x 7.62 x 4.5 mm) case material non-conductive black plastic (ul-94v0) weight 0.05 oz (1.4g) reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25c, gnd benign 3.5 mhours shock & vibration, see note 5 meets mil-std-202f, iec68-2-6 absolute maximum ratings parameter conditions min. typ. max. units input voltage surge (1 sec) 5 vdc input -0.7 9.0 vdc 12 vdc input -0.7 18.0 lead temperature 1.5 mm from case for 10 sec 300 c caution: exceeding absolute maximum ratings may damage the module. these are not continuous operating ratings. series www.micropowerdirect.com micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com electrical speci cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice.
notes: 1. output load regulation is speci ed for a load change of 10% to 100%. 2. these units should not be operated with a load under 10% of full load. operation at no-load may cause damage to the unit. 3. these converters will operate without external components. however, when measur- ing output ripple, it is recommended that an external ceramic capacitor be placed from the +vout pin to the -vout pin. an input capacitor will enhance stability over temperature and input line variations. recommended capacitor values are given in the table at right. for applications requiring very low output noise levels, a simple lc lter should be effective. 4. given for frequency range of 5 to 500 hz and psd of 0.0248 g 2 /hz. tested on x, y & z axis for 60 minutes. 5. it is recommended that a fuse be used on the input of a power supply for protection. see the model selection table above for the correct rating. vin input capacitor vout output capacitor 5 vdc 4.7 f 5 vdc 10.0 f 12 vdc 2.2 f 9 vdc 4.7 f 12 vdc 2.2 f 15 vdc 1.0 f model selection guide notes: all dimensions are typical in inches (mm) tolerance x.xx = ?.01 (?.25) pin 1 is marked by a ?ot or indentation on the top of the unit model number input output load regulation ef? ciency (%, typ) fuse rating slow-blow (ma) voltage (vdc) current (ma) voltage (vdc) current (ma, max) current (ma, min) nominal range full-load no-load (% typ) (% max) acp101e 5 4.5 - 5.5 270 50 5.0 200.0 20.0 12.8 15.0 74 500 acp102e 5 4.5 - 5.5 256 50 9.0 111.0 12.0 8.3 15.0 78 500 acp103e 5 4.5 - 5.5 260 50 12.0 83.0 9.0 6.8 15.0 77 500 acp104e 5 4.5 - 5.5 263 50 15.0 67.0 7.0 6.3 15.0 76 500 acp111e 12 10.8 - 13.2 114 20 5.0 200.0 20.0 12.8 15.0 73 200 acp112e 12 10.8 - 13.2 127 20 9.0 111.0 12.0 8.3 15.0 74 200 ACP113E 12 10.8 - 13.2 110 20 12.0 83.0 9.0 6.8 15.0 76 200 acp114e 12 10.8 - 13.2 111 20 15.0 67.0 7.0 6.3 15.0 75 200 mechanical dimensions www.micropowerdirect.com derating curve micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 ? tel: (781) 344-8226 ? fax: (781) 344-8481 ? e-mail: sales@micropowerdirect.com pin description 1+vin 2-vin 5 -vout 6 +vout 7nc 8nc 14 nc nc = no connection pin connections


▲Up To Search▲   

 
Price & Availability of ACP113E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X