Part Number Hot Search : 
ST232A TE28F AP50L02P NTE7063 SI8415DB TA121 AZ23C9V1 00000
Product Description
Full Text Search
 

To Download ACE2305BMH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ace 2305 p - channel enhancement mode mosfet ver 1. 3 1 d escription the ace 2305 is the p - channel logic enhancement mode power field effect transistor s are produced using high cell density, dmos trench technology. this high density process is especially tailored to minimize on - state resistance. these devices ar e particularly suited for low voltage application such as cellular phone and notebook computer power management and battery powered circuits, and low in - line power l oss are needed in a very small outline surface mount package. features ? - 15 v/ - 3.5 a, r ds(on) = 70 m@v gs = - 4.5 v ? - 15 v/ - 3. 0 a, r ds(on) = 8 5m@v gs = - 2 .5v ? - 15 v/ - 2.0 a, r ds(on) = 10 5m@v gs = - 1.8 v ? super high density cell design for extremely low r ds(on) ? exceptional on - resistance and maximum dc current capability application ? power management in note book ? portabl e equipment ? battery powered system ? dc/dc converter ? load switch ? dsc ? lcd display inverter absolute maximum ratings (t a =25 unless otherwise noted) p arameter s ymbol typical u nit drain - source voltage v dss - 15 v gate - source voltage v gss 12 v continuous dr ain current (t j =150 ) t a =25 i d - 3.5 a t a =70 - 2.8 pulsed drain current i dm - 1 0 a continuous source current (diode conduction) i s - 1. 6 a power dissipation t a =25 p d 1.25 w t a =70 0.8 operating junction temperature t j 150 storage temperature range t stg - 55/150 thermal resistance - junction to ambient r ja 120 /w
ace 2305 p - channel enhancement mode mosfet ver 1.3 2 packaging type sot - 23 - 3 3 1 2 ordering information ace 2305 xx + h electrica l characteristics ( t a =25 , unless otherwise noted) parameter symbol conditions min typ max unit static drain - source breakdown voltage v (br)dss v gs =0v, i d = - 250ua - 15 v gate threshold voltage v gs(th) v ds =v gs , i d = - 250ua - 0. 35 - 0.85 gate leakage curren t i gss v ds =0.v, v gs =1 0 v 100 na zero gate voltage drain current i dss v ds = - 12 v, v gs =0v - 1 ua v ds = - 12 v, v gs =0v t j =55 - 10 on - state drain current i d(on) v ds Q - 5v, v gs = - 4.5 v - 4 a v ds Q - 5v, v gs = - 2.5 v - 2 drain - source on - resistance r ds(on) v gs = - 4.5 v, i d = - 3 . 5 a 0.0 5 5 0. 70 v gs = - 2 .5v, i d = - 3. 0 a 0.0 65 0. 85 v gs = - 1.8 v, i d = - 2.0 a 0.0 85 0. 105 forward transconductance gfs v ds = - 5.0v, i d = - 3.5 a 8.5 s diode forward voltage v sd i s = - 1. 5 a, v gs =0v - 0.8 - 1.2 v dynamic total gate charge q g v ds = - 6 v, v gs = - 4.5 v, i d - 2.8 a 4.8 8 nc gate - source charge q gs 1.0 gate - drain charge q gd 1.0 sot - 23 - 3 description 1 gate 2 source 3 drain bm : sot - 23 - 3 pb - free halogen - free
ace 2305 p - channel enhancement mode mosfet ver 1.3 3 input capacitance c iss v ds = - 6 v, v gs =0v, f=1mhz 485 pf output capacitance c oss 85 reverse transfer capacitance c rss 40 turn - on time t d(on) v dd = - 6 v, r l = 6 i d - 1.0a, v gen = - 4.5 v r g =6 10 16 ns t r 13 23 turn - off time t d(off) 18 25 t f 15 20 typical characteristics output characteristics transfer characteristics v ds C drain to source voltage (v) v gs C gate to source voltage (v) on - resistance vs. drain current capacitance i d C drain current (a) v ds C drain to source voltage (v)
ace 2305 p - channel enhancement mode mosfet ver 1.3 4 typical characteristics gate charge on - resistance vs. junction temperature o q t otal gate charge ( nc) t j C junction temperature ( ) source - drain diode forward voltage on - resistance vs. gate - to - source voltage v sd sou rce to drain voltage (v) v gs C gate to source voltage (v)
ace 2305 p - channel enhancement mode mosfet ver 1.3 5 typical characteristics threshold voltage single pulse power t j C temperature time (sec) normalized thermal transient impedance, junct i on - to - ambient squ are wave pulse duration (sec)
ace 2305 p - channel enhancement mode mosfet ver 1.3 6 packing information sot - 23 - 3
ace 2305 p - channel enhancement mode mosfet ver 1.3 7 notes ace does not assume any responsibility for u se as critical components in life support devices or systems without the express written approval of the president and general counsel of ace electronics co., ltd. as sued herein: 1. life support devices or systems are devices or systems which, (a) are intend ed for surgical implant into the body, or (b) support or sustain life, and shoes failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the use r. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. ace technology co., ltd . http://www.ace - ele.com/


▲Up To Search▲   

 
Price & Availability of ACE2305BMH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X