Part Number Hot Search : 
EL7532 2SK831 SP6650 CSD363O 1AHYB ZRC330 LC75100M HMC247
Product Description
Full Text Search
 

To Download 2N2218A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2N2218A silicon npn transisto r data sheet description sem i coa sem i conductors offers: ? screening and processing per mil-prf-19500 appendi x e ? jan level (2N2218Aj) ? jantx level (2N2218Ajx) ? jantxv level (2N2218Ajv) ? qci to the applicable level ? 100% die visual inspection per mil-std-750 m e thod 2072 for jantxv ? radiation testing (total dose) upon request please contact sem i coa for speci al confi gurat i ons www. semicoa .com or (714) 979-1900 applications ? general purpose ? low power ? npn silico n tran sisto r features ? herm etically sealed to-39 m e tal can ? al so avai l a bl e i n chi p confi gurat i on ? c h i p geom et ry 0400 ? r e ference docum ent : m i l-pr f-19500/ 251 benefits ? qu alificatio n lev e ls: jan, jantx, an d jantxv ? r a di at i on t e st i ng avai l a bl e absolute maximum ratings t c = 2 5 c u n l ess o t h e rw ise sp ecified p a r a m e t e r s y m b o l r a t i n g u n i t co llecto r-em itter vo ltag e v ceo 5 0 vo lts collector-base voltage v cbo 7 5 vo lts em itter-base vo ltag e v ebo 6 vo lts c o l l ect or c u rrent , c ont i nuous i c 8 0 0 ma power di ssi pat i on, t a = 25 o c derat e l i n earl y above 25 o c p t 0.8 4.6 w mw / c power di ssi pat i on, t c = 25 o c derat e l i n earl y above 25 o c p t 3.0 17.0 w mw / c operat i ng junct i on tem p erat ure t j -55 t o +200 c storage tem p erature t stg -55 t o +200 c copy right ? 2002 semicoa semiconductors, inc. rev. k 333 mccormick avenue, costa mesa, california 92626 714.979.1900, fax 714.557.4541 page 1 of 2 www. sem icoa .com
copyright ? 2002 semicoa semiconductors, inc. rev. k 333 mccormick avenue, costa mesa, california 92626 714.979.1900, fax 714.557.4541 page 2 of 2 www. semicoa .com 2N2218A silicon npn transisto r data sheet electrical characteristics characteristics specified at t a = 25 q c off characteristics parameter symbol test conditions min typ max units collector-emitter breakdown voltage v (br)ceo i c = 10 ma 50 volts collector-base cutoff current i cbo1 v cb = 75 volts 10 p a collector-base cutoff current i cbo2 v cb = 60 volts 10 na collector-base cutoff current i cbo3 v cb = 60 volts, t a = 150 o c 10 p a collector-emitter cutoff current i ces v ce = 50 volts 10 na emitter-base cutoff current i ebo1 v eb = 6 volts 10 p a emitter-base cutoff current i ebo2 v eb = 4 volts 10 na on characteristics pulse test: pulse width = 300 p s, duty cycle d 2.0% parameter symbol test conditions min typ max units dc current gain h fe1 h fe2 h fe3 h fe4 h fe5 h fe6 i c = 0.1 ma, v ce = 10 volts i c = 1.0 ma, v ce = 10 volts i c = 10 ma, v ce = 10 volts i c = 150 ma, v ce = 10 volts i c = 500 ma, v ce = 10 volts i c = 10 ma, v ce = 10 volts t a = -55 o c 30 75 100 100 30 35 325 300 base-emitter saturation voltage v besat1 v besat2 i c = 150 ma, i b = 15 ma i c = 500 ma, i b = 50 ma 0.6 1.2 2.0 volts collector-emitter saturation voltage v cesat1 v cesat2 i c = 150 ma, i b = 15 ma i c = 500 ma, i b = 50 ma 0.3 1.0 volts dynamic characteristics parameter symbol test conditions min typ max units magnitude ? common emitter, short circuit forward curre nt transfer ratio |h fe | v ce = 20 volts, i c = 20 ma, f = 100 mhz 2.5 12 small signal short circuit forward current transfer ratio h fe v ce = 10 volts, i c = 1 ma, f = 1 khz 75 open circuit output capacitance c obo v cb = 10 volts, i e = 0 ma, 100 khz < f < 1 mhz 8 pf open circuit input capacitance c ibo v eb = 0.5 volts, i c = 0 ma, 100 khz < f < 1 mhz 25 pf switching characteristics saturated turn-on time t on 35 ns saturated turn-off time t off 300 ns


▲Up To Search▲   

 
Price & Availability of 2N2218A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X