this document was generated on 03/18/2010 please check www.molex.com for latest part information part number: 0190700150 status: active description: insulkrimp? ring tongue terminal for 10-12 awg wire documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-19902-009 (pdf) agency certification csa lr18689 ul e32244 general product family ring and spade terminals series 19070 crimp quality equipment yes mil-spec n/a product name insulkrimp? type ring physical barrel type closed color - resin natural flammability 94v-2 insulation pvc material - plating mating tin packaging type bag plating min: mating (in) 100 plating min: mating (m) 2.5 plating min: termination (in) 100 plating min: termination (m) 2.5 stud size 1/4" (m6) wire insulation diameter 6.40mm (.250") max. wire size awg 10, 12 wire size mm2 3.30 - 5.00 material info old part number c-240-14x reference - drawing numbers product specification ps-19902-009 sales drawing ccd20101 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19070 series application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # hand crimp tool 0640010100 hand crimp tool 0640010300 hand crimp tool 0640011500 crimp head for the at-200? pneumatic hand tool 0640050100 crimp head for the at-200? pneumatic hand tool 0640050300 this document was generated on 03/18/2010
please check www.molex.com for latest part information
|