Part Number Hot Search : 
ULBM2TE DI150 000WD 1N6041 MA100 MB85RC MBR874 NX7302BA
Product Description
Full Text Search
 

To Download WRF1207YD-5W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- 5 5 5 5 5 5 5 5 w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- 5 5 5 5 5 5 5 5 w w w w w w w w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 3 order code input voltage ou t put voltage ou t put current wrf1203yd-1250 9vdc - 18vdc 3.3vdc 1250ma wrf1205yd-5w 9vdc - 18vdc 5vdc 1000ma WRF1207YD-5W 9vdc - 18vdc 7.2vdc 694ma wrf1209yd-5w 9vdc - 18vdc 9vdc 556ma wrf1212yd-5w 9vdc - 18vdc 12vdc 417ma wrf1215yd-5w 9vdc - 18vdc 15vdc 333ma wrf1218yd-5w 9vdc - 18vdc 18vdc 278ma wrf1224yd-5w 9vdc - 18vdc 24vdc 208ma wrf2403yd-1250 18vdc - 36vdc 3.3vdc 1250ma wrf2405yd-5w 18vdc - 36vdc 5vdc 1000ma wrf2407yd-5w 18vdc - 36vdc 7.2vdc 694ma wrf2409yd-5w 18vdc - 36vdc 9vdc 556ma wrf2412yd-5w 18vdc - 36vdc 12vdc 417ma wrf2415yd-5w 18vdc - 36vdc 15vdc 333ma wrf2418yd-5w 18vdc - 36vdc 18vdc 278ma wrf2424yd-5w 18vdc - 36vdc 24vdc 208ma wrf4803yd-1250 36vdc - 72 vdc 3.3vdc 1250ma wrf4805yd-5w 36vdc - 72 vdc 5vdc 1000ma wrf4807yd-5w 36vdc - 72 vdc 7.2vdc 694ma wrf4809yd-5w 36vdc - 72 vdc 9vdc 556ma wrf4812yd-5w 36vdc - 72 vdc 12vdc 417ma wrf4815yd-5w 36vdc - 72 vdc 15vdc 333ma wrf4818yd-5w 36vdc - 72 vdc 18vdc 278ma wrf4824yd-5w 36vdc - 72 vdc 24vdc 208ma wre1203yd-625 9vdc - 18vdc 3.3vdc 625ma wre1205yd-5w 9vdc - 18vdc 5vdc 500ma wre1207yd-5w 9vdc - 18vdc 7.2vdc 347ma wre1209yd-5w 9vdc - 18vdc 9vdc 278ma wre1212yd-5w 9vdc - 18vdc 12vdc 209ma wre1215yd-5w 9vdc - 18vdc 15vdc 167ma wre1218yd-5w 9vdc - 18vdc 18vdc 139ma wre1224yd-5w 9vdc - 18vdc 24vdc 104ma wre2403yd-625 18vdc - 36vdc 3.3vdc 625ma wre2405yd-5w 18vdc - 36vdc 5vdc 500ma wre2407yd-5w 18vdc - 36vdc 7.2vdc 347ma wre2409yd-5w 18vdc - 36vdc 9vdc 278ma wre2412yd-5w 18vdc - 36vdc 12vdc 209ma wre2415yd-5w 18vdc - 36vdc 15vdc 167ma wre2418yd-5w 18vdc - 36vdc 18vdc 139ma wre2424yd-5w 18vdc - 36vdc 24vdc 104ma wre4803yd-625 36vdc - 72vdc 3.3vdc 625ma wre4805yd-5w 36vdc - 72vdc 5vdc 500ma wre4807yd-5w 36vdc - 72vdc 7.2vdc 347ma wre4809yd-5w 36vdc - 72vdc 9vdc 278ma wre4812yd-5w 36vdc - 72vdc 12vdc 209ma wre4815yd-5w 36vdc - 72vdc 15vdc 167ma wre4818yd-5w 36vdc - 72vdc 18vdc 139ma wre4824yd-5w 36vdc - 72vdc 24vdc 104ma model model model model model model model model selection selection selection selection selection selection selection selection wr wr wr wr wr wr wr wr e e e e e e e e 24 24 24 24 24 24 24 24 15 15 15 15 15 15 15 15 y y y y y y y y d d d d d d d d - - - - - - - - 5 5 5 5 5 5 5 5 w w w w w w w w (167) (167) (167) (167) (167) (167) (167) (167) product series input voltage output voltage wide ( 2 :1) input range dip 24 package style rated power (output current) 5 w ,2:1 wide input,isolated®ulated dual/single output dip24 dc/dc converter features features features features features features features features 24-pin dip package wide 2:1 input range high efficiency up to 80% low profile metal package input/output isolation: 3 0 00vdc continuous short circuit protection operating temperature: -40 c - +85 c pin - compatible with multiple manufacturers applications applications applications applications applications applications applications applications microdc reserves the copyright selection selection selection selection selection selection selection selection guide guide guide guide guide guide guide guide the wr e _yd- 5 w & wr f _yd- 5 w series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board.these products apply to: 1) where the voltage of the input power supply is wide range (voltage range 2:1); 2) where isolation is necessary between input and output (isolation voltage 30 00vdc); 3) where the regulation of the output voltage and the output ripple noise are demanded.
wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- 5 5 5 5 5 5 5 5 w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- 5 5 5 5 5 5 5 5 w w w w w w w w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 3 recommended recommended recommended recommended recommended recommended recommended recommended circuit circuit circuit circuit circuit circuit circuit circuit output graph application application application application application application application application note note note note note note note note requirement requirement requirement requirement on on on on output output output output load load load load in order to ensure the product operate efficiently and reliably,in addition to a max load(namely full load), a minimum load is specified for this kind of dc/dc converter.make sure the specified range of input voltage is not exceeded,the minimum output load no no no no less less less less than than than than 10% 10% 10% 10% load load load load .if the actual load is less than the specified minimum load, the output ripple may increase sharply while its efficiency and reliability will reduce greatly.if the actual output power is very small,please add an appropriate resistor as extra loading,or contact our company for other lower output power products. recommended recommended recommended recommended circuit circuit circuit circuit all the wr e _ y d- 5 w&wr e _ y d- 5 w series have been tested a ccording to the following recommended testing circuit before leaving factory.this series should be tested under load( s ee f igure 1). if you want to further decrease the input/output ripple,you can increase capacitance properly or choose capacitors with low esr. however, the capacitance of the output filter capacitor must be proper. if the capacitance is too big, a startup problem might arise. for every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (table 1). general: cin: 5v 12v 10 0 f 24v 48v 10 0 f-47 f c out : 10 f/100ma input input input input current current current current while using unstable power source,please ensure the output voltage and ripple voltage do not exceed indexes of the converter. input current of power supply should afford the startup current of this kind of dc/dc module ( see f igure 2). general:ip 1. 4 *iin-max no no no no parallel parallel parallel parallel connection connection connection connection or or or or plug plug plug plug and and and and play play play play input input input input input input input input specifications specifications specifications specifications specifications specifications specifications specifications voltage range 12vdc, 9~18vdc 24vdc, 18~36vdc 48vdc, 36~72vdc filter p(pi) network isolation isolation isolation isolation isolation isolation isolation isolation specifications specifications specifications specifications specifications specifications specifications specifications rated voltage (60 sec) 30 00vdc resistance > 1000mohm capacitance 120pf, typ . environmental environmental environmental environmental environmental environmental environmental environmental specifications specifications specifications specifications specifications specifications specifications specifications operating temperature (ambient) -40 c ... +85 c storage temperature -55 c ... +125 c case temperature +100 c, max. derating none required humidity (non-condensing) up to 90% cooling free-air convection mtbf: > 1,009,000 hrs (mil-hdbk-217f, ground benign, t=+25 c) specifications are subject to change without notifica tion typical typical typical typical typical typical typical typical characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics temperature derating graph general general general general general general general general specifications specifications specifications specifications specifications specifications specifications specifications efficiency 7 4 % to 8 0 % switching frequency 250khz, typ. 100% load output output output output output output output output specifications specifications specifications specifications specifications specifications specifications specifications voltage accuracy 1%, max. voltage balance (dual output) 1% ripple & noise (at 20mhz bw) 60mvp-p, max. short circuit protection continuous short circuit restart automatic line voltage regulation 0.5%, max. load voltage regulation 0.5%, max. temperature coefficient 0.02%/ c, typ. physical physical physical physical physical physical physical physical specifications specifications specifications specifications specifications specifications specifications specifications dimensions 31.75x20.32x10.16mm 1.25x0.8x0.4inches weight 19g case material nickel-coated copper
wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- wre-yd- 5 5 5 5 5 5 5 5 w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- w&wrf-yd- 5 5 5 5 5 5 5 5 w w w w w w w w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 3 of 3 mechanical mechanical mechanical mechanical mechanical mechanical mechanical mechanical dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions note: unit:mm[inch] pin section toleranc e s: 0.10mm[ 0.004inch] general tolerances: 0.25mm[ 0.010inch] recommended recommended recommended recommended recommended recommended recommended recommended footprint footprint footprint footprint footprint footprint footprint footprint recommended footprint top view grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch) pin 3 0 00vdc single dual 2 3 -v input -v input 9 n.c common 11 n.c -v output 14 +v output +v output 16 -v output common 22 23 +v input +v input nc:no connection footprint footprint footprint footprint footprint footprint footprint footprint details details details details details details details details note: 1. the load shouldn't be less than 10%, otherwise ripple will increase dramatically. 2. operation under 10% load will not damage the converter; however, they may not meet all specification listed. 3. all specifications measured at ta=25 c, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 4. in this data sheet, all the test methods of indications are based on corporate standards. 5. only typical models listed, other models may be different, please contact our technical person for more details. tube tube tube tube tube tube tube tube outline outline outline outline outline outline outline outline dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions note: unit :mm[inch] general tolerances: 0.50mm[ 0.020inch] l=530mm[20.866inch] tube quantity: 15pcs l=220mm[8.661inch] tube quantity: 6pcs when when when when the the the the environment environment environment environment temperature temperature temperature temperature is is is is higher higher higher higher than than than than 71 71 71 71 , , , , the the the the product product product product output output output output power power power power should should should should be be be be less less less less then then then then 60% 60% 60% 60% of of of of the the the the rated rated rated rated power. power. power. power. no no no no parallel parallel parallel parallel connection connection connection connection or or or or plug plug plug plug and and and and play. play. play. play. use use use use dual dual dual dual output output output output simultaneously,forbid simultaneously,forbid simultaneously,forbid simultaneously,forbid pening pening pening pening output output output output pin pin pin pin (0v) (0v) (0v) (0v) to to to to use use use use as as as as single single single single output. output. output. output.


▲Up To Search▲   

 
Price & Availability of WRF1207YD-5W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X