Part Number Hot Search : 
16016 FR102 1N1956B 1N3611 RL207 WP914GDT 5KP18PT BD2066FJ
Product Description
Full Text Search
 

To Download WRB2412YMD-15W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 4 selection selection selection selection selection selection selection selection guide guide guide guide guide guide guide guide order code input voltage range nominal input voltage output voltag e output current current limit efficiency mttf 2 v v a a(min.) a(max.) % khrs wrb2403ymd-15w 18-36vdc 24 3.3 4.4 7.5 11 81 335 wrb2405ymd-15w 18-36vdc 24 5 3 5 7.5 84 286 WRB2412YMD-15W 18-36vdc 24 12 1. 25 2.5 3.7 86 286 wrb2415ymd-15w 18-36vdc 24 15 1 2 3 87 281 wrb4803ymd-15w 36-72vdc 48 3.3 4.4 7.5 11 83 295 wrb4805ymd-15w 36-72vdc 48 5 3 5 7.5 85 301 wrb4812ymd-15w 36-72vdc 48 12 1. 25 2.5 3.7 88 302 wrb4815ymd-15w 36-72vdc 48 15 1 2 3 89 296 model model model model model model model model selection selection selection selection selection selection selection selection wr wr wr wr wr wr wr wr b b b b b b b b 24 24 24 24 24 24 24 24 03 03 03 03 03 03 03 03 y y y y y y y y md md md md - - - - - - - - 15 15 15 15 15 15 15 15 w w w w w w w w product series input voltage output voltage wide ( 2 :1) input range metal shield dip package style rated power isolated isolated isolated isolated 15w 15w 15w 15w single single single single output output output output dc/dc dc/dc dc/dc dc/dc converter converter converter converter features features features features features features features features rohs compliant high efficiency to 89% power density up to 2.4w/cm 3 ul 94v-0 package material industry standard pinout non latching current limit constant 350khz frequency 1.5kv input to output isolation versatile control options continuous rating to 15 w at 40 without heatsink operation to zero load protected against load faults internal over temperature protection uses no electrolytic capacitors description description description description the wrb-ymd-15w series of dc/dc converters combines ease of application with versatility. the pin pattern is based on the popular industry standard, but two additional pins may optionally be fitted to provide a variety of features not commonly found on units of this type. high efficiency enables full rating to be achieved in a small package without heats inking, and a high surge capability will provide for start-up and transient loads, whilst being thermally protected against sustained overload. overload protection of the constant current type ensures start-up into complex load conditions. the copper case achieves efficient heat transfer and screening. the product range has been recognized by underwriters laboratory (ul) to ul 1950 for operational insulation, file number e179522 applies . microdc reserves the copyright input input input input input input input input characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics parameter parameter parameter parameter conditions conditions conditions conditions min. min. min. min. typ. typ. typ. typ. max. max. max. max. units units units units voltage range continuous operation, 24v input types 18 24 36 v continuous operation, 48v input types 36 48 72 output output output output characteristics characteristics characteristics characteristics parameter parameter parameter parameter conditions conditions conditions conditions min. min. min. min. typ. typ. typ. typ. max. max. max. max. units units units units voltage set point error 50% load 0.5 % overall voltage error case temperature -40oc to 110oc load 0% - 100% input specified range 2.5 temperature coefficient of output voltage (slope 250 ppmoc deviation of output voltage temperature min-max line regulation operating voltage range, 50% load 0.5 1 % load regulation 0% - 100% rated load 0.1 % ripple rms 70 0.5 mv isolation isolation isolation isolation characteristics characteristics characteristics characteristics parameter parameter parameter parameter conditions conditions conditions conditions min. min. min. min. typ. typ. typ. typ. max. max. max. max. units units units units isolation test flash tested for 1 second 1500 vdc resistance viso = 500vdc 1 g absolute absolute absolute absolute maximum maximum maximum maximum ratings ratings ratings ratings input voltage, 24v input types -0.5v to 40v input voltage, 48v input types -0.5v to 80v output voltage -0.3v to regulated voltage output trim control -1v to +30v synchronisation/shutdown control 15v relative to input return 1. calculated using mil-hdbk-217f with nominal input voltage at full load. 2. absolute maximum value for 30 seconds. prolonged operation may damage the product. all specifications typical at t a =25 c, nominal input voltage and rated output current unless otherwise specified.
wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 4 1. calculated using mil-hdbk-217f with nominal input voltage at full load. 2. absolute maximum value for 30 seconds. prolonged operation may damage the product. all specifications typical at t a =25 c, nominal input voltage and rated output current unless otherwise specified. control control control control characteristics characteristics characteristics characteristics parameter parameter parameter parameter conditions conditions conditions conditions min. min. min. min. typ. typ. typ. typ. max. max. max. max. units voltage trimming range at rated load, trim control at either output 10 % remote switch input (voltage relative to not operating -15 0 1.5 v input negative) 1 operating, open circuit voltage 9 10 11 start delay time from application of valid input voltage to output being in specification 25 50 ms synchronisation specified drive signal 320 440 khz switching frequency 330 350 395 khz temperature temperature temperature temperature characteristics characteristics characteristics characteristics parameter parameter parameter parameter conditions conditions conditions conditions min. min. min. min. typ. typ. typ. typ. max. max. max. max. units case temperature full load -40 110 o c storage absolute max. internal temperature -40 125 relative humidity non condensing 85 o c 85 % thermal protection operates at case temperature 110 o c thermal thermal thermal thermal characteristics characteristics characteristics characteristics max. permissable loads for a given ambient temperature for any wrb-15w model. temperature ( o c) power (w) temperature ( o c) power (w) 40 15 70 11.7 50 15 80 9.8 53 15 85 8.8 60 13.7 90 7.8 max. power rating with case temperature maintained by external means (e.g. forced air cooling). part number case temperature units 100 o c 105 o c 110 o c wrb2403ymd-15w 19 16 12 w wrb2405ymd-15w 22 19 15 WRB2412YMD-15W 25 22 19 wrb2415ymd-15w 26 24 21 wrb4803ymd-15w 20 17 13 w wrb4805ymd-15w 23 20 16 wrb4812ymd-15w 28 26 23 wrb4815ymd-15w 30 28 25
wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 3 of 4 thermal thermal thermal thermal performance performance performance performance 24v input 48v input technical technical technical technical notes notes notes notes isolation isolation isolation isolation voltage voltage voltage voltage hi pot test , flash tested , withstand voltage , proof voltage , dielectric withstand voltage & isolation test voltage are all terms that relate to the same thing, a test voltage,applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation. microdc power solutions wr-ymd-15w series of dc/dc converters are all 100% production tested at their stated isolation voltage. this is 1500 vdc for 1 second. a question commonly asked is, what is the continuous voltage that can be applied across the part in normal operation? the wr-ymd-15w series has been recognized by underwriters laboratory, both input and output should normally be maintained within selv limits i.e. less than 42.4v peak, or 60vdc. the isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. the part could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to safety standard requirements. repeated repeated repeated repeated high-voltage high-voltage high-voltage high-voltage isolation isolation isolation isolation testing testing testing testing it is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials,construction and environment. while manufactured parts can withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. any material, including this enamel (typically polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. we therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specifi ed test voltage.
wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w wrb-ymd-15w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 4 of 4 microdc professional power module,inc. tel:0086-20-86000646 e-mail:tech@microdc.cn website:http://www.microdc.cn rohs rohs rohs rohs compliant compliant compliant compliant information information information information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 c for 10 seconds. the pin termination finish on the sip package type is tin plate, hot dipped over matte tin with nickel preplate. the dip types are matte tin over nickel preplate. both types in this series are backward compatible with sn/pb soldering systems. reach reach reach reach compliant compliant compliant compliant information information information information this series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. package package package package package package package package specifications specifications specifications specifications specifications specifications specifications specifications mechanical dimensions the copper case is internally connected to the output (-vout) pin. care is needed in the design of this circuit board on which the converter is mounted. top side tracks must not contact the edge of the case or the ferrite core, visible on the underside of the unit. the the the the case case case case size size size size may may may may be be be be (lxw)50.08mmx (lxw)50.08mmx (lxw)50.08mmx (lxw)50.08mmx 25.4mm. 25.4mm. 25.4mm. 25.4mm. please note that from 2010 onwards you may receive either a blue or a black case finish. pin connections pin function 1 -v in 2 +v in 3* ss 4 +v out 5* trim 6 -v out * optional pins recommended recommended recommended recommended footprint footprint footprint footprint details details details details all dimensions in inches 0.01 (mm 0.25mm) * optional control pins


▲Up To Search▲   

 
Price & Availability of WRB2412YMD-15W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X