Part Number Hot Search : 
402CS 402CS FDS8960 MBT4401 010B0 NTE1874 01010 402CS
Product Description
Full Text Search
 

To Download UGB10DCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  byq28e, byq28ef, byq28eb, ug10dct, ugf10dct, UGB10DCT series vishay semiconductors formerly general semiconductor document number 88549 www.vishay.com 25-jun-03 1 dual ultrafast soft recovery rectifier reverse voltage 100 to 200v forward current 10a reverse recovery time 20ns 0.08 (2.032) 0.24 (6.096) 0.42 (10.66) 0.63 (17.02) 0.12 (3.05) 0.33 (8.38) mounting pad layout to-263ab 0.380 (9.65) 0.411 (10.45) 0.320 (8.13) 0.360 (9.14) 0.591 (15.00) 0.624 (15.85) 1 2 0.245 (6.22) min k k 0.160 (4.06) 0.190 (4.83) 0.045 (1.14) 0.055 (1.40) 0.014 (0.36) 0.021 (0.53) 0.110 (2.79) 0.140 (3.56) 0.090 (2.29) 0.110 (2.79) 0.047 (1.19) 0.055 (1.40) pin 1 pin 2 k - heatsink 0-0.01 (0-0.254) 0.027 (0.686) 0.037 (0.940) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) 1 3 pin 2 0.060 (1.52) 0.405 (10.27) 0.383 (9.72) 0.191 (4.85) 0.171 (4.35) 0.600 (15.5) 0.580 (14.5) 0.560 (14.22) 0.530 (13.46) 0.037 (0.94) 0.027 (0.69) 0.140 (3.56) 0.130 (3.30) 0.350 (8.89) 0.330 (8.38) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.131 (3.39) 0.122 (3.08) 0.110 (2.80) 0.100 (2.54) 0.022 (0.55) 0.014 (0.36) dia. dia. 0.676 (17.2) 0.646 (16.4) 0.205 (5.20) 0.195 (4.95) 0.105 (2.67) 0.095 (2.41) pin 2 pin 1 pin 3 ito-220ab (byq28ef, ugf10 series) to-220ab (byq28e, ug10 series) dimensions in inches and (millimeters) to-263ab (byq28eb, ugb10 series) 123 pin 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.68) 0.135 (3.43) 0.350 (8.89) 0.330 (8.38) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) case 1.148 (29.16) 1.118 (28.40) pin 2 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.160 (4.06) 0.140 (3.56) 0.410 (10.41) 0.390 (9.91) 0.635 (16.13) 0.625 (15.87) 0.415 (10.54) max. 0.370 (9.40) 0.360 (9.14) pin 1 pin 3 0.028 (0.70) 0.104 (2.65) 0.096 (2.45) 0.035 (0.90) 0.205 (5.20) 0.195 (4.95) 0.105 (2.67) 0.095 (2.41) features ?plastic package has underwriters laboratories flammability classification 94v-0 ?high reverse energy capability ?excellent high temperature switching ?high temperature soldering guaranteed: 250?/10 seconds at terminals ?glass passivated chip junction ?soft recovery characteristics mechanical data case: jedec to-220ab, ito-220ab & to-263ab molded plastic body terminals: plated leads, solderable per mil-std-750, method 2026 polarity: as marked mounting position: any mounting torque: 10 in-lbs maximum weight: 0.08 oz., 2.24 g
byq28e, byq28ef, byq28eb, ug10dct, ugf10dct, UGB10DCT series vishay semiconductors formerly general semiconductor www.vishay.com document number 88549 2 25-jun-03 maximum ratings (t c = 25?c unless otherwise noted) ug10bct ug10cct ug10dct parameter symbol byq28e-100 byq28e-150 byq28e-200 unit maximum repetitive peak reverse voltage v rrm 100 150 200 v working peak reverse voltage v rwm 100 150 200 v maximum dc blocking voltage v dc 100 150 200 v maximum average forward rectified current total device 10 at t c = 100?c per leg i f(av) 5 a peak forward surge current 8.3ms single half sine-wave superimposed i fsm 55 a on rated load (jedec method) per leg repetitive peak reverse current per leg at t p = 100 ? electrical characteristics (t c = 25?c unless otherwise noted) parameter symbol value unit maximum instantaneous forward voltage per leg (note 4) at i f = 10a, t j = 25?c 1.25 at i f = 5a, t j = 25?c v f 1.10 v at i f = 5a, t j = 150?c 0.895 maximum reverse current per leg t j = 25?c 10 at working peak reverse voltage (note 4) t j = 100?c i r 200 thermal characteristics (t c = 25?c unless otherwise noted) ug10 ugf10 ugb10 parameter symbol byq28e byq28ef byq28eb unit typical thermal resistance ? junction to ambient r notes: (1) clip mounting (on case), where lead does not overlap heatsink with 0.110 offset (2) clip mounting (on case), where leads do overlap heatsink (3) screw mounting with 4-40 screw, where washer diameter is
byq28e(f,b,d) series, ug10(f,b,d)10bct thru ug10(f,b,d)dct vishay semiconductors formerly general semiconductor document number 88549 www.vishay.com 25-jun-03 3 ratings and characteristic curves (t a = 25 ? c unless otherwise noted) i f e instantaneous forward current (a) 100 10 i r e instantaneous reverse current ( a) typical reverse characteristics per leg 1.0 0.1 0.01 forward current derating curve 0 5 15 0 50 100 150 10 average forward current (a) peak forward surge current (a) number of cycles at 60 h z maximum non-repetitive peak forward surge current per leg 1 10 100 110 100 case temperature ( c) 1.0 10 100 1000 0.1 t j = 125 c 100 c 25 c resistive or inductive load t j = 25 c t j = 125 c 110 100 10 100 1 0.1 reverse voltage (v) t j = 125 c f = 1.0 mh z v sig = 50mvp-p 0.2 0.4 0.8 1.4 0.6 1.0 1.2 pulse width = 300 s 1% duty cycle t c = 105 c 8.3ms single half sine-wave (jedec method) t j = 100 c reverse switching characteristics per leg 0 50 25 50 75 100 125 10 20 30 stored charge/reverse recovery time (nc/ns) 40 @5a, 50a/ s @2a, 20a/ s @2a, 20a/ s @1a, 100a/ s @5a, 50a/ s 20 100 40 60 80 percent of rated peak reverse voltage (%) typical junction capacitance per leg pf e junction capacitance typical instantaneous forward characteristics per leg instantaneous forward voltage (v) junction temperature ( c) @1a, 100a/ s t rr q rr


▲Up To Search▲   

 
Price & Availability of UGB10DCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X