Part Number Hot Search : 
IRF370 AD7541 ULQ2801 2SC2591 STU2040 STU2040 PXA310 10W68
Product Description
Full Text Search
 

To Download TEMD5510FX0111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  temd5510fx01 www.vishay.com vishay semiconductors rev. 1.5, 28-oct-11 1 document number: 81293 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ambient light sensor description temd5510fx01 ambient light sensor is a pin photodiode with high photo sensitivity in a miniature surface mount device (smd). the detector chip has 7.5 mm 2 sensitive area. it is sensitive to visible light much like the human eye and has peak sensitivity at 540 nm. features ? package type: surface mount ? package form: top view ? dimensions (l x w x h in mm): 5 x 4.24 x 1.12 ? radiant sensitive area (in mm 2 ): 7.5 ? aec-q101 qualified ? high photo sensitivity ? adapted to human eye responsivity ? supression filter for ne ar infrared radiation ? angle of half sensitivity: ? = 65 ? floor life: 72 h, msl 4, acc. j-std-020 ? lead (pb)-free reflow soldering ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec note ** please see document vishay material category policy: www.vishay.com/doc?99902 applications ? automotive sensors ? ambient light sensors ? backlight dimmers ? notebooks ? computers note ? test conditions see table basic characteristics note ? moq: minimum order quantity 20535 product summary component i ra (a) ? (deg) 0.5 (nm) temd5510fx01 26 65 430 to 610 ordering information ordering code packaging remarks package form temd5510fx01 tape and reel moq: 1500 pc s, 1500 pcs/reel top view absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit reverse voltage v r 16 v power dissipation t amb 25 c p v 215 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 100 c storage temperature range t stg - 40 to + 110 c soldering temperature acc. reflow solder profile fig. 5 t sd 260 c thermal resistance junction/ambient soldered on pcb with pad dimensions: 4 mm x 4 mm r thja 350 k/w
temd5510fx01 www.vishay.com vishay semiconductors rev. 1.5, 28-oct-11 2 document number: 81293 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 basic characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - reverse dark current vs. ambient temperature fig. 2 - reverse light current vs. irradiance fig. 3 - relative spectral sensitivity vs. wavelength fig. 4 - relative radiant sensitivity vs. angular displacement basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit breakdown voltage i r = 100 a, e = 0 v (br) 16 v reverse dark current v r = 10 v, e = 0 i ro 230na diode capacitance v r = 0 v, f = 1 mhz, e = 0 c d 1600 pf v r = 3 v, f = 1 mhz, e = 0 c d 730 pf reverse light current e e = 1 mw/cm 2 , = 550 nm, v r = 5 v i ra 26 a e v = 100 lx, cie illuminant a, v r = 5 v i ra 0.8 1 1.4 a temperature coefficient of i ra e v = 100 lx, cie illuminant a, v r = 5 v tk ira 0.2 %/k angle of half sensitivity ? 65 deg wavelength of peak sensitivity p 540 nm range of spectral bandwidth 0.5 430 to 610 nm 20 40 60 80 1 10 100 1000 100 94 8403 v r = 10 v t am b - am b ient temperat u re (c) i ro - re v erse dark c u rrent (na) 0.1 1 10 100 1000 10 100 1000 10000 e v - ill u minance (lx) i ra - photoc u rrent (a) cie ill u minant a v r = 5 v 20080 0.0 0.2 0.4 0.6 0.8 1.0 400 600 800 1000 w a v elength (nm) relati v e spectral sensiti v ity photodiode h u man eye 20047 0.4 0.2 0 s - relati v e sensiti v ity rel 94 8406_1 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 ? - ang u lar displacement
temd5510fx01 www.vishay.com vishay semiconductors rev. 1.5, 28-oct-11 3 document number: 81293 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters dra w ing- n o.: 6.541-5060.01-4 iss u e: 3; 05.02.08 20536 n ot indicated tolerances 0.1
temd5510fx01 www.vishay.com vishay semiconductors rev. 1.5, 28-oct-11 4 document number: 81293 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 taping dimensions in millimeters reel dimensions in millimeters 20537 20874
temd5510fx01 www.vishay.com vishay semiconductors rev. 1.5, 28-oct-11 5 document number: 81293 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solder profile fig. 5 - lead (pb)-free reflow solder profile acc. j-std-020d drypack devices are packed in moisture barrier bags (mbb) to prevent the products from moisture absorption during transportation and storage. each bag contains a desiccant. floor life time between soldering and re moving from mbb must not exceed the time indicated in j-std-020: moisture sensitivity: level 4 floor life: 72 h conditions: t amb < 30 c, rh < 60 % drying in case of moisture absorpti on devices should be baked before soldering. conditions see j-std-020 or recommended conditions: 192 h at 40 c (+ 5 c), rh < 5 % or 96 h at 60 c (+ 5 c), rh < 5 %. 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperat u re (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp u p 3 c/s max. ramp do w n 6 c/s 19841 255 c
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of TEMD5510FX0111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X