Part Number Hot Search : 
BAS21 EUM6261 BA6809 EVDP610 RM13TR VPC3211A 01MCA 09231
Product Description
Full Text Search
 

To Download SKM400GB12T4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SKM400GB12T4 ? by semikron rev. 2 ? 16.06.2009 1 semitrans ? 3 gb fast igbt4 modules SKM400GB12T4 features ?v ce(sat) with positive temperature coefficient ? high short circuit capability, self limiting to 6 x icnom ? fast & soft inverse cal diodes ? large clearance (10 mm) and creepage distances (20 mm) ? isolated copper baseplate using dbc technology (direct copper bonding) typical applications ? ac inverter drives ?ups ? electronic welders at fsw up to 20 khz remarks ? case temperature limited to t c = 125c max, recomm. t op = -40 ... +150c, product rel. results valid for t j = 150 absolute maximum ratings symbol conditions values unit igbt v ces 1200 v i c t j = 175 c t c =25c 618 a t c =80c 475 a i cnom 400 a i crm i crm = 3xi cnom 1200 a v ges -20 ... 20 v t psc v cc = 800 v v ge 15 v v ces 1200 v t j = 150 c 10 s t j -40 ... 175 c inverse diode i f t j = 175 c t c =25c 440 a t c =80c 329 a i fnom 400 a i frm i frm = 3xi fnom 1200 a i fsm t p = 10 ms, sin 180, t j =25c 1980 a t j -40 ... 175 c module i t(rms) 500 a t stg -40 ... 125 c v isol ac sinus 50hz, t = 1 min 4000 v characteristics symbol conditions min. typ. max. unit igbt v ce(sat) i c =400a v ge =15v chiplevel t j =25c 1.8 2.05 v t j = 150 c 2.2 2.4 v v ce0 t j =25c 0.8 0.9 v t j = 150 c 0.7 0.8 v r ce v ge =15v t j =25c 2.5 2.9 m ? t j = 150 c 3.8 4.0 m ? v ge(th) v ge =v ce , i c = 15.2 ma 5 5.8 6.5 v i ces v ge =0v v ce = 1200 v t j =25c 0.1 0.3 ma t j = 150 c ma c ies v ce =25v v ge =0v f=1mhz 24.6 n f c oes f=1mhz 1.62 nf c res f=1mhz 1.38 nf q g v ge =- 8 v...+ 15 v 2260 nc r gint t j =25c 1.9 ? t d(on) v cc = 600 v i c =400a v ge =15v r g on =1 ? r g off =1 ? di/dt on = 9700 a/s di/dt off = 4300 a/s t j = 150 c 220 n s t r t j = 150 c 47 ns e on t j = 150 c 33 mj t d(off) t j = 150 c 505 n s t f t j = 150 c 78 ns e off t j = 150 c 42 mj r th(j-c) per igbt 0.072 k/w
SKM400GB12T4 2 rev. 2 ? 16.06.2009 ? by semikron characteristics symbol conditions min. typ. max. unit inverse diode v f = v ec i f =400a v ge =0v chip t j =25c 2.2 2.52 v t j = 150 c 2.15 2.47 v v f0 t j =25c 1.3 1.5 v t j = 150 c 0.9 1.1 v r f t j =25c 2.3 2.5 m ? t j = 150 c 3.1 3.4 m ? i rrm i f =400a di/dt off = 8800 a/s v ge =15v v cc = 600 v t j = 150 c 450 a q rr t j = 150 c 68 c e rr t j = 150 c 30.5 mj r th(j-c) per diode 0.14 k/w module l ce 15 20 nh r cc'+ee' terminal-chip t c =25c 0.25 m ? t c = 125 c 0.5 m ? r th(c-s) per module 0.02 0.038 k/w m s to heat sink m6 3 5 nm m t to terminals m6 2.5 5 nm nm w 325 g semitrans ? 3 gb fast igbt4 modules SKM400GB12T4 features ?v ce(sat) with positive temperature coefficient ? high short circuit capability, self limiting to 6 x icnom ? fast & soft inverse cal diodes ? large clearance (10 mm) and creepage distances (20 mm) ? isolated copper baseplate using dbc technology (direct copper bonding) typical applications ? ac inverter drives ?ups ? electronic welders at fsw up to 20 khz remarks ? case temperature limited to t c = 125c max, recomm. t op = -40 ... +150c, product rel. results valid for t j = 150
SKM400GB12T4 ? by semikron rev. 2 ? 16.06.2009 3 fig. 1: typ. output ch aracteristic, inclusive r cc'+ ee' fig. 2: rated current vs. temperature i c = f (t c ) fig. 3: typ. turn-on /-off energy = f (i c ) fig. 4: typ. turn-on /-off energy = f (r g ) fig. 5: typ. transfer characteristic fig. 6: typ. gate charge characteristic
SKM400GB12T4 4 rev. 2 ? 16.06.2009 ? by semikron fig. 7: typ. switching times vs. i c fig. 8: typ. switching times vs. gate resistor r g fig. 9: transient thermal impedance fig. 10: cal diode forward characteristic fig. 11: cal diode peak reverse recovery current fig. 12: typ. cal diode peak reverse recovery charge
SKM400GB12T4 ? by semikron rev. 2 ? 16.06.2009 5 this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix. this technical information specifies semiconductor devices but promises no characteristics. no warranty or guarantee expressed or implied is made regarding delivery, performance or suitability. semitrans 3 gb


▲Up To Search▲   

 
Price & Availability of SKM400GB12T4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X