Part Number Hot Search : 
M2DDS MSC8144E 74HC254 FZT749NL 1827428 212D0 15KE91CA 1N5304
Product Description
Full Text Search
 

To Download SC510H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sc52h thru SC510H surface mount schottky barrier rectifier reverse voltage - 20 to 100 volts forward current - 5.0 amperes features case : jedec do-214ab molded plastic body terminals : tin plated, solderable per mil-std-750d method 2026 polarity : color band denotes cathode end weight : 0.007 ounes , 0.21 gram maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. maximum repetitive peak reverse voltage maximum average forward rectified current (see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load maximum instantaneous forward voltage at 5.0 a (note 1) maximum dc reverse current at rated dc blocking voltage (note 1) t a =25 o c typical thermal resistance (note 2) storage temperature range symbols v rrm i (av) i fsm v f i r t stg 5.0 125 0.55 0.85 0.70 0.5 20 10 40 10 -55 to +150 units volts maximum rms voltage v rms volts maximum dc blocking voltage v dc sc52h 20 14 20 sc54h 40 28 40 sc56h 60 42 60 SC510H 100 70 100 volts volts amps amps ma o c / w o c operating junction temperature range t j -55 to +125 -55 to +150 o c notes : (1) pulse test : 300us pulse width, 1% duty cycle (2) p.c.b. mounted with 0.55 x 0.55" ( 14 x 14mm ) copper pad areas smc / do-214ab *dimensions in inches and (millimeters) r ja r jl t a =100 o c mechanical data zowie technology corporation rev. 0 * halogen-free type * compliance to rohs product * low profile package, built-in strain relief * metal sillicon junction, majority carrier conduction * low power loss, high efficiency * high current capability, low forward voltage drop * high surge capability * for use in low voltage high frequency inverters, free wheeling, and polarity protection applications * high temperature soldering guaranteed : 260 o c/10 seconds, at terminals * plastic package has underwriters laboratory flammability classification 94v-0 0.128(3.25) 0.108(2.75) 0.103(2.62) 0.079(2.02) 0.050(1.52) 0.030(0.77) 0.016(0.40) 0.006(0.152) 0.280(7.12) 0.260(6.60) 0.245(6.23) 0.220(5.59) 0.320(8.13) 0.304(7.73)
ratings and characteristic curves sc52h thru SC510H fig.1 - forward current derating curve average forward rectified current, amperes lead temperature, o c fig.4 - typical reverse current characteristics percent of rated peak reverse voltage,% 50 60 0 2.0 3.0 1.0 6.0 4.0 5.0 resistive or inductive load sc52h & sc54h sc56h & SC510H p.c.b. mounted on 0.55 x 0.55" (14 x 14mm) copper pad areas 70 80 90 100 110 120 130 140 160 150 sc52h & sc54h sc56h & SC510H instantaneous reverse leakage current, milliamperes 0.001 0.01 0.1 1.0 10 20 0 20 40 60 80 100 t j =25 o c t j =75 o c t j =125 o c fig.5 - typical junction capacitance tj = 25 o c f=1.0mhz vsig=50mvp-p reverse voltage, volts .1 junction capacitance, pf 1000 1.0 100 10 100 10 zowie technology corporation rev. 0 fig.3 - typical instantaneous forward characteristics iinstantaneous forward current, amperes 0.1 1.00 10.00 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 instantaneous forward voltage, volts sc52h & sc54h SC510H sc56h fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave 0 25 50 75 100 150 125 1 10 100


▲Up To Search▲   

 
Price & Availability of SC510H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X