Part Number Hot Search : 
STU405D M5220P JAN2N 13007E HMC1131 20M10 BU4248F A564A
Product Description
Full Text Search
 

To Download MAX903112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  19-1767; rev 2; 8/12 for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim? website at www.maximintegrated.com. max9030/max9031/ max9032/max9034 low-cost, ultra-small, single/dual/quad single-supply comparators general description the max9030/max9031/max9032/max9034 single/ dual/quad comparators are optimized for single-supply applications from +2.5v to +5.5v but can also be oper- ated from dual supplies. these comparators have a 188ns propagation delay and consume 35? of supply current per comparator over the -40? to +125? oper- ating temperature range. the combination of low- power, single-supply operation down to +2.5v, and ultra-small footprint makes these devices ideal for portable applications. the max9030 is a low-cost single comparator with shutdown. the max9031, max9032, and max9034 are low-cost single, dual, and quad comparators without shutdown, respectively. the comparators?4mv of built- in hysteresis provides noise immunity and prevents oscillations even with a slow-moving input signal. the input common-mode range extends from the negative supply to within 1.1v of the positive supply. the design of the comparator output stage substantially reduces switching current during output transitions, virtually eliminating power-supply glitches. the max9030 single comparator with shutdown is avail- able in the space-saving 6-pin sc70 and sot23 pack- ages. the max9031 single comparator is available in tiny 5-pin sc70 and sot23 packages. the max9032 dual comparator is available in 8-pin sot23 and ?ax packages, and the max9034 quad comparator is avail- able in a 14-pin tssop package. ________________________applications features  low-cost solution available in space-saving sc70 packages (max9030/max9031)  +2.5 to +5.5v single-supply voltage range  comparator output swings rail-to-rail  internal 4mv comparator hysteresis  188ns propagation delay  low 35 a supply current  no phase reversal for overdriven inputs  space-saving packages 5-pin sc70 (max9031) 6-pin sc70 (max9030) 8-pin sot23 (max9032) 14-pin tssop (max9034) top view v ss out in- 15v dd in+ max9031 sc70/sot23 2 34 inb- inb+ v ss 1 2 8 7 v dd outb ina- ina+ outa sot23/ max/so 3 4 6 5 max9032 14 13 12 11 10 9 8 1 2 3 4 5 6 7 outd ind- ind+ v ss v dd ina+ ina- outa max9034 inc+ inc- outc outb inb- inb+ tssop/so v ss out in- 1 6v dd 5 in+ max9030 sc70/sot23 2 34 shdn pin configurations ordering information + denotes a lead-free(pb)/rohs-compliant package. t = tape and reel. /v denotes an automotive qualified package. ?ax is a registered trademark of maxim integrated products, inc. battery-powered portable systems mobile communications sensor signal detection photodiode preamps digital line receivers keyless entry systems threshold detectors/ discriminators typical application circuit appears at end of data sheet. part temp. range pin-package m a x9 0 3 0 ax t+ t -40 c to +125 c 6 sc70 max9030aut+ t -40 c to +125 c 6 sot23 max9031 axk+ t -40 c to +125 c 5 sc70 max9031auk+ t -40 c to +125 c 5 sot23 m a x 9 0 3 2 a ka + t -40 c to +125 c 8 sot23 max9032aua+ -40 c to +125 c 8 ?ax max9032asa+ -40 c to +125 c 8 so max9032asa/v+ -40 c to +125 c 8 so m a x9 0 3 4 aud+ -40 c to +125 c 14 tssop max9034as d + -40 c to +125 c 14 so
max9030/max9031/max9032/max9034 low-cost, ultra-small, single/dual/quad single-supply comparators 2 maxim integrated absolute maximum ratings electrical characteristics (v dd = +5v, v ss = 0, v cm = 0, v shdn = +5v (note 1), t a = -40? to +125?, unless otherwise noted. typical values are at t a = +25?.) (note 2) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. supply voltage (v dd to v ss ) ....................................-0.3v to +6v voltage inputs (in+, in- to v ss ). ................-0.3v to (v dd + 0.3v) differential input voltage (in+ to in-) .................................+6.6v output short-circuit duration ...............................................2s to either v dd or v ss current into any pin ............................................................20ma continuous power dissipation (t a = +70?) ............................... 5-pin sc70 (derate 3.1mw/? above +70?) ...............247mw 5-pin sot23 (derate 7.1mw/? above +70?).............571mw 6-pin sc70 (derate 3.1mw/? above +70?) ...............245mw 6-pin sot23 (derate 8.7mw/? above +70?).............696mw 8-pin sot23 (derate 9.1mw/? above +70?).............727mw 8-pin ?ax (derate 4.5mw/? above +70?) ..............362mw 8-pin so (derate 5.88mw/? above +70?).................471mw 14-pin tssop (derate 9.1mw/? above +70?) ..........727mw 14-pin so (derate 8.33mw/? above +70?)...............667mw operating temperature range automotive application...................................-40? to +125? junction temperature ......................................................+150? storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) ................................ +300? soldering temperature (reflow) ...................................... +260? parameter symbol conditions min typ max units operating voltage range v dd guaranteed by psrr test 2.5 5.5 v s upp l y c ur rent p er c om par ator i dd 35 55 a supply current in shutdown v s hdn = 0 (note 1) 0.05 1 a shutdown input bias current v s hdn = 0 to v dd (note 1) 0.1 2.5 a shutdown logic high (note 1) 0.7 v d d v shutdown logic low (note 1) 0.3 v d d v input offset voltage v os (note 3) 1 5mv input offset voltage temperature coefficient tcv os 1 ?/ c hysteresis (note 4) 4 mv input bias current i bias 880na input offset current i os 2 60 na common-mode voltage range v cm guaranteed by cmrr test v ss v dd - 1.1 v c om m on- m od e rej ecti on rati o cmrr v s s v c m ( v d d - 1.1v ) , v d d = + 5.5v 72 100 d b power-supply rejection ratio psrr v dd = +2.5v to +5.5v 72 100 db
max9030/max9031/max9032/max9034 low-cost, ultra-small, single/dual/quad single-supply comparators 3 maxim integrated electrical characteristics (continued) (v dd = +5v, v ss = 0, v cm = 0, v shdn = +5v (note 1), t a = -40? to +125?, unless otherwise noted. typical values are at t a = +25?.) (note 2) parameter symbol conditions min typ max units i source = 10? 2 v oh = v dd - v out , (v in+ - v in- ) 20mv i source = 4ma 165 400 i sink = 10? 2 output voltage-swing v ol , v oh v ol = v out - v ss , (v in- - v in+ ) 20mv i sink = 4ma 165 400 mv output short-circuit current i sc 45 m a shutdown mode output leakage v shdn (0.3 v dd ), v out = 0 to v dd (note 1) 0.01 3.5 a v od = 10mv 228 propagation delay t p d + , t p d - r l = 10k ? , c l = 15pf (note 5) v od = 100mv 188 ns rise/fall-time t r , t f v dd = +5v, r l = 10k ? , c l = 15pf (note 6) 20 ns shutdown delay time on/off (note 1) 40 ns shutdown delay time off/on (note 1) 400 ns power-on time r l = 10k ? , c l = 15pf 200 ns maximum capacitive load c l no sustained oscillations 150 pf note 1: max9030 only. note 2: all devices are production tested at +25?. all temperature limits are guaranteed by design. note 3: comparator input offset is defined as the center of the hysteresis zone. note 4: hysteresis is defined as the difference of the trip points required to change comparator output states. note 5: v od is the overdrive that is beyond the offset and hysteresis-determined trip points. note 6: rise and fall times are measured between 10% and 90% at out. typical operating characteristics (v dd = +5v, v ss = 0, v cm = 0, r l = 10k ? , c l = 15pf, v od = 100mv, t a = +25?, unless otherwise noted.) 28 32 30 36 34 38 40 2.5 3.5 4.0 3.0 4.5 5.0 5.5 supply current vs. supply voltage max9030/1/2/4 toc01 supply voltage (v) supply current ( a) 32 34 33 36 35 37 38 -50 25 50 -25 0 75 100 125 supply current vs. temperature max9030/1/2/4 toc02 temperature ( c) supply current ( a) 1000 10 10 100 output transition frequency (hz) supply current ( a) supply current vs. output transition frequency 100 1k 10k 100k 1m max9030/1/2/4 toc03
max9030/max9031/max9032/max9034 low-cost, ultra-small, single/dual/quad single-supply comparators 4 maxim integrated typical operating characteristics (continued) (v dd = +5v, v ss = 0, v cm = 0, r l = 10k ? , c l = 15pf, v od = 100mv, t a = +25?, unless otherwise noted.) -0.5 -0.2 -0.3 -0.4 0 -0.1 0.4 0.3 0.2 0.1 0.5 -50 -25 0 25 50 75 100 125 input offset voltage vs. temperature max9030/1/2/4 toc04 temperature ( c) input offset voltage (mv) 0 40 20 100 80 60 140 160 120 180 0 1.5 2.0 0.5 1.0 2.5 3.0 3.5 4.0 4.5 output high voltage vs. source current max9030/1/2/4 toc05 source current (ma) v dd - v out output high voltage (mv) 0 40 20 100 80 60 140 160 120 180 0 1.5 2.0 0.5 1.0 2.5 3.0 3.5 4.0 4.5 output low voltage vs. sink current max9030/1/2/4 toc06 sink current (ma) output low voltage (mv) 30 40 35 50 45 55 60 -50 25 50 -25 0 75 100 125 output short-circuit (sink) current vs. temperature max9030/1/2/4 toc07 temperature ( c) short-circuit sink current (ma) 30 40 35 50 45 55 60 -50 25 50 -25 0 75 100 125 output short-circuit (source) current vs. temperature max9030/1/2/4 toc08 temperature ( c) short-circuit source current (ma) 100 160 140 120 180 200 220 240 260 280 300 050 25 75 100 125 150 propagation delay vs. capacitive load (v dd = 2.7v) max9030/1/2/4 toc09 capacitive load (pf) propagation delay (ns) 100 160 140 120 180 200 220 240 260 280 300 050 25 75 100 125 150 propagation delay vs. capacitive load (v dd = +5v) max9030/1/2/4 toc10 capacitive load (pf) propagation delay (ns) t pd- t pd+ 100 160 140 120 200 180 280 260 240 220 300 -50 -25 0 25 50 75 100 125 propagation delay vs. temperature max9030/1/2/4 toc11 temperature ( c) propagation delay (ns) t pd- t pd+ 50 125 100 75 175 150 275 250 225 200 300 0 20406080100120140 propagation delay vs. input overdrive voltage max9030/1/2/4 toc12 input overdrive voltage (mv) propagation delay (ns) t pd- t pd+
max9030/max9031/max9032/max9034 low-cost, ultra-small, single/dual/quad single-supply comparators 5 maxim integrated time (200ns/div) propagation delay max9030/1/2/4 toc13 out 2v/div in+ - in- 200mv/div time (2 s/div) output switching current, rising max9030/1/2/4 toc14 switching current 200 a/div in+ - in- 5v/div out 5v/div time (1 s/div) output switching current, falling max9030/1/2/4 toc15 switching current 50 a/div in+ - in- 5v/div out 5v/div time (100ns/div) sinusoid 1mhz response at 1.25mhz v od = 100mv max9030/1/2/4 toc16 in+ - in- 100mv/div out 2v/div time (100ns/div) sinusoid 1mhz response at 1.25mhz v od = 10mv max9030/1/2/4 toc17 in+ - in- 10mv/div out 2v/div time (200ns/div) power-up delay max9030/1/2/4 toc18 v dd out 2.5v/div typical operating characteristics (continued) (v dd = +5v, v ss = 0, v cm = 0, r l = 10k ? , c l = 15pf, v od = 100mv, t a = +25?, unless otherwise noted.)
max9030/max9031/max9032/max9034 low-cost, ultra-small, single/dual/quad single-supply comparators 6 maxim integrated detailed description the max9030/max9031/max9032/max9034 are sin- gle/dual/quad low-cost comparators. they have an operating supply voltage from +2.5v to +5.5v when operating from a single supply and from ?.25v to ?.75v when operating from dual power supplies, and consume only 35?. their common-mode input voltage range extends from the negative supply to within 1.1v of the positive supply. internal hysteresis ensures clean output switching, even with slow-moving input signals. shutdown mode the max9030 comparator comes with a power-saving shutdown mode. when in shutdown, the supply current drops from a typical 35? to 0.05?, and the outputs become high impedance. shdn has a high input imped- ance and typically draws 0.1? when connected to v ss or v dd . a maximum logic low voltage of 0.3v v dd applied to shdn places the device in the shutdown mode. a minimum logic high voltage of 0.7v v dd applied to shdn will enable normal operation. to dis- able shutdown, connect shdn to v dd . applications information adding hysteresis hysteresis extends the comparator? noise margin by increasing the upper threshold and decreasing the lower threshold. a voltage-divider from the output of the comparator sets the trip voltage. therefore, the trip volt- age is related to the output voltage. these comparators have 4mv internal hysteresis. additional hysteresis can be generated with two resis- tors using positive feedback (figure 1). use the follow- ing procedure to calculate resistor values: pin description pin m a x9 0 3 0 m a x9 0 3 1 m a x9 0 3 2 m a x9 0 3 4 name function 1 1 in+ comparator noninverting input 224 11v ss n eg ati ve s up p l y v ol tag e. byp ass w i th a 0.1? cap aci tor . 3 3 in- comparator inverting input 4 4 out comparator output 5 shdn shutdown 658 4 v dd p osi ti ve s up p l y v ol tag e. byp ass w i th a 0.1? cap aci tor . 1 1 outa comparator a output 2 2 ina- comparator a inverting input 3 3 ina+ comparator a noninverting input 5 5 inb+ comparator b noninverting input 6 6 inb- comparator b inverting input 7 7 outb comparator b output 8 outc comparator c output 9 inc- comparator c inverting input 10 inc+ comparator c noninverting input 12 ind+ comparator d noninverting input 13 ind- comparator d inverting input 14 outd comparator d output
max9030/max9031/max9032/max9034 low-cost, ultra-small, single/dual/quad single-supply comparators 7 maxim integrated 1) find the trip points of the comparator using these formulas: v th = v ref + [((v dd - v ref )r2) / (r1 + r2) v tl = v ref (1 - (r2 / (r1 + r2))] where v th is the threshold voltage at which the com- parator switches its output from high to low as v in rises above the trip point. v tl is the threshold volt- age at which the comparator switches its output from low to high as v in drops below the trip point. 2) the hysteresis band will be: v hys = v th - v tl = v dd (r2 / (r1 + r2)) 3) in this example, let v dd = +5v and v ref = +2.5v. v th = 2.5v + 2.5(r2 / (r1 + r2))v and v tl = 2.5[1 - (r2 / (r1 + r2))] 4) select r2. in this example, we will choose 1k ? . 5) select v hys . in this example, we will choose 50mv. 6) solve for r1. v hys = v dd (r2 / (r1 + r2)) 0.050v = 5(1000 ? /(r1 + 1000 ? ))v where r1 100k ? , v th = 2.525v, and v tl = 2.475v. the above-described design procedure assumes rail- to-rail output swing. if the output is significantly loaded, the results should be corrected. board layout and bypassing use 100nf bypass as a starting point. minimize signal trace lengths to reduce stray capacitance. minimize the capacitive coupling between in- and out. for slow- moving input signals (rise-time > 1ms), use a 1nf capacitor between in+ and in-. biasing for data recovery digital data is often embedded into a bandwidth and amplitude-limited analog path. recovering the data can be difficult. figure 2 compares the input signal to a time-averaged version of itself. this self-biases the threshold to the average input voltage for optimal noise margin. even severe phase distortion is eliminated from the digital output signal. be sure to choose r1 and c1 so that: car >> 1 / (2 r1c1) where car is the fundamental carrier frequency of the digital data stream. max9031 out in+ in- r2 r1 v in v ref v dd v ss v dd figure 1. additional hysteresis max9031 out in+ in- 10k ? 0.1 f v dd v in v ss v dd figure 2. time averaging of the input signal for data recovery
max9030/max9031/max9032/max9034 low-cost, ultra-small, single/dual/quad single-supply comparators 8 maxim integrated max9031 out in+ in- v in v dd v dd v in v ref r1 r2 r l 0.1 f typical application circuit package information for the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages . note that a ?? ?? or ??in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing per tains to the package regardless of rohs status. package type package code outline no. land pattern no. 5 sc70 x5+1 21-0076 90-0188 6 sc70 x6sn+1 21-0077 90-0189 5 sot23 u5+1 21-0057 90-0174 6 sot23 u6sn+1 21-0058 90-0175 8 sot23 k8+5 21-0078 90-0176 8 so s8+2 21-0262 90-0096 14 so s14+1 21-0041 90-0112 8 ?ax u8+1 21-0036 90-0092 14 tssop u14+1 21-0066 90-0113
maxim integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim integr ated product. no circuit patent licenses are implied. maxim integrated reserves the right to change the circuitry and specifications without notice at any time . the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. maxim integrated 160 rio robles, san jose, ca 95134 usa 1-408-601-1000 _________________________________ 9 2012 maxim integrated products, inc. maxim integrated and the maxim integrated logo are trademarks of maxim integrated products , inc. max9030/max9031/max9032/max9034 low-cost, ultra-small, single/dual/quad single-supply comparators revision history revision number revision date description pages changed 0 10/00 initial release 1 5/10 removed future product reference and added lead-free parts 1 2 8/12 added max9032asa/v+ to data sheet 1


▲Up To Search▲   

 
Price & Availability of MAX903112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X