Part Number Hot Search : 
STU6018 724BC MTD2002 UPX1A33 P1840SB1 1AQ36L 75100 IRF7805A
Product Description
Full Text Search
 

To Download LM393AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  january 2005 revision 2 1/13 wide single supply voltage range or dual supplies : +2v to +36v or 1v to 18v very low supply current (0.4ma) independent of supply voltage (1mw/ comparator at +5v) low input bias current: 25na typ. low input offset current: 5na typ. low input offset voltage: 1mv typ. input common-mode voltage range includes ground low output saturation voltage: 250mv typ. (io = 4ma) differential input voltage range equal to the supply voltage ttl, dtl, ecl, mos, cmos compatible outputs description these devices consist of two independent low voltage comparators designed specifically to operate from a single supply over a wide range of voltages. operation from split power supplies is also possible. these comparators also have a unique characteristic in that the input common-mode voltage range includes ground even though operated from a single power supply voltage. pin connections (top view) order code d so-8 (plastic micropackage) n dip-8 (plastic package) s mini so-8 (plastic micropackage) p tssop8 (thin shrink small outline package) 1 2 3 45 6 7 8 - + - + 1 - output 1 2 - inverting input 1 3 - non-inverting input 1 4 - v cc - 5 - non-inverting input 2 6 - inverting input 2 7 - output 2 8 - v cc + part number temperature range package packaging lm193ad/lm193adt -55c, +125c so tube or tape & reel lm193an dip tube lm193d/lm193dt so tube or tape & reel lm193n dip tube lm293ad/lm293adt -40c, +105c so tube or tape & reel lm293an dip tube lm293d/lm293dt so tube or tape & reel lm293n dip tube lm293pt tssop (thin shrink outline package) tape & reel lm293st mini so tape & reel LM393AD/LM393ADt 0c, +70c so tube or tape & reel lm393d/lm393dt so tube or tape & reel lm393n dip tube lm393pt tssop (thin shrink outline package) tape & reel lm393st mini so tape & reel lm193, a lm293, a - lm393, a low power dual voltage comparators
lm193, a - lm293, a - lm393, a schematic diagram (1/2 lm193) 2/13 1 schematic diagram (1/2 lm193) non-inverting input inverting input 3.5 a 100 a 3.5 a 100 a cc v cc v cc v cc v o v
absolute maximum ratings lm193, a - lm293, a - lm393, a 3/13 2 absolute maximum ratings table 1. key parameters and their absolute maximum ratings symbol parameter value unit vcc supply voltage 18 or 36 v v id differential input voltage 36 v vi input voltage -0.3 to +36 v output short-circuit to ground - note 1 1) short-circuits from the output to v cc + can cause excessive heating and eventual destruction. the maximum output current is approxi- mately 20ma independent of the magnitude of v cc + . infinite p d power dissipation 2 dip-8 so-8 tssop8 mini so-8 2) pd is calculated with t amb = +25c, t j = +150c and r thja = 100c/w for dip8 package = 175c/w for so8 package = 200c/w for tssop8 package = 215c/w for mini so8 package 1250 710 625 580 mw t stg storage temperature range -65 to +150 c table 2. operating conditions symbol parameter value unit v icm common mode input voltage range 0 to v cc + -1.5 v t oper operating free-air temperature range lm193, a lm293, a lm393, a -55 to +125 -40 to +125 0 to +70 c
lm193, a - lm293, a - lm393, a electrical characteristics 4/13 3 electrical characteristics table 3. v cc + = +5v, v cc - = 0v, t amb = +25c (unless otherwise specified) symbol parameter lm193a - lm293a lm393a lm193- lm293 lm393 unit min. typ. max. min typ. max. v io input offset voltage - note 1 t amb = +25c t min t amb t max 1) at output switch point, v o 1.4v, r s = 0 with v cc + from 5v to 30v, and over the full common-mode range (0v to v cc + -1.5v). 12 4 15 9 mv i io input offset current t amb = +25c t min t amb t max 325 100 550 150 na i ib input bias current (i + or i - ) - note 2 t amb = +25c t min t amb t max 2) the direction of the input current is out of the ic due to the pnp input stage. this current is essentially constant, indepen dent of the state of the output, so no loading charge exists on the reference of input lines. 25 100 300 25 250 400 na a vd large signal voltage gain v cc = 15v, r l = 15k ?, v o = 1v to 11v 50 200 50 200 v/mv i cc supply current (all comparators) v cc = +5v, no load v cc = +30v, no load 0.4 1 1 2.5 0.4 1 1 2.5 ma v icm input common mode voltage range - note 3 v cc = 30v t amb = +25c t min t amb t max 3) the input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3v. the uppe r end of the common-mode voltage range is v cc + -1.5v, but either or both inputs can go to +30v without damage. 0 0 v cc + -1.5 v cc + -2 0 0 v cc + -1.5 v cc + -2 v v id differential input voltage -note 4 4) the response time specified is for a 100mv input step with 5mv overdrive. for larger overdrive signals 300ns can be obtained. v cc + v cc + v ol low level output voltage v id = -1v, i sink = 4ma t amb = +25c t min t amb t max 250 400 700 250 400 700 v i oh high level output current (v id = 1v) v cc = v o = 30v t amb = +25c t min t amb t max 0.1 1 0.1 1 na a i sink output sink currrent v id = 1v, v o = 1.5v 616 616 ma tre response time - note 5 r l = 5.1k ? connected to v cc + 5) posistive excursions of input voltage may exceed the power supply level. as long as the other voltage remains within the comm on-mode range, the comparator will provide a proper output state. the low input voltage state must not be less than -0.3v (or 0.3v bell ow the neg- ative power supply, if used). 1.3 1.3 s trel large signal response time r l = 5.1k ? connected to v cc + , e l = ttl, v (ref) = +1.4v 300 300 ns
electrical characteristics lm193, a - lm293, a - lm393, a 5/13 figure 1. supply current vs. supply voltage figure 2. output saturation voltage vs. output current figure 3. response time for various input overdrives - positive transition supply current (ma) 1 0.8 0.6 0.4 0.2 0 10 20 30 40 supply voltage (v) t amb =+70c t amb = +125c t amb =0c r = t amb = +25c t amb =-55c t amb = +125c out of saturation 10 1 10 -3 10 -2 10 -1 10 0 saturation voltage (v) 10 -2 10 -1 10 0 10 1 10 2 output sink current (ma) out of saturation t amb =-55c t amb =+25c 5v 5.1k ? e o e i 6 5 4 3 2 1 0 1 00 50 input voltage (mv) output voltage (v) 0 0.5 1 1.5 2 time ( s) 0 p in ut overdrive : 100mv t amb =+25c 5mv 20mv figure 4. input current vs. supply voltage figure 5. response time for various input overdrives - negative transition input current (na) 20 10 20 30 40 supply voltage (v) t amb =+70c t amb = +125c t amb = -55c 40 60 80 0 t amb =0c t amb =+25c v=0v i r=10 ? i 9 5v 5.1k ? e o e i 6 5 4 3 2 0 0 -50 -100 input voltage (mv) output voltage (v) 0 0.5 1 1.5 2 time ( s) input overdrive : 5mv 20mv 1 100mv t amb =+25c
lm193, a - lm293, a - lm393, a typical applications 6/13 4 typical applications figure 6. basic comparator figure 7. driving ttl figure 8. low frequency op-amp figure 9. driving cmos figure 10. low frequency op-amp figure 11. transducer amplifier v cc =5v 15k ? v o +v (ref) -v (ref) 1/2 lm193 5v 10k  +v (ref) -v (ref) & & 1/2 lm193 5v 15k  e o 0.5  f 100k  e i 1k  a = 100 v ~ 2n 2222 (e = 0v for e = 0v) i o 1/2 lm193 5v 100k  +v (ref) -v (ref) & 1/2 lm193 5v 15k  e o 0.5  f 100k  e i 1k  a = 100 v ~ 1/2 lm193 5v 10k  e o 20m  3k  magnetic pick-up 10k  1/2 lm193
typical applications lm193, a - lm293, a - lm393, a 7/13 figure 12. low frequency op-amp with offset adjust figure 13. zero crossing detector (single power supply) figure 14. two-decade high-frequency vco figure 15. limit comparator figure 16. crystal controlled oscillator e i ~ 2n 2222 5v e o r1 100k  1k  5v 1m  100k  1m  offset adjust r s r i 15k  0.5  f r2 1/2 lm193 100k  10k  e i 20m  5v 5.1k  1n4148 5.1k  5.1k  100k  1/2 lm193 v cc output 1 output 2 v cc 100k  3k  5.1k  v cc /2 v cc /2 0.01  f 500pf 100k  0.1  f 20k  50k  frequency control voltage input v control v cc =+30v +250mv v control +50v 700 hz f 100khz o 20k  3k  1/2 lm193 1/2 lm193 1/2 lm193 10k  e i ~ r s 2r s v (ref) high 2r s v (ref) low 2n 2222 (12v) v cc lamp 1/2 lm193 1/2 lm193 2k  0.1  f 200k  f = 100khz e o =15v v cc v cc 0 100k  200k  1/2 lm193
lm193, a - lm293, a - lm393, a typical applications 8/13 figure 17. split-supply applications - zero crossing detector figure 18. comparator with a negative reference 15v 5.1k  e o e i ~ 15v 1/2 lm193 15v 5.1k  e o e i ~ 15v 5v 1/2 lm193
package mechanical data lm193, a - lm293, a - lm393, a 9/13 5 package mechanical data dim. mm. inch min. typ max. min. typ. max. a 3.3 0.130 a1 0.7 0.028 b 1.39 1.65 0.055 0.065 b1 0.91 1.04 0.036 0.041 b 0.5 0.020 b1 0.38 0.5 0.015 0.020 d 9.8 0.386 e 8.8 0.346 e 2.54 0.100 e3 7.62 0.300 e4 7.62 0.300 f 7.1 0.280 i 4.8 0.189 l 3.3 0.130 z 0.44 1.6 0.017 0.063 plastic dip-8 mechanical data p001f
lm193, a - lm293, a - lm393, a package mechanical data 10/13 dim. mm. inch min. typ max. min. typ. max. a 1.35 1.75 0.053 0.069 a1 0.10 0.25 0.04 0.010 a2 1.10 1.65 0.043 0.065 b 0.33 0.51 0.013 0.020 c 0.19 0.25 0.007 0.010 d 4.80 5.00 0.189 0.197 e 3.80 4.00 0.150 0.157 e 1.27 0.050 h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.020 l 0.40 1.27 0.016 0.050 k ? (max.) ddd 0.1 0.04 so-8 mechanical data 0016023/c 8
package mechanical data lm193, a - lm293, a - lm393, a 11/13 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.006 a2 0.80 1.00 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.008 d 2.90 3.00 3.10 0.114 0.118 0.122 e 6.20 6.40 6.60 0.244 0.252 0.260 e1 4.30 4.40 4.50 0.169 0.173 0.177 e 0.65 0.0256 k0? 8?0? 8? l 0.45 0.60 0.75 0.018 0.024 0.030 l1 1 0.039 tssop8 mechanical data 0079397/d
lm193, a - lm293, a - lm393, a package mechanical data 12/13
revision history lm193, a - lm293, a - lm393, a 13/13 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. the st logo is a registered trademark of stmicroelectronics all other names are the property of their respective owners ? 2005 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech repubic - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com 6 revision history date revision description of changes 01 july 2002 1 first release 01 jan. 2005 2 class a of the product included in the datasheet.


▲Up To Search▲   

 
Price & Availability of LM393AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X