Part Number Hot Search : 
2SC2167 0SERI 25X50 LB11693H C4429 00970 13000 CMD8649
Product Description
Full Text Search
 

To Download KTA1709 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1999. 11. 16 1/2 semiconductor technical data KTA1709 epitaxial planar pnp transistor revision no : 1 strobo flash application. high current application. features  h fe =100  320 (v ce =-2v, i c =-0.5a).  low collector saturation voltage. : v ce(sat) =-0.5v (i c =-3a, i b =-75ma). maximum rating (ta=25 1 ) to-126 h j millimeters c e f g d a b dim a c e f g h j k m o p n l d 1. emitter 2. collector 3. base k l m n o p 8.3 max 5.8 0.7 3.1 0.1 3.5 11.0 0.3 2.9 max 1.0 max 1.9 max 0.75 0.15 14.0 min 2.3 0.1 0.75 0.15 1.6 3.4 max b 1 23 + _ + _ + _ + _ + _ electrical characteristics (ta=25 1 ) note : h fe (1) classification o:100  200 , y:160  320 characteristic symbol rating unit collector-base voltage v cbo -35 v collector-emitter voltage v ceo -20 v emitter-base voltage v ebo -8 v collector current i c -5 a base current i b -0.5 a collector power dissipation p c 1.5 w junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-35v, i e =0 - - -100 na emitter cut-off current i ebo v eb =-8v, i c =0 - - -100 na collector-emitter breakdown voltage v (br)ceo i c =-10ma, i b =0 -20 - - v emitter-base breakdown voltage v (br)ebo i e =-1ma, i c =0 -8 - - v dc current gain h fe (1) (note) v ce =-2v, i c =-0.5a 100 - 320 h fe (2) v ce =-2v, i c =-4a 70 - - collector-emitter saturation voltage v ce(sat) i c =-3a, i b =-75ma - - -0.5 v base-emitter voltage v be v ce =-2v, i c =-4a - - -1.5 v transition frequency f t v ce =-2v, i c =-0.5a - 170 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 62 - pf
1999. 11. 16 2/2 KTA1709 revision no : 1 i - v cce ce collector-emitter voltage v (v) 0-2 c 0 collector current i (a) -2 v - i ce(sat) c c collector current i (a) -0.01 -0.03 ce(sat) voltage v (v) -2 collector current i (a) 0 c -0.4 0 base-emitter voltage v (v) be be c i - v collector power dissipation p (w) 0 c 0.2 20 0 ambient temperature ta ( c) pc - ta collector current i (a) c -0.1 -0.3 collector-emitter voltage v (v) ce safe operating area -4 -6 -8 -10 -4 -6 -8 common emitter tc=25 c -150ma i =-10ma b -100ma -70ma -50ma -30ma -20ma -0.8 -1.2 -1.6 -2.0 -4 -6 -8 common emitter v =-2v ce tc =1 0 0 c tc=-25 c tc=2 5 c 10 dc current gain h fe 1k -0.01 collector current i (a) c c fe h - i -0.03 -0.1 -0.3 -1 -3 -10 30 50 100 300 500 common emitter v =-2v ce tc=100 c tc=25 c tc=-25 c collector-emitter saturation -0.03 -0.1 -0.3 -1 -3 -10 -0.05 -0.1 -0.3 -0.5 -1 -3 common emitter i /i =40 c b t c=100 c tc=-25 c tc=25 c 40 60 80 100 120 140 160 0.4 0.6 0.8 1.0 1.2 -0.5 -1 -3 -5 -10 -30 -50 -0.3 -0.5 -1 -3 -5 -10 single pulse tc=25 c pulse width=10ms(max) duty cycle=30%(max) curves must be derated linearly with increase in temperature i max.(pulsed) i max. (continuous) c c dc op er at ion tc=2 5 c v max. ceo -20 1.4 1.6 10 m s * ** * ** 100ms*


▲Up To Search▲   

 
Price & Availability of KTA1709

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X