Part Number Hot Search : 
2SS05Q NTE18 AOC3860A 2SS05Q 00M000 LT1006MH BA98008 AV3842B
Product Description
Full Text Search
 

To Download ISL59960-CATX-EVZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 1-888-468-3774 | copyright intersil americas inc. 2012. all rights reserved intersil (and design) and megaq are trademarks owned by intersil corporation or one of its subsidiaries. all other trademarks mentioned are the property of their respective owners. 960megaq?: an automatic 960h and composite video equalizer, fully-adaptive to 4000 feet isl59960 the isl59960 is a single-channel adaptive equalizer for 960h (wd1) or 720h (d1) composite video designed to automatically compensate for long runs of cat 5/cat 6 or rg-59 cable, producing high quality video output with no user interaction. the isl59960 equalizes up to 4000 feet (1200 meters) of cat 5/cat 6 cable. 960megaq? compensates for high frequency cable losses of up to 70db at 9mhz, as well as source amplitude variations up to 3db. the isl59960 operates from a single +5v supply. inputs are ac-coupled and internally dc-restored. the output can drive 2v p-p into two source-terminated 75 ? loads (ac-coupled or dc-coupled). related literature ? an1780 ?isl59605-catx-evz/ISL59960-CATX-EVZ evaluation board? (stand-alone evaluation board) ? an1776 ?isl59603-coax-evz/isl59960-coax-evz evaluation board? (stand-alone evaluation board) ? an1775 ?isl59605-spi-evalz/isl59960-spi-evalz evaluation board (wit h serial interface) operation (rev 5.0)? (evaluation board with usb serial interface) features ? equalizes both 960h and 720h video ? equalizes up to 4000 feet of cat 5/cat 6 and up to 5000 feet (1500m) of rg-59 ? fully automatic, stand-alone op eration - no user adjustment required ? 13mhz -3db bandwidth ? 8kv esd protection on all inputs ? automatic cable type compensation ? compatible with color or monochrome, 960h, ntsc or pal signals ? automatic polarity detection and inversion ? compensates for 3db source variation (in addition to cable losses) ? optional serial interface ad ds additional functionality ? works with single-ended or differential inputs ? output drives up to two 150 ? video loads applications ? surveillance video ? video distribution typical application in- gnd in+ out cfb isl59960 1.0f 50 1k 1.0f 50 passive balun 960h, ntsc, pal, monochrome camera/ video source 75 0.047f 300 1500pf up to 4000 feet of cat 5/cat 6 cable application circuit for cat x cable tv/dvr in- gnd in+ out cfb isl59960 75.0 0.047f 300 tv/dvr 1500pf application circuit for coaxial cable 0 to 5000 feet over rg-59 copper-core coaxial cable 960h, ntsc, pal, monochrome camera/ video source 1.0f 37.5 1k 1.0f 37.5 0.1f v cc 0.1f 10k december 18, 2012 fn8358.0
isl59960 2 fn8358.0 december 18, 2012 pin configuration isl59960 (20 ld qfn) top view block diagram sd sen gnd sck freeze gnd color invert eq_disable locked gnd in+ gnd v dd1 in- v ref video out cfb gnd v dd2 1 2 3 4 5 678910 15 14 13 12 11 20 19 18 17 16 pad (solder to gnd) thermal clamp and differential to single-ended converter equalizer digital interface eq_disable color invert locked freeze sen sck sd gen video out cfb in+ in- v ref vref lpf amp
isl59960 3 fn8358.0 december 18, 2012 pin descriptions pin number pin name description inputs 3 in+ high impedance analog input. this is the positive differen tial video input. input signals are externally ac-coupled with an external 1.0f capacitor. see ?application information? on page 10 for information regarding input network for cat x and coax cables. 5 in- high impedance analog input. this is the negative differ ential video input. input sign als are externally ac-coupled with an external 1.0f capacitor. see ?application inform ation? on page 10 for information regarding input network for cat x and coax cables. 12 cfb analog input. bypass to ground wi th a 1500pf capacitor and connect to video out via a 0.047f capacitor in series with a 300 ? resistor. outputs 13 video out single-ended video output. the internal agc sets this level to 2v p-p for a nominal 1v p-p (pre-cable) video source. digital i/o 7 eq_disable digital input. equalizer disable. 0: normal operation 1: disables the equalizer to allow for insertion of upstream data onto the signal path, e.g., rs-485. this pin must be asserted high or low. do not float this pin. 8 color digital i/o. colo r indicator/override. 0: monochrome 1: color when used as an output, this pin indicates whether the in coming signal does or does not have a colorburst. when used as an input, this pin forces the state machine to in to monochrome or color mode. see figure 13 and associated text for more information on functionality. when color is not externally driven , it is an output pin with a 13k ? (typical) output impedance. it is capable of driving 5v, high-impedance cmos logic. note: the color indicator may be invalid for monochrome si gnals over greater than ~3500 feet. the device will still equalize properly if this occurs. 9 invert digital i/o. polarity indicator/override. 0: nominal polarity. 1: inverted polarity. when used as an output, this pin indicates the polarity of the incoming signal. when used as an input, this pin controls whether or not the input signal is inverted in th e signal chain. see figure 12 an d associated text for more information on functionality. when invert is not externally driven, it is an output pin with a 13k ? (typical) output impedance. it is capable of driving 5v, high-impedance cmos logic. in stand-alone mode, toggling this pin high-low-high or lo w-high-low will make the equalizer reacquire the signal. 10 locked digital output. 0: signal is not equalized (or not present). 1: signal is equalized and settled. note: the locked indicator may be invalid for monochrome signals over greater than ~3500 feet. the device will still equalize properly if this occurs. 16 freeze digital input. freezes equalizer in its current eq state. 0: continuous update 1: freeze eq in current state. for stand-alone operations, connect freeze to the locked pin to enter the recommended lock until reset mode. tie this pin low if unused. serial interface 18 sen digital input. serial interface enable. this pin should be tied to ground when not in use. 19 sck digital input. serial interface clock signal. this pin should be tied to ground when not in use. 20 sd digital i/o. serial interface data signal. this pin should be tied to ground when not in use.
isl59960 4 fn8358.0 december 18, 2012 power 2v dd1 +5v power supply for analog equalizer. isolate from +5v source with a ferrite bead and bypass to ground with a 0.1f capacitor in parallel with a 4.7f capacitor. 11 v dd2 +5v power supply for output amplifier. by pass to ground with a 0.1f capacitor. 15 v ref internally generated 2.5v reference. bypass to ground with a low-esr 0.47f capacitor. do not attach anything else to this pin. 1, 4, 6, 14, 17 gnd ground thermal pad ep pad solder the exposed thermal pad to ground for best thermal and electrical performance. pin descriptions (continued) pin number pin name description ordering information part number (notes 2, 3) part marking max eq length temp range (c) package (pb-free) pkg. dwg. # isl59960irz 599 60irz 4000 feet -40 to +85 20 ld qfn (4x4mm) l20.4x4c isl59960irz-t7 (note 1) 599 60irz 4000 feet -40 to +85 20 ld qfn (4x4mm) l20.4x4c isl59960irz-t7a (note 1) 599 60irz 4000 feet -40 to +85 20 ld qfn (4x4mm) l20.4x4c ISL59960-CATX-EVZ stand-alone (no usb i/o) evaluation board isl59960-coax-evz stand-alone (no usb i/o) evaluation board isl59960-spi-evz evaluation board with serial interface notes: 1. please refer to tb347 for details on reel specifications. 2. these intersil pb-free plastic packaged products employ spec ial pb-free material sets, molding compounds/die attach materials , and 100% matte tin plate plus anneal (e3 termination finish , which is rohs compliant and compatible wi th both snpb and pb-free soldering opera tions). intersil pb-free products are msl classified at pb-fr ee peak reflow temperatures that meet or exceed the pb-free requirements of ipc/jed ec j std-020. 3. for moisture sensitivity level (msl), please see device information page for isl59960 . for more information on msl please see techbrief tb363 .
isl59960 5 fn8358.0 december 18, 2012 absolute maximum ratings (t a = +25c) thermal information supply voltage between v dd and gnd . . . . . . . . . . . . . . . . . . . . . . . . 5.75v maximum continuous output current . . . . . . . . . . . . . . . . . . . . . . . . . 50ma maximum voltage on any pin . . . . . . . . . . . . . . . . gnd - 0.3v to v dd + 0.3v esd rating human body model (tested per jesd22-a114) . . . . . . . . . . . . . . 8,000v machine model (tested per jesd22-a115). . . . . . . . . . . . . . . . . . . . 600v cdm model (tested per jesd22-c101) . . . . . . . . . . . . . . . . . . . . . 2,000v latch up (tested per jesd78; class ii, level a) . . . . . . . . . . . . . . . . 100ma thermal resistance (typical) ja (c/w) jc (c/w) 20 ld qfn package (notes 4, 5) . . . . . . . . 40 3.7 storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65c to +150c ambient operating temperature . . . . . . . . . . . . . . . . . . . . . -40c to +85c die junction temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150c pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/ pbfree/pb-freereflow.asp caution: do not operate at or near the maximum ratings listed for extended periods of time. exposure to such conditions may adv ersely impact product reliability and result in failures not covered by warranty. notes: 4. ja is measured in free air with the componen t mounted on a high effective thermal conduc tivity test board with ?direct attach? fe atures. see tech brief tb379 . 5. for jc , the ?case temp? location is the center of the exposed metal pad on the package underside. electrical specifications v dd = v dd1 = v dd2 = +5v, source video amplitude before any cable loss = 1v p-p , cable type = cat 5, cable length = 0 feet, r l = 150 ? (75 ? series + 75 ? load to ground), t a = +25c, exposed die plate = 0v, unless otherwise specified. max cat 5 cable length = 4000 feet. parameter description conditions min (note 6) typ max (note 6) unit supply v dd v dd operating range 4.5 5.0 5.5 v i s1 v dd1 supply current no input, no load 45 60 ma i s2 v dd2 supply current no input, no load 25 45 ma psrr dc power supply rejection ratio 60 db ac performance bw -3db bandwidth cable length = 0 feet 13 mhz dg differential gain cable length = 3200 feet, 20ire sub carrier on 100% ramp .75 % dp differential phase cable length = 3200 feet, 20ire sub carrier on 100% ramp .5 dc performance v bl output blanking/backporch level measured at video out pin 0.82 0.95 1.07 v input characteristics v indiff_min minimum correctable peak-to-peak signal swing measured at the source-end of cable, before cable losses 0.7 v p-p v indiff_max maximum correctable peak-to-peak signal swing measured at the source-end of cable, before cable losses 1.4 v p-p v cm-min min common mode input voltage 1 v v cm-max max common mode input voltage 4 v snr signal-to-noise ratio, ntc-7 weighted filter eq = 0 feet -68 db rms eq = 1,000 feet -67 db rms eq = 2,000 feet -66 db rms eq = 3,000 feet -65 db rms eq = 4,000 feet -61 db rms cmrr common-mode rejection ratio at f in = 100khz 0 feet cable -50 db 1600 feet cable -41 db i clamp input clamp current 25 a
isl59960 6 fn8358.0 december 18, 2012 serial timing diagram output characteristics a gc-acc agc accuracy accuracy of sync tip amplitude relative to 600mv 0.5 db i out output drive current 40 ma t en-eq enable-to-equalization on time 500 ns t dis-eq disable-to-equalization off time 500 ns logic control pins v ih logic high level 2.0 v v il logic low level 0.8 v i logic logic input current eq_disable, freeze, sd, sck, sen 10 a invert, color 500 a electrical specifications v dd = v dd1 = v dd2 = +5v, source video amplitude before any cable loss = 1v p-p , cable type = cat 5, cable length = 0 feet, r l = 150 ? (75 ? series + 75 ? load to ground), t a = +25c, exposed die plate = 0v, unless otherwise specified. max cat 5 cable length = 4000 feet. (continued) parameter description conditions min (note 6) typ max (note 6) unit serial timing parameter description conditions min (note 6) typ max (note 6) unit t cs serial enable deselect time 10 ns t lead lead time 10 ns t su sd, sck setup time 10 ns t h sd, sen, sck hold time 10 ns t wh sck high time 100 ns t wl sck low time 100 ns t ri sd, sen, sck rise time 10 ns t fi sd, sen, sck fall time 10 ns t lag lag time 10 ns t v sck rising edge to sd da ta valid read operation 10 ns f sck sck frequency 5mhz note: 6. compliance to datasheet limits is assu red by one or more methods: production test, characterization and/or design. t lead t su t lag f sck t wh t wl t h t v t ri t fi 1 1 3 4 5 6 7 8 9 10111213141516 a6 a5 a4 a3 a2 a1 a0 d6 d5 d4 d3 d2 d1 d0 d7 t lead t su t lag f sck t wh t wl t h t cs 1 0 34567 8 910111213141516 a6 a5 a4 a3 a2 a1 a0 d6 d5 d4 d3 d2 d1 d0 d7 read operation write operation sen sck sd sen sck sd a6:a0 = register address, d7:d0 = data to be read/written 2 2 cs t t ri t fi
isl59960 7 fn8358.0 december 18, 2012 typical performance over 2000 feet of cat 5 with 960h (wd1) video figure 1. multiburst wavefo rm after 2000 feet of uncompensated cat 5 figure 2. multiburst waveform after 2000 feet of cat 5 10s/div 500khz 2mhz 3.58mhz 1mhz 3mhz 9mhz 200mv/div 200mv/div 10s/div 500khz 2mhz 3.58mhz 1mhz 3mhz 9mhz typical performance over 4000 feet of cat 5 with 960h (wd1) video figure 3. multiburst waveform after 4000 feet of uncompensated cat 5 figure 4. multiburst waveform after 4000 feet of cat 5 with isl59960 200mv/div 10s/div 500khz 2mhz 3.58mhz 1mhz 3mhz 9mhz 200mv/div 10s/div 500khz 2mhz 3.58mhz 1mhz 3mhz 9mhz
isl59960 8 fn8358.0 december 18, 2012 typical performance over 2500 feet of bare copper rg-59 with 960h (wd1) video figure 5. multiburst waveform after 2500 feet of uncompensated rg-59 coax figure 6. multiburst waveform after 2500 feet of rg-59 coax with isl59960 typical performance over 5000 feet of bare copper rg-59 with 960h (wd1) video figure 7. multiburst waveform after 5000 feet of uncompensated rg-59 coax figure 8. multiburst waveform after 5000 feet of rg-59 coax with isl59960 200mv/div 10s/div 500khz 2mhz 3.58mhz 1mhz 3mhz 9mhz 200mv/div 10s/div 500khz 2mhz 3.58mhz 1mhz 3mhz 9mhz 200mv/div 10s/div 500khz 2mhz 3.58mhz 1mhz 3mhz 9mhz 200mv/div 10s/div 500khz 2mhz 3.58mhz 1mhz 3mhz 9mhz
isl59960 9 fn8358.0 december 18, 2012 functional description 960megaq? overview 960megaq? is a fully automated, stand-alone equalizer for both 960h (wd1) and 720h (d1) composite video resolutions transmitted over utp (unshielded twisted pair, i.e., cat 5, cat 6, etc.) or coaxial (rg-59) cables. differential video signals sent over long distances of twisted pair wire exhibit large high frequency attenuation, resulting in loss of high frequency detail/blurring. the exact loss characteristic is a complex function of wire gauge, length, composition, and coupling to adjacent conductors. the video signal can be restored by applying a filter with the exact inverse transfer function to the far end signal. 960megaq? is designed to compensate for the losses due to long cables, and incorporates the functionality an d flexibility to match a wide variety of cable types and loss characteristics. while 960megaq? was designed an d optimized for stand-alone operation, with no need for any external control of any kind, it has an optional spi serial interface with some additional features. see ?additional equalization modes available with the serial interface? on page 11 for more information on the features and operation of the serial interface. equalization for various cable types table 1. cable types and lengths cable type maximum length supported copper-core cat 5/cat 5e 4000 feet cat 6 4000 feet coaxial - rg-59 5000 feet non-copper-core (note) cat 5/cat 5e cca (copper-coated aluminum core) 2000 feet coaxial - rg-59 ccs (copper-coated steel core) 1500 feet note: image quality will be significantly improved over unequalized cable, but there will still be some image smearing due to the high resistance of the core material. figure 9. application circuit for utp cable 75.0 sd sen sck in- gnd gnd in+ out cfb v ref 1.0f 49.9 0.47f differential video input+ serial interface (optional) differential video input- 1k 0.047f v dd 1 v dd 2 0.1f internally generated +5v 300 invert eq_disable color locked freeze 1.0f 49.9 isl59960 ferrite bead ? dc resistance = 1 , 600 at 100mhz, 100ma dc current rating freezes eq once lock is achieved. tie freeze low if not used. 4.7f 0.1f 1500pf c1 c2 r1 r2 r3 c4 r5 c5 r6 video out c6 c7 c8 c9 5v tvs 5v tvs z1 z2 tvs = transient voltage suppressor a.k.a. transorb
isl59960 10 fn8358.0 december 18, 2012 application information unshielded twisted pair (utp) application circuit figure 9 shows the complete schematic for a 960megaq? equalizer configured for unshielded twisted pair (utp) cable. the input signal is terminated into the network formed by r1, r2, and r3. c1 and c2 ac-couple th e signal into 960megaq?. to protect the front-end circuitry, 5v transorbs (z1 and z2) should be used instead of diodes because the signals on either differential input may swing far enough below ground to turn on a diode and distort the video. on the output side, c5, r5, and c4 form a compensation network, while r6 provides 75 ? source-termination for the video output. 960megaq? has an native gain of 6db, so when video out is terminated into 75 ? (the input to a dvr, tv, etc.), r6 and the 75 ? terminator form a 2:1 divider, producing standard video amplitude across the 75 ? terminator. coax input circuit figure 10 shows the input term ination recommen ded for coaxial cables. the differential termination resistance is now 75 ? to match the characteristic impedanc e of the rg-59 coax cable. c3 bypasses high-frequency noise on the coax ground line to system ground. this allows the coax ground to be independent of the system at low frequencies (dc to 50/60hz) to accommodate differences in the ground potential of the remote video source(s). the coax startup network (d1, r4 , c4) prevents a rare start-up condition that can occur when a high average-picture-level (e.g., white screen) video signal is present on the inputs before the power has been applied. dual utp/coax input circuit if desired, it is also possible to support both utp and coax cables with the same pcb layout using two spst switches that are closed when in coax mode (figure 11). since utp requires a 100 ? termination network while coax requires 75 ? , a switch to introduce a shunt 300 ? resistor when in coax mode will change the termination from 100 ? to 75 ? . a second switch is required to engage c3. the addition of the coax startup circuit (d1, r4, c4) can unbalance the capacitance of the differential pair and degrade the cmrr in utp applicat ions. this in turn could cause excess noise at long lengths of ut p. in utp applications, if the output signal is too noisy at long distances, an optional capacitor cx may be used to balance the capacitance of the differential inputs. the value of cx should be determined by calculating how much trace capacitance is added by the coax startup circuit. a typical value for a good layout is ~5pf. note that only coax or utp should be connected at any one time - this circuit does not multiplex between them. using the isl59960 wi th steel core coax although the isl59960 was designed for copper based cables, it is capable of equalizing signals for coaxial applications that use steel core cabling. due to the higher dc and low-band resistance of this cable type, the isl59960 will not equalize to the same distance as copper based cables. see table 1 on page 9 for maximum equalization distances. input multiplexing placing a semiconductor multiplexer in front of this part may increase high frequency attenu ation and noise. however, a low-capacitance mechanical relay may be acceptable. note that changing from one channel to another in lock until reset mode will require a reset (invert toggle) to trigger equalization of the new channel (see ?lock until reset? on page 10). for best performance, do not multiplex the inputs to the equalizer - this can further degrade the signal. instead, multiplex at the output after equalization has been performed. stand-alone operation and configuration in its default stand-alone conf iguration, 960megaq? features two modes of automatic cable equalization: lock until reset and continuous update . lock until reset is the recommended mode for most applications. lock until reset in the lock until reset mode, once 960megaq? finds the optimum equalization and the lo cked signal goes high, the equalization is frozen and will no t change until either the power is cycled or the invert signal is toggled, which initiates a re-equalization of the input signal . re-equalization is usually only necessary during device/system ev aluation - in normal operation 960megaq? powers-up, acquires and equalizes the signal, and continues to equalize until/unle ss it is powered-down. if the signal is lost in lock until reset mode, the locked pin will not figure 10. application circuit for coax cable in- gnd in+ 1.0f 37.5 1k 1.0f 37.5 0.1f v cc 0.1f 10k 960megaq tm r1 r2 r3 c1 c2 c3 r4 c4 d1 5v tvs z2 z1 5v tvs tvs = transient voltage suppressor a.k.a. transorb figure 11. application circuit for utp/coax cable in- gnd in+ 1.0f 49.9 1k 1.0f 49.9 0.1f v cc 0.1f 10k 960megaq tm 300 close all switches for coax r1 r2 r3 c1 c2 c3 r4 c4 d1 sw1a r5 sw1b 5v tvs z2 z1 5v tvs utp in+ utp in- coax cx* *optional 5.6pf tvs = transient voltage suppressor a.k.a. transorb
isl59960 11 fn8358.0 december 18, 2012 go low until/unless the device is reset by toggling the invert pin. a reset should only be necessary if the length or type of cable was changed without cycling power. to enable the lock until reset mode, tie the locked output pin to the freeze input pin as shown in figure 9 on page 9. to generate a reset (and trigge r a re-equalization), toggle the external invert pin. depending on the initial state of invert, this would be a high-low-high or low-high-low sequence. continuous update in the continuous update mode, 960megaq? will continuously try to find the optimum equalization solution. when the equalization has settled for 100 se quential video lines with no changes, the locked pin will go high. however, once lock is achieved, noise and average-picture-level changes may cause the device to unlock, causing some image perturbation while 960megaq? re-equalizes. the continuous update mode is enabled whenever the freeze pin is set to a logic low (grounded). polarity detection and correction 960megaq? features polarity detection and correction, automatically detecting incorrectly-wired input signals and inverting the signal inside the ic as necessary. the detected polarity is indicated by th e state of the invert pin. the invert pin has 2 modes of oper ation. it is typically used to indicate whether or not the incoming signal is inverted (the ?+? signal on the ?-? input and vice-versa). the state of the invert signal is then used to tell the signal processing logic whether or not to invert the signal in the signal path. a logic high on invert indicates that the positive differential input signal is on in- (pin 5) and the negative differential input signal is on in+ (pin 3). a logic low indicates nominal polarity. however, the unique design of the invert i/o pin (figure 12) also allows 960megaq??s internal inversion detector to be overdriven externally, forcing 960megaq? to invert or not invert the signal regardless of the st ate of the inversion detection function. this is not necessary in normal operation, but it may improve performance in particularly noisy environments when the polarity of the signal is guaranteed to be correct. the color pin the color pin has 2 modes of operation. it is typically used to indicate whether or not the incoming signal has a colorburst or not. the state of the color signal is then used to tell the signal processing logic whether or not it can rely on the presence of a colorburst signal. a logic high in dicates a color signal; a logic low indicates monochrome. however, the unique design of the color i/o pin (figure 13) also allows 960megaq??s internal color detector to be overdriven externally. this is not necessary in normal operation, but it may improve performance in particularly noisy environments when the signal type is predetermined. monochrome video signals 960megaq? will equalize monoch rome signals to the same distance as color signals. however, due to the high level of noise past ~3500 feet, the color and locked indicators may become invalid for monochrome signals. the device will still equalize properly if this occurs. security cameras 960megaq? is ideal for security camera installations. the automatic adaptive equalizer doesn't need any active silicon on the transmit side of the cabl e, enabling upgrading of older installations without having to touch the installed camera base, including older monochrome cameras. 960megaq? automatically adjusts fo r wiring polarity errors as well as for optimum image quality. these features eliminate the need for the installer to make any adjustments. with an extended equalization range of 4000ft, the isl59960 enables cameras to be placed in even more remote locations, enabling coverage of up to three square miles from a single monitoring station. additional equalization modes available with the serial interface in addition to the lock until reset and continuous update modes, software control of 960megaq? through the spi interface adds a lock until signal loss mode and a manual equalization mode. note: when controlling 960megaq? through the spi interface, the external freeze pin must be tied to ground (logic low) . failure to keep freeze at a logic low will prevent the software controls from working properly. inversion detection logic 13k isl59960 signal processing invert pin figure 12. invert pin structure color detection logic 13k isl59960 signal processing color pin figure 13. color pin structure
isl59960 12 fn8358.0 december 18, 2012 all of the equalization modes are selected via the two ?locking mode/manual length enable? register bits, 0x05[1:0]. continuous update continuous update mode is entered by setting address 0x05[1:0] = 00b. continuous update behavior is the same as described in the stand-alone mode. lock until reset lock until reset mode is entered by setting address 0x05[1:0] = 10b. lock until reset behavior is the same as described in the stand-alone mode, with the exception of how to generate a reset. to generate a reset via software, select continuous update mode and then return to lock until reset mode (register 0x05[1:0] = 00b then 10b). toggling invert (either the hardware pin or the software bit) will not cause a reset/re-equalization event. lock until signal loss lock until signal loss mode is entered by setting address 0x05[1:0] = 01b. lock until signal loss can only be enabled via the spi interface. in the lock until signal loss mode, 960megaq? will freeze the equalization once the locked pin goes high (in the same way as lock until reset ). unlike the ?settled? state in the continuous update mode, only a signal loss lasting more than 1ms (typical) will cause 960megaq? to re-equalize the si gnal when it returns. in this sense, the lock until signal loss mode can be considered as halfway between the continuous update mode and the lock until reset mode. the lock until signal loss mode is useful, for example, when testing or demonstrating a system by plugging in multiple different length cables - it eliminates the need to also generate a reset. to prevent potentially undesi red re-equalization, signal losses lasting less than 1ms (typical) do not trigger a re-equalization. manual length manual length mode is entered by setting address 0x05[1:0] = 11b. manual length mode allows the forcing of specific cable lengths, cable type, dc gains, etc. (see the ?register listing? table on page 13). the ?cable type? bit (0x05 [4]) allows selection between the two most common cable types for security video: cat 5/cat 6 or steel core rg-59 coaxial. however, since many of 960megaq??s automatic functions and adjustments are disabled in manual length mode, performance is almost always worse than what is achieved in any of the automatic modes. for example, automatic polarity correction is disabled so the polarity must be manually set using the invert bit. there is no practical reason to ever use manual length mode in normal operation. serial interface protocol while 960megaq? is designed to work as a stand-alone equalizer, it does have a serial interface that can be used to control it and monitor its state. the serial interface is used to read and write the configuration registers. it uses three si gnals (sck, sd, and sen) for programming. the serial clock can operate up to 5mhz (5mbits/s). the ?serial timing diagram? on page 8 shows the timing of serial i/o. a transaction begins when the host microcontroller takes sen (serial enable) high. the first 8 bits on the sd (serial data) pin are latched by 960megaq? on the rising edge of sck (serial clock) to form the address byte. the msb of the address byte indicates whether the operation is a read (1) or a write (0), and the next seven bits indicate which register is to be read from or written to. each read and write operation cons ists of 16 bits: 8 bits for an address byte followed by 8 bits of data. see the ?serial timing diagram? on page 6 for more details on using the spi interface. write operation after the address byte is clocked in, the next 8 bits should contain the data to be sent to the register identified in the address byte. read operation after the rising edge of the 8th clock after the address byte is clocked in, the microcontroller sh ould tristate the sd line so 960megaq? can begin to output data on the sd pin (from the register identified in the address byte), beginning on the 9th rising edge of sck. the data should be latched on the falling edge of sck to allow enough time for the data to settle. see ?serial timing diagram? on page 6 for more details on how to read from the registers. table 2. address byte format 0 = write 1 = read a6 a5 a4 a3 a2 a1 a0 (msb) (lsb)
isl59960 13 fn8358.0 december 18, 2012 register listing address register (default value) bit(s) function name description 0x00 device id (0x30) 3:0 device revision 0 = initial silicon, 1 = first revision, etc. 7:4 device id 0x3 0x01 signal status (n/a) 0 signal present 0 : a signal is not present at the input 1: a signal is present at the input 1 dll locked 0: dll is not locked 1: dll is locked 2 signal polarity 0: inverted polarity 1: nominal polarity this bit is only valid if the invert pin is connected as an output. if invert is overdriven , this value may not reflect the polarity of the input signal. 3 color detected 0: signal is monochrome 1: signal has a colorburst 4 signal overloaded 0: signal (if pr esent) is within normal range 1: signal appears to be overloaded 5 settled 0: eq is not settled, though dll may be locked. 1: eq has stabilized and equalization achieved. 0x02 manual length (0x00) 5:0 manual length manual length control; 0x0 through 0x3f, 64 feet per bit. 0x0: 0 feet. 0x3f: 4000 feet (cat 5 mode) this register sets the eq setting when 960megaq? is in manual length mode (reg 0x05[1:0] = 11). note that the length in this register is for cat 5 cable when ?cable type? (reg 0x05[4]) equals 0. when ?cable type? is set to 1 (coax mode), then the length is for steel core coax. in coax mode, the maximum length is 0x0f (~1200 feet) and setting the register higher than this value does not provide any increase in equalization. 0x03 manual dc gain (0x20) 5:0 manual dc gain 0x00: maximum dc gain (+3db) 0x20: mid-scale 0db 0x3f: minimum dc gain (-3db) this register sets the dc gain when the device is in manual length mode (reg 0x05[1:0] = 11).
isl59960 14 fn8358.0 december 18, 2012 0x04 pin overrides (0x00) 0 freeze se lect 0: use value of freeze pin. 1: use value in ?freeze value? bit 1 freeze value if freeze select = 1, then: 0: equalization is not frozen 1: equalization is frozen at current setting. if freeze select = 0, then this bit is ignored. 2 eq-disable select 0: use value of eq_disable pin. 1: use value in ?eq-disable value? bit 3 eq-disable value if eq-disable select = 1, then: 0: equalizer is enabled 1: equalizer is disabled (allows data to be sent upstream over cable pair connected to inputs) if eq-disable select = 0, then this bit is ignored. 4 color select 0: use value of color pin 1: use value in ?color value? bit 5 color value if color select = 1, then 0: monochrome mode 1: color mode if color select = 0, then this bit is ignored. 6 invert select 0: use value of invert pin. 1: use value in ?invert value? bit 7 invert value if invert select = 1, then 0: incoming signal is not inverted 1: incoming signal is inverted if invert select = 0, then this bit is ignored. 0x05 equalization control (0x00) 1:0 locking mode/manual length enable 00 = continuous monitoring 01 = lock until signal loss * 10 = lock until reset 11 = manual length ** *signal must be missing for at least 1ms in order to trigger a re-equalization. **in manual length mode, the polarity corrector is disabled and the polarity must be set using the invert bit or pin. note: the freeze pin must be tied to ground/a logic low for this function to work correctly. 3:2 noise filter 00: no noise filtering 01: min noise filtering 10 or 11: max noise filtering 4 cable type 0: cat 5/cat 6 mode 1: steel core coax mode this bit is ignored in all modes except manual length (reg 0x05[1:0] = 11). set to 1 if using copper-coated steel-core coaxial cable and you are in manual length . register listing (continued) address register (default value) bit(s) function name description
isl59960 15 fn8358.0 december 18, 2012 bypassing and layout considerations 960megaq? requires a dedicated ground plane in order to function properly. for 2-layer boards, pour a quarter-inch ground plane extending around the device on both the top and bottom layers. ensure that the ground plane on the bottom layer is a solid plane with no traces cutting th rough it. bypass capacitors must be placed as close as possible to the device in order to ensure good performance at longer lengths of equalization. ensure that the ground connections for the bypass capacitors connect directly to the same uniform ground plane described previously. general powerpad design considerations the thermal pad must be connected to the ground plane for heat dissipation. figure 14 is an example of how to use vias to remove heat from the ic. the thermal pad is electrically connected to gnd through the high resistance ic substrate. we recommend you fill the thermal pad area with vias. the via array should be centered in the thermal pad and placed such that the center on center spacing is 3x the via radius. vias should be small, but large enough to allow solder wicking during reflow. connect all vias to ground. it is important the vias have a low thermal resistance for efficient heat transfer. do not use ?thermal relief? patterns . it is important to have a solid connection of the plated-through hole to each plane. power dissipation the maximum power dissipation allowed in a package is determined according to equation 1: where: t jmax = maximum junction temperature t amax = maximum ambient temperature ja = thermal resistance of the package the maximum power dissipation actually produced by an ic is the total quiescent supply current times the total power supply voltage, plus the power in the ic due to the load, or: for sourcing use equation 2: for sinking use equation 3: where: v s = supply voltage i smax = maximum quiescent supply current v out = maximum output voltage of the application r load = load resistance tied to ground i load = load current figure 14. pcb via pattern pd max t jmax t amax ? ja -------------------------------------------- - = (eq. 1) pd max v s i smax v s v out ? () + v out r l --------------- - = (eq. 2) pd max v s i smax v out v s ? () + i load = (eq. 3)
isl59960 16 intersil products are manufactured, assembled and tested utilizing iso9000 quality systems as noted in the quality certifications found at www.intersil.com/en/suppor t/qualandreliability.html intersil products are sold by description only. intersil corporat ion reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnished by intersil is believed to be accurate and reliable. however, no responsi bility is assumed by intersil or its subsid iaries for its use; nor for any infringem ents of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of i ntersil or its subsidiaries. for information regarding intersil corporation and its products, see www.intersil.com fn8358.0 december 18, 2012 for additional products, see www.intersil.com/en/products.html about intersil intersil corporation is a leader in the design and manufacture of high-performance analog, mixed-signal and power management semiconductors. the company's products addr ess some of the fastest growing markets wi thin the industrial and infrastructure, personal computing and high-end consumer markets. for more inform ation about intersil or to find out how to become a member of our winning team, visit our website and career page at www.intersil.com . for a complete listing of applications, re lated documentation and related parts, plea se see the respective product information page. also, please check the product information page to ensure that you have the most updated datasheet: isl59960 to report errors or suggestions for this datasheet, please go to: www.intersil.com/askourstaff reliability reports are available from our website at: http://rel.intersil.com/reports/sear revision history the revision history provided is for informational purposes only and is believed to be accurate, but not warranted. please go t o the web to make sure that you have the latest revision. date revision change december 18, 2012 fn8358.0 initial release
isl59960 17 fn8358.0 december 18, 2012 package outline drawing l20.4x4c 20 lead quad flat no-lead plastic package rev 0, 11/06 located within the zone indicated. the pin #1 indentifier may be unless otherwise specified, tolerance : decimal 0.05 tiebar shown (if present) is a non-functional feature. the configuration of the pin #1 identifier is optional, but must be between 0.15mm and 0.30mm from the terminal tip. dimension b applies to the metallized terminal and is measured dimensions in ( ) for reference only. dimensioning and tolerancing conform to amse y14.5m-1994. 6. either a mold or mark feature. 3. 5. 4. 2. dimensions are in millimeters. 1. notes: bottom view detail "x" typical recommended land pattern top view bottom view side view 4.00 a 4.00 b 6 pin 1 index area (4x) 0.15 4x 0.50 2.0 16x 20 16 15 11 pin #1 index area 6 2 .70 0 . 15 5 1 20x 0.25 +0.05 / -0.07 0.10 m ab c 20x 0.4 0.10 4 6 10 base plane seating plane 0.10 see detail "x" 0.08 c c c 0 . 90 0 . 1 0 . 2 ref c 0 . 05 max. 0 . 00 min. 5 ( 3. 8 typ ) ( 2. 70 ) ( 20x 0 . 6) ( 20x 0 . 5 ) ( 20x 0 . 25 )


▲Up To Search▲   

 
Price & Availability of ISL59960-CATX-EVZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X