Part Number Hot Search : 
DTC114EE ZMM5227B D8LC20U 54LS1 IRFH7084 SAMP7720 VT1000 0F822A
Product Description
Full Text Search
 

To Download HSD882S06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hi-sincerity microelectronics corp. spec. no. : he6544 issued date : 1992.11.25 revised date : 2006.07.28 page no. : 1/5 hsd882s hsmc product specification hsd882s npn epitaxial planar transistor description the hsd882s is suited for the output stage of 0.75w audio, voltage regulator, and relay driver. absolute maximum ratings ? maximum temperatures storage temperature............................................................................................................ .................................. -55 ~ +150 c junction temperature ........................................................................................................... ............................. 150 c maximum ? maximum power dissipation total power dissipation (t a =25 c) ............................................................................................................................. ..... 750 mw ? maximum voltages and currents (t a =25 c) v cbo collector to base voltage ..................................................................................................... ......................................... 40 v v ceo collector to emitter voltage.................................................................................................. ......................................... 30 v v ebo emitter to base voltage ....................................................................................................... ............................................ 5 v i c collector current............................................................................................................. ..................................................... 3 a electrical characteristics (t a =25 c) symbol min. typ. max. unit test conditions bv cbo 40 - - v i c =100ua, i e =0 bv ceo 30 - - v i c =1ma, i b =0 bv ebo 5- -vi e =10ua, i c =0 i cbo --1uav cb =30v, i e =0 i ebo --1uav eb =3v, i c =0 *v ce(sat) --0.5vi c =2a, i b =200ma *v be(sat) --2vi c =2a, i b =200ma *h fe1 30 - - v ce =2v, i c =20ma *h fe2 160 - 500 v ce =2v, i c =1a f t -90-mhzv ce =5v, i c =0.1a, f=100mhz cob - 45 - pf v cb =10v, f=1mhz, i e =0 *pulse test: pulse width 380us, duty cycle 2% classification of h fe2 rank p e range 160-320 250-500 to-92
hi-sincerity microelectronics corp. spec. no. : he6544 issued date : 1992.11.25 revised date : 2006.07.28 page no. : 2/5 hsd882s hsmc product specification characteristics curve current gain & collector current 10 100 1000 1 10 100 1000 10000 collector current-i c (ma) hfe 25 o c 75 o c 125 o c hfe @ v ce =2v saturation voltage & collector current 10 100 1000 1 10 100 1000 10000 collector current-i c (ma) saturation voltage (mv) 25 o c 75 o c 125 o c v ce(sat) @ i c =10i b saturation voltage & collector current 10 100 1000 1 10 100 1000 10000 collector current-i c (ma) saturation voltage (mv) 25 o c 75 o c 125 o c v ce(sat) @ i c =40i b saturation voltage & collector current 10 100 1000 1 10 100 1000 10000 collector current-i c (ma) saturation voltage (mv) 25 o c 75 o c 125 o c v ce(sat) @ i c =20i b saturation voltage & collector current 100 1000 10000 1 10 100 1000 10000 collector current-i c (ma) saturation voltage (mv) 125 o c 25 o c 75 o c v be(sat) @ i c =10i b capacitance & reverse-biased voltage 10 100 0.1 1 10 100 reverse-biased voltage (v) capacitance (pf) cob
hi-sincerity microelectronics corp. spec. no. : he6544 issued date : 1992.11.25 revised date : 2006.07.28 page no. : 3/5 hsd882s hsmc product specification cutoff frequency & collector current 100 1000 1 10 100 1000 collector curren (ma) cutoff frequency (mhz) .. v ce =5v power derating 0 100 200 300 400 500 600 700 800 0 50 100 150 200 ambient temperature-ta( o c) power dissipation-pd (mw) safe operating area 0.01 0.1 1 10 100 1 10 100 forward biased voltage (v) collector current (ma ) pt=1ms pt=100ms pt=1s
hi-sincerity microelectronics corp. spec. no. : he6544 issued date : 1992.11.25 revised date : 2006.07.28 page no. : 4/5 hsd882s hsmc product specification to-92 dimension to-92 taping dimension important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of hsmc. ? hsmc reserves the right to make changes to its products without notice. ? hsmc semiconductor products are not warranted to be su itable for use in life-support applications, or systems. ? hsmc assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. head office and factory: ? head office (hi-sincerity microelectronics corp.): 10f.,no. 61, sec. 2, chung-shan n. rd. taipei taiwan r.o.c. tel: 886-2-25212056 fax: 886-2-25632712, 25368454 ? factory 1: no. 38, kuang fu s. rd., fu-kou hsin-chu industrial park hsin-chu taiwan. r.o.c tel: 886-3-5983621~5 fax: 886-3-5982931 3 1 a d b c i 1 e 2 3 g h 2 f h2a h2a h2 h2 d2 a h w w1 h3 h4 h1 l1 l p2 p p1 f1 f2 d1 d t2 t t1 dim min. max. a 4.33 4.83 b 4.33 4.83 c 12.70 - d 0.36 0.56 e-*1.27 f 3.36 3.76 g 0.36 0.56 h-*2.54 i-*1.27 1 - *5 2 - *2 3 - *2 *: typical, unit: mm 3-lead to-92 plastic package hsmc package code: a dim min. max. a 4.33 4.83 d 3.80 4.20 d1 0.36 0.53 d2 4.33 4.83 f1,f2 2.40 2.90 h 15.50 16.50 h1 8.50 9.50 h2 - 1 h2a - 1 h3 - 27 h4 - 21 l-11 l1 2.50 - p 12.50 12.90 p1 5.95 6.75 p2 50.30 51.30 t - 0.55 t1 - 1.42 t2 0.36 0.68 w 17.50 19.00 w1 5.00 7.00 unit: mm marking: pb free mark pb-free: " . " (note) normal: none control code date code hd 882 s s note: green label is used for pb-free packing pin style: 1.emitter 2.collector 3.base material: ? lead solder plating: sn60/pb40 (normal), sn/3.0ag/0.5cu or pure-tin (pb-free) ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0
hi-sincerity microelectronics corp. spec. no. : he6544 issued date : 1992.11.25 revised date : 2006.07.28 page no. : 5/5 hsd882s hsmc product specification soldering methods for hsmc?s products 1. storage environment: temperature=10 o c~35 o c humidity=65%15% 2. reflow soldering of surface-mount devices profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (t l to t p )<3 o c/sec <3 o c/sec preheat - temperature min (ts min ) - temperature max (ts max ) - time (min to max) (ts) 100 o c 150 o c 60~120 sec 150 o c 200 o c 60~180 sec ts m a x t o t l - ramp-up rate <3 o c/sec <3 o c/sec time maintained above: - temperature (t l ) - time (t l ) 183 o c 60~150 sec 217 o c 60~150 sec peak temperature (t p ) 240 o c +0/-5 o c 260 o c +0/-5 o c time within 5 o c of actual peak temperature (t p ) 10~30 sec 20~40 sec ramp-down rate <6 o c/sec <6 o c/sec time 25 o c to peak temperature <6 minutes <8 minutes 3. flow (wave) soldering (solder dipping) products peak temperature dipping time pb devices. 245 o c 5 o c 10sec 1sec pb-free devices. 260 o c 5 o c 10sec 1sec figure 1: temperature profile t p t l ramp-down ramp-up ts max ts min critical zone t l to t p t s preheat t l t p 25 t 25 o c to peak time temperature


▲Up To Search▲   

 
Price & Availability of HSD882S06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X